Part Number Hot Search : 
37509 4822A RPH4NSC 68K63 M358D MGB90TA 00030 1V330M
Product Description
Full Text Search
 

To Download 2SA1121 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon PNP Epitaxial 2SA1121
SOT-23
Transistors IC
Unit: mm
Features
Low frequency amplifier
+0.1 2.4-0.1
+0.1 2.9-0.1 +0.1 0.4-0.1
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Rating -35 -35 -4 -500 150 150 -55 to +150 Unit V V V mA mW
Electrical Characteristics Ta = 25
Parameter Collector to base breakdown voltage Collector to emitter breakdown voltage Emitter to base breakdown voltage Collector cutoff current Collector to emitter saturation voltage DC current transfer ratio Base to emitter voltage Symbol Testconditons Min -35 -35 -4 -0.5 -0.2 60 -0.64 -0.6 320 V Typ Max Unit V V V iA V V(BR)CBO IC = -10 mA, IE = 0 V(BR)CEO IC = -1 mA, RBE = V(BR)EBO IE = -10 mA, IC = 0 ICBO VCB = -20 V, IE = 0
VCE(sat) IC = -150 mA, IB = -15 mA hFE VBE VCE = -3 V, IC = -10 mA VCE = -3 V, IC = -10 mA
hFE Classification
Marking hFE SB 60 120 SC 100 200 SD 160 320
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SA1121

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X