Part Number Hot Search : 
NK80Z BA6425 P6SMB39C TBU3502G BUZ80A DSPIC BUZ80A BUZ80A
Product Description
Full Text Search
 

To Download 2N5885 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
DESCRIPTION *DC Current Gain: hFE= 20(Min)@IC= 10A *Low Saturation Voltage: VCE(sat)= 1.0V(Max)@ IC= 15A *Complement to Type 2N5883/5884 APPLICATIONS *Designed for general purpose power amplifier and switching applications. ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER 2N5885 VCBO Collector-Base Voltage 2N5886 2N5885 80 60 80 5 VALUE 60 UNIT
2N5885/5886
VCEO
Collector-Emitter Voltage
VEBO IC ICM IB PC TJ Tstg
Emitter-Base Voltage
Collector Current-Continuous Collector Current-Peak
Base Current-Continuous
w w
PARAMETER
scs .i w
2N5886 25 50 7.5 200 200 -65~200
.cn mi e
V V V A A A W
Collector Power Dissipation @TC=25 Junction Temperature Storage Temperature
THERMAL CHARACTERISTICS
SYMBOL Rth j-c MAX 0.875 UNIT /W
Thermal Resistance,Junction to Case
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER 2N5885 IC= 200mA ; IB= 0 2N5886 IC= 15A; IB= 1.5A IC= 25A; IB= 6.25A IC= 25A; IB= 6.25A IC= 10A ; VCE= 4V 2N5885 2N5886 2N5885 VCE= 30V; IB= 0 VCE= 40V; IB= 0 CONDITIONS
2N5885/5886
MIN 60
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
V 80 1.0 4.0 2.5 1.5 2.0 mA 2.0 1.0 10 1.0 10 1.0 mA 1.0 1.0 35 20 4 500 4 pF MHz 100 mA V V V V
VCE(sat)-1 VCE(sat)-2 VBE(sat) VBE(on)
Collector-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter On Voltage
ICEO
Collector Cutoff Current
ICEX
Collector Cutoff Current
ICBO
Collector Cutoff Current
IEBO hFE-1 hFE-2 hFE-3 COB fT
Emitter Cutoff Current DC Current Gain DC Current Gain DC Current Gain Output Capacitance
w
ww
2N5886 2N5885 2N5886
scs .i
VEB= 5V; IC=0
VCE= 60V; VBE(off)= 1.5V VCE= 60V; VBE(off)= 1.5V,TC=150 VCE= 80V; VBE(off)= 1.5V VCE= 80V; VBE(off)= 1.5V,TC=150 VCB= 60V; IE= 0 VCB= 80V; IE= 0
.cn mi e
mA
IC= 3A ; VCE= 4V IC= 10A ; VCE= 4V IC= 25A ; VCE= 4V IE= 0;VCB= 10V;ftest= 1MHz IC= 1A ; VCE= 10V ;ftest= 1MHz
Current-Gain--Bandwidth Product
Switching Times tr tstg tf Rise Time Storage Time Fall Time IC= 10A; IB1= -IB2= 1A;VCC= 30V 0.7 1.0 0.8 s s s
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2N5885

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X