Part Number Hot Search : 
F75133 HA173 LA3225 L21193 15010 P45AB ICL7107 AT49BV
Product Description
Full Text Search
 

To Download 1N4148S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Surface Mount Fast Switching Diode 1N4148S
SOD-523
Diodes
Unit: mm
+0.05 0.3-0.05 +0.1 0.6-0.1
+0.1 1.2-0.1
Features
Fast Switching Speed For General Purpose Switching Applications High Conductance
+0.05 0.8-0.05
+
-
+0.1 1.6-0.1
0.77max
0.07max
Absolute Maximum Ratings Ta = 25
Parameter Non-repetitive peak reverse voltage Peak repetitive reverse voltage Working peak reverse voltage DC blocking voltage RMS reverse voltage Average rectified output current Forward continuous current Non-repetitive peak forward surge current @ t = 1.0s @ t = 1.0 s Power dissipation * Typical thermal resistance, junction to ambient air* Operating and storage temperature range * Part mounted on FR-4 PC board with recommended pad layout, PD RJA Tj,Tstg Symbol VRM VRRM VRWM VR VR(RMS) IO IFM IFSM 53 150 300 1.0 2.0 150 833 -65 to +150 mW /W V mA mA A 75 V Rating 100 Unit V
Electrical Characteristics Ta = 25
Parameter Symbol IF = 10mA Forwarad voltage VFM IF = 10mA IF = 50mA IF = 150mA VR = 75V Peak reverse current IRM VR = 75V, Tj = 150 VR = 25V, Tj = 150 VR = 20V Capacitance Reverse recovery time CT trr VR = 0, f = 1.0MHz IF = IR =10mA,Irr = 0.1 x IR, RL = 100 Testconditons Min Typ Max 0.715 0.855 1.0 1.25 1.0 50 30 25 2.0 4.0 nA pF ns A V Unit
+0.05 0.1-0.02
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 1N4148S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X