Part Number Hot Search : 
MCM63 1N4948G USC33000 EFEPBF FDKCORP 99FKR3 122414 AA3528
Product Description
Full Text Search
 

To Download 041083050001WG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
SCHRACK
Power Relay 410 83 3 mm
I I I I I I I I I
1 pole 16 A, 1 NO bridging contact Contact gap > 3 mm Switching capacity 4000 VA Coil power 360 mW 4 kV / 8 mm coil-contact, insulation to VDE 0631 and 0700 Ambient temperature up to 85C Quick connect terminals for load side Materials in accordance to IEC 60335-1 RoHS compliant (Directive 2002/95/EC) as per product date code 0349
F0248-AB
Applications: Washing machines, tumble dryers, absolute safe power supply disconnection in other domestic applications Approvals
V REG.-Nr.of6198, Z on request E214025 Technical data approved types
Contact data
Contact configuration 1NO Contact set single contact, bridging contact Type of interruption full disconnection Rated current 16 A Rated voltage / max.switching voltage AC 240/400 VAC Maximum breaking capacity AC 4000 VA Limiting making capacity, max 4 s, duty factor 10% 20 A Contact material AgNi Contact gap >3 mm Mechanical endurance 1x106 cycles Rated frequency of operation with / without load 10 / 600 min-1 Contact Type 410 83 410 83 410 83 ratings Load 16 A, 250 VAC, resistive, 85C 10 A, 250 VAC, resistive, 85C 10 A, 400 VAC, resistive, 85C
Cycles 3x104 1x105 1x105
Coil data
Rated coil voltage range DC coil Coil power DC coil Operative range Coil insulation system according UL1446 6...60 VDC typ. 360 mW 1 Class F
Coil versions, DC-coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ohm mW 054 6 3.9 0.45 100+10% 360 050 12 7.9 0.9 400+10% 360 046 24 15.8 1.8 1600+10% 360 043 48 31.6 3.6 6400+10% 360 042 60 39.5 4.5 10000+10% 360 All figures are given for coil without preenergization, at ambient temperature +23C Other coil voltages on request
1
Datasheet Rev. GG1 Issued 2007/07 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Power Relay 410 83 3 mm (Continued)
Insulation
Dielectric strength coil-contact circuit open contact circuit Clearance / creepage coil-contact circuit Material group of insulation parts Tracking index of relay base Insulation to IEC 60664-1 Type of insulation coil-contact circuit open contact circuit Rated insulation voltage Pollution degree Rated voltage system Overvoltage category 4000 Vrms 2000 Vrms W 8 / 8 mm W IIIa PTI 250 reinforced functional 250 V 3 230/400 V III
PCB layout / terminal assignment
Bottom view on solder pins
S0256-CA
1 NO bridging contact
Other data
RoHS - Directive 2002/95/EC compliant as per product date code 0349 Flammability class according to UL94 V-0 For WG version: GWFI to IEC 60335-1 > 850 C GWT to IEC 60335-1 > 750 C Ambient temperature range -20...+85C Operate- / release time typ. 14 / 5 ms Bounce time NO typ, 3 ms Vibration resistance (function) NO (10...500Hz) 10 ms Shock resistance (destruction) 100 g Category of protection RTII - flux proof Mounting pcb Resistance to soldering heat 270C / 10 s Relay weight 24 g Packaging unit 20 / 75 /1050 pcs
S0256-CD
Dimensions
S0282-AB
Product key Type Coil
041083
001
WG
Coil code: please refer to coil versions table, preferred types in bold print Version 001 1 NO contact Version WG Product in accordance with IEC 60335-1 (domestic appliances) Other types on request
Product key 0410 83 050 001 WG 0410 83 046 001 WG
Version standard PCB/quick connect
Cont. material AgNi
Cont.configuration 1 NO contact
Coil 12 Vdc 24 Vdc
Part number 8-1415536-7 8-1415536-6
2
Datasheet Rev. GG1 Issued 2007/07 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of 041083050001WG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X