Part Number Hot Search : 
D3524 RH272B TN058 C100LVEL STK7002U TDA7266 2309SI V602ME06
Product Description
Full Text Search
 

To Download ZMDH95W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
ZMDH95W
www.SunLED.com
APOLLO
PRELIMINARY SPEC
PATENT PENDING
Features
PLCC-4 PACKAGE. SINGLE COLOR. HIGH LUMINANCE. HIGH POWER,OPERATING CURRENT @ 350MA. SUITABLE FOR ALL SMT ASSEMBLY METHODS. PACKAGE : 500PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. RoHS COMPLIANT.
Outline Drawings
Applications
Traffic signaling. Backlighting (illuminated advertising , general lighting). Interior and exterior automotive lighting. Substitution of micro incandescent lamps. Portable light source (e.g. bicycle flashlight). Signal and symbol luminaire for orientation. Marker lights (e.g. steps, exit ways, etc). Decorative and entertainment lighting . Indoor and outdoor commercial and residential architectural lighting.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. The device has a single mounting surface. The device must be mounted according to the specifications. 4. Specifications are subject to change without notice.
Published Date : FEB 23, 2008
Drawing No : SDSA4144
V9
Checked : B.L.LIU
P. 1/5
Part Number:
ZMDH95W
www.SunLED.com
Luminous Intensity (IF=350mA)[1] cd min. ZMDH95W Reddish-Orange InGaAlP Water Clear 7.5 typ. 10
APOLLO
Luminous Flux (IF=350mA) lm min. 18 typ. 27 640 120
Part Number
Emitting Color
Emitting Material
Lens-color
Wavelength nm P
Viewing Angle 2 1/2 [2]
Absolute Maximum Ratings at TA=25C
Parameter Power Dissipation Junction Temperature Operating Temperature Storage Temperature DC Forward Current[1] Peak Forward Current [3] Thermal Resistance [1] Symbol Pt TJ Top Tstg IF IFM Rth Value 1.05 110 -40 To +85 -40 To +85 350 500 60 Unit W C C C mA mA C/W
Notes: 1.Results from mounting on PC board FR4(pad size 100mm 2 per pad), mounted on pc board-metal core PCB is recommend for lowest thermal Resistance. 2. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 3.1/10 Duty Cycle, 0.1ms Pulse Width.
Electrical / Optical Characteristics at TA=25C
Parameter Wavelength Of Peak Emission Dominant Wavelength Spectral Bandwidth at 50% IF=350mA [Typ.] Symbol peak dom Value 640 625 30 2.0 VF 2.5 3.0 TC peak TC dom TCV 0.14 0.12 -3.0 nm/C nm/C mV/C V Unit nm nm nm
IF=350mA [Typ.]
REL MAX
IF=350mA [Typ.]
Forward Voltage IF=350mA [Min.] Forward Voltage IF=350mA [Typ.] Forward Voltage IF=350mA [Max.] Temperature Coefficient Of lpeak IF=350mA, -10C T100C [Typ.] Temperature Coefficient Of ldom IF=350mA, -10C T100C [Typ.] Temperature Coefficient Of VF IF=350mA, -10C T100C [Typ.]
Published Date : FEB 23, 2008
Drawing No : SDSA4144
V9
Checked : B.L.LIU
P. 2/5
Part Number:
ZMDH95W
www.SunLED.com
APOLLO
ZMDH95W
Published Date : FEB 23, 2008
Drawing No : SDSA4144
V9
Checked : B.L.LIU
P. 3/5
Part Number:
ZMDH95W
www.SunLED.com
APOLLO
Recommended Soldering Pattern (Units: mm ; Tolerance: 0.1)
Reel Dimension
Tape Specification (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity/ luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity/ Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Published Date : FEB 23, 2008 Drawing No : SDSA4144 V9 Checked : B.L.LIU P. 4/5
Part Number:
ZMDH95W
www.SunLED.com
APOLLO
PACKING & LABEL SPECIFICATIONS
ZMDH95W
Published Date : FEB 23, 2008
Drawing No : SDSA4144
V9
Checked : B.L.LIU
P. 5/5


▲Up To Search▲   

 
Price & Availability of ZMDH95W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X