Part Number Hot Search : 
MY51D 856134 LC78615E 20NA50 3GD17 PD481 KM62256D T4119
Product Description
Full Text Search
 

To Download XOA91 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
FEATURES * * * * * * Industry-standard 7.0 x 5.0mm package Frequency Range 125MHz to 260MHz High frequency range at low cost Supply voltage 2.5V or 3.3Volts Ultra-low phase noise and jitter Tristate function to conserve power
XOA91 Series Oscillators
7 x 5mm High Frequency Low Jitter HCMOS Clock Oscillator
OUTLINE & DIMENSIONS
DESCRIPTION XOA91 series oscillators are designed to provide an ultra-low phase noise and loww jitter HCMOS output at high frequencies from 125MHz to 260MHz. An enable/disable function is standard and the oscillator may also be specified with a power down function. SPECIFICATION Frequency Range: Output Logic: Phase Jitter: RMS Period Jitter: Frequency Stability Commercial: Industrial: Input Voltage: Output Voltage High '1': Low '0': Rise/Fall Time: Current Consumption: Load: Start-up Time: Duty Cycle: Input Static Discharge Protection: Ageing: 125.0MHz to 260.0MHz HCMOS 0.2ps typical 2.5ps typical 25ppm to 100ppm -10 to +70C 25ppm to 100ppm -40 to +85C +2.5V to +3.3VDC 10% +2.97V minimum +0.33 V maximum 0.25ns typical, 0.5ns max. (20%Vdd to 80%Vdd) 80mA typical (Frequency dependent) 15pF 5ms typical, 10ms maximum 50% 5% (Measured at Vdd-1.3V) 2kV maximum 2pmm per year maximum SOLDER TEMPERATURE PROFILE ABSOLUTE MAXIMUM RATINGS Permanent damage may occur if units are operated beyond specified limits. Supply Voltage: +4.6 VDC max. Input Voltage Vi: Vss-0.5 min., Vdd +0.5V max. Input Voltage Vo: Vss-0.5 min., Vdd +0.5V max. PART NUMBER SCHEDULE Example:
250.00MHz XOA91050UCTB
*
Frequency Series Designation XOA91 Stability 100 = 100ppm 050 = 50ppm 025 = 25ppm Output Universal Operating Temp. Range C = Commercial (-10~70C) I = Industrial (-40~+85C) Output Option T=Tristate (enable/disable) P= Powerdown* Supply Voltage A = 3.3 Volts B = 2.5 Volts
TRISTATE DISABLE Output is disabled when Pad 1 is taken below 0.3 Vcc referenced to ground Oscillator is continues to run. Oscillator is enable when Pad 1 is taken above 0.7 Vcc referenced to ground. Available by special request: Oscillator shuts down when disabled.
ENABLE
POWER DOWN
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of XOA91

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X