Part Number Hot Search : 
AP431A AD9048KQ AP431A SDB101 MV6300A PT501 BDY29 FK336R
Product Description
Full Text Search
 

To Download XC6225A08ANR-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 XC6225 Series
30mA High Speed LDO Regulator
ETR0342-002
GENERAL DESCRIPTION
The XC6225 series is a high accuracy, low noise, and low dropout CMOS LDO regulator. The series includes a reference voltage source, an error amplifier, a driver transistor, a current limiter, and a phase compensation circuit. The CE function enables the entire circuit to be turned off by a low level input signal to the CE pin. In this stand-by state, the XC6225B series can discharge the electric charge stored at the output capacitor through the internal auto-discharge switch, and as a result the VOUT pin quickly returns to the VSS level. The output stabilization capacitor (CL) is also compatible with low ESR ceramic capacitors. Output voltage is selectable in 0.05V increments within a range of 0.8V~5.0V. The current limit fold-back circuit works as a short circuit protection as well as the output current limiter. The series achieves a fast response with only 25 A of low power consumption. The current limit is set to 50mA (TYP.) so that the device is optimized to protect the circuit from over-current. It is ideally suited for applications requiring 30 mA or less. A small USP-4 package makes high density mounting possible.
APPLICATIONS
Cellular phones Cordless phones, Wireless communication equipment Portable games Cameras, VCRs Portable AV equipment PDAs
FEATURES
Output Current Dropout Voltage Operating Voltage Range Output Voltage Range Accuracy : 30mA <50mA (TYP.) Limit> : 70mV@ IOUT=30mA, VOUT=3.2V : 2.5V ~ 6.0V : 0.8V~5.0V (0.05V increments) : +2% (VOUT>1.5V) +0.03V (VOUT 1.45V) : 25 A (TYP.) : Less than 0.1 A : 70dB @ 1kHz : -40 ~+85
Low Power Consumption Stand-by Current High Ripple Rejection Operating Temperature Range Output Capacitor : 1.0 F ceramic capacitor CL High-Speed Auto-Discharge (XC6225B) Low Output Noise Packages : USP-4, SOT-25 SSOT-24 (under development)
TYPICAL APPLICATION CIRCUIT
1/15
XC6225 Series
PIN CONFIGURATION
(under development)
*The heat sink pad of the USP-4 is recommended to be soldered to enhance the strength. Please refer to the reference mount pattern and metal mask pattern. This pad should be electrically opened or connected to the VSS (No.2) pin.
PIN ASSIGNMENT
PIN NUMBER USP-4 4 1 2 3 SOT-25 1 5 2 3 4 SSOT-24 4 3 2 1 PIN NAME VIN VOUT VSS CE NC FUNCTIONS Power Input Output Ground ON/OFF Control No Connection
*SSOT-24 is under development.
2/15
XC6225
Series
PRODUCT CLASSIFICATION
Ordering Information
XC6225-(*1)
DESIGNATOR DESCRIPTION Type of Regulator Output Voltage SYMBOL A B 0850 2 Output Voltage Accuracy A Packages Taping Type (*2) GR-G MR-G NR-G DESCRIPTION CE High Active, Without CL discharge function CE High Active, With CL discharge function e.g. 3.0V =3, =0
nd Output voltage is { x.x0V } (the 2 decimal place is "0") 2% (VOUT(T)1.5V), Within 0.03V (VOUT(T)1.40V) nd Output voltage is { x.x5V } (the 2 decimal place is "5") 2% (VOUT1.55V), Within 0.03V (VOUT1.45V)
-
USP-4 (Halogen & Antimony free) SOT-25 (Halogen & Antimony free) SSOT-24 (Halogen & Antimony free) under development
(*1) (*2)
The "-G" suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant. The device orientation is fixed in its embossed tape pocket. For reverse orientation, please contact your local Torex sales office or representative. (Standard orientation: R- , Reverse orientation: L- )
3/15
XC6225 Series
BLOCK DIAGRAMS
XC6225A Series
*Diodes inside the circuit are an ESD protection diode and a parasitic diode.
XC6225B Series
ABSOLUTE MAXIMUM RATINGS
PARAMETER Input Voltage Output Current Output Voltage CE Input Voltage USP-4 Power Dissipation SOT-25 SSOT-24 Operating Temperature Range Storage Temperature Range
(*1)
SYMBOL VIN IOUT VOUT VCE Pd Topr Tstg
RATINGS VSS-0.3+6.5 400 (*1) VSS-0.3VIN+0.3 VSS-0.3+6.5 120 250 150 -40+85 -55+125
Ta=25 UNITS V mA V V mW
IOUT
Pd / (VIN-VOUT)
*SSOT-24 is under development.
4/15
XC6225
Series
ELECTRICAL CHARACTERISTICS
XC6225A/B Series PARAMETER SYMBOL CONDITIONS VOUT(T)1.50V VCE=VIN, IOUT=10mA VOUT(T)1.45V VCE=VIN, IOUT=10mA VCE=VIN VIN= VOUT(T)+1.0V 1.5VVOUT(T)5.0V VCE=VIN VIN=2.5V 0.8VVOUT(T)1.45V VCE=VIN 0.1mAIOUT30mA IOUT=30mA, VCE=VIN VIN=VOUT+1.0V, IOUT=0A VIN=6.0V, VCE=VSS VOUT(T)+0.5VVIN6.0V VOUT(T)2.0V, VCE=VIN, IOUT=10mA 2.5VVIN6.0V VOUT(T)1.95V VCE=VIN, IOUT=10mA MIN. x0.98
*3
TYP.
MAX. x1.02
*3
UNITS
Ta=25 CIRCUIT
Output Voltage
VOUT(E)
(*2)
VOUT(T)
*4
V +0.03
*3
-0.03
*3
Output Current
IOUTMAX
30
50
-
mA
Load Regulation Dropout Voltage
(*5)
VOUT Vdif ISS ISTBY
-
5
12
mV mV A A

DROPOUT VOLTAGE CHART 25 0.01 50 0.1
Supply Current Stand-by Current
Line Regulation
VOUT/ (VINVOUT)
-
0.01
0.20
%/V
Input Voltage Output Voltage Temperature Characteristics
VIN VOUT/ (TaVOUT) VCE=VIN, IOUT=30mA -40Ta85
2.5 -
100
6.0 -
V ppm/
5/15
XC6225 Series
ELECTRICAL CHARACTERISTICS (Continued)
XC6225A/B Series (Continued) PARAMETER SYMBOL CONDITIONS VIN=5.75VDC+0.5Vp-pAC 5.0VVOUT(T)4.8V VCE=VIN, IOUT=30mA, f=1kHz VIN=VOUT(T)+1.0VDC+0.5Vp-pAC 4.75VVOUT(T)4.05V VCE=VIN, IOUT=30mA, f=1kHz VIN=VOUT(T)+1.0VDC+0.5Vp-pAC 4.0VVOUT(T)1.75V VCE=VIN, IOUT=30mA, f=1kHz VIN=2.75VDC+0.5Vp-pAC 1.7VVOUT(T)0.8V VCE=VIN, IOUT=30mA, f=1kHz VIN=6.0V, VCE=VIN 5.0VVOUT(T)0.8V VIN=VOUT(T)+1.0V, VCE=VIN 5.0VVOUT(T)1.5V VIN=2.5V 1.45VVOUT(T)0.8V VIN=VOUT(T)+0.1V 5.0VVOUT(T)2.4V VIN=2.5V 2.35VVOUT(T)1.55V VCE=VIN VOUT is short-circuited at the VSS level MIN. TYP. MAX. UNITS Ta=25 CIRCUIT
-
60
-
Ripple Rejection Rate
PSRR
dB
-
70
-
Limit Current1(*9)
ILIM1
30
50
70
Limit Current2(*9, *10)
ILIM 2
30
50
70 mA
Limit Current3(*9, *10)
ILIM 3
-
50
70
Short Current CE High Level Voltage CE Low Level Voltage CE High Level Current CE Low Level Current CL Auto-Discharge Resistance (*8)
ISHORT VCEH VCEL ICEH ICEL RDCHG
1.2 -
15 780
6.0 0.3 0.1 0.1 -
mA V V A A

VCE=VIN VCE=VSS VIN=6.0V, VOUT=4.0V, VCE= VSS
-0.1 -0.1 -
NOTE: * 1: Unless otherwise stated regarding input voltage conditions, 1.5VVOUT(T)5.0V is VIN=VOUT(T) 1.0V, and 0.8VVOUT(T)1.45V is VIN=2.5V. * 2: VOUT (E) = Effective output voltage (Refer to the voltage chart) (I.e. the output voltage when stabilized "VOUT (T) 1.0V" is provided at the VIN pin while maintaining a certain IOUT value.) * 3: The output voltage VOUT (E) is shown in the voltage chart. * 4: VOUT (T) = Nominal output voltage (*7) (*6) * 5: Vdif ={VIN1 -VOUT1 } * 6: VOUT1=A voltage equal to 98% of the output voltage when an amply stabilized {VOUT (T) +1.0V} is input. * 7: VIN1= The input voltage when VOUT1 appears at the VOUT pin while input voltage is gradually decreased. * 8: For the XC6225B series only. The XC6225A series discharges by using the two resistors R1 and R2 shown in the block diagram. *9: Limit current is defined as the output current when VOUT(E) x 0.95 is impressed at the VOUT pin. *10: The device may not satisfy the specification values when it is used with the input voltages lower than the conditions of ILIM2(1.45VVOUT(T)0.8V) and ILIM3.
6/15
XC6225
Series
OUTPUT VOLTAGE CHART
Voltage Table1 NOMINAL OUTPUT VOLTAGE OUTPUT 2% (V) VOLTAGE (V) VOUT(E) VOUT(T) 0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55 1.60 1.65 1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 2.10 2.15 2.20 2.25 2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65 2.70 2.75 2.80 2.85 2.90 2.95 MIN. 0.7700 0.8200 0.8700 0.9200 0.9700 1.0200 1.0700 1.1200 1.1700 1.2200 1.2700 1.3200 1.3700 1.4200 1.4700 1.5190 1.5680 1.6170 1.6660 1.7150 1.7640 1.8130 1.8620 1.9110 1.9600 2.0090 2.0580 2.1070 2.1560 2.2050 2.2540 2.3030 2.3520 2.4010 2.4500 2.4990 2.5480 2.5970 2.6460 2.6950 2.7440 2.7930 2.8420 2.8910 MAX. 0.8300 0.8800 0.9300 0.9800 1.0300 1.0800 1.1300 1.1800 1.2300 1.2800 1.3300 1.3800 1.4300 1.4800 1.5300 1.5810 1.6320 1.6830 1.7340 1.7850 1.8360 1.8870 1.9380 1.9890 2.0400 2.0910 2.1420 2.1930 2.2440 2.2950 2.3460 2.3970 2.4480 2.4990 2.5500 2.6010 2.6520 2.7030 2.7540 2.8050 2.8560 2.9070 2.9580 3.0090 DROPOUT VOLTAGE Vdif (mV) Vdif TYP. MAX. 325 235 160 115 1700 1650 1600 1550 1500 1450 1400 1350 1300 1250 1200 1150 1100 1050 1000 950 900 850 800 750 700 650 600 550 500 450 400 350 300 250 200 150
85
50
40
120 70
7/15
XC6225 Series
OUTPUT VOLTAGE CHART (Continued)
Voltage Table2 NOMINAL OUTPUT VOLTAGE (V) VOUT(T) 3.00 3.05 3.10 3.15 3.20 3.25 3.30 3.35 3.40 3.45 3.50 3.55 3.60 3.65 3.70 3.75 3.80 3.85 3.90 3.95 4.00 4.05 4.10 4.15 4.20 4.25 4.30 4.35 4.40 4.45 4.50 4.55 4.60 4.65 4.70 4.75 4.80 4.85 4.90 4.95 5.00 OUTPUT VOLTAGE 2% (V) VOUT(E) MIN. MAX. 2.9400 2.9890 3.0380 3.0870 3.1360 3.1850 3.2340 3.2830 3.3320 3.3810 3.4300 3.4790 3.5280 3.5770 3.6260 3.6750 3.7240 3.7730 3.8220 3.8710 3.9200 3.9690 4.0180 4.0670 4.1160 4.1650 4.2140 4.2630 4.3120 4.3610 4.4100 4.4590 4.5080 4.5570 4.6060 4.6550 4.7040 4.7530 4.8020 4.8510 4.9000 3.0600 3.1110 3.1620 3.2130 3.2640 3.3150 3.3660 3.4170 3.4680 3.5190 3.5700 3.6210 3.6720 3.7230 3.7740 3.8250 3.8760 3.9270 3.9780 4.0290 4.0800 4.1310 4.1820 4.2330 4.2840 4.3350 4.3860 4.4370 4.4880 4.5390 4.5900 4.6410 4.6920 4.7430 4.7940 4.8450 4.8960 4.9470 4.9980 5.0490 5.1000 DROPOUT VOLTAGE Vdif (mV) Vdif TYP. MAX.
70
120
95
170
8/15
XC6225
Series
OPERATIONAL EXPLANATION
The voltage divided by resistors R1 & R2 is compared with the internal reference voltage by the error amplifier. The P-channel MOSFET connected to the VOUT pin, is then driven by the subsequent output signal. The output voltage at the VOUT pin is controlled and stabilized by a system of negative feedback. The current limit circuit and short-circuit protection circuit operate in relation to the level of output current. Further, the IC's entire circuitry is turned off by the input signal to the CE pin. BLOCK DIAGRAM
CE
ON/OFF Control
VIN
CE CE/
Error Amp
Current Limit
+
each circuit
R1 Rdischg
VOUT
CE/
R2
Voltage Reference
VSS
The XC6225 needs an output capacitor CL for phase compensation. Values required for the phase compensation are shown in the chart below. If a loss of the capacitance happens, the stable phase compensation may not be obtained. Please ensure to use a capacitor which does not depend on bias or temperature too much. For a stable power input, please connect an input capacitor CIN of 1.0 F between the VIN pin and the VSS pin.
OUTPUT VOLTAGE 0.8V1.15V 1.2V1.35V 1.4V4.0V 4.05V5.0V
OUTPUT CAPACITOR CL=4.7F CL=2.2F CL=1.0F CL=2.2F
XC6225B series can discharge the electric charge in the output capacitor (CL), when a low signal to the CE pin, which enables the whole IC circuit to be turned off, is inputted via the N-channel transistor located between the VOUT pin and the VSS pin (refer to BLOCK DIAGRAM). The CL auto-discharge resistance value is set at 780 (VOUT=4.0V @ VIN=6.0V at TYP.). The discharge time of the output capacitor (CL) is set by the CL auto-discharge resistance (R) and the output capacitor (CL). By setting the time constant of the CL auto-discharge resistance value [RDCHG] and the output capacitor value (CL) as ( =C x RDCHG), the output voltage after discharge via the N-channel transistor is calculated by the following formula. V= VOUT(E) xe-t / or = lnV/ VOUT(E) Where V: Output voltage after discharge VOUT (E) : Output voltage t : Discharge time, : CL auto-discharge resistance RDCHG xOutput capacitor CLvalue C
9/15
XC6225 Series
OPERATIONAL EXPLANATION (Continued)
The XC6225 series' fold-back circuit operates as an output current limiter and a short protection circuit for the output pin. When the load current reaches the current limit level, the fixed current limiter circuit operates and output voltage drops. When the output pin is short-circuited to the VSS pin, the current falls and reaches about 15mA. The IC's internal circuitry can be shutdown via the signal from the CE pin with the XC6225 series. In the shutdown state, output at the VOUT pin will be pulled down to the VSS level via R1 & R2. However, with the XC6225B series, the CL auto-discharge resistor is connected in parallel to R1 and R2 while the power supply is applied to the VIN pin. Therefore, time until the VOUT pin reaches the VSS level is shorter. The output voltage is in an undefined state when the CE pin is left open. If this IC is used with the correct voltage for the CE pin, the logic is fixed and the IC will operate normally. However, the supply current may increase as a result of shoot-through current in the IC's internal circuitry when a medium voltage is input.
NOTES ON USE
1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be exceeded. 2. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output current. Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible.
10/15
XC6225
Series
TEST CIRCUITS
Circuit: Output Voltage, Output Current, Dropout Voltage, Line Regulation, Load Regulation, Current Limit, Short Current, CL Discharge Resistance
Circuit: Supply Current, Stand-by Current 2
Circuit: Ripple Rejection Rate 3
11/15
XC6225 Series
TEST CIRCUITS (Continued)
Circuit:4CE"H"L"CE"H"L" CE "High" "Low" Level Voltage, CE "High" "Low" Level Current
12/15
XC6225
Series
PACKAGING INFORMATION
USP-4 (unit: mm)
SOT-25 (unit: mm)
+0.2 1.6 -0.1 2.80.2
1.10.1
SSOT-24 (unit: mm) (under development)
1.3MAX
0.2MIN
13/15
XC6225 Series
PACKAGING INFORMATION (Continued)
USP-4 Reference Pattern Layout
USP-4 Reference Metal Mask Design
14/15
XC6225
Series
1. The products and product specifications contained herein are subject to change without notice to improve performance characteristics. Consult us, or our representatives before use, to confirm that the information in this datasheet is up to date. 2. We assume no responsibility for any infringement of patents, patent rights, or other rights arising from the use of any information and circuitry in this datasheet. 3. Please ensure suitable shipping controls (including fail-safe designs and aging protection) are in force for equipment employing products listed in this datasheet. 4. The products in this datasheet are not developed, designed, or approved for use with such equipment whose failure of malfunction can be reasonably expected to directly endanger the life of, or cause significant injury to, the user. (e.g. Atomic energy; aerospace; transport; combustion and associated safety equipment thereof.) 5. Please use the products listed in this datasheet within the specified ranges. Should you wish to use the products under conditions exceeding the specifications, please consult us or our representatives. 6. We assume no responsibility for damage or loss due to abnormal use. 7. All rights reserved. No part of this datasheet may be copied or reproduced without the prior permission of TOREX SEMICONDUCTOR LTD.
15/15


▲Up To Search▲   

 
Price & Availability of XC6225A08ANR-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X