Part Number Hot Search : 
GZ4C2 20000 2PQG8 6NK60ZF DB102 28274 FBR610 DS1866
Product Description
Full Text Search
 

To Download VTSRC20AA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VTSRC, VSSRC, VSORC-AA
Vishay Thin Film
25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks
FEATURES
* * * * * * * * Lead (Pb)-free standard Resistors and capacitors on a single chip Saves board space Reduces total assembly costs Uniform performance characteristics UL 94V-0 flame resistant Rugged, molded case construction VTSRC - JEDEC mo-153AC VSSRC - JEDEC mo-137AD VSORC - JEDEC ms-013AC
RoHS
COMPLIANT
Actual Size
Small Outline, Surface Mount, EMI/RFI Reduction
Vishay Thin Film's T filter network is an integrated thin film network on a single die. Noise suppression is at a maximum with the use of thin film technology. The T filter network, schematic AA is designed to suppress EMI/RFI noise with such applications as I/O ports of personal computers and peripherals, workstations and Local Area Networks. With a rugged molded case to protect the circuit from the environment and an integrated thin film network this product is your choice when reduced size, improved accuracy and surface mount capability are your goals. Available packages SOIC, SSOP and TSSOP.
TYPICAL PERFORMANCE
TCR RESISTOR 200 TCC CAPACITOR 200 TOLERANCE 10 % TOLERANCE 20 %
SCHEMATIC AA
20 19 18 17 16 15 14 13 12 11
VSORC MODELS VSSRC X X VTSRC STANDARD VALUES R () 10 25 100 C (pF) 100 200 390
1
2
3
4
5
6
7
8
9
10
X
STANDARD ELECTRICAL SPECIFICATIONS
TEST Material SPECIFICATIONS Tantalum Nitride on Silicon 10 to 750 Tracking TCR: Absolute Absolute Tolerance: Absolute Power Rating: Capacitance Range Stability: ESD Protection Breakdown Voltage Operating Temperature Range Storage Temperature Range Power Rating/Resistor R Ratio Package 20 % Standard (C) 1 W - (T)SSOP. 1.2 W - SOIC 10 pF to 150 pF - TSSOP/10 pF to 250 pF - SOIC and SSOP 2% > 2 kV 35 - 50 V 0 C to + 70 C - 55 C to + 125 C 100 mW 1000 h MIL-STD-883, Method 3015 200 ppm/C 10 % Standard (R) at 1 MHz and VRMS over + 10 C to + 70 C See Derating Curve 0 C to + 70 C 10 ppm/C CONDITIONS
RC NETWORKS
Resistance Range
www.vishay.com 112
For technical questions, contact: thin-film@vishay.com
Document Number: 60083 Revision: 01-Jul-08
VTSRC, VSSRC, VSORC-AA
25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks
Vishay Thin Film
DIMENSIONS AND IMPRINTING in inches and millimeters
B Model RES/CAP Date Code C
xxxxx
RES/CAP E
xxx/xxx
xxxx
F
Pin #1 A
H G J
D
W
MODEL A B (Ref.) C (Ref.) D E (Typ.) F G H J (Ref.) W
VTSRC20-AA INCHES 0.256 0.003 0.025 0.0087 0.004 0.024 0.173 0.003 0.015 x 45 0.252 0.005 0.005 0.043 0.005 MILLIMETERS 6.5 0.08 0.65 0.22 0.10 0.61 4.39 0.08 0.38 6.4 0.13 0.13 1.09 0.13
VSSRC20-AA INCHES 0.344 Max. 0.025 0.010 0.006 0.025 0.154 0.003 0.015 x 45 0.236 0.008 0.010 0.064 0.005 MILLIMETERS 8.74 Max. 0.64 0.25 0.15 0.64 3.9 0.38 6.0 0.20 0.25 1.6
VSORC20-AA INCHES 0.500 0.010 0.050 0.016 0.008 0.030 0.293 0.003 0.025 x 45 0.406 0.005 0.010 0.100 0.005 MILLIMETERS 12.7 0.25 1.27 0.41 0.20 0.76 7.44 0.64 10.31 0.25 2.59
IMPRINTING
VSORC, VSSRC, VTSRC MODEL 20 PIN COUNT AA SCHEMATIC XXXX Date Code RESISTANCE Code: e.g. 100 = 10 XXX / XXX / CAPACITANCE Code: e.g. 101 = 100 pF
* Optional marking
MECHANICAL SPECIFICATIONS
Resistive Element Substrate Material Body Terminals Plating Lead Coplanarity Marking Resistance to Solvents Tantalum Nitride Silicon Molded Epoxy Copper Alloy 100 % Sn Matte 0.0005 Inches Permanency testing per MIL-STD-202, Method 215
DERATING CURVE
RC NETWORKS
Percent of Rated Power
100 80 60 40 20 0 - 50 0 25 70 125 150 Ambient Temperature C
PACKING INFORMATION
MODEL VTSRC (TSSOP) VSSRC (SSOP) VSORC (SOIC) Document Number: 60083 Revision: 01-Jul-08 LEADS 20 20 20 TAPE AND REEL 2500 2500 1000 TUBES 74 55 38 www.vishay.com 113
For technical questions, contact: thin-film@vishay.com
VTSRC, VSSRC, VSORC-AA
Vishay Thin Film
25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: VTSRC20AA330470TF (preferred part number format)
V
T
S
R
C
2
0
A
A
3
3
0
4
7
0
T
F
GLOBAL MODEL VTSRC VSSRC VSORC
NUMBER OF LEADS/ SCHEMATICS 20AA
RESISTANCE AND TOLERANCE/ CAPACITANCE AND TOLERANCE xxxyyy First 2 digits are significant figures. Last digit specifies number of zeroes to follow. K = 10 % Capacitor Tol. fixed M = 20 % Resistance Tol. fixed
PACKAGING UF = TUBED TAPE AND REEL TF = Full Reels
Historical Part Number example: VTSRC20AA330K470MT/R (will continue to be accepted) VTSRC MODEL 20 NUMBER OF LEADS AA SCHEMATIC 330K RESISTANCE 470M TOLERANCE T/R PACKAGING
RC NETWORKS
www.vishay.com 114
For technical questions, contact: thin-film@vishay.com
Document Number: 60083 Revision: 01-Jul-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of VTSRC20AA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X