|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
VSKD600.. Series Vishay High Power Products Standard Diodes, 600 A (SUPER MAGN-A-PAKTM Power Modules) FEATURES * High current capability * High surge capability * High voltage ratings up to 2000 V RoHS COMPLIANT * 3000 VRMS isolating voltage with non-toxic substrate * Industrial standard package * UL E78996 approved * Lead (Pb)-free SUPER MAGN-A-PAKTM TYPICAL APPLICATIONS * Rectifying bridge for large motor drives PRODUCT SUMMARY IF(AV) 600 A * Rectifying bridge for large UPS MAJOR RATINGS AND CHARACTERISTICS SYMBOL IF(AV) CHARACTERISTICS VALUES 600 TC 100 942 IF(RMS) TC 50 Hz IFSM 60 Hz 50 Hz 60 Hz I2t VRRM TStg, TJ Range Range 100 19 000 A 20 100 1805 1683 18 050 800 to 2000 - 40 to 150 kA2s V C kA2s UNITS A C A C I2 t ELECTRICAL SPECIFICATIONS VOLTAGE RATINGS TYPE NUMBER VOLTAGE CODE 08 12 VSKD600.. 16 20 1600 2000 1700 2100 VRRM, MAXIMUM REPETITIVE PEAK REVERSE VOLTAGE V 800 1200 VRSM, MAXIMUM NON-REPETITIVE PEAK REVERSE VOLTAGE V 900 1300 50 IRRM MAXIMUM AT TJ MAXIMUM mA Document Number: 93583 Revision: 11-Aug-08 For technical questions, contact: ind-modules@vishay.com www.vishay.com 1 VSKD600.. Series Vishay High Power Products FORWARD CONDUCTION PARAMETER Maximum average forward current at case temperature Maximum RMS forward current SYMBOL IF(AV) IF(RMS) TEST CONDITIONS 180 conduction, half sine wave 180 conduction, half sine wave at TC = 100 C t = 10 ms Maximum peak, one-cycle forward, non-repetitive surge current IFSM t = 8.3 ms t = 10 ms t = 8.3 ms t = 10 ms Maximum I2t for fusing I2 t t = 8.3 ms t = 10 ms t = 8.3 ms Maximum I2t for fusing I2t VF(TO)1 VF(TO)2 rf1 rf2 VFM No voltage reapplied 100 % VRRM reapplied No voltage reapplied 100 % VRRM reapplied VALUES 600 100 942 19.0 20.1 16.2 Sinusoidal half wave, initial TJ = TJ maximum 17.2 1805 1683 1319 1230 18 050 0.70 0.77 0.28 0.25 1.45 kA2s V kA2s kA UNITS A C A Standard Diodes, 600 A (SUPER MAGN-A-PAKTM Power Modules) t = 0.1 to 10 ms, no voltage reapplied (16.7 % x x IF(AV) < I < x IF(AV)), TJ = TJ maximum (I > x IF(AV)), TJ = TJ maximum (16.7 % x x IF(AV) < I < x IF(AV)), TJ = TJ maximum (I > x IF(AV)), TJ = TJ maximum Ipk = 1800 A, TJ = 25 C, tp = 10 ms sine pulse Low level value of threshold voltage High level value of threshold voltage Low level value of forward slope resistance High level value of forward slope resistance Maximum forward voltage drop m V BLOCKING PARAMETER RMS insulation voltage Maximum peak reverse and off-state leakage current SYMBOL VINS IRRM t=1s TJ = TJ maximum, rated VRRM applied TEST CONDITIONS VALUES 3000 50 UNITS V mA THERMAL AND MECHANICAL SPECIFICATIONS PARAMETER Maximum junction operating and storage temperature range Maximum thermal resistance, junction to case per junction Maximum thermal resistance, case to heatsink SMAP to heatsink Mounting torque 10 % busbar to SMAP Approximate weight Case style See dimensions - link at the end of datasheet SYMBOL TJ, TStg RthJC RthC-hs A mounting compound is recommended and the torque should be rechecked after a period of 3 hours to allow for the spread of the compound. DC operation TEST CONDITIONS VALUES - 40 to 150 0.065 K/W 0.02 6 to 8 Nm 12 to 15 1500 g UNITS C SUPER MAGN-A-PAK www.vishay.com 2 For technical questions, contact: ind-modules@vishay.com Document Number: 93583 Revision: 11-Aug-08 VSKD600.. Series Standard Diodes, 600 A Vishay High Power Products TM Power Modules) (SUPER MAGN-A-PAK RthJC CONDUCTION CONDUCTION ANGLE 180 120 90 60 30 SINUSOIDAL CONDUCTION 0.009 0.011 0.014 0.021 0.037 RECTANGULAR CONDUCTION 0.006 0.011 0.015 0.022 0.038 TJ = TJ maximum K/W TEST CONDITIONS UNITS Note * The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC Maximum Average Forward Power Loss (W) Maximum Allowable Case Temperature (C) 150 140 130 120 110 100 30 90 80 0 100 200 300 400 500 600 700 Average Forward Current (A) 60 Conduction Angle 700 600 500 400 300 200 100 0 0 100 200 300 400 500 600 Average Forward Current (A) Conduction Angle VSKD600.. Series R thJC (DC) = 0.065 K/W 180 120 90 60 30 RMS Limit 90 120 180 VSKD600.. Series Per Junction T = 150C J Fig. 1 - Current Ratings Characteristics Fig. 3 - Forward Power Loss Characteristics Maximum Average Forward Power Loss (W) Maximum Allowable Case Temperature (C) 150 140 130 120 110 100 30 90 80 0 200 400 600 800 1000 Average Forward Current (A) 60 90 120 180 DC Conduction Period VSKD600.. Series R thJC (DC) = 0.065 K/W 1000 900 800 700 600 500 400 300 200 100 0 0 200 400 600 800 1000 Average Forward Current (A) VSKD600.. Series Per Junction TJ = 150C RMS Limit Conduction Period DC 180 120 90 60 30 Fig. 2 - Current Ratings Characteristics Fig. 4 - Forward Power Loss Characteristics Document Number: 93583 Revision: 11-Aug-08 For technical questions, contact: ind-modules@vishay.com www.vishay.com 3 VSKD600.. Series Vishay High Power Products Standard Diodes, 600 A (SUPER MAGN-A-PAKTM Power Modules) Peak Half Sine Wave Forward Current (A ) 20000 18000 16000 14000 12000 10000 8000 6000 4000 0.01 VSKD600.. Series Per Junction 0.1 Pulse Train Duration (s) 1 Peak Half Sine Wave Forward Current (A) 18000 At Any Rated Load Condition And With Rated VRRM Applied Following Surge. 16000 Initial T = 150C J @ 60 Hz 0.0083 s 14000 @ 50 Hz 0.0100 s 12000 10000 8000 6000 4000 1 10 100 Number Of Equal Amplitude Half Cycle Current Pulses (N ) Maximum Non Repetitive Surge Curren t Versus Pulse Train Duration . Initial T = 150C J No Voltage Reapplied Rated VRRM Reapplied VSKD600.. Series Per Junction Fig. 5 - Maximum Non-Repetitive Surge Current Fig. 6 - Maximum Non-Repetitive Surge Current Maximum Total Forward Power Loss (W) 1000 R th 0 0. DC 800 600 180 (Sine) K/ W 0. 12 K/ W 0.1 6K /W 0. 08 400 VSKD600.. Series Per Junction TJ = 150C 0 200 400 600 800 0.2 5K /W 0.3 5K /W 0.5 K /W 0 0. 6 4 SA W K/ W K/ = 2 0.0 W K/ -D ta el R 200 0 1000 0 25 50 75 100 125 150 Total RMS Output Current (A) Maximum Allowable Ambient Temperature (C) Fig. 7 - Forward Power Loss Characteristics 3000 R th 02 0. Maximum Total Power Loss (W) 2500 2000 1500 1000 500 0 0 200 400 180 (Sine) 180 (Rect) K /W 4K /W 0.0 5K /W 0. 0 0.0 8K /W 0.12 K/ W 0. 03 SA W K/ = /W 1K 0.0 -D ta el R 2 x VSKD600.. Series 0.2 K /W Single Phase Bridge Connected TJ = 150C 600 800 1000 1200 0 25 50 75 100 125 150 Total Output Current (A) Maximum Allowable Ambient Temperature (C ) Fig. 8 - Forward Power Loss Characteristics www.vishay.com 4 For technical questions, contact: ind-modules@vishay.com Document Number: 93583 Revision: 11-Aug-08 VSKD600.. Series Standard Diodes, 600 A Vishay High Power Products TM Power Modules) (SUPER MAGN-A-PAK 4500 R th Maximum Total Power Loss (W) 4000 3500 3000 2500 2000 1500 1000 500 0 0 300 600 900 1200 1500 1800 0 3 x VSKD600.. Series Three Phase Bridge Connected T J = 150C 120 (Rect) 0. 02 K/ W 0.0 3K /W 0.0 5 K/ W SA = 01 0. W K/ -D ta el R K/ W 0.12 K /W 0.2 K/ W 0.08 25 50 75 100 125 150 Total Output Current (A) Maximum Allowable Ambient Temperature (C ) Fig. 9 - Forward Power Loss Characteristics Transient Thermal Impedance Z thJC (K/W ) 0.1 VSKD600.. Series Per Junction 0.01 Steady State Value: R thJC = 0.065 K/W (DC Operation) 0.001 0.001 0.01 0.1 1 10 100 Square Wave Pulse Duration (s) Fig. 10 - Thermal Impedance ZthJC Characteristic Document Number: 93583 Revision: 11-Aug-08 For technical questions, contact: ind-modules@vishay.com www.vishay.com 5 VSKD600.. Series Vishay High Power Products Standard Diodes, 600 A (SUPER MAGN-A-PAKTM Power Modules) ORDERING INFORMATION TABLE Device code VSK 1 1 2 3 4 - D 2 600 3 - 20 4 Module type Circuit configuration D = 2 diodes in series Current rating Voltage code x 100 = VRRM (see Voltage Ratings table) CIRCUIT CONFIGURATION 1 ~ + 2 3 LINKS TO RELATED DOCUMENTS Dimensions http://www.vishay.com/doc?95088 www.vishay.com 6 For technical questions, contact: ind-modules@vishay.com Document Number: 93583 Revision: 11-Aug-08 Legal Disclaimer Notice Vishay Disclaimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners. Document Number: 91000 Revision: 18-Jul-08 www.vishay.com 1 |
Price & Availability of VSKD600 |