Part Number Hot Search : 
TMC429 UF102 1N756 TC74LC XO3090 SNC204 5671A4 15A10
Product Description
Full Text Search
 

To Download UBA2036TS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UBA2036TS
Full bridge control IC for HID automotive lighting
Rev. 01 -- 30 October 2008 Product data sheet
1. General description
The UBA2036 is a high voltage monolithic Integrated Circuit (IC) manufactured in a High Voltage Silicon On Insulator (HVSOI) process. This circuit is designed for driving MOSFETs in a full bridge configuration. In addition, it features a disable function, an internal adjustable oscillator and an external clock input function with a high-voltage level shifter for driving the bridge. To guarantee an accurate 50 % duty cycle, the oscillator signal can be passed through a divider before being fed to the output drivers. The UBA2036 is especially suitable for High Intensity Discharge (HID) lamp drivers for car headlights, projectors and general lighting applications.
2. Features
I I I I I I I I I I I Full bridge driver circuit Integrated bootstrap diodes 464 V integrated high voltage level shift function to drive HID lamps below ground level 550 V series regulator input to make the internal supply 550 V maximum bridge voltage Accurate bridge disable function Input for start-up delay Adjustable oscillator frequency Selectable frequency divider Predefined bridge position during start-up Adaptive non-overlap
3. Applications
I The UBA2036 can drive (via the power MOSFETs) any kind of load in a full bridge configuration I The circuit is especially designed as a commutator controller for HID lamps in car headlights, projectors and general lighting applications
4. Ordering information
Table 1. Ordering information Package Name UBA2036TS SSOP28 Description plastic shrink small outline package; 28 leads; body width 5.3 mm Version SOT341-1 Type number
NXP Semiconductors
UBA2036TS
Full bridge control IC for HID automotive lighting
5. Block diagram
VSS(CLK) CLK VDD(CLK)
1
2
3 16 FSL HIGHER LEFT DRIVER 15 GHL 17
6 HV 14 SGND STABILIZER LOGIC SIGNAL GENERATOR OSCILLATOR HIGH VOLTAGE LEVEL SHIFTER HIGHER RIGHT DRIVER SHL FSR 27
9 VDD RC 13
28 26
GHR SHR GLR
UBA2036TS
/2 LOWER RIGHT DRIVER 23
21 SU BD 10 12 1.29 V bridge disable 11 DD 4, 5, 7, 8, 18, 19, 22, 24, 25 n.c.
014aaa632
PGND
LOGIC
LOW VOLTAGE LEVEL SHIFTER
LOWER LEFT DRIVER
20
GLL
Fig 1.
Block diagram
UBA2036TS_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 30 October 2008
2 of 13
NXP Semiconductors
UBA2036TS
Full bridge control IC for HID automotive lighting
6. Pinning information
6.1 Pinning
VSS(CLK) CLK VDD(CLK) n.c. n.c. HV n.c. n.c. VDD
1 2 3 4 5 6 7 8 9
28 GHR 27 FSR 26 SHR 25 n.c. 24 n.c. 23 GLR 22 n.c. 21 PGND 20 GLL 19 n.c. 18 n.c. 17 SHL 16 FSL 15 GHL
014aaa633
UBA2036TS
SU 10 DD 11 BD 12 RC 13 SGND 14
Fig 2.
Pin assignment SSOP28 package (top view)
6.2 Pin description
Table 2. Symbol VSS(CLK) CLK VDD(CLK) n.c. n.c. HV n.c. n.c. VDD SU DD BD RC SGND GHL FSL SHL n.c. n.c.
UBA2036TS_1
Pin description Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 Description negative supply voltage for logic oscillator input oscillator input positive supply voltage for logic oscillator input not connected not connected high voltage supply input for internal series regulator not connected not connected internal low voltage supply input for start-up delay input for divider disable input for bridge disable RC input for internal oscillator signal ground gate driver output for upper left MOSFET floating supply left source upper left MOSFET not connected not connected
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 30 October 2008
3 of 13
NXP Semiconductors
UBA2036TS
Full bridge control IC for HID automotive lighting
Pin description ...continued Pin 20 21 22 23 24 25 26 27 28 Description gate driver output for lower left MOSFET power ground not connected gate driver output for lower right MOSFET not connected not connected source upper right MOSFET floating supply right gate driver upper right MOSFET
Table 2. Symbol GLL PGND n.c. GLR n.c. n.c. SHR FSR GHR
7. Functional description
7.1 Supply voltage
The UBA2036 is powered by a supply voltage applied to pin HV, e.g. the supply voltage of the full bridge. The IC generates its own low supply voltage for its internal circuitry. Therefore an additional low voltage supply is not required. A capacitor has to be connected to pin VDD to obtain a ripple-free internal supply voltage. The circuit can also be powered by a low voltage supply directly applied to pin VDD. In this case pin HV should be connected to pin VDD or pin SGND. The maximum current that the internal series regulator can deliver, is temperature dependent. This is shown in Figure 3.
7.2 Start-up
With an increasing supply voltage the IC enters the start-up state i.e. the upper power transistors are set in off-state and the lower power transistors are switched on. During the start-up state the bootstrap capacitors are charged. The start-up state is defined until VVDD = Vstartup(VDD) or VHV = Vstartup(HV). The state of the outputs during the start-up phase is overruled by the bridge disable function.
7.3 Oscillation state
At the moment the supply voltage on pin VDD exceeds Vstartup(VDD) or the supply voltage on pin VHV exceeds Vstartup(HV), the output voltage of the full bridge depends on the control signals on pins CLK, SU, DD and BD. This is listed in Table 3. As soon as the supply voltage on pin VDD becomes lower than VUVLO(VDD) or the supply voltage on pin VHV becomes lower than VUVLO(HV), the IC enters the start-up state again.
Table 3. Driver Gate driver output voltages as function of the logical levels at the pins BD, SU, DD and CLK. Device state Start-up state BD SU DD 1 0 CLK GHL 0 (= VSHL) 0 (= VSHL) GHR 0 (= VSHR) 0 (= VSHR) GLL 0 (= VPGND) 1 (= VVDD) GLR 0 (= VPGND) 1 (= VVDD)
UBA2036TS_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 30 October 2008
4 of 13
NXP Semiconductors
UBA2036TS
Full bridge control IC for HID automotive lighting
Table 3. Driver ...continued Gate driver output voltages as function of the logical levels at the pins BD, SU, DD and CLK. Device state Oscillation state BD SU DD 1 0 0 0 0
[1] [2]
CLK 1 0 1 0[2]
GHL 0 (= VSHL) 0 (= VSHL) 0 (= VSHL) 1 (= VFSL) GHL
GHR 0 (= VSHR) 0 (= VSHR) 1 (= VFSR) 0 (= VSHR) GHR
GLL 0 (= VPGND) 1 (= VVDD) 1 (= VVDD) 0 (= VPGND) GLL
GLR 0 (= VPGND) 1 (= VVDD) 0 (= VPGND) 1 (= VVDD) GLR
0 1 1 1
1 1 0[1]
If pin DD = 0 the bridge enters the state (oscillation state and pin BD = 0 and pin SU = 1) in the pre-defined position: VGHL = VFSL, VGLR = VVDD, VGLL = VPGND, and VGHR = VSHR. Only if the level of pin CLK changes from logical 1 to 0, the level of outputs GHL, GHR, GLL and GLR changes.
If there is no external clock available, the internal oscillator can be used. The design equation for the bridge oscillator frequency is shown in Equation 1. 1 f bridge = -------------------------------------------K osc x R osc x C osc (1)
Rosc and Cosc are external components connected to the RC pin (Rosc connected to pin VDD and Cosc connected to pin SGND). In this situation the pins VDD(CLK), CLK and VSS(CLK) can be connected to SGND. The clock signal, coming from either pin RC or pin CLK, is divided by two in order to obtain a 50 % duty-cycle gate drive signal. This can be achieved by applying a voltage to the DD input lower than VIL(DD) (e.g. connect pin DD to pin SGND).
7.4 Non-overlap time
In the full bridge configuration the non-overlap time is defined as the time between turning off the two conducting MOSFETs and turning on the two other MOSFETs. The non-overlap time is realized by means of an adaptive non-overlap circuit. With an adaptive non-overlap, the application determines the duration of the non-overlap and makes the non-overlap time optimal for each frequency. The non-overlap time is determined by the duration of the falling slope of the relevant half bridge voltage. The occurrence of a slope is sensed internally. The minimum non-overlap time is internally fixed.
7.5 Start-up delay
A simple resistor-capacitor (RC) filter (R between pin VDD and pin SU; C between pin SU and pin SGND) or a control signal from a processor can be used to make a start-up delay. This can be beneficial for those applications in which building up the high voltage takes a larger amount of time: A start-up delay will ensure that the HID system will not start up before this high voltage has been reached.
7.6 Bridge disable
The bridge disable function can be used to switch off all the MOSFETs as soon as the voltage on pin BD exceeds the bridge disable voltage VBD. The bridge disable function overrules all the other states.
UBA2036TS_1 (c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 30 October 2008
5 of 13
NXP Semiconductors
UBA2036TS
Full bridge control IC for HID automotive lighting
8. Limiting values
Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). All voltages are measured with respect to signal ground (pin 14); positive currents flow into the chip. The voltage ratings are valid provided other ratings are not violated. Symbol General Tamb Tj Tstg Voltages VVDD VHV VSHL voltage on pin VDD voltage on pin HV voltage on pin SHL with respect to PGND and SGND with respect to SGND; maximum pulse time = 1 s VSHR voltage on pin SHR with respect to PGND and SGND with respect to SGND; maximum pulse time = 1 s VFSL VFSR VGHL VGHR VGLL VGLR VPGND VSS(CLK) VDD(CLK) voltage on pin FSL voltage on pin FSR voltage on pin GHL voltage on pin GHR voltage on pin GLL voltage on pin GLR voltage on pin PGND CLK ground supply voltage CLK supply voltage t<1s t<1s with respect to VSS(CLK): DC maximum pulse time = 100 ns VI input voltage DC maximum pulse time = 100 ns pin RC: maximum pulse time = 100 ns SR Currents Rosc oscillator resistance connected between pins VDD and RC 100 k slew rate pins SHL and SHR pin VSS(CLK) 0 17 6 0.5 V V/ns V/s 0 0 0 0 14 17 VVDD 17 V V V V with respect to SHL with respect to SHR DC maximum pulse time = 100 ns 0 0 0 -3 -14 -3 -14 0 0 VSHL VSHR VPGND VPGND 0 0 0 14 17 550 550 550 550 550 14 14 VFSL VFSR VVDD VVDD 5 464 464 V V V V V V V V V V V V V V V V ambient temperature junction temperature storage temperature -40 -40 -55 +125 +150 +150 C C C Parameter Conditions Min Max Unit
pins CLK, SU, BD, and DD; with respect to VSS(CLK):
UBA2036TS_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 30 October 2008
6 of 13
NXP Semiconductors
UBA2036TS
Full bridge control IC for HID automotive lighting
Table 4. Limiting values ...continued In accordance with the Absolute Maximum Rating System (IEC 60134). All voltages are measured with respect to signal ground (pin 14); positive currents flow into the chip. The voltage ratings are valid provided other ratings are not violated. Symbol ESD VESD electrostatic discharge voltage human body model HV, VSS(CLK), VDD(CLK),CLK, FSL, FSR, GHL, GHR, SHL, SHR other pins machine model; all pins charged device model; all pins 900 2 200 500 V kV V V Parameter Conditions Min Max Unit
9. Thermal characteristics
Table 5. Symbol Rth(j-a) Thermal characteristics Parameter thermal resistance from junction to ambient Conditions in free air Typ 100 Unit K/W
10. Characteristics
Table 6. Characteristics Tj = -40 C to 125 C; all voltages are measured with respect to signal ground (pin 14); currents are positive when flowing into the IC, Unless otherwise specified. Symbol High voltage Ileak leakage current pin HV; IHV (VHV = 565 V) - IHV (VHV = 500 V) pin FSL; VFSL = VSHL = VGHL = 564 V pin FSR; VFSR = VSHR = VGHR = 564 V pin VSS(CLK); VSS(CLK) = Vclk = 450 V pin VDD(CLK); VDD(CLK) = Vclk = 464 V Start-up via HV pin II(HV) Vstartup(HV) VUVLO(HV) Vhys VVDD II(VDD) Vstartup(VDD)
UBA2036TS_1
Parameter
Conditions
Min -
Typ 0 0 0 0 0
Max 10 5 5 10 10
Unit A A A A A
input current on pin HV start-up voltage on pin HV undervoltage lockout voltage on pin HV hysteresis voltage voltage on pin VDD input current on pin VDD start-up voltage on pin VDD
VHV = 80 V
11.3 8.6 2
590 13.2 10.7 2.5 12 500 9.0
825 14.7 12.2 3 13.5 800 9.75
A V V V V A V
VHV = 20 V VVDD = 8.25 V
10.5 8.25
Start-up via VDD pin
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 30 October 2008
7 of 13
NXP Semiconductors
UBA2036TS
Full bridge control IC for HID automotive lighting
Table 6. Characteristics ...continued Tj = -40 C to 125 C; all voltages are measured with respect to signal ground (pin 14); currents are positive when flowing into the IC, Unless otherwise specified. Symbol VUVLO(VDD) Vhys Gate drivers Ron on-state resistance GHR and GHL drivers; VFSL = VFSR = 12 V; VSHL = VSHR = 0 V; IGHL = IGHR = -50 mA GLL and GLR drivers; VVDD = 12 V; VPGND = 0 V; IGLL = IGLR = -50 mA Roff off-state resistance GHR and GHL drivers; VFSL = VFSR = 12 V; VSHL = VSHR = 0 V; IGHL = IGHR = 50 mA GLR and GLL drivers; VVDD = 12 V; VPGND = 0 V; IGLL = IGLR = 50 mA IO(source) output source current VFSL = VFSR = VVDD = 12 V; VSHL = VSHR = 0 V; VGHL = VGHR = VGLL = VGLR = 8 V VFSL = VFSR = VVDD = 12 V; VSHL = VSHR = 0 V; VGHL = VGHR = VGLL = VGLR = 8 V current on diode = 1 mA absolute values high side driver VFSL = VFSR = 12 V; VSHL = VSHR = 0 V 20 42 Parameter undervoltage lockout voltage on pin VDD hysteresis voltage Conditions Min 5.75 2 Typ 6.5 2.5 Max 7.25 3 Unit V V
-
20
42
-
12
26
-
12
26
-
200
-
mA
IO(sink)
output sink current
-
200
-
mA
Vd(bs) dV/dt tno VUVLO IFS IFSL/IFSR DD input VIH(DD) VIL(DD) II SU input Vstartup Vhys II CLK input VIH(CLK)
UBA2036TS_1
bootstrap diode voltage rate of change of voltage non-overlap time undervoltage lockout voltage current on pin FS current on pin FSL to current on pin FSR ratio
0.8 5 600 1 0.8
1.0 15 900 4.0 4 -
1.2 25 1300 5.5 7 1.2
V V/s ns V A
HIGH-level input voltage on pin VVDD = 12 V DD LOW-level input voltage on pin DD input current start-up voltage hysteresis voltage input current VVDD = 12 V VVDD = 12 V VVDD = 12 V VVDD = 12 V VVDD = 12 V
6 1 0.9
4.5 0 1.3 100 0 1.6
3 1 1.5 1 2.7
V V A V mV A V
HIGH-level input voltage on pin VSS(CLK) = 0 V; VDD(CLK) = 12 V CLK
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 30 October 2008
8 of 13
NXP Semiconductors
UBA2036TS
Full bridge control IC for HID automotive lighting
Table 6. Characteristics ...continued Tj = -40 C to 125 C; all voltages are measured with respect to signal ground (pin 14); currents are positive when flowing into the IC, Unless otherwise specified. Symbol Vhys II fbridge supply for CLK IDD(CLK) VDD(CLK) BD input VBD II Internal oscillator fosc(int) Kosc internal oscillator frequency oscillator constant VCLK = 0 V; VSS(CLK) = 0 V fbridge = 500 Hz 0.89 0.97 100 1.05 kHz voltage on pin BD input current 1.23 1.29 0 1.35 1 V A CLK supply current CLK supply voltage VSS(CLK) = 0 V; VDD(CLK) = 14 V VSS(CLK) = 0 V 5.75 420 625 14 A V Parameter hysteresis voltage input current bridge frequency VRC = 0 V Conditions VSS(CLK) = 0 V; VDD(CLK) = 12 V Min Typ 100 0 1 200 Max Unit mV A kHz
12 II (pin HV) (A) 8
014aaa634
(1)
(2)
4
(3)
0 0 200 400 VHV (V) 600
(1) Temperature = -25 C (2) Temperature = 25 C (3) Temperature = 125 C
Fig 3.
Typical II (pin HV) when VDD connected to SGND, as function of VHV and temperature
11. Quality information
This product has been qualified to the appropriate Automotive Electronics Council (AEC) standard Q100 and Q101 and is suitable for use in automotive critical applications.
UBA2036TS_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 30 October 2008
9 of 13
NXP Semiconductors
UBA2036TS
Full bridge control IC for HID automotive lighting
12. Package outline
SSOP28: plastic shrink small outline package; 28 leads; body width 5.3 mm SOT341-1
D
E
A X
c y HE vMA
Z 28 15
Q A2 pin 1 index A1 (A 3) Lp L 1 e bp 14 wM detail X A
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 2 A1 0.21 0.05 A2 1.80 1.65 A3 0.25 bp 0.38 0.25 c 0.20 0.09 D (1) 10.4 10.0 E (1) 5.4 5.2 e 0.65 HE 7.9 7.6 L 1.25 Lp 1.03 0.63 Q 0.9 0.7 v 0.2 w 0.13 y 0.1 Z (1) 1.1 0.7 8 o 0
o
Note 1. Plastic or metal protrusions of 0.2 mm maximum per side are not included. OUTLINE VERSION SOT341-1 REFERENCES IEC JEDEC MO-150 JEITA EUROPEAN PROJECTION
ISSUE DATE 99-12-27 03-02-19
Fig 4.
UBA2036TS_1
Package outline SSOP28 (SOT134-1)
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 30 October 2008
10 of 13
NXP Semiconductors
UBA2036TS
Full bridge control IC for HID automotive lighting
13. Revision history
Table 7. Revision history Release date 20081030 Data sheet status Product data sheet Change notice Supersedes Document ID UBA2036TS_1
UBA2036TS_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 30 October 2008
11 of 13
NXP Semiconductors
UBA2036TS
Full bridge control IC for HID automotive lighting
14. Legal information
14.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
14.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Quick reference data -- The Quick reference data is an extract of the product data given in the Limiting values and Characteristics sections of this document, and as such is not complete, exhaustive or legally binding. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights.
14.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental
14.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
15. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
UBA2036TS_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 30 October 2008
12 of 13
NXP Semiconductors
UBA2036TS
Full bridge control IC for HID automotive lighting
16. Contents
1 2 3 4 5 6 6.1 6.2 7 7.1 7.2 7.3 7.4 7.5 7.6 8 9 10 11 12 13 14 14.1 14.2 14.3 14.4 15 16 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 1 Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Pinning information . . . . . . . . . . . . . . . . . . . . . . 3 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 Functional description . . . . . . . . . . . . . . . . . . . 4 Supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . 4 Start-up. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Oscillation state . . . . . . . . . . . . . . . . . . . . . . . . 4 Non-overlap time . . . . . . . . . . . . . . . . . . . . . . . 5 Start-up delay . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Bridge disable . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 6 Thermal characteristics. . . . . . . . . . . . . . . . . . . 7 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Quality information . . . . . . . . . . . . . . . . . . . . . . 9 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 10 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 11 Legal information. . . . . . . . . . . . . . . . . . . . . . . 12 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 12 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Contact information. . . . . . . . . . . . . . . . . . . . . 12 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2008.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 30 October 2008 Document identifier: UBA2036TS_1


▲Up To Search▲   

 
Price & Availability of UBA2036TS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X