Part Number Hot Search : 
ES51C1 TGS2450 220MC KD221K75 54ACT S25VB60 F800B5 DL4734
Product Description
Full Text Search
 

To Download SX12821075 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WIRELESS & SENSING PRODUCTS Description
Transceiver/MCU/ADC System-on-Chip with RISC CPU for Battery-Powered Ultra-Low Power Applications
SX1282
The SX1282 transceiver with embedded CoolRISC(R) MCU, dual 10 and 16-bit ADC and peripherals provides a highly-integrated single-chip acquisition processing and RF solution. With a design which sets state-of-the-art standards in low receiver consumption, dual ISM-band transceiver blocks are combined with a sophisticated ultra low-power 8-bit RISC core plus extensive signal acquisition peripherals to provide a complete system on chip for ISM-band applications. The SX1282 is manufactured in an ultra modern 0.18m process, with the entire radio, CoolRISC MCU, ADCs, peripherals, inductors and filters all integrated on a single die. The circuit is capable of operating down to 1.0V, which makes operation from a single alkaline battery possible. The circuit is enclosed in a 60-pin QFN package of dimensions 7x7mm.
*
Features
* * * Operating voltage down to 1.0V Supply voltage range from 1.0V to 1.6V * Entire circuit can operate on a single AA battery Transceiver Chain * Dual-Band operation, 434 MHz and 868 MHz * Multi-channel, on-chip PLL,12.5 kHz steps * FSK and OOK modulation * Data rate up to 80 kbit/s FSK * Sensitivity of -102 dBm @ 25 kbit/s, FSK, 10-3 BER * Receive current 2.5 mA * Autonomy up to four years from a single AA battery in wireless sensing * Transmit power +10 dBm differential (35 mA supply current) * Integrated RX-TX switch * Super heterodyne architecture * First conversion: IF @ 96 MHz for 868 MHz band * Second conversion: zero IF * HW support for symbol synchronization and clock recovery Power Management * High-current step-up for external EEPROM supply @ 2.7V * Low-current step-up for the supply of the data acquisition chains * POR and brown-out detector * Sophisticated Power Management * Unused blocks are powered down * Standby current down to 4.0uA typical (23A maximum) * Oscillators
*
* Integrated programmable RC oscillator * Start-up and C operation * 12.8 MHz crystal oscillator: * Transceiver operation * Low-power 32 kHz crystal oscillator * A level Time-keeping operation * Analog watchdogs detect crystal oscillator failures Data Acquisition * Pyroelectric acquisition chain * 80 dB PSRR on the full chain * 10 V/LSB * 16 bits ADC, 8 Hz bandwidth * Auxiliary 10 bits ADC * 10k samples/s * Multiple signal sources * Programmable input attenuation * Integrated thermometer function, 2C accuracy Embedded Core * Ultra Low-power * 1.3 mA power consumption at 6.4 MIPS * CoolRISC technology * Energy-efficient RISC architecture * Integrated 8x8 multiplier * Program loads into and executes from RAM * Memory resources * 1 kbytes boot ROM * 22 kbytes Instruction RAM * 1 kbytes data RAM
Applications
* * * * * * * Alarm and security systems Wireless Sensor Networks Home Automation Wireless computer peripherals Telemetry Sports and Leisure Equipment Industrial Sensing
*
Ordering Information
Part Number SX12821075 Package VQFN60
July 2008
1
www.semtech.com


▲Up To Search▲   

 
Price & Availability of SX12821075

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X