Part Number Hot Search : 
LT455W EMK23 BB202LX Z5237 SSF1030D G3U7918 KDZ20 AN591
Product Description
Full Text Search
 

To Download SUD50N04-37P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New Product
SUD50N04-37P
Vishay Siliconix
N-Channel 40-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V) 40 rDS(on) () 0.037 at VGS = 10 V 0.046 at VGS = 4.5 V ID (A)a 8 8 Qg (Typ.) 5.3 nC
FEATURES
* TrenchFET(R) Power MOSFET * 100 % UIS Tested
RoHS
COMPLIANT
APPLICATIONS
* Backlight Inverter for LCD Display * Full Bridge DC/DC Converter
TO-252
D
Drain Connected to Tab G D S
G
Top View Ordering Information: SUD50N04-37P-E3 (Lead (Pb)-free)
S N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS TA = 25 C, unless otherwise noted
Parameter Drain-Source Voltage Gate-Source Voltage TC = 25 C TC = 70 C TA = 25 C TA = 70 C TC = 25 C TA = 25 C L = 0.1 mH TC = 25 C TC = 70 C TA = 25 C TA = 70 C Symbol VDS VGS Limit 40 20 8a 8a 5.4b 4.4b 30 8a 1.6b 7 2.45 10.8 6.9 2.0b 1.3b - 55 to 150 mJ Unit V
Continuous Drain Current (TJ = 150 C)
ID IDM IS IAS EAS
Pulsed Drain Current Continuous Source-Drain Diode Current Single Pulse Avalanche Current Avalanche Energy
A
Maximum Power Dissipation
PD TJ, Tstg
W
Operating Junction and Storage Temperature Range
C
THERMAL RESISTANCE RATINGS
Parameter Maximum Junction-to-Ambientb Maximum Junction-to-Case Notes: a. Package limited. b. Surface mounted on 1" x 1" FR4 board. Document Number: 69732 S-80109-Rev. B, 21-Jan-08 www.vishay.com 1 Steady State Steady State Symbol RthJA RthJC Typical 49 9.4 Maximum 60 11.5 Unit C/W
New Product
SUD50N04-37P
Vishay Siliconix
SPECIFICATIONS TJ = 25 C, unless otherwise noted
Parameter Static Drain-Source Breakdown Voltage VDS Temperature Coefficient VGS(th) Temperature Coefficient Gate-Source Threshold Voltage Gate-Source Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-State Resistancea VDS VDS/TJ VGS(th)/TJ VGS(th) IGSS IDSS ID(on) rDS(on) gfs Ciss Coss Crss Qg Qgs Qgd Rg td(on) tr td(off) tf td(on) tr td(off) tf IS ISM VSD trr Qrr ta tb IF = 2 A, di/dt = 100 A/s, TJ = 25 C IS = 2 A 0.805 19 14 13 6 TC = 25 C VDD = 20 V, RL = 4 ID 5 A, VGEN = 10 V, Rg = 1 VDD = 20 V, RL = 4 ID 5 A, VGEN = 4.5 V, Rg = 1 f = 1 MHz VDS = 20 V, VGS = 10 V, ID = 5 A VDS = 20 V, VGS = 4.5 V, ID = 5 A VDS = 20 V, VGS = 0 V, f = 1 MHz VGS = 0 V, ID = 1 mA ID = 250 A VDS = VGS, ID = 250 A VDS = 0 V, VGS = 20 V VDS = 40 V, VGS = 0 V VDS = 40 V, VGS = 0 V, TJ = 70 C VDS 5 V, VGS = 10 V VGS = 10 V, ID = 5 A VGS = 4.5 V, ID = 4 A VDS = 15 V, ID = 5 A 10 0.0305 0.037 22 640 73 41 11.7 5.3 1.9 1.7 2.2 18 14 14 10 9 11 14 8 30 25 25 20 18 20 25 18 8 30 1.2 30 25 ns 20 9 nC pF 0.037 0.046 1.4 40 44 - 5.5 2.5 100 1 20 V mV/C V nA A A S Symbol Test Conditions Min. Typ. Max. Unit
Forward Transconductancea Dynamicb Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-Source Charge Gate-Drain Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Drain-Source Body Diode Characteristics Continuous Source-Drain Diode Current Pulse Diode Forward Currenta Body Diode Voltage Body Diode Reverse Recovery Time Body Diode Reverse Recovery Charge Reverse Recovery Fall Time Reverse Recovery Rise Time
A V ns nC ns
Notes: a. Pulse test; pulse width 300 s, duty cycle 2 %. b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
www.vishay.com 2
Document Number: 69732 S-80109-Rev. B, 21-Jan-08
New Product
SUD50N04-37P
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
30 VGS = 10 thru 5 V 4V 24 I D - Drain Current (A) I D - Drain Current (A) 4 5
18
3 TC = 25 C 2
12
6 3V 0 0.0
1 TC = 125 C 0 0.5 1.0 1.5 2.0 2.5 0 1 2 3 TC = - 55 C 4 5
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Output Characteristics
0.060 800
Transfer Characteristics
Ciss r DS(on) - On-Resistance () 0.052 C - Capacitance (pF) 640
0.044 VGS = 4.5 V 0.036 VGS = 10 V 0.028
480
320 Coss 160 Crss 0 6 12 18 24 30
0.020 0 6 12 18 24 30
0
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
On-Resistance vs. Drain Current
10 ID = 5 A VGS - Gate-to-Source Voltage (V) 8 r DS(on) - On-Resistance VDS = 20 V 6 VDS = 30 V 4 VDS = 10 V 1.8 ID = 5 A 1.6
Capacitance
VGS = 10 V
1.4 (Normalized) VGS = 4.5 V
1.2
1.0
2
0.8
0 0.0
2.5
5.0
7.5
10.0
12.5
0.6 - 50
- 25
0
25
50
75
100
125
150
Qg - Total Gate Charge (nC)
TJ - Junction Temperature (C)
Gate Charge Document Number: 69732 S-80109-Rev. B, 21-Jan-08
On-Resistance vs. Junction Temperature
www.vishay.com 3
New Product
SUD50N04-37P
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
100 TJ = 150 C r DS(on) - On-Resistance () 10 I S - Source Current (A) TJ = 25 C 1 0.16 0.20 ID = 5 A
0.12
0.1
0.08 TA = 125 C 0.04 TA = 25 C
0.01
0.001 0.0
0 0.2 0.4 0.6 0.8 1.0 1.2 0 2 4 6 8 10 VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Source-Drain Diode Forward Voltage
0.4 100
On-Resistance vs. Gate-to-Source Voltage
0.2 V GS(th) Variance (V) ID = 5 mA
ID = 250 A
80
0.0
Power (W) - 25 0 25 50 75 100 125 150
60
- 0.2
40
- 0.4 20
- 0.6
- 0.8 - 50
0 0.0001
0.001
0.01
0.1 Time (s)
1
10
TJ - Temperature (C)
Threshold Voltage
100 100
Single Pulse Power, Junction-to-Ambient
80 10 I D - Drain Current (A) Power (W)
Limited by rDS(on)* 100 s 1 1 ms 10 ms 100 ms 0.1 10 s DC TA = 25 C Single Pulse
60
40
20
0 0.0001 0.001 0.01 Time (s) 0.1 1
0.01 0.01
0.1
1
10
100
Single Pulse Power, Junction-to-Case
VDS - Drain-to-Source Voltage (V) * VGS > minimum VGS at which rDS(on) is specified
Safe Operating Area, Junction-to-Ambient www.vishay.com 4 Document Number: 69732 S-80109-Rev. B, 21-Jan-08
New Product
SUD50N04-37P
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
100 7
Limited by rDS(on)* I D - Drain Current (A) I D - Drain Current (A) 10 100 s
5
4
1
1 ms 10 ms 100 ms, DC
3
0.1 TC = 25 C Single Pulse 0.01 0.01
1
0 0.1 1 10 100 0 25 50 75 100 125 150 VDS - Drain-to-Source Voltage (V) * VGS > minimum VGS at which rDS(on) is specified
TA - Ambient Temperature (C)
Safe Operating Area, Junction-to-Case
15 2.5
Current Derating*, Junction-to-Ambient
12 I D - Drain Current (A)
2.0
6
Power (W) 75 100 125 150
9
Package Limited
1.5
1.0
3
0.5
0 0 25 50
0.0 0 25 50 75 100 125 150
TC - Case Temperature (C)
TA - Ambient Temperature (C)
Current Derating*, Junction-to-Case
15
Power Derating*, Junction-to-Ambient
12
Power (W)
9
6
3
* The power dissipation PD is based on TJ(max) = 175 C, using
0 0 25 50 75 100 125 150
junction-to-case thermal resistance, and is more useful in settling the upper dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package limit. www.vishay.com 5
TC - Case Temperature (C)
Power Derating*, Junction-to-Case Document Number: 69732 S-80109-Rev. B, 21-Jan-08
New Product
SUD50N04-37P
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance
0.2 0.1 0.1 0.05 0.02
PDM t1 t2 1. Duty Cycle, D = t1 t2 Notes:
2. Per Unit Base = RthJA = 60 C/W
0.01 10 -4
Single Pulse 10 -3 10 -2 10 -1 1 Square Wave Pulse Duration (s) 10
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
100
1000
Normalized Thermal Transient Impedance, Junction-to-Ambient
1 Duty Cycle = 0.5
Normalized Effective Transient Thermal Impedance
0.2 0.1 0.05 0.02 Single Pulse
0.1
0.01 10 -4 10 -3 10 -2 10 -1 Square Wave Pulse Duration (s) 1 10
Normalized Thermal Transient Impedance, Junction-to-Case
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?69732.
www.vishay.com 6
Document Number: 69732 S-80109-Rev. B, 21-Jan-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SUD50N04-37P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X