Part Number Hot Search : 
10012 1N3701B GM195 1060C XXXGP 74HCT251 NCE3407 BLU0201
Product Description
Full Text Search
 

To Download STC9015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STC9015
PNP Silicon Transistor
Low Frequency Amplifier
* Collector-Base Voltage : VCBO= -60V * Complement to STC9014 * Suffix "-C" means Center Collector (1. Emitter 2. Collector 3. Base)
1
TO-92
1. Emitter 2. Collector 3.Base
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings Ta=25C unless otherwise noted
Symbol VCBO VCEO VEBO IC PC TJ TSTG Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Junction Temperature Storage Temperature Ratings -60 -50 -5 -150 250 150 -55 ~ 150 Units V V V mA mW C C
Electrical Characteristics Ta=25C unless otherwise noted
Symbol BVCBO BVCEO BVEBO ICBO IEBO hFE VCE (sat) VBE (on) fT Cob NF Parameter Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter On Voltage Current Gain Bandwidth Product Output Capacitance Noise Figure Test Condition IC= -100A, IE=0 IC= -10mA. IB=0 IE = -10A. IC=0 VCB= --60V, IE=0 VEB= -5V, IC=0 VCE= -6V, IC= -1mA IC= -100mA, IB= -10mA VCE= -6V, IC= -1mA VCE= -6V, IC= -10mA VCB= -10V, IE = 0, f=1MHz VCE= -6V, IC= -0.3mA f=1MHz, Rs=10k -0.50 50 40 -0.18 -0.62 180 2.8 6.0 20 Min. -60 -50 -5 -100 -100 700 -0.3 -0.80 V V MHz pF dB Typ. Max. Units V V V nA nA
hFE Classification
Classification hFE A 40 ~ 140 B 120 ~ 240 C 200 ~ 400 D 350 ~ 700
1/2
Typical Characteristics
STC9015
-50 -45
1000
VCE = -6V IB = -400A
IC[mA], COLLECTOR CURRENT
-40 -35 -30 -25
IB = -300A IB = -250A IB = -200A
hFE, DC CURRENT GAIN
IB = -350A
100
-20
IB = -150A
-15 -10 -5 0 0 -2 -4 -6 -8 -10 -12 -14 -16 -18 -20
10
IB = -100A IB = -50A
1 -0.1
-1
-10
-100
VCE[V], COLLECTOR-EMITTER VOLTAGE
IC[mA], COLLECTOR CURRENT
Figure 1. Static Characteristic
Figure 2. DC current Gain
VBE(sat), VCE(sat)[V], SATURATION VOLTAGE
-10
-100
IC = 10 IB
VCE = -6V
IC[mA], COLLECTOR CURRENT
-1
V BE(sat)
-10
-0.1
-1
V CE(sat)
-0.01 -1 -10 -100 -1000
-0.1 0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
IC[mA], COLLECTOR CURRENT
VBE[V], BASE-EMITTER VOLTAGE
Figure 3. Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
fT[MHz], CURRENT GAIN-BANDWIDTH PRODUCT
1000
IE = 0 f = 1MHz
VCE = -6V
Cob [pF], CAPACITANCE
10
100
1 -1 -10 -100
10 -1 -10
VCB [V], COLLECTOR-BASE VOLTAGE
IC[mA], COLLECTOR CURRENT
Figure 5. Collector Output Capacitance
Figure 6. Current Gain Bandwidth Product
2/2


▲Up To Search▲   

 
Price & Availability of STC9015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X