Part Number Hot Search : 
MM3S0520 0200CT CP150 F71883 RT6N430C 15DAF1 100CL NTX2N67
Product Description
Full Text Search
 

To Download SIH0901-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: frontierusa.com
CCFL Inverter Transformer--SIH0901-01
A. Electrical specification:
Part No.
SIH0901-01
Mark
SIH0901-01
Suitable Frequency
40KHz~200KHz
Max. Open Voltage
1600 V rms.
Max. Lamp Watt.
3W
Efficiency
78%
B. Schematics and Mechanical dimensions: (Unit: mm)
35.0 0.30 30.55 0.30
7
Top view
6
8.5
1
8
1
P1
EPOXY MARKING: SIH0901-01
FEC xxxx
5.0 Max
4 2
0.2
6
S1
33.0 Typ.
P2
7
1.0 Typ.
8 7.5 0.3
1
5
Turn Ratio: P1 : P2 : Sec. = 1 : 1 : 162.5
1.45 0.15 0.40
7
Bottom view
6
C. Electrical Data:
Winding
P1 P2 S1
Start
4 5 6
Finish
1 2 7
L (@ 100KHz, 1.0V)
16 uH 25 % 16 uH 25 % 430 mH 25 %
DCR (@25C)
0.230 Max. 0.230 Max. 1.230 Max.
D. Insulation:
Term
Hi-Pot Isolation
Item
Primary to Secondary Secondary to Core Primary to Secondary Secondary to Core
Spec.
500 VAC / 1 Minute 1500 VAC / 1 Minute 100 MOHM Min.
Condition
@Cut off current=5mA @ 500 VDC
E. Features:
* * * * Low profile height: Maximum 5.0mm. High efficiency. Surface mount. Suitable for standard IR re-flows soldering.
F. Uses:
* Black Light power supplies transformer available * Personal Computer.
Note: RoHS compliant; for the ROHS parts, we add "-LFR" at the end of the P/N.
CCFL Inverter Transformer: P/N SIH0901-01 Rev. A Mar. 05, 2005. Page: 1 of 1


▲Up To Search▲   

 
Price & Availability of SIH0901-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X