Part Number Hot Search : 
25FS406 T26M100J 2415S 2SA16 N5844 SI3991DV TL081AMD AOZ8234
Product Description
Full Text Search
 

To Download SFH600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SFH600
Vishay Semiconductors
Optocoupler, Phototransistor Output, with Base Connection
FEATURES
* Isolation test voltage (1.0 s), 5300 VRMS
A C NC
i179004
1 2 3
6B 5C 4E
* VCEsat = 0.25 ( 0.4) V, IF = 10 mA, IC = 2.5 mA * Built to conform to VDE requirements * High quality premium device * Long term stability * Storage temperature, - 55 C to + 150 C * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
DESCRIPTION
The SFH600 is an optocoupler with a GaAs LED emitter which is optically coupled with a silicon planar phototransistor detector. The component is packaged in a plastic plug-in case, 20 AB DIN 41866. The coupler transmits signals between two electrically isolated circuits. The potential difference between the circuits to be coupled should not exceed the maximum permissible insulating voltage.
AGENCY APPROVALS
* UL1577, file no. E52744 system code H or J, double protection * DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 pending available with option 1 * CSA 93751 * BSI IEC 60950; IEC 60065
ORDER INFORMATION
PART SFH600-0 SFH600-1 SFH600-2 SFH600-3 SFH600-0X007 SFH600-1X007 SFH600-1X009 SFH600-2X006 SFH600-2X007 SFH600-3X006 SFH600-3X007 Note For additional information on the available options refer to option information. REMARKS CTR 40 to 80 %, DIP-6 CTR 63 to 125 %, DIP-6 CTR 100 to 200 %, DIP-6 CTR 160 to 320 %, DIP-6 CTR 40 to 80 %, SMD-6 (option 7) CTR 63 to 125 %, SMD-6 (option 7) CTR 63 to 125 %, SMD-6 (option 9) CTR 100 to 200 %, DIP-6 400 mil (option 6) CTR 100 to 200 %, SMD-6 (option 7) CTR 160 to 320 %, DIP-6 400 mil (option 6) CTR 160 to 320 %, SMD-6 (option 7)
ABSOLUTE MAXIMUM RATINGS
PARAMETER INPUT Reverse voltage DC forward current Surge forward current Total power dissipation OUTPUT Collector emitter voltage Emitter base voltage Collector current Power dissipation Document Number: 83662 Rev. 1.5, 10-Jan-08
(1)
TEST CONDITION
SYMBOL VR IF
VALUE 6.0 60 2.5 100 70 7.0 50 100 150
UNIT V mA A mW V V mA mA mW www.vishay.com 1
tP 10 s
IFSM Pdiss VCE VEB IC
t = 1.0 ms
IC Pdiss
For technical questions, contact: optocoupler.answers@vishay.com
SFH600
Vishay Semiconductors Optocoupler, Phototransistor Output,
with Base Connection
ABSOLUTE MAXIMUM RATINGS
PARAMETER COUPLER Isolation test voltage between emitter and detector, refer to climate DIN 40046, part 2, Nov. 74 Creepage distance Clearance distance Isolation thickness between emitter and detector Comparative tracking index per DIN IEC 112/VDE 0303, part 1 Isolation resistance Storage temperature range Ambient temperature range Junction temperature Soldering temperature (2) max. 10 s, dip soldering max. 10 s, dip soldering: distance to seating plane 1.5 mm VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C RIO RIO Tstg Tamb Tj Tsld t = 1.0 s VISO 5300 7 7 0.4 175 1012 1011 - 55 to + 150 - 55 to + 100 100 260 C C C C VRMS mm mm mm
(1)
TEST CONDITION
SYMBOL
VALUE
UNIT
Notes (1) T amb = 25 C, unless otherwise specified. Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for extended periods of the time can adversely affect reliability. (2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through hole devices (DIP).
ELECTRICAL CHARACTERISTICS
PARAMETER INPUT Forward voltage Breakdown voltage Reverse current Capacitance Thermal resistance OUTPUT Collector emitter capacitance Collector base capacitance Emitter base capacitance Thermal resistance SFH600-0 Collector emitter leakage current COUPLER Saturation voltage collector emitter voltage Capacitance (input to output) IF = 10 mA, IC = 2.5 mA VCEsat CIO 0.25 0.4 0.6 V pF VCE = 10 V SFH600-1 SFH600-2 SFH600-3 f = 1.0 mHz, VCE = 5.0 V f = 1.0 mHz, VCB = 5.0 V f = 1.0 mHz, VEB = 5.0 V CCE CCB CEB Rthja ICEO ICEO ICEO ICEO 5.2 6.5 9.5 500 2.0 2.0 2.0 5.0 35 35 35 70 pF pF pF K/W nA nA nA nA IF = 60 mA IR = 10 A VR = 6.0 V VF = 0 V, f = 1 MHz VF VBR IR CO Rthja 6.0 0.01 25 750 10 1.25 1.65 V V A pF K/W TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT
Note Tamb = 25 C, unless otherwise specified. Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
www.vishay.com 2
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83662 Rev. 1.5, 10-Jan-08
SFH600
Optocoupler, Phototransistor Output, Vishay Semiconductors with Base Connection
CURRENT TRANSFER RATIO
PARAMETER TEST CONDITION PART SFH600-0 IF = 10 mA IC/IF at VCE = 5.0 V IF = 1.0 mA SFH600-1 SFH600-2 SFH600-3 SFH600-0 SFH600-1 SFH600-2 SFH600-3 SYMBOL CTR CTR CTR CTR CTR CTR CTR CTR MIN 40 63 100 160 13 22 34 56 30 45 70 90 TYP. MAX 80 125 200 320 UNIT % % % % % % % %
SWITCHING CHARACTERISTICS
PARAMETER NON-SATURATED Current Rise time Fall time Turn-on time Turn-off time Cut-off frequency SATURATED SFH600-0 Current SFH600-1 SFH600-2 SFH600-3 SFH600-0 Rise time SFH600-1 SFH600-2 SFH600-3 SFH600-0 Fall time SFH600-1 SFH600-2 SFH600-3 SFH600-0 Turn-on time SFH600-1 SFH600-2 SFH600-3 SFH600-0 Turn-off time SFH600-1 SFH600-2 SFH600-3 IF IF IF IF tr tr tr tr tf tf tf tf ton ton ton ton toff toff toff toff 20 10 10 5.0 2.5 3.0 3.0 4.0 11 12 12 14 3.7 4.5 4.5 5.8 19 21 21 24 mA mA mA mA s s s s s s s s s s s s s s s s VCC = 5.0 V, RL = 75 VCC = 5.0 V, RL = 75 VCC = 5.0 V, RL = 75 VCC = 5.0 V, RL = 75 VCC = 5.0 V, RL = 75 VCC = 5.0 V, RL = 75 IF tr tf ton toff FCO 10 2.0 2.5 3.2 3.0 250 mA s s s s kHz TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT
Document Number: 83662 Rev. 1.5, 10-Jan-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 3
SFH600
Vishay Semiconductors Optocoupler, Phototransistor Output,
with Base Connection
TYPICAL CHARACTERISTICS
Tamb = 25 C, unless otherwise specified
% 103 IF R L = 75 IC V CC = 5 V IC IF 5
(TA = 0 C, VCE = 5.0 V) IC/IF = f (IF)
102 5
0 1 2 3
47
iSFH600_01
101 5
100 10-1
iSFH600_04
5
100
IF
5
101 mA
Fig. 1 - Linear Operation (Without Saturation)
Fig. 4 - Current Transfer Ratio vs. Diode Current
% 103 IF 1 k VCC = 5 V IC IF 5
(VCE = 5.0 V) IC/IF = f (IF)
102 5
0 1 2 3
47
iSFH600_02
101 5
100 10-1
iSFH600_05
5
100
IF
5
101 mA
Fig. 2 - Switching Operation (With Saturation)
Fig. 5 - Current Transfer Ratio vs. Diode Current
% 103 IC IF 5
(TA = - 25 C, VCE = 5.0 V) IC/IF = f (IF)
% 103 IC IF 5
(TA = 50 C, IC/IF = f (IF)
102 5
0 1 2 3
102 5
0 1 2 3
101 5
101 5
100 10-1
iSFH600_03
5
100
IF
5
101 mA
100 10-1
iSFH600_06
5
100
IF
5
101 mA
Fig. 3 - Current Transfer Ratio vs. Diode Current
Fig. 6 - Current Transfer Ratio vs. Diode Current
www.vishay.com 4
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83662 Rev. 1.5, 10-Jan-08
SFH600
Optocoupler, Phototransistor Output, Vishay Semiconductors with Base Connection
% 103 IC IF 5
(TA = 75 C, VCE = 5.0 V) IC/IF = f (lF)
OHODO504
40 Ic 30
OHODO498
DC Pulsbetrieb Pulse (IC = f (VCE) IF = 14 mA IF = 12 mA IF = 10 mA IF = 7 mA
102 5
3 2 1 0
20
101 5
DC Pulsbetrieb Pulse
10
IF = 1 mA
IF = 5 mA IF = 2 mA
100 10-1
iSFH600_07
0 5 100 IF 5 mA 101
0
5
10 VCE
15 V
iSFH600_10
Fig. 7 - Current Transfer Ratio vs. Diode Current
Fig. 10 - Output Characteristics SFH600-2, -3
% 103 IC IF 5
3 2
OHODO501
DC Pulsbetrieb Pulse
1.2 VF V
VF = f (IF) 25 C 50 C 75 C
1.1
102 5
1 0
1.0
(IF = 10 mA, VCE = 5.0 V) IC/IF = f (T)
101 - 25
iSFH600_08
0
25 TA
50
C 75
0.9
10-1
5
100
5
101
iSFH600_11
5 mA IF
102
Fig. 8 - Current Transfer Ratio (CTR) vs. Temperature Fig. 11 - Forward Voltage
30 Ic mA 25 20 15 10 5 0
OHODO497
DC Pulsbetrieb Pulse (IC = f (VCE) IF = 0
IB = 40 A IB = 30 A
100 ICEO A
VCE = 35 V ICEO = f (V,T) (IF = 0)
10-1
IB = 20 A IB = 15 A IB = 10 A IB = 5 A IB = 2 A
10-2
VCE = 12 V
0
5
10
iSFH600_09
V VCE
15
10-3
0
25
50
iSFH600_12
75 C TA
100
Fig. 9 - Transistor Characteristics SFH600-2, -3 Fig. 12 - Collector Emitter Off-state Current
Document Number: 83662 Rev. 1.5, 10-Jan-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 5
SFH600
Vishay Semiconductors Optocoupler, Phototransistor Output,
with Base Connection
1.0 VCE sat 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 100
iSFH600_13
VCEsat = f (IC)
V 1.0 VCE sat 0.9
IF = 3 x IC
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0
VCEsat = f (IC)
IF = IC
IF = 2 x IC IF = 3 x IC
5
101
IC
5
102 mA
100
101
iSFH600_16
IC
102 mA
Fig. 13 - Saturation Voltage vs. Collector Current and Modulation Depth SFH600-0
Fig. 16 - Saturation Voltage vs. Collector Current and Modulation Depth SFH600-3
1.0 V VCE sat 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 100
iSFH600_14
V 1.0
VCEsat = f (IC)
VCE sat 0.9 0.8 0.7 0.6
VCEsat = f (IC)
IF = 2 x IC IF = 3 x IC
0.5 0.4 0.3 0.2 0.1 0
IF = IC
IF = 2 x IC IF = 3 x IC
101
IC
mA
102
100
101
iSFH600_16
IC
102 mA
Fig. 14 - Saturation Voltage vs. Collector Current and Modulation Depth SFH600-1
Fig. 17 - Permissible Pulse Load
V 1.0 VCE sat 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 100
IF = 2 x IC IF = 3 x IC VCEsat = f (IC) IF = IC
200 Ptot mW 150
Ptot = f (TA)
Transistor
100
Diode
50
101
iSFH600_15
IC
102 mA
0 0
iSFH600_18
25
50
75
TA
C 100
Fig. 15 - Saturation Voltage vs. Collector Current and Modulation Depth SFH600-2
Fig. 18 - Permissible Power Dissipation for Transistor and Diode
www.vishay.com 6
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83662 Rev. 1.5, 10-Jan-08
SFH600
Optocoupler, Phototransistor Output, Vishay Semiconductors with Base Connection
120 mA 90 24 pF 20 18 C 16 14 12 10 8 6 4 2 0 75 TA C 100
IF
Ptot = f (TA)
C = f (VO) (f = 1.0 MHz)
60
CEB CCB CCF
30
0 0
iSFH600_19
25
50
10-2
10-1
100 Ve
101
V
102
iSFH600_20
Fig. 19 - Permissible Forward Current Diode
Fig. 20 - Transistor Capacitance
PACKAGE DIMENSIONS in inches (millimeters)
3 2 1 Pin one ID
0.248 (6.30) 0.256 (6.50)
4
5
6
ISO method A
0.335 (8.50) 0.343 (8.70) 0.039 (1.00) min. 0.048 (0.45) 0.300 (7.62) typ.
0.022 (0.55) 0.130 (3.30) 0.150 (3.81)
4 typ. 0.031 (0.80) min. 0.031 (0.80) 0.018 (0.45) 0.022 (0.55) 0.100 (2.54) typ.
i178004
18 0.114 (2.90) 0.130 (3.0) 3 to 9 0.010 (0.25) typ. 0.300 to 0.347 (7.62 to 8.81)
0.035 (0.90)
Option 6
0.407 (10.36) 0.391 (9.96) 0.307 (7.8) 0.291 (7.4) 0.028 (0.7) min.
Option 7
0.300 (7.62) typ.
Option 9
0.375 (9.53) 0.395 (10.03 ) 0.300 (7.62) ref. 0.180 (4.6) 0.160 (4.1) 0.0040 (0.102) 0.0098 (0.249) 0.020 (0.51 ) 0.040 (1.02 ) 0.315 (8.00) min.
18450
0.315 (8.0) min. 0.014 (0.35) 0.010 (0.25) 0.400 (10.16) 0.430 (10.92) 0.331 (8.4) min. 0.406 (10.3) max.
0.012 (0.30 ) typ.
15 max.
Document Number: 83662 Rev. 1.5, 10-Jan-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 7
SFH600
Vishay Semiconductors Optocoupler, Phototransistor Output,
with Base Connection
OZONE DEPLETING SUBSTANCES POLICY STATEMENT
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively. 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA. 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 8
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83662 Rev. 1.5, 10-Jan-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SFH600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X