Part Number Hot Search : 
BR810 P11A1 P5KE45A D74HC ST751850 D74HC 0J101 STM8402
Product Description
Full Text Search
 

To Download SB150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P re lim in ary Da t a S he et
SB120
THRU
SB1100
1.0AMP. Schottky Barrier Rectifier
VOLTAGE:20 TO 100V
CURRENT:1.0A
AXIAL LEAD DO-41
Specification Features:
Case: Epoxy, Molded Weight: 0.4Gram (Approximately) High current capability,Low Forward Voltage Drop High surge current capability Finish: All External Surfaces Corrosion Resistant And Terminal Leads Are Readily Solderable Lead And Mounting Surface Temperature For Soldering Purposed: 260 Max. For 10 Seconds 1/16 Inch From Case RoHS Compliant Cathode Indicated By Polarity Band
DEVICE MARKING DIAGRAM
SB1XX : Device Name SB120~ SB1100 KEL : KEL Logo
Absolute Maximum Ratings
Parameter Maximum Repetitive Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectifier Current. (0.375" Lead Length @ TA=75) Non-repetitive Peak Forward Surge Current. (8.3mS Single Half Sine-wave) Operating Junction and Storage Temperature Range Thermal Resistance (Junction to Ambient) (Note 1)
TA = 25C unless otherwise noted SB SB SB Symbol 120 130 140 VRRM VR IF(AV) IFSM TJ, TSTG RJA 20 20 30 30 40 40
SB 150 50 50 1.0 30 -65 to +125 80
SB 160 60 60
SB1XX KEL
SB 180 80 80
SB 1100 100 100
Units V V A A C C/W
Electrical Characteristics
Parameter
TA = 25C unless otherwise noted Symbol SB 120 SB 130 SB 140 SB 150 1.0 10.0 SB 160 SB 180 SB 1100 Units
Maximum D.C Reverse Current At Rated D.C Blocking Voltage @ TA=25 @ TA=100 Forward Voltage @1A Total Capacitance @VR=4V, f=1MHz
IR
mA
VF
0.500
0.700
0.850
V
CT
110
pF
NOTE:
(1) Thermal resistance from junction to ambient at 0.375" lead length, vertical P.C. board mounted
Apr. 2008 Release / Orig Page 1
SB120 through SB1100 Series
P re lim in ary Da t a S he et Package Outline
Package Case Outline
D A
C
B
DO-41 DIM
Min
DO-41 Millimeters
Max Min
Inches
Max
A B C D
0.69 4.20
0.90 5.20
0.027 0.166
0.034 0.205
25.40 2.00
--2.70
1.000 0.080
--0.107
Apr. 2008 Release / Orig Page 2


▲Up To Search▲   

 
Price & Availability of SB150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X