Part Number Hot Search : 
YBBND TSH82IDT D1005 CY7C960 H1138T UN2113 2412E ICS502
Product Description
Full Text Search
 

To Download S103Z63Y5VS83K7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EMI/RFI Y2-DN
Vishay BCcomponents
Ceramic Disc Capacitors Safety, Class X1/Y2 400/250 V (AC) Series DN
FEATURES
D D
* Complying with "EN 132 400" and "IEC 60384-14, 2nd edition, including amendment 1.1995" * High reliability * Kinked (preferred) or straight leads
e3
RoHS
COMPLIANT
tangent line
* Lead (Pb)-free available
SH
APPLICATIONS
* Across-the-line * Line by-pass * Antenna coupling
F
F
DESIGN
The capacitors consist of a ceramic disc both sides of which are silver-plated. Connection leads are made of tinned copper having a diameter of 0.6 mm or 0.8 mm. The capacitors may be supplied with kinked or straight leads having a lead spacing of 7.5 mm (0.300") or 10 mm (0.400") and a lead length from 4 to 30 mm. The standard tolerance on capacitance is 10 % for U2M, Y5P material, 20 % for Z5U, Y5U material and - 20/+ 80 % for Y5V. Encapsulation is made of flammable resistant epoxy resin in accordance with "UL94V-0".
Capacitors with 7.5 mm (0.30")10 mm (0.40") lead spacing
INSULATION RESISTANCE AT 500 V (DC):
10 000 M
TOLERANCE ON CAPACITANCE:
10 %; 20 %; - 20/+ 80 %
DISSIPATION FACTOR:
at 1 kHz; 1 V (RMS); 2.5 % max
CAPACITANCE RANGE:
at 1 kHz, 1 V (RMS); 10 to 10 000 pF
TEMPERATURE COEFFICIENTS:
U2M; Y5P; Z5U; Y5U; Y5V
RATED VOLTAGE UR:
(X1): 400 V (AC), 50 Hz (IEC 60384-14.2) (Y2): 250 V (AC), 50 Hz (IEC 60384-14.2)
APPROVALS:
ENEC, UL, CSA
DIELECTRIC STRENGTH BETWEEN LEADS:
Component test: 2500 V (AC), 50 Hz, 2 seconds As repeated test admissible only once with: 2250 V (AC), 50 Hz, 2 seconds Random sampling test (destructive test): 2500 V (AC), 50 Hz, 60 seconds
CLIMATIC CATEGORY:
25/125/56 or 25/85/21
OPERATING TEMPERATURE RANGE:
- 30 to + 125 C
MARKING
Marking indicates capacitance value and tolerance in accordance with "EIA 198", voltage and approval marks.
DIELECTRIC STRENGTH OF BODY INSULATION:
2500 V (AC), 50 Hz, 60 seconds (destructive test)
The capacitors meet the essential requirements of "EIA 198". Unless stated otherwise all electrical values apply at an ambient temperature of 25 3 C, at normal atmospheric conditions.
Document Number: 28518 Revision: 12-Dec-06
For technical questions, contact: CDC@vishay.com
www.vishay.com 78
EMI/RFI Y2-DN
Vishay BCcomponents
Ceramic Disc Capacitors Safety, Class X1/Y2 400/250 V (AC) Series DN
CLEAR TEXT CODE C (pF) TOL. (%) Dmax (mm) LEAD SPACING F (mm) SH(2) (mm) 13th DIGIT: T = REEL; U = AMMO; 3 = BULK(3) 16th DIGIT: R = RoHS COMPLIANT S100K25U2MS6.K7. S150K25U2MS6.K7. S220K25U2MS6.K7. S330K25U2MS6.K7. S470K29U2MS6.K7. S680K33U2MS6.K7. S101K33Y5PS6.K7. S151K33Y5PS6.K7. S221K33Y5PS6.K7. S331K33Y5PS6.K7. S471K33Y5PS6.K7. S681K39Y5PS6.K7. S102K43Y5PS6.K7. S102M33Z5US6.K7. S152M39Z5US6.K7. S222M43Z5US6.K7. S332M53Z5US6.K7. S392M53Z5US6.K7. S472M59Z5US63K7. S682M69Z5US83K0. S103M84Z5US83K0. S102M29Y5US6.K7. S152M33Y5US6.K7. S222M39Y5US6.K7. S332M47Y5US6.K7. S392M53Y5US6.K7. S472M53Y5US6.K7. S222Z33Y5VS6.K7. S472Z47Y5VS6.K7. S103Z63Y5VS83K7.
ORDERING INFORMATION 250 V (AC)
U2M 10 15 22 33 47 68 Y5P 100 150 220 330 470 680 1000 Z5U 1000 1500 2200 3300 20 3900 4700 6800 10 000 Y5U 1000 1500 2200 20 3300 3900 4700 Y5V 2200 - 20/+ 80 4700 10 000 Notes 1. Maximum thickness 6.0 mm 2. SH = seated height 3. Straight leads are available on request 8.5 10.0 11.0 13.5 15.0 17.5 21.5 7.5 8.5 10.0 12.0 13.5 8.5 12.0 16.0 6.5 10 7.5 8.5 7.5 4.0
8.5 10 10.0 11.0 7.5 4.0
7.5 4.0
10
7.5
4.0
7.5
4.0
PACKAGING
Dmax (mm) 8.5 (0.33") 10.0 (0.39") 11.0 (0.43") 12.0 (0.47") 13.5 (0.53") 15.0 (0.59") 17.5 (0.69") 19.0 (0.75") 21.5 (0.84") SIZE CODE 33 39 43 47 53 59 69 75 84 BULK 1000 PACKAGING QUANTITIES REEL AMMO
1000
1000
500 -
250 Note 1. The capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel or in ammopack www.vishay.com 79 For technical questions, contact: CDC@vishay.com Document Number: 28518 Revision: 12-Dec-06
EMI/RFI Y2-DN
Ceramic Disc Capacitors Sarfety, Class X1/Y2 400/250 V (AC) Series DN
D P2 P s P s P h h
Vishay BCcomponents
H1 W2 H0 L W1 W0 W A
e direction of unreeling d P1 F P0 t1 detail A t D0
Kinked capacitors on tape, lead spacing 7.5 mm (0.30")
DIMENSIONS OF TAPE
SYMBOL D d P P0 P P1 P2 F h W W0 W1 W2 H0 H1 e L D0 t t1 PARAMETER NOMINAL body diameter lead diameter pitch between capacitors feed-hole pitch plane deviation feed-hole centre to lead centre feed-hole centre to component centre lead spacing component alignment tape width hold-down tape width hole position hold-down tape margin height to seating plane maximum component height lead end protrusion maximum length of snipped lead feed-hole diameter total tape thickness maximum thickness of tape and wires 14.0 max. 0.6 15 15 1.0 max. 3.75 7.5 7.5 0 18.0 5.0 min. 9.0 3.0 max. 16.0 40 1.0 max. 11.0 4.0 0.9 max. 1.5 max. DIMENSIONS (mm) TOLERANCE 0.05 1.0 0.3; note 1 0.7; note 2 1.3; note 2 + 0.6/- 0.4 1.0 + 1.0 - 0.5 + 0.75 - 0.5 0.5 0.2 - -
Notes 1. Cumulative pitch error: 1 mm/20 pitches 2. Obliquity maximum 3
Document Number: 28518 Revision: 12-Dec-06
For technical questions, contact: CDC@vishay.com
www.vishay.com 80
EMI/RFI Y2-DN
Vishay BCcomponents
Ceramic Disc Capacitors Safety, Class X1/Y2 400/250 V (AC) Series DN
REEL AND TAPE DATA in millimeters
355.6 2.0
28 1.5
Reel with capacitors on tape
330
350 55
Ammopack with capacitors on tape
www.vishay.com 81
For technical questions, contact: CDC@vishay.com
Document Number: 28518 Revision: 12-Dec-06
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of S103Z63Y5VS83K7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X