Part Number Hot Search : 
SP4446EK MC33207 00250 7533C ATS03 M1A200 2SC2716 TDA7264
Product Description
Full Text Search
 

To Download RCA13B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RCA JACKS
Adam Technologies, Inc.
INTRODUCTION: Adam Tech RCA Series RCA jacks are a popular choice for audio and visual output in electronic equipment applications. Adam Tech offers a multitude of RCA jacks intended to satisfy most audio and visual applications. This series offers choices of panel, PCB, and chassis mounting in single, dual, stacked and color coded versions with a number of shell plating options. Adam Tech RCA jacks are precision engineered to provide intermatability and balance to a broad range of industry standard plugs. Manufactured with high quality UL94V-O ABS these jacks are an excellent choice for most audio and visual applications. FEATURES: Wide range of colors Multiple port versions Various body styles Industry Standard compatibility MATING PLUGS: All industry standard RCA plugs. SPECIFICATIONS: Material: Standard insulator: ABS or PBT glass filled, rated UL94-HB Optional Hi-Temp insulator: Nylon 6T, rated UL94V-0 Insulator Colors: Red, Black, Yellow, White Bushing: Brass, Nickel plated, (Gold optional) Contacts: Brass Contact Plating: Tin or Silver over copper underplate Electrical: Operating voltage: 12V DC max. Current rating: 1 Amp max. Contact resistance: 30 m max. initial Insulation resistance: 100 M min. Dielectric withstanding voltage: 500V AC for 1 minute Mechanical: Insertion force: 6.6 lbs max. Withdrawal force: 1.7 lbs min Mating durability: 5000 cycles min. Temperature Rating: Operating temperature: -25C to +80C Soldering process temperature: Standard insulator: 235C Hi-Temp insulator: 260C PACKAGING: Anti-ESD plastic bags APPROVALS AND CERTIFICATIONS: UL Recognized File No. E224053 CSA Certified File No. LR1578596
SINGLE, GANGED & STACKED
RCA SERIES
ORDERING INFORMATION RCA 2 3 B
SERIES INDICATOR RCA = RCA Jack
BODY STYLE 1 thru 11
COLOR B = Black R = Red W = White Y = Yellow Ganged: X/X = Left / Right Color X/X/X = Left / Center / Right Color
CIRCUIT TYPE 1 thru 4 See detail on drawing pages
Pb
UL
(R)
(R)
(R)
E DCOMPLIANT
2002 / 95 / EC
RoHS V
HI-TEMP
INSULATOR
AVA I L A B L E
OPTIONS: Add designator(s) to end of part number G = Gold plated barrels HT = Hi-Temp insulator for Hi-Temp soldering processes up to 260C
208
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
RoHS
COMPLIANT


▲Up To Search▲   

 
Price & Availability of RCA13B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X