Part Number Hot Search : 
150CT CPC19 SCH2411 5004GW AD850 0CNQ0 32U02 60000
Product Description
Full Text Search
 

To Download P13TAB223MAB17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P13
Vishay Sfernice
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
FEATURES
* High power rating 1.5 Watt at 70 C * CECC 41 301-001 (A, B, C) * GAM T1 * Fully sealed case * Tight temperature coefficient ( 75 ppm/C typical) * Mechanical strength
P13V
P13T
RoHS
COMPLIANT
P13 potentiometers fully conform to CECC 41301-001 specification. Their excellent performances are due to the use of a cermet-track sealed in a large case. P13 interchangeability with RV6, combined with the excellent stability of its rated characteristics make it fully acceptable for military and professional uses.
DIMENSIONS in millimeters P13T - (PC32) A PANEL CUTOUT
O 2.2 o 12.6 5.9 0.2 5 O 6.5 K = 9.5 M = 12.5 R = 22 0.5 o3 0.3 c 0.8 a 5.08 2.4 10.5 max 8 0.7
CIRCUIT DIAGRAM
10 wrench Thread M6 x 0.75 slot 0.6 x 1 deep 1.6 b 2 5.08
a (1) b (2)
cw
c (3)
P13Q - B
10.5 max 8
P13H
0.7 Thread M7 x 0.75 10 wrench slot 0.8 x 1.4 deep 1.6 b 2 5.08
PANEL CUTOUT
O 2.2 O 12.6 5.9 0.2
0.7
10 wrench slotted bushing thread M6 x 0.75 8 wrench o3
0.3 E = 9.5 5 o 7.5 F = 12.5 G = 22 o4
c 0.8
a 5.08 2.4
11 L = 12.5 No locking on shaft o4mm
0.5
P13V - (PC33) C
10.5 max 12 Thread M10 x 0.75 Flats randomly located slot 1 x 1.8 deep 1.6 b 2 5.08
P13V DBAN
12 wrench
PANEL CUTOUT
o 14
o 10.5
5
0.3 c 14 wrench o 6 AC = 16 0.8 AM = 25 AL = 50
a 5.08 2.4
6.5
0.5
Panel sealed version P13TP - P13TPE TPE: Including locating ped
13.2 max 0.7 3.9 0.2 O 1.5 O 12.6 K = 9.5 M = 12.5 R = 22 o3 8 Thread M6 x 0.75 slot 0.6 x 1 deep
2
P13T - F55
45
18.5 max 1.1 1/4 x 32 NEF 2A O 6.35 x 32 threads per inch
0. 1
O 12.6 0.1 O 3.17 0.03 6.3 0.4 13.5 max In conformity with RV6/MIL-R-94/3G
3 6.
5 O 6.5
1 0.
Panel sealed version P13VP - P13VPE VPE: Including locating ped
O 16 O 14
13.5 max 9.5 1
Thread M10 x 0.75 slot 1 x 1.8 deep
PANEL CUTOUT
O 1.5 6.9 0.2 o6
AC = 13.5 5 AM = 22.5 AI = 47.5
O 10.5
Undergoes European Quality Insurance System
Document Number: 51034 Revision: 06-Jul-06 For technical questions, contact: sfer@vishay.com See also: Application notes www.vishay.com 117
P13
Vishay Sfernice
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
ELECTRICAL SPECIFICATIONS
Resistive Element Electrical Travel Resistance Range Linear Law Logarithmic Laws Standard series E3 Tolerance Standard On Request Power Rating Linear Logarithmic Temperature Coefficient Limiting Element Voltage (Linear Law) Contact Resistance Variation End Resistance (Typical) Dielectric Strength (RMS) Insulation Resistance (500 VDC) cermet 270 10 22 to 10 M 100 to 2.2 M 1 - 2.2 - 4.7 and on request 1 - 2 - 5 20 % 10 % - 5 % 1.5 W at + 70 C 0.75 W at + 70 C See Standard Resistance Element Data 350 V 3 % Rn or 3 1 2000 V 106 M
MECHANICAL SPECIFICATIONS
Mechanical Travel Operating Torque (max. Ncm) End Stop Torque (max. Ncm) Tightening Torque (max. Ncm) Unit Weight (max. g) 300 5 2 typical style T.Q.: 35 - V: 80 T.Q.: 150 - V: 250 6 to 18
ENVIRONMENTAL SPECIFICATIONS
Temperature Range Climatic Category Sealing - 55 C to + 125 C 55/100/56 fully sealed container IP67
POWER RATING CHART
LIN. LAW "A"
RESISTANCE LAWS
100
1.5
80 F % TOTAL RESISTANCE
POWER IN WATT
60 A L 40
LOG. LAWS "L & F" 0.75
20
0
0 0
0
20 40 60 70 80 100 125 140 AMBIENT TEMPERATURE IN DEGREES CELSIUS
20
40
60
80
100
% CLOCKWISE SHAFT ROTATION
TEMPERATURE COEFFICIENT
For values 100 ohms and in the temperature range + 20 C to + 70 C, the typical temperature coefficient is 75 ppm/C.
www.vishay.com 118
For technical questions, contact: sfer@vishay.com See also: Application notes
Document Number: 51034 Revision: 06-Jul-06
P13
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
PERFORMANCE
NF C 83-253 TESTS CONDITIONS Phase A dry heat 125 C Phase B damp heat Phase C cold - 55 C Phase D damp heat 5 cycles 56 days 40 C 93 % RH 25 000 cycles 1000 h at rated power 90'/30' - ambient temp. 70 C 5 cycles - 55 C at + 125 C 50 g at 11 ms 3 successive shocks in 3 directions 10 - 55 Hz 0.75 mm or 10 g during 6 hours RT (%) REQUIREMENTS RT 10 % 10 % Dielectric strength: 250 V Insulation resistance: > 100 M 10 % Contact res. variation: < 7 % Rn 10 % Contact res. variation: < 7 % Rn 3% 2% R1-2 (%) R1-2 10 % 10 % TYPICAL VALUES AND DRIFTS RT (%) RT 0.5 % 0.5 % R1-2 (%) R1-2 1% 1%
Vishay Sfernice
Climatic Sequence
Long Term Damp Heat
Dielectric strength: 1000 V Insulation resistance: > 104 M 3% Contact res. variation: < 2 % Rn 1% Contact res. variation: < 3 % Rn 0.5 % 0.1 % V1-2 V1-3 0.2 %
Rotational Life Load Life Rapid Temperature Change Shocks
Vibrations
2%
0.1 %
< 0.2 %
STANDARD RESISTANCE ELEMENT DATA
LINEAR LAW LOGS LAW STANTCR DARD MAX. MAX. MAX. MAX. MAX. - 55 C RESIS- MAX. TANCE POWER WORKING WIPER POWER WORKING WIPER + 125 C VALUES AT 70 C VOLTAGE CUR. AT 70 C VOLTAGE CUR. 22 47 100 220 470 1K 2.2K 4.7K 10K 22K 47K 100K 220K 470K 1M 2.2M 4.7M 10M W 1.5 V 5.74 8.4 12.2 18.2 26.5 38.7 57.5 84 122.5 182 265 350 350 350 350 350 350 350 mA 261 177 122 82.6 56.5 38.7 26.1 17.9 12.2 8.26 5.65 3.5 1.6 0.74 0.35 0.16 0.074 0.035 W V mA ppm/C 0 + 200
SPECIAL FEATURES PANEL SEALING
Potentiometers P13T and P13V can be fitted with a device providing sealing between the threaded bushing and the front panel. Their designation is P13TP and P13VP respectively or with a locating peg P13TPE and P13VPE.
SHAFT
Shaft lengths are measured from the mounting surface to the free end of the potentiometer. Special shafts are available, provided customer supplies a drawing. The shaft slot is aligned to the wiper within 10.
0.75
1.5 1.22 0.56 0.26 0.12 0.05 0.026 0.012
0.75 0.56 0.26 0.12 0.05
27 40 59 87 128 187 273 350 350 350 350
27 18 12 8.7 5.8 3.9 2.7 1.6 0.74 0.35 0.16
SHAFT LOCKING
100
MARKING
Printed: - VISHAY trademark - series - style - ohmic value (in , k or M) - tolerance (in %) - resistance law - manufacturing date - marking of terminals a
Document Number: 51034 Revision: 06-Jul-06
On potentiometers equipped with a 3 mm O shaft, shaft locking can be obtained: - either by a taper nut tightening a slotted bushing. Ask for P13H type. These devices are normally equipped with an L type shaft (12.5 mm with a slot), - or by a tightening nut locked by a screw. Ask for ES1 type. On potentiometers equipped with a O 6 mm shaft, locking can be obtained by a taper nut applying pressure on a slotted notched washer. This device is supplied in a box as an accessory. Ask for DBAN. These devices are ordered separately. Please consult VISHAY SFERNICE.
For technical questions, contact: sfer@vishay.com See also: Application notes
www.vishay.com 119
P13
Vishay Sfernice
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
ORDERING INFORMATION
P13 SERIES T STYLE P OR PE PANEL SEALING M SHAFT 22 k OHMIC VALUE 20 % TOLERANCE A LAW XX SPECIAL FEATURES BO PACKAGING
T 6 mm dia, 3 mm dia. shaft
K 9.5 mm, slotted M 12.5 mm, slotted R 22 mm, plain E 9.5 mm, slotted F 12.5 mm, slotted G 22 mm, plain AC 16 mm, slotted AM 25 mm, slotted AL 50 mm, plain L 12.5 mm, slotted AP special shafts
20 % standard 10 % on request
Q 7 mm dia, 4 mm dia. shaft
A Linear L clockwise logarithmic F inverse clockwise logarithmic
F55 DBAN F32 (PCB style)
V 10 mm dia, 6 mm dia. shaft
locking H 6 mm dia, 3 mm dia. shaft
AC 13 mm, slotted VP 9.5 mm dia, 6 mm dia. shaft AM 22 mm, slotted AL 47 mm, plain
SAP PART NUMBERING GUIDELINES
P
1
3
T
A
B
2
2
3
M
A
B
1
7
MODEL
BUSHING
SHAFT
OHMIC VALUE
TOL
LAW
PACKAGING
SPECIAL (IF APPLICABLE)
See the end of this data book for conversion tables
www.vishay.com 120
For technical questions, contact: sfer@vishay.com See also: Application notes
Document Number: 51034 Revision: 06-Jul-06
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of P13TAB223MAB17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X