Part Number Hot Search : 
ISPLS ASF140 60N50 25001 368018 BA3131 CE110 30NF06
Product Description
Full Text Search
 

To Download ORNTA4991AT0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ORN
Vishay Thin Film
SURFACE MOUNT NETWORKS
Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
FEATURES
* Lead (Pb)-free available * 0.068" (1.73 mm) maximum seated height * Rugged molded case construction with no internal solder * Thin film passivity Microbe element * Low temperature coefficient ( 25 ppm/C) * JEDEC MS-012 STD Package
Actual Size
Pb-free Available
RoHS*
COMPLIANT
ORN series resistor networks feature four isolated resistors with standard 50 mil pitch lead spacing. The networks feature close TCR tracking and tight ratio tolerance and are ideally suited for unity gain operational amplifier circuitry. The standard resistance offering listed are available for immediate delivery.
TYPICAL PERFORMANCE
ABS TCR 25 ABS TOL 0.1 TRACKING 5 RATIO 0.05
SCHEMATIC
8 7 6 5
STANDARD RESISTANCE OFFERING (R1 =)
500
R1 R1 R1 R1
10 k 20 k 50 k 100 k
1 k 2 k 4.99 k
1
2
3
4
5 k Consult factory for additional values
STANDARD ELECTRICAL SPECIFICATIONS
TEST Material TCR: Tolerance: Power Rating: Stability: Voltage Coefficient Working Voltage Operating Temperature Range Storage Temperature Range Noise Thermal EMF Shelf Life Stability: Absolute Ratio Tracking Absolute Ratio Absolute Resistor Package R Absolute R Ratio SPECIFICATIONS Passivated Nichrome 5 ppm/C 25 ppm/C 0.5 % to 0.01 % 1.0 % to 0.05 % 100 mW 400 mW 500 ppm 150 ppm 0.1 ppm/V typical 50 V - 55 C to + 125 C - 55 C to + 150 C < - 30 dB 0.08 V/C 100 ppm 20 ppm 1 year at + 25 C 1 year at + 25 C - 55 C to + 125 C - 55 C to + 125 C + 25 C + 25 C Max. at + 70 C Max. at + 70 C 2000 h at + 70 C 2000 h at + 70 C CONDITIONS
* Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 60005 Revision: 10-Aug-07 For technical questions, contact: thin-film@vishay.com www.vishay.com 15
SURFACE MOUNT NETWORKS
ORN
Vishay Thin Film
Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
DIMENSIONS AND IMPRINTING in inches and millimeters
B C E Resistance Value Code F G o
DIMENSION A B C D E F G H I O INCHES 0.157 0.0165 0.0025 0.050 0.195 Max. 0.008 0.001 0.028 0.001 0.239 0.005 0.068 Max. 0.008 0.002 2 to 6 MM 3.99 0.4 0.06 1.27 4.93 0.20 0.03 0.71 0.02 6.07 0.13 1.73 0.22 0.06
ORNA
A
xxxx Date Code D
H
I
Seating Plane
Notes 1. Leads are within 0.005" (0.13 mm) of true position 2. Leads coplanar to 0.004" ( 0.50 mm) 3. Marking - VISHAY Symbol, Part Number from Ordering Information
MECHANICAL SPECIFICATIONS
Resistive Element Body Terminals Solderability Marking Resistance to Solvents Lead (Pb)-free Option Lead (Pb)-free Finish Passivated Nichrome Molded epoxy Copper Alloy, solderable Per MIL-PRF-83401 Permanency testing per MIL-PRF-83401 100 % Sn Matte Plated
DERATING CURVE
100 % = 0.40 W
100
Precent of Rated Power
80 60 40 20 0 0 70 125 150
Ambient Temperature C
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: ORNA1002AUF (preferred part number format)
O O
GLOBAL MODEL (3 or 4 digits) ORN (Tin Lead) ORNT (Lead (Pb)-free) (e3)
R N
N T
A A
1 1
0 0
0 0
2 3
A Z
U T
F S
R
SCHEMATIC A = 4 isolated equal resistors
RESISTANCE The first 3 digits are significant figures and the last digit specifies the number of zeros to follow. Example: 1002 = 10K 1003 = 100K 4991 = 4.99K
TOLERANCE AND RATIO TOLERANCE Abs. Tol. A = 0.1 % B = 0.1 % C = 0.25 % D = 0.5 % F=1% *Q = 0.05 % *Z = 0.1 % Ratio 0.05 % 0.1 % 0.1 % 0.1 % 0.5 % 0.01 % 0.025 %
PACKAGING TAPE AND REEL T0 = 100 Min 100 Mult T1 = 1000 Min 1000 Mult T3 = 300 Min 300 Mult T5 = 500 Min 500 Mult TF = Full Reel 3000 TS = 100 Min 1 Mult UF = TUBED
* Tol. available 1K and up Historical Part Number example: ORNA1001F (will continue to be accepted) ORN SERIES A SCHEMATIC 1001 RESISTANCE F TOLERANCE AND RATIO TOLERANCE
www.vishay.com 16
For technical questions, contact: thin-film@vishay.com
Document Number: 60005 Revision: 10-Aug-07
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of ORNTA4991AT0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X