Part Number Hot Search : 
NCP5111 110K1 NJW41 MX536AJC BZW03C91 EPSA1 7GZITE1 SIS85
Product Description
Full Text Search
 

To Download N214001AX01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Totalizers electronic
Large impulse counters and position displays Display LED, 6-digits, programmable
N 214
Features - Totalizer and position display - Display 6-digits - Set value, scaling factor, momentary signal duration and operating mode programmable - Connection: Incremental encoder or digital sensors - Interface RS232, RS422, RS485
N 214 - Totalizer Technical data - electrical ratings Voltage supply 115/230 VAC 10 % (50/60 Hz) 24/48 VAC 10 % (50/60 Hz) 12...30 VDC 7 VA, 5 W 12...26 VDC / max. 100 mA LED, 7-segment display 6-digits 14 mm Totalizer Difference counter A - B Parallel counter A + B Position display 0.0001...9999.99 Adding or subtracting A-B (difference counting) A+B total (parallel counting) Up/Down A 90 B phase evaluation 3 Hz, 25 Hz, 10 kHz programmable -99 999...+999 999 >10 years in EEPROM Button and electric Yes, electric (keylock) Optocoupler Potential-free change-over contact 0.01...9.99 s RS232, RS422, RS485 Protection class II Overvoltage category II Pollution degree 2 DIN EN 61000-6-3 DIN EN 61000-6-2 Technical data - mechanical design Operating temperature Storing temperature Relative humidity E-connection Core cross-section Protection DIN EN 60529 Operation / keypad Housing type Dimensions W x H x L Installation depth Mounting Cutout dimensions Materials Weight approx. 0...+50 C -20...+70 C 80 % non-condensing Plug-in screw terminals 1.5 mm IP 65 face with seal Membrane with softkeys 96 x 48 x 124 mm 124 mm Clip frame 92 x 45 mm (+0.6) Housing: Makrolon 6485 (PC) Keypad: Polyester 350 g (AC), 250 g (DC)
Subject to modification in technic and design. Errors and omissions excepted. 30/10/2008
Technical data - electrical ratings Programmable parameters Approvals Decimal point Sensor logic, scaling factor Count mode, measuring units UL/cUL, CE conform
Power consumption Sensor supply Display Number of digits Digit height Function
Scaling factor Count modes
Built-in housing
Counting frequency Measuring range Data memory Reset Keylock Outputs electronic Outputs relay Output holding time Interfaces Standard DIN EN 61010-1 Emitted interference Interference immunity
1
www.baumerivo.com
Large impulse counters and position displays Display LED, 6-digits, programmable
Totalizers electronic
N 214
Part number N 214. AX01 Voltage supply 1 24 / 48 VAC 2 115 / 230 VAC 3 24 VDC Outputs 0 Without relay 1 Relay and optocoupler outputs 0 1 2 3 Interface Without interface RS485 RS422 RS232 Block circuit diagram
Voltage supply + Signal input A B 2 3 4 5 Sensor supply + Output 6 7 8 9 14 Interface RS485 A 90 B 10 Totalizer with start count scaling factor 11 Output 20 21 22 SC- / 0 SC- / 0
Reset Stop/Hold T,R-
T,R+ 15 TxD+ 16 TxD- 17 RxD+ 18 RxD- 19 TxD RxD 16 18
Interface RS422
Interface RS232
GND 19
Connection diagram Trigger level
30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 RxD+ TxDTxD+ RxD-
Comparator inputs Inputs Input level Input level Low Input level High
Supply voltage
Input circuit PNP- / NPN-logic Programmable 0...2 VDC 3...40 VDC 3 k Output circuit 250 VAC / 110 VDC 1A 5 ms Output circuit Optocoupler not short-circuit proof 40 V 15 mA
Subject to modification in technic and design. Errors and omissions excepted. 30/10/2008
SC- / 0 Output max. 250V terminal - terminal / - terminal
RS422 GND RxD RS232 TxD
15 14 13 12 11 10 T,R+ T,R-
9
8
7 Track B
6 Track A
5 +24V
4
3
2
1
Input resistance Relay output Switching voltage max. Switching current max. Switching capacity max. Relay responding time Electronic output Switching voltage max. Switching current max.
RS485
Output
Reset
SC- / 0 Stop
Count
Sensor supply
0V
150 VA / 30 W
Dimensions
96 123.75 7
48
109
19.75
1-10
2
www.baumerivo.com


▲Up To Search▲   

 
Price & Availability of N214001AX01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X