Part Number Hot Search : 
FRM240H HHR300SC ML9XX35 SJA1000T TSOP1 XXXLXX 98463 HMCS44C
Product Description
Full Text Search
 

To Download MPM10011002AT0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT NETWORKS
MPM (Divider)
Vishay Thin Film
Molded, SOT-23 Resistor Network
FEATURES
* Lead (Pb)-free available * Stocked * Standard Footprint
Pb-free Available
RoHS*
COMPLIANT
TYPICAL PERFORMANCE
ABS TCR 25 ABS TOL 0.1 2
TRACKING RATIO 0.05
Actual Size
Vishay Thin Film MPM Series Dividers provide 2 ppm/C tracking and a ratio tolerance as tight as 0.01 %, small size, and exceptional stability for all surface mount applications. The standard SOT-23 package format with unity and common standard resistance divider ratios provide easy selection for most applications requiring matched pair resistor elements. The ratios listed are available for off the shelf delivery. If you require a non-standard ratio, consult the applications engineering group as we may be able to meet your requirements with a custom design.
STANDARD DIVIDER RATIO (R2/R1)
RATIO 100:1 50:1 25:1 20:1 10:1 9:1 6:1 5:1 5:1 4:1 4:1 2:1 2:1 1:1 1:1 1:1 1:1 1:1 1:1 1:1 1:1 R2 () 100K 50K 25K 20K 10K 9K 6K 10K 5K 8K 4K 10K 2K 50K 25K 10K 5K 2.5K 1K 500 250 R1 () 1K 1K 1K 1K 1K 1K 1K 2K 1K 2K 1K 5K 1K 50K 25K 10K 5K 2.5K 1K 500 250
SCHEMATIC
3
R1 1
R2 2
STANDARD ELECTRICAL SPECIFICATIONS
TEST Material TCR: Tolerance: Power Rating: Stability: Tracking Absolute Ratio Absolute Resistor Package R Absolute R Ratio SPECIFICATIONS Passivated Nichrome 2 ppm/C (typical) 25 ppm/C 0.5 % to 0.01 % 1.0 % to 0.05 % 100 mW 200 mW 0.10 % 0.03 % 0.1 ppm/V - 55 C to + 125 C - 55 C to + 125 C < - 30 dB 0.2 V/C 50 ppm Max. CONDITIONS - 55 C to + 125 C - 55 C to + 125 C + 25 C + 25 C Max. at + 70 C Max. at + 70 C 2000 h at + 70 C 2000 h at + 70 C
Voltage Coefficient Working Voltage 100 Volts Max. Operating Temperature Range Storage Temperature Range Noise Thermal EMF Shelf Life Stability (Ratio)
1 year at + 25 C
* Pb containing terminations are not RoHS compliant, exemptions may apply www.vishay.com 10 For technical questions, contact: thin-film@vishay.com Document Number: 60001 Revision: 14-May-07
MPM (Divider)
Molded, SOT-23 Resistor Network
SURFACE MOUNT NETWORKS
Vishay Thin Film
DIMENSIONS AND IMPRINTING in inches and millimeters
DIMENSION
3
W B HL T A S
A1
K
J Pin #
1
2
O
A A1 B S W L H T J K O
INCHES MIN. MAX. 0.031 0.040 0.001 0.004 0.105 0.120 0.071 0.079 0.015 0.021 0.083 0.098 0.047 0.055 0.005 0.010 0.0035 0.0059 0.017 0.022 0 8
MM MIN. 0.79 0.02 2.67 1.80 0.38 2.10 1.20 0.13 0.089 0.44 0 MAX. 1.02 0.10 3.05 2.00 0.54 2.50 1.40 0.25 0.15 0.55 8
MECHANICAL SPECIFICATIONS
Resistive Element Substrate Material Body Terminals Lead Coplanarity Lead (Pb)-free Option Lead (Pb)-free Finish Passivated Nichrome Silicon Molded epoxy Copper alloy #42 Sn62 plated 3 Mils Max. 100 % Sn Matte Plated
DERATING CURVE
100 % = 0.25 W
100
Precent of Rated Power
80 60 40 20 0 0 70 125 150
Ambient Temperature C
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: MPM1002AWS (preferred part number format)
M M P
P M
M T 1 0
1 0
0 1
0 5
3 0 0 1
A A
W T
S 1
GLOBAL MODEL (3 or 4 digits) MPM (Tin Lead) MPMT (Lead (Pb)-free) (e3)
RESISTANCE (4 or 8 digits) First 3 digits are significant figures and the last digit specifies the number of zeroes to follow. When like values are required use total resistance. When dual values are required list both values. Example: (list R1 first in part number with dual values) 1002 = 10K (5K/5K) 1003 = 100K (50K/50K) 10011002 = 1K/10K divider
TOLERANCE AND RATIO TOLERANCE Abs. Tol. A = 0.1 % B = 0.1 % C = 0.25 % D = 0.5 % F=1% *Z = 0.1 % *Q = 0.05 % Ratio 0.05 % 0.1 % 0.1 % 0.1 % 0.5 % 0.025 % 0.01 %
PACKAGING BS = BULK 100 Min 1 Mult WS = WAFFLE 100 Min 1 Mult TAPE AND REEL T0 = 100 Min 100 Mult T1 = 1000 Min 1000 Mult T3 = 300 Min 300 Mult T5 = 500 Min 500 Mult TF = Full Reel 4000 TS = 100 Min 1 Mult
* Tol. Available 1K and up equal values only
Historical Part Number example: MPM1002BW (will continue to be accepted) MPM SERIES 1002 RESISTANCE B TOLERANCE AND RATIO TOLERANCE W PACKAGING
Document Number: 60001 Revision: 14-May-07
For technical questions, contact: thin-film@vishay.com
www.vishay.com 11
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MPM10011002AT0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X