Part Number Hot Search : 
NH25M22 STPS20 4CK1750 CJ22C 1N4750CG G5728 4CK1750 ST25VF
Product Description
Full Text Search
 

To Download MMA621010AEG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Technical Data
Document Number: MMA6222AEG Rev 1, 11/2008
Analog Dual Axis Micromachined Accelerometer
The MMA62XXAEG series of dual axis (X and Y) silicon capacitive, micromachined accelerometers features a full digital signal processing for filtering, trim and data formatting. It has been optimized for analog output and offers an over-damped transducer. Features * * * * * * * * * * * Available in 20/20g, 50/50g, or 100/100g versions. Additional g-ranges between 20 and 100g may be available upon request Full-scale range is independently specified for each axis 400 Hz, 4 Pole, 16 s sample time, additional filter options are available Ratiometric analog voltage output Capture/hold input for system-wide synchronization support 3.3 or 5 V single supply operation On-chip temperature sensor and voltage regulator Internal self-test Minimal external component requirements Pb-free 20-pin SOIC package Automotive AEC -Q100 qualified
MMA6222AEG MMA6255AEG MMA621010AEG
2-AXIS ACCELEROMETER
EG SUFFIX (Pb-free) 20-LEAD SOIC CASE 475A-02
PIN CONNECTIONS
N/C N/C XOUT VSSA YOUT CAP/HOLD ST VPP CREG RESET 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 N/C N/C CREGA CREGA CREF CREF VCC VSS STATUS SCLK
Typical Applications * * * Crash detection (Airbag) Impact and vibration monitoring Shock detection
20-PIN SOIC PACKAGE N/C: NO INTERNAL CONNECTION
ORDERING INFORMATION
Device Name MMA6222AEG MMA6222AEGR2 MMA6255AEG MMA6255AEGR2 MMA621010AEG MMA621010AEGR2 X-Axis g-Level 20 20 50 50 100 100 Y-Axis g-Level 20 20 50 50 100 100 Temperature Range -40 to +105C -40 to +105C -40 to +105C -40 to +105C -40 to +105C -40 to +105C Package 475A-02 475A-02 475A-02 475A-02 475A-02 475A-02 Packaging Tubes Tape & Reel Tubes Tape & Reel Tubes Tape & Reel
(c) Freescale Semiconductor, Inc., 2008. All rights reserved.
VCC
VCC CREG CREGA CREF
100 nF 1 F 1 F 100 nF
CS SCLK ST STATUS
CS_A SCLK1 I/O I/O
CS_D SCLK2 MOSI2 MISO2
CS SCLK DI DO
MMA62XXAEG
VSSA VSS VPP/TEST XOUT YOUT
Main MCU Deployment IC ADC
Safing Sensor(s)
Filter / Comparator
DEPLOY_EN1 DEPLOY_EN2
Note: If one axis of the MMA62XXAEG sensor is expected to be used as a confirmation of the other axis, Freescale recommends that MMA62XXAEG used in conjunction with an additional sensing/safing device for each axis.
Figure 1-1 Simplified Airbag Application Diagram
1.1
INTRODUCTION
The MMA62XXEG is trimmed to provide the most accurate voltage representation of acceleration at XOUT and YOUT. This is done by adjusting the signal within the DSP to compensate for errors within the digital-to-analog converters. The SPI is disabled when the device is in normal operating mode, and dedicated ST (self-test activation) and STATUS pin functions are assigned.
MMA6222AEG 2 Sensors Freescale Semiconductor
1.2
BLOCK DIAGRAM
A block diagram illustrating the major components of the design is shown in Figure 1-2.
VPP VCC CREG CREGA CREGA CREF CREF VSS VSSA CONTROL LOGIC ST STATUS SCLK RESET CAP/HOLD VOLTAGE REGULATOR
UNIT PROGRAMMABLE DATA ARRAY
REFERENCE OSCILLATOR PRIMARY OSCILLATOR
CLOCK MONITOR INTERNAL CLOCK
g-CELL (Y)
SD CONVERTER
SINC FILTER Y IN
CONTROL IN
STATUS OUT DIGITAL OUT
SELF-TEST INTERFACE
TEMP. SENSOR
TEMP
DSP (SEE FIGURE 1-2)
Y OUT
DAC
YOUT
X IN X OUT g-CELL (X) SD CONVERTER SINC FILTER DAC XOUT
Figure 1-2 MMA62XXAEG Block Diagram
CONTROL IN
DSP CONTROL
OUT
OFFSET MONITOR
Y IN X IN
LOW-PASS FILTER
OFFSET, GAIN, LINEARITY ADJUST
OUTPUT SCALING
TO Y DAC TO X DAC
TEMP
Figure 1-3 MMA62XXAEG DSP Block Diagram NOTE: Models of signal chain are available upon request
MMA6222AEG Sensors Freescale Semiconductor 3
1.3
PIN FUNCTIONS
The pinout for the MMA62XXAEG device is illustrated in Figure 1-4. Pin functions are described below. When self-test is active, the output becomes more positive in both axes if ST1 is cleared, or more negative in both axes if ST1 is set.
N/C N/C XOUT VSSA YOUT CAP/HOLD ST VPP CREG RESET
1 2 3 4 5 6 7 8 9 10
20 19 18 17 16 15 14 13 12 11
N/C N/C CREGA CREGA CREF CREF VCC VSS STATUS SCLK
20-PIN SOIC PACKAGE N/C: NO INTERNAL CONNECTION
X: +1g Y: 0g
X: 0g Y: +1g
X: 0g Y: -1g
TO CENTER OF GRAVITATION FIELD
X: -1g Y: 0g Response to static orientation within 1g field.
Figure 1-4 MMA62XXAEG Pinout
MMA6222AEG 4 Sensors Freescale Semiconductor
1.4
1.4.1
PIN FUNCTION DESCRIPTIONS
VCC
This pin supplies power to the device. Careful printed wiring board layout and capacitor placement is critical to ensure best performance. An external bypass capacitor between this pin and VSS is required, as described in Section 1.5.
1.4.2
VSS VSSA
This pin is the power supply return node for the digital circuitry on the MMA62XXEG device.
1.4.3
This pin is the power supply return node for analog circuitry on the MMA62XXAEG device. An external bypass capacitor between this pin and VCC is required, as described in Section 1.5.
1.4.4
CREG
This pin is connected to the internal digital circuitry power supply rail. An external filter capacitor must be connected between this pin and VSS, as described in Section 1.5.
1.4.5
CREGA
These pins are connected in parallel to the internal analog circuitry power supply rail. One or two external filter capacitors must be connected between these pins and VSSA, as described in Section 1.5. Two pins are provided to support redundant connection to the printed wiring board assembly. Redundant external capacitors may be connected to these pins for maximum reliability, as described in Section 1.5.
1.4.6
CREF
These pins are connected in parallel to an internal reference voltage node utilized by the analog circuitry. One or two external filter capacitors must be connected between these pins and VSSA, as described shown in Section 1.5. Two pins are provided to support redundant connection to the printed wiring board assembly. Redundant external capacitors may be connected to these pins for maximum reliability, as described in Section 1.5.
1.4.7
VPP
This pin should be tied directly to VSS.
1.4.8
SCLK
This input may be left unconnected unless it is desired to initiate device reset as described in Section 1.4.9.
1.4.9
RESET
This pin may be used to initiate a hardware reset. If RESET is held low and SCLK is held high for 512 s, the internal reset signal is asserted. An internal pull-up device is connected to this pin.
1.4.10
STATUS
This pin provides an indicator of internal status. The STATUS output will be driven to a logic high level should any of the following fault conditions be detected: * Internal parity fault * Over-temperature condition * Internal clock frequency fault * Device reset * Device initialization Immediately following device reset, STATUS is placed in a high impedance state for approximately 800 s. At the end of this time, STATUS is driven high and a 3ms stabilization delay required by the internal circuitry begins. The STATUS condition may not be cleared during the stabilization delay. Reset is reported by the device so the system can be aware of potential difficulties if unexpected resets occur. Once asserted, the STATUS output will remain high until the ST pin is driven from a logic low to a logic high state. If a fault condition persists, the STATUS output will be driven high again as soon as it is cleared.
MMA6222AEG Sensors Freescale Semiconductor 5
1.4.11
ST
This pin performs a dual function. When driven to a logic high level, the internal self-test voltage generator is activated. A low-tohigh transition on this pin will clear the internal STATUS latch. Note that under certain fault conditions, the STATUS latch will be immediately reset, indicating a terminal fault condition. A diagram illustrating operation of the STATUS latch following device initialization is illustrated in Figure 1-5.
ST
SELF TEST ENABLE
VDD D Q R
STATUS
FAULT DETECT
Figure 1-5 ST and STATUS Interaction
1.4.12
CAP/HOLD
When this input pin is low, acceleration data is updated by the DSP whenever a data sample becomes available. Upon a low-tohigh transition of CAP/HOLD acceleration data is frozen. Acceleration data is not updated as long as the pin remains at a logic `1' level. This pin may be tied directly to VSS if the hold function is not desired.
1.4.13
XOUT, YOUT
Two digital-to-analog converters (DACs) are provided. These converters translate output of the DSP block into voltage levels proportional to the magnitude of the numerical result and ratiometric to VCC.
1.5
EXTERNAL COMPONENTS
The connections illustrated in Figure 1-1 are recommended. Careful printed wiring board layout and component placement is essential for best performance. Low ESR capacitors must be connected to CREG and CREGA pins for the best performance. A grounded land area with solder mask should be placed under the package for improved shielding of the device from external effects. If a land area is not provided, no signals should be routed beneath the package. See Figure 1-1.
MMA6222AEG 6 Sensors Freescale Semiconductor
SECTION 2 PERFORMANCE SPECIFICATION
2.1 MAXIMUM RATINGS
Maximum ratings are the extreme limits to which the device can be exposed without permanently damaging it. The device contains circuitry to protect the inputs against damage from high static voltages; however, do not apply voltages higher than those shown in the table below. Keep input and output voltages within the range VSS V VCC.
Ref 1 Supply Voltage 2 CREG, CREGA, CREF 3 VPP 4 SCLK, ST, CAP/HOLD 5 STATUS (high impedance state) 6 XOUT, YOUT (DACEN = 0) 7 Current Drain per Pin Excluding VCC and VSS 8 Acceleration (without hitting internal g-cell stops) 9 Powered Shock (six sides, 0.5 ms duration) 10 Unpowered Shock (six sides, 0.5 ms duration) 11 Drop Shock (to concrete surface) 12 13 14 Electrostatic Discharge Human Body Model (HBM) Charge Device Model (CDM) Machine Model (MM) Rating Symbol VCC VREG VREG VIN VIN VDAC I gmax gpms gshock hDROP VESD VESD VESD Tstg Value -0.3 to +7 -0.3 to +3 -0.3 to +11 -0.3 to VCC + 0.3 -0.3 to VCC + 0.3 -0.3 to VCC + 0.3 10 800 1500 2000 1.2 2000 500 200 -40 to +125 Unit V V V V V V mA g g g m V V V C (1) (1) (1) (1) (1) (1) (1) (1) (1) (1) (1) (1) (1) (1) (1)
15 Storage Temperature Range Notes: 1. Verified by characterization, not tested in production.
2.2
OPERATING RANGE
The operating ratings are the limits normally expected in the application and define the range of operation.
Ref Characteristic Symbol VCC VCC TA Min VL +3.15 +4.75 TL -40 Typ +3.3 +5.0 Max VH +3.45 +5.25 TH +105 Units V V C (1) (1) (2)
Supply Voltage Standard Operating Voltage, 3.3V operating range 16 Standard Operating Voltage, 5V operating range 17 Operating Temperature Range 18
Notes: 1. Characterized at all values of VL and VH. Production test is conducted at typical voltage unless otherwise noted. 2. Parameters tested 100% at final test.
MMA6222AEG Sensors Freescale Semiconductor 7
2.3
ELECTRICAL CHARACTERISTICS
VL (VCC - VSS) VH, TL TA TH, |TA| < 4 K/min unless otherwise specified
Ref 19 20 21 22 23 Characteristic Supply Current Drain Analog-only output configuration Power-On Recovery Threshold (See Figure 2-1) VCC CREG CREGA CREF Power-On Reset Threshold (See Figure 2-1) VCC CREG CREGA CREF Hysteresis (VPOR_N - VPOR_A, See Figure 2-1) VCC CREG CREGA CREF Symbol IDD VPOR_N VPOR_N VPOR_N VPOR_N 2.77 1.80 2.18 1.11 Min Typ Max 9.0 3.15 2.32 2.50 1.29 Units mA V V V V (1) (2) (2) (2) (2)
24 25 26 27
VPOR_A VPOR_A VPOR_A VPOR_A
2.77 1.80 2.18 1.11

2.95 2.10 2.31 1.19
V V V V
(2) (2) (2) (2)
28 29 30 31
VHYST VHYST VHYST VHYST VDACU VDD V2.5 VREF
0 0 0 0 2.42 2.42 1.20
2.50 2.50 1.25
388 300 261 150 2.0 2.58 2.58 1.29
mV mV mV mV V V V V (2) (1) (1) (1)
32 Minimum Functional Voltage (See Figure 2-1) 33 34 35 Internally Regulated Voltages CREG CREGA (3) CREF External Filter Capacitor (CREG, CREGA) Value ESR (including interconnect resistance) Power Supply Coupling (4) Analog output Analog Sensitivity (XOUT, YOUT) 20g Range 35g Range 50g Range 100g Range Sensitivity Error TA = 25C 40C TA 105C Offset at 0g Analog output (XOUT, YOUT) * * * *
* *
36 37
CREG ESR
800
1000
200
nF m
(2) (2)
38 39 40 41 42
See Figure 2-2 ASENS ASENS ASENS ASENS 23.40 13.40 9.37 4.68 mV/V/g mV/V/g mV/V/g mV/V/g
(2) (1)(5) (1)(5) (1)(5) (1)(5)
43 44 45
* * *
SENS SENS AOUT
-8 -8 0.46 x VCC
0.5 x VCC
+8 +8 0.54 x VCC
% % V
(1)(5) (1)(5) (1)(5)
Notes: 1. 2. 3. 4. 5. (#) (*)
Parameters tested 100% at final test. Verified by characterization, not tested in production. Tested at VCC = VL and VCC = VH. Power supply ripple at frequencies greater than 900 kHz should be minimized to the greatest extent possible. Devices are trimmed at 100 Hz with 1000 Hz low-pass filter option selected. Indicates a FSL significant parameter (CPK > 1.33). Indicates a FSL critical parameter (CPK > 1.67).
MMA6222AEG 8 Sensors Freescale Semiconductor
2.3
ELECTRICAL CHARACTERISTICS (CONTINUED)
VL (VCC - VSS) VH, TL TA TH, |TA| < 4 K/min unless otherwise specified
Ref Characteristic Output value on overrange 46 47 48 49 20g Range 35g Range 50g Range 100g Range Output value on Underrange 50 51 52 53 20g Range 35g Range 50g Range 100g Range gUNDER gUNDER gUNDER gUNDER -20.1 -35.1 -50.1 -100.3 -20.9 -36.6 -52.2 -104.5 -22.2 -38.8 -55.4 -110.7 g g g g (3) (3) (3) (3) gOVER gOVER gOVER gOVER +20.0 +35.0 +50.0 +100.1 +20.9 +36.6 +52.1 +104.3 +22.1 +38.7 +55.3 +110.5 g g g g (3) (3) (3) (3) Symbol Min Typ Max Units
Maximum acceleration without saturation of internal circuitry All ranges 54 55 Nonlinearity 56 Noise (1Hz-1kHz) Positive Self Test Output Change (XOUT, YOUT, analog) TA = 25C 57 58 -40C TA 105C 59 60 61 62 63 64 65 66 67 Cross-Axis Sensitivity VZX VYX VZY VXY
gSAT NLOUT nSD
-200 -1 --
-- -- --
+200 1 1.1
g % FSR mg/Hz
(3) (3) (3)
ST ST VZX VYX VZY VXY AVLOW AVHIGH OFST GERR DNL INL INL
10 10 -4 -4 -4 -4 -- VCC - 0.25 -0.2 -0.3 -2 -3 -3.5
-- -- -- -- -- -- -- -- -- --
18 18 +4 +4 +4 +4 0.25 -- +0.2 +0.3 +2 +3 +3.5
% FS % FS % % % % V V %FSR %FSR digit digit digit
(1) (1) (3) (3) (3) (3) (2) (2) (2) (2) (2) (2) (3)
DAC Characteristics (XOUT, YOUT) Minimum Output Level, IOUT = -200 A Maximum Output Level, IOUT = 200 A Offset Error Gain Error Differential Nonlinearity Integral Nonlinearity TA = 25C 68 69 -40C TA 105C Output High Voltage STATUS (ILoad = -100 A) 70 3.15 V (VCC - VSS) 3.45 V 71 4.75 V (VCC - VSS) 5.25 V Output Low Voltage STATUS (ILoad = 100 A) 72 3.15 V (VCC - VSS) 3.45 V 73 4.75 V (VCC - VSS) 5.25 V 74 75 Output Loading (STATUS) Load Resistance Load Capacitance
-- --
VOH VOH
3.25 3.75
-- --
-- --
V V
(2) (2)
VOL VOL ZOUT COUT
-- -- 47 --
-- -- -- --
0.4 0.4 -- 35
V V k pF
(2) (2) (3) (3)
Notes: 1. Parameters tested 100% at final test. 2. Parameters tested 100% at unit probe. 3. Verified by characterization, not tested in production.
MMA6222AEG Sensors Freescale Semiconductor 9
2.3
ELECTRICAL CHARACTERISTICS (CONTINUED)
VL (VCC - VSS) VH, TL TA TH, |TA| < 4 K/min unless otherwise specified
Ref 76 77 Characteristic Output Loading (XOUT, YOUT) Load Resistance Load Capacitance Symbol ZOUT COUT Min 25 -- Typ -- -- Max -- 60 Units k pF (3) (3)
Input High Voltage RESET, SCLK, ST, CAP/HOLD 78 3.15 V (VCC - VSS) 3.45 V 79 4.75 V (VCC - VSS) 5.25 V Input Low Voltage RESET, SCLK, ST, CAP/HOLD 80 3.15 V (VCC - VSS) 3.45 V 81 4.75 V (VCC - VSS) 5.25 V Input Current High (at VIH) SCLK, ST, CAP/HOLD VPP/TEST (internal pulldown resistor) Low (at VIL) RESET
VIH VIH
1.5 2.5
-- --
-- --
V V
(2) (2)
VIL VIL
-- --
-- --
0.85 1.0
V V
(2) (2)
82 83 84 85
IIH RIN IIL
-30 190 30
-50 270 50
-260 350 260
A k A
(2) (2) (2)
Notes: 2. Parameters tested 100% at unit probe. 3. Verified by characterization, not tested in production.
MMA6222AEG 10 Sensors Freescale Semiconductor
2.4
Ref
CONTROL TIMING
Characteristic DSP Low-Pass Filter (Note 9) Cutoff frequency (Note 10) 86 Filter Option $0C, $1F fC(LPF) 380 400 420 Hz (7) Symbol Min Typ Max Units
VL (VCC - VSS) VH, TL TA TH, |TA| < 4 K/min unless otherwise specified
DSP Low-Pass Filter Cutoff frequency (-3dB, referenced to 0 Hz) 87 Filter $0C, $1F 88 Filter Order Filter $00 - $12
fC(LPF) OLPF tXY fOSC fMON tCSRES nPOLES fC BWGCELL
335 -- ---- 3.8 3.6 486 -- 5 --
353 4 -- 4.0 -- 512 1 10 3
371 -- 10 4.2 4.4 538 -- 20 --
Hz 1 ms MHz MHz s unit kHz kHz
(7)
(7) (1) (1) (7) (7) (1) (7) (1)
Power-On Recovery Time 89 Power applied to XOUT, YOUT valid 90 Internal Oscillator Frequency 91 Clock Monitor Threshold 92 Chip Select to Internal Reset (See Figure 2-3) 93 94 DAC Low-Pass Filter Number of Poles Cutoff Frequency
95 Sensing Element Rolloff Frequency (-3 dB) Notes: 1. 2. 3. 4. 7. 9. 10.
Parameters tested 100% at final test. Parameters tested 100% at unit probe. Verified by characterization, not tested in production. (*) Indicates a FSL critical parameter (CPK > 1.67). (#) Indicates a FSL significant parameter (CPK > 1.33). Functionality verified 100% via scan. Timing characteristic is directly determined by internal oscillator frequency. Devices are trimmed at 100 Hz with 1000 Hz low-pass filter option selected. Low-pass filter characteristics match those of other Freescale accelerometer devices. Cutoff frequencies shown are -4dB referenced to 0 Hz response, to correspond with previous specifications.
MMA6222AEG Sensors Freescale Semiconductor 11
5.5V VPOR_N VDACU VPOR_A
VCC
POR tXY XOUT/YOUT
DAC OUTPUT UNCERTAIN Figure 2-1 Power-Up Timing
Figure 2-2 Power Supply Coupling - DAC Outputs
MMA6222AEG 12 Sensors Freescale Semiconductor
CS tCSRES INTERNAL RESET
SCLK
Figure 2-3 CS Reset Timing
MMA6222AEG Sensors Freescale Semiconductor 13
PACKAGE DIMENSIONS
MMA6222AEG 14 Sensors Freescale Semiconductor
PACKAGE DIMENSIONS
MMA6222AEG Sensors Freescale Semiconductor 15
How to Reach Us:
Home Page: www.freescale.com Web Support: http://www.freescale.com/support USA/Europe or Locations Not Listed: Freescale Semiconductor, Inc. Technical Information Center, EL516 2100 East Elliot Road Tempe, Arizona 85284 1-800-521-6274 or +1-480-768-2130 www.freescale.com/support Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) www.freescale.com/support Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1-8-1, Shimo-Meguro, Meguro-ku, Tokyo 153-0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor China Ltd. Exchange Building 23F No. 118 Jianguo Road Chaoyang District Beijing 100022 China +86 10 5879 8000 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1-800-441-2447 or +1-303-675-2140 Fax: +1-303-675-2150 LDCForFreescaleSemiconductor@hibbertgroup.com
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. FreescaleTM and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc., 2008. All rights reserved.
RoHS-compliant and/or Pb-free versions of Freescale products have the functionality and electrical characteristics of their non-RoHS-compliant and/or non-Pb-free counterparts. For further information, see http:/www.freescale.com or contact your Freescale sales representative. For information on Freescale's Environmental Products program, go to http://www.freescale.com/epp. MMA6222AEG Rev. 1 11/2008


▲Up To Search▲   

 
Price & Availability of MMA621010AEG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X