Part Number Hot Search : 
UAA2068G SBCT1060 DB107G BCW65A 330KL 04872 DUY38A 87006
Product Description
Full Text Search
 

To Download MAX3012EBP-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-2672; Rev 5; 8/08
+1.2V to +5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators
General Description
The MAX3000E/MAX3001E/MAX3002-MAX3012 8-channel level translators provide the level shifting necessary to allow data transfer in a multivoltage system. Externally applied voltages, VCC and VL, set the logic levels on either side of the device. Logic signals present on the VL side of the device appear as a higher voltage logic signal on the VCC side of the device, and vice-versa. The MAX3000E/MAX3001E/MAX3002/MAX3003 use an architecture specifically designed to be bidirectional without the use of a directional pin. The MAX3000E/MAX3001E/MAX3002/MAX3004-MAX3012 feature an EN input that, when low, reduces the VCC and VL supply currents to < 2A. The MAX3000E/MAX3001E also have 15kV ESD protection on the I/O VCC side for greater protection in applications that route signals externally. The MAX3000E operates at a guaranteed data rate of 230kbps. The MAX3001E operates at a guaranteed data rate of 4Mbps. The MAX3002-MAX3012 operate at a guaranteed data rate of 20Mbps over the entire specified operating voltage range. The MAX3000E/MAX3001E/MAX3002-MAX3012 accept VL voltages from +1.2V to +5.5V and VCC voltages from +1.65V to +5.5V, making them ideal for data transfer between low-voltage ASICs/PLDs and higher voltage systems. The MAX3000E/MAX3001E/MAX3002- MAX3012 are available in 20-bump UCSPTM, 20-pin TQFN (5mm x 5mm), and 20-pin TSSOP packages.
Features
Guaranteed Data Rate Options 230kbps (MAX3000E) 4Mbps (MAX3001E) 20Mbps (MAX3002-MAX3012) Bidirectional Level Translation Without Using a Directional Pin (MAX3000E/MAX3001E/MAX3002/ MAX3003) Unidirectional Level Translation (MAX3004-MAX3012) Operation Down to +1.2V on VL 15kV ESD Protection on I/O VCC Lines (MAX3000E/MAX3001E) Ultra-Low 0.1A Supply Current in Shutdown Low Quiescent Current (< 10A) UCSP, TQFN, and TSSOP Packages
MAX3000E/MAX3001E/MAX3002-MAX3012
Ordering Information
PART MAX3000EEUP MAX3000EEBP-T TEMP RANGE -40C to +85C -40C to +85C PIN-PACKAGE 20 TSSOP 4 x 5 UCSP
Ordering Information continued at end of data sheet. Note: All devices operate over the -40C to +85C operating temperature range.
Applications
CMOS Logic-Level Translation Cellphones SPITM and MICROWIRETM Level Translation Low-Voltage ASIC Level Translation Smart Card Readers Cellphone Cradles Portable POS Systems Portable Communication Devices Low-Cost Serial Interfaces GPS
DATA +1.8V SYSTEM CONTROLLER +1.8V
Typical Operating Circuit
+3.3V
VL EN
VCC
MAX3000E MAX3001E MAX3002- MAX3012
I/O VCC_
+3.3V SYSTEM
Telecommunications Equipment
UCSP is a trademark of Maxim Integrated Products, Inc. SPI is a trademark of Motorola, Inc. MICROWIRE is a trademark of National Semiconductor.
I/O VL_
DATA
GND
Pin Configurations and Functional Diagrams appear at end of data sheet.
________________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
+1.2V to +5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators MAX3000E/MAX3001E/MAX3002-MAX3012
ABSOLUTE MAXIMUM RATINGS
(All voltages referenced to GND.) VCC ...........................................................................-0.3V to +6V VL...........................................................................................-0.3V to +6V I/O VCC_......................................................-0.3V to (VCC + 0.3V) I/O VL_ ...........................................................-0.3V to (VL + 0.3V) EN, EN A/B ...............................................................-0.3V to +6V Short-Circuit Duration I/O VL_, I/O VCC_ to GND .......Continuous Continuous Power Dissipation (TA = +70C) 20-Pin TSSOP (derate 7.0mW/C above +70C) .........559mW 20-Bump UCSP (derate 10mW/C above +70C) .......800mW 20-Pin 5mm x 5mm TQFN (derate 20.0mW/C above +70C) .....................................1667mW Operating Temperature Ranges MAX3001EAUP ..............................................-40C to +125C MAX300_EE_P .................................................-40C to +85C MAX30_ _E_P ..................................................-40C to +85C Junction Temperature ......................................................+150C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10s) .................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VCC = +1.65V to +5.5V, VL = +1.2V to VCC, EN = VL (MAX3000E/MAX3001E/MAX3002/MAX3004-MAX3012), EN A/B = VL or 0 (MAX3003), TA = TMIN to TMAX. Typical values are at VCC = +1.65V, VL = +1.2V, and TA = +25C.) (Notes 1, 2)
PARAMETER POWER SUPPLIES VL Supply Range VCC Supply Range VL VCC I/O VCC_ = 0, I/O VL _ = 0 or I/O VCC_ = VCC, I/O VL _ = VL, MAX3000E/MAX3002-MAX3012 Supply Current from VCC IQVCC I/O VCC_ = 0, I/O VL _ = 0 or I/O VCC_ = VCC, I/O VL _ = VL, MAX3001E I/O VCC_ = 0, I/O VL _ = 0 or I/O VCC_ = VCC, I/O VL _ = VL, MAX3000E/MAX3002-MAX3012 Supply Current from VL IQVL I/O VCC_ = 0, I/O VL _ = 0 or I/O VCC_ = VCC, I/O VL _ = VL, MAX3001E TA = +25C, EN = 0, MAX3000E/MAX3001E/MAX3002/ ISHDN-VCC MAX3004-MAX3012 TA = +25C, EN A/B = 0, MAX3003 TA = +25C, EN = 0, MAX3000E/MAX3001E/MAX3002/ MAX3004-MAX3012 TA = +25C, EN A/B = 0, MAX3003 0.1 50 0.1 50 1.2 1.65 0.1 VCC 5.50 10 A V V SYMBOL CONDITIONS MIN TYP MAX UNITS
0.1
10 A
0.1
2 A
VCC Shutdown Supply Current
0.1
2
0.1
2 A
VL Shutdown Supply Current
ISHDN-VL
0.1
2
2
_______________________________________________________________________________________
+1.2V to +5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators MAX3000E/MAX3001E/MAX3002-MAX3012
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +1.65V to +5.5V, VL = +1.2V to VCC, EN = VL (MAX3000E/MAX3001E/MAX3002/MAX3004-MAX3012), EN A/B = VL or 0 (MAX3003), TA = TMIN to TMAX. Typical values are at VCC = +1.65V, VL = +1.2V, and TA = +25C.) (Notes 1, 2)
PARAMETER SYMBOL CONDITIONS TA = +25C, EN = 0, MAX3000E/MAX3001E/MAX3002/ MAX3004-MAX3012 TA = +25C, EN A/B = 0, MAX3003 I/O VL _ Three-State Output Leakage Current I/O VL _ Pulldown Resistance During Shutdown EN or EN A/B Input Leakage Current LOGIC-LEVEL THRESHOLDS I/O VL _ Input-Voltage High Threshold I/O VL _ Input-Voltage Low Threshold I/O VCC _ Input-Voltage High Threshold I/O VCC _ Input-Voltage Low Threshold EN, EN A/B Input-Voltage High Threshold EN, EN A/B Input-Voltage Low Threshold I/O VL _ Output-Voltage High I/O VL _ Output-Voltage Low I/O VCC _ Output-Voltage High I/O VCC _ Output-Voltage Low ESD PROTECTION I/O VCC _ Human Body Model, MAX3000E/MAX3001E 15 kV VIHL VILL VIHC VILC VIH VIL VOHL VOLL VOHC VOLC I/O VL _ source current = 20A, I/O VCC _ VCC - 0.4V I/O VL _ sink current = 20A, I/O VCC _ 0.4V I/O VCC_ source current = 20A, I/O VL _ VL - 0.4V I/O VCC sink current = 20A, I/O VL _ 0.4V VCC - 0.4 0.4 0.4 VL - 0.4 0.4 1/3 x VCC VL - 0.4 1/3 x VL 2/3 x VCC 2/3 x VL V V V V V V V V V V EN A/B = 0, MAX3003 EN = 0, MAX3000E/MAX3001E/MAX3002/ MAX3004-MAX3012 TA = +25C MIN TYP 0.1 MAX 2 A 0.1 0.1 2 2 A UNITS
I/O VCC _ Three-State Output Leakage Current
4.59
8.30 1
k A
_______________________________________________________________________________________
3
+1.2V to +5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators MAX3000E/MAX3001E/MAX3002-MAX3012
TIMING CHARACTERISTICS
(VCC = +1.65V to +5.5V, VL = +1.2V to VCC, EN = VL (MAX3000E/MAX3001E/MAX3002/MAX3004-MAX3012), EN A/B = VL or 0 (MAX3003), TA = TMIN to TMAX. Typical values are at VCC = +1.65V, VL = +1.2V, and TA = +25C.) (Notes 1, 2)
PARAMETER SYMBOL CONDITIONS RS = 50, CVCC = 50pF, MAX3000E, Figures 1a, 1b I/O VCC_ Rise Time tRVCC RS = 50, CVCC = 50pF, MAX3001E, Figures 1a, 1b RS = 50, CVCC = 50pF, MAX3002-MAX3012, Figures 1a, 1b RS = 50, CVCC = 50pF, MAX3000E, Figures 1a, 1b I/O VCC_ Fall Time tFVCC RS = 50, CVCC = 50pF, MAX3001E, Figures 1a, 1b RS = 50, CVCC = 50pF, MAX3002-MAX3012, Figures 1a, 1b RS = 50, CVL = 50pF, MAX3000E, Figures 2a, 2b I/O VL _ Rise Time tRVL RS = 50, CVL = 50pF, MAX3001E, Figures 2a, 2b RS = 50, CVL = 15pF, MAX3002-MAX3012, Figures 2a, 2b RS = 50, CVL = 50pF, MAX3000E, Figures 2a, 2b I/O VL _ Fall Time tFVL RS = 50, CVL = 50pF, MAX3001E, Figures 2a, 2b RS = 50, CVL = 15pF, MAX3002-MAX3012, Figures 2a, 2b RS = 50, CVCC = 50pF, MAX3000E, Figures 1a, 1b Propagation Delay (Driving I/O VL _) I/OVL-VCC RS = 50, CVCC = 50pF, MAX3001E, Figures 1a, 1b RS = 50, CVCC = 50pF, MAX3002-MAX3012, Figures 1a, 1b RS = 50, CVL = 50pF, MAX3000E, Figures 2a, 2b Propagation Delay (Driving I/O VCC_) I/OVCC-VL RS = 50, CVL = 50pF, MAX3001E, Figures 2a, 2b RS = 50, CVL = 15pF, MAX3002-MAX3012, Figures 2a, 2b 400 800 25 400 800 25 400 800 25 MIN 400 TYP 800 25 MAX 1200 50 15 1200 50 15 1200 50 15 1200 65 15 1000 50 20 1000 50 20 ns ns ns ns ns ns UNITS
Note 1: All units are 100% production tested at TA = +25C. Limits over the operating temperature range are guaranteed by design and not production tested. Note 2: For normal operation, ensure that VL < VCC. During power-up, VL > VCC does not damage the device.
4
_______________________________________________________________________________________
+1.2V to +5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators
TIMING CHARACTERISTICS (continued)
(VCC = +1.65V to +5.5V, VL = +1.2V to VCC, EN = VL (MAX3000E/MAX3001E/MAX3002/MAX3004-MAX3012), EN A/B = VL or 0 (MAX3003), TA = TMIN to TMAX. Typical values are at VCC = +1.65V, VL = +1.2V, and TA = +25C.) (Notes 1, 2)
PARAMETER SYMBOL CONDITIONS RS = 50, CVCC = 50pF, CVL = 50pF, MAX3000E Channel-to-Channel Skew tSKEW RS = 50, CVCC = 50pF, CVL = 50pF, MAX3001E RS = 50, CVCC = 50pF, CVL = 15pF, MAX3002-MAX3012 RS = 50, CVCC = 50pF, CVL = 50pF, TA = +20C, MAX3000E (Note 3) Part-to-Part Skew tPPSKEW RS = 50, CVCC = 50pF, CVL = 50pF, TA = +20C, MAX3001E (Note 3) RS = 50, CVCC = 50pF, CVL = 15pF, TA = +20C, MAX3002-MAX3012 (Note 3) Propagation Delay from I/O VL _ to I/O VCC_ after EN Propagation Delay from I/O VCC_ to I/O VL _ after EN tEN-VCC CVCC = 50pF, MAX3000E/MAX3001E, MAX3002-MAX3012, Figure 3 CVL = 50pF, MAX3000E/MAX3001E/ MAX3002/MAX3004-MAX3012, Figure 4 CVL = 15pF, MAX3003, Figure 4 RS = 50, CVCC = 50pF, CVL = 50pF, MAX3000E Maximum Data Rate RS = 50, CVCC = 50pF, CVL = 50pF, MAX3001E RS = 50, CVCC = 50pF, CVL = 15pF, MAX3002-MAX3012 230 4 Mbps 20 MIN TYP MAX 500 10 5 800 30 10 2 2 2 kbps s ns ns UNITS
MAX3000E/MAX3001E/MAX3002-MAX3012
tEN-VL
s
Note 3: VCC from device 1 must equal VCC of device 2; VL from device 1 must equal VL of device 2.
_______________________________________________________________________________________
5
+1.2V to +5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators MAX3000E/MAX3001E/MAX3002-MAX3012
TIMING CHARACTERISTICS--MAX3002-MAX3012
(VCC = +1.65V to +5.5V, VL = +1.2V to VCC, EN = VL (MAX3002/MAX3004-MAX3012), EN A/B = VL or 0 (MAX3003), TA = TMIN to TMAX.) (Notes 1, 2)
PARAMETER +1.2V VL VCC +3.3V I/O VCC_ Rise Time I/O VCC_ Fall Time I/O VL _ Rise Time I/O VL _ Fall Time Propagation Delay Channel-to-Channel Skew Maximum Data Rate +2.5V VL VCC +3.3V I/O VCC_ Rise Time I/O VCC_ Fall Time I/O VL _ Rise Time I/O VL _ Fall Time Propagation Delay Channel-to-Channel Skew Maximum Data Rate +1.8V VL VCC +2.5V I/O VCC_ Rise Time I/O VCC_ Fall Time I/O VL _ Rise Time I/O VL _ Fall Time Propagation Delay Channel-to-Channel Skew Maximum Data Rate tRVCC tFVCC tRVL tFVL I/OVL-VCC I/OVCC-VL tSKEW Driving I/O VL _ Driving I/O VCC_ Each translator equally loaded 30 10 10 10 10 15 10 5 ns ns ns ns ns ns Mbps tRVCC tFVCC tRVL tFVL I/OVL-VCC I/OVCC-VL tSKEW Driving I/O VL _ Driving I/O VCC_ Each translator equally loaded 35 8.5 8.5 8.5 8.5 8.5 8.5 10 ns ns ns ns ns ns Mbps tRVCC tFVCC tRVL tFVL I/OVL-VCC I/OVCC-VL tSKEW Driving I/O VL _ Driving I/O VCC_ Each translator equally loaded 20 15 15 15 15 15 15 5 ns ns ns ns ns ns Mbps SYMBOL CONDITIONS MIN TYP MAX UNITS
6
_______________________________________________________________________________________
+1.2V to +5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators
Typical Operating Characteristics
(TA = +25C, unless otherwise noted.)
VL SUPPLY CURRENT vs. SUPPLY VOLTAGE (DRIVING I/O VL, VL = 1.8V)
MAX3000E/01E/02-12 toc01
MAX3000E/MAX3001E/MAX3002-MAX3012
VCC SUPPLY CURRENT vs. SUPPLY VOLTAGE (DRIVING I/O VL, VL = 1.8V)
DATA RATE = 20Mbps VCC SUPPLY CURRENT (A) 8000
MAX3000E/01E/02-12 toc02
VL SUPPLY CURRENT vs. TEMPERATURE (DRIVING I/O VCC, VCC = 3.3V, VL = 1.8V)
MAX3000E/01E/02-12 toc03
600 500 VL SUPPLY CURRENT (A) 400 300 200 100 0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 DATA RATE = 20Mbps
10,000
2000
VL SUPPLY CURRENT (A)
1500 DATA RATE = 20Mbps 1000 DATA RATE = 4Mbps 500 DATA RATE = 230kbps
6000 DATA RATE = 4Mbps 4000 DATA RATE = 230kbps 2000
DATA RATE = 4Mbps DATA RATE = 230kbps
0 5.5 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 SUPPLY VOLTAGE (V) SUPPLY VOLTAGE (V)
0 -40 -15 10 35 60 85 TEMPERATURE (C)
VCC SUPPLY CURRENT vs. TEMPERATURE (DRIVING I/O VCC, VCC = 3.3V, VL = 1.8V)
MAX3000E/01E/02-12 toc04
VL SUPPLY CURRENT vs. CAPACITIVE LOAD ON I/O VCC (DRIVING I/O VL, VCC = 3.3V, VL = 1.8V)
MAX3000E/01E/02-12 toc05
2500
100
VCC SUPPLY CURRENT (A)
DATA RATE = 20Mbps
VL SUPPLY CURRENT (A)
2000
80 DATA RATE = 20Mbps 60 DATA RATE = 4Mbps 40
1500 DATA RATE = 4Mbps DATA RATE = 230kbps 500
1000
20 DATA RATE = 230kbps
0 -40 -15 10 35 60 85 TEMPERATURE (C)
0 10 20 30 40 50 60 70 80 90 100 CAPACITIVE LOAD (pF)
VCC SUPPLY CURRENT vs. CAPACITIVE LOAD ON I/O VCC (DRIVING I/O VL, VCC = 3.3V, VL = 1.8V)
6000 VCC SUPPLY CURRENT (A) 5000 4000 3000 DATA RATE = 4Mbps 2000 1000 DATA RATE = 230kbps DATA RATE = 20Mbps
MAX3000E/01E/02-12 toc06
MAX3000E RISE/FALL TIME vs. CAPACITIVE LOAD ON I/O VCC (DRIVING I/O VL, VCC = 3.3V, VL = 1.8V)
MAX3000E/01E/02-12 toc07
7000
2000
RISE/FALL TIME (ns)
1500
tLH
1000 tHL 500 DATA RATE = 230kbps
0 10 20 30 40 50 60 70 80 90 100 CAPACITIVE LOAD (pF)
0 10 20 30 40 50 60 70 80 90 100 CAPACITIVE LOAD (pF)
_______________________________________________________________________________________
7
+1.2V to +5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators MAX3000E/MAX3001E/MAX3002-MAX3012
Typical Operating Characteristics (continued)
(TA = +25C, unless otherwise noted.)
MAX3001E RISE/FALL TIME vs. CAPACITIVE LOAD ON I/O VCC (DRIVING I/O VL, VCC = 3.3V, VL = 1.8V)
MAX3000E/01E/02-12 toc08
MAX3002-MAX3012 RISE/FALL TIME vs. CAPACITIVE LOAD ON I/O VCC (DRIVING I/O VL, VCC = 3.3V, VL = 1.8V)
MAX3000E/01E/02-12 toc09
60 50 RISE/FALL TIME (ns) tLH 40 30 tHL 20 10 DATA RATE = 4Mbps 0 10 20 30 40 50 60 70 80
8
RISE/FALL TIME (ns)
6 tLH 4 tHL 2 DATA RATE = 20Mbps 0 10 20 30 40
90 100
50
CAPACITIVE LOAD (pF)
CAPACITIVE LOAD (pF)
MAX3000E RISE/FALL TIME vs. CAPACITIVE LOAD ON I/O VL (DRIVING I/O VCC, VCC = 3.3V, VL = 1.8V)
MAX3000E/01E/02-12 toc10
MAX3001E RISE/FALL TIME vs. CAPACITIVE LOAD ON I/O VL (DRIVING I/O VCC, VCC = 3.3V, VL = 1.8V)
MAX3000E/01E/02-12 toc11
2000 tLH RISE/FALL TIME (ns) 1500
60 50 tHL RISE/FALL TIME (ns) 40 30 20 10 tLH
1000
tHL
500 DATA RATE = 230kbps 0 10 20 30 40 50 60 70 80 90 100 CAPACITIVE LOAD (pF) 0 10 20 30 40 50 60 70 80 90 100 CAPACITIVE LOAD (pF) DATA RATE = 4Mbps
MAX3002-MAX3012 RISE/FALL TIME vs. CAPACITIVE LOAD ON I/O VL (DRIVING I/O VCC, VCC = 3.3V, VL = 1.8V)
MAX3000E/01E/02-12 toc12
MAX3000E PROPAGATION DELAY vs. CAPACITIVE LOAD ON I/O VCC (DRIVING I/O VL, VCC = 3.3V, VL = 1.8V)
MAX3000E/01E/02-12 toc13
4
500
PROPAGATION DELAY (ns)
RISE/FALL TIME (ns)
3
400
tHL
tPLH
300 tPHL 200
2
1
tLH DATA RATE = 20Mbps
100 DATA RATE = 230kbps 0 30 10 20 30 40 50 60 70 80 90 100
0 10 15 20 25 CAPACITIVE LOAD (pF)
CAPACITIVE LOAD (pF)
8
_______________________________________________________________________________________
+1.2V to +5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators
Typical Operating Characteristics (continued)
(TA = +25C, unless otherwise noted.) MAX3001E PROPAGATION DELAY vs. CAPACITIVE LOAD ON I/O VCC (DRIVING I/O VL, VCC = 3.3V, VL = 1.8V)
MAX3000E/01E/02-12 toc14
MAX3000E/MAX3001E/MAX3002-MAX3012
MAX3002-MAX3012 PROPAGATION DELAY vs. CAPACITIVE LOAD ON I/O VCC (DRIVING I/O VL, VCC = 3.3V, VL = 1.8V)
MAX3000E/01E/02-12 toc15
MAX3000E PROPAGATION DELAY vs. CAPACITIVE LOAD ON I/O VL (DRIVING I/O VCC, VCC = 3.3V, VL = 1.8V)
tPHL 500 PROPAGATION DELAY (ns) 400 300 200 100 tPLH
MAX3000E/01E/02-12 toc16
30 25 PROPAGATION DELAY (ns) 20 15 10 5 DATA RATE = 4Mbps 0 10 20 30 40 tPHL tPLH
12 10 PROPAGATION DELAY (ns) 8 6 4 2 DATA RATE = 20Mbps 0 tPHL
600
tPLH
DATA RATE = 230kbps 0 30 10 20 30 40 50 60 70 80 90 100
50
10
15
20
25
CAPACITIVE LOAD (pF)
CAPACITIVE LOAD (pF)
CAPACITIVE LOAD (pF)
MAX3001E PROPAGATION DELAY vs. CAPACITIVE LOAD ON I/O VL (DRIVING I/O VCC, VCC = 3.3V, VL = 1.8V)
MAX3000E/01E/02-12 toc17
MAX3002-MAX3012 PROPAGATION DELAY vs. CAPACITIVE LOAD ON I/O VL (DRIVING I/O VCC, VCC = 3.3V, VL = 1.8V)
MAX3000E/01E/02-12 toc18
15
5
PROPAGATION DELAY (ns)
PROPAGATION DELAY (ns)
12 tPHL 9
4 tPHL 3
6 tPLH 3 DATA RATE = 4Mbps 0 10 20 30 40 50 CAPACITIVE LOAD (pF)
2 tPLH 1 DATA RATE = 20Mbps 0 10 15 20 25 30 CAPACITIVE LOAD (pF)
MAX3000E RAIL-TO-RAIL DRIVING (DRIVING I/O VL, VCC = 3.3V, VL = 1.8V, CVCC = 50pF, DATA RATE = 230kbps)
MAX3000E/01E/02-12 toc19
MAX3001E RAIL-TO-RAIL DRIVING (DRIVING I/O VL, VCC = 3.3V, VL = 1.8V, CVCC = 50pF, DATA RATE = 4Mbps)
MAX3000E/01E/02-12 toc20
MAX3002-MAX3012 RAIL-TO-RAIL DRIVING (DRIVING I/O VL, VCC = 3.3V, VL = 1.8V, CVCC = 50pF, DATA RATE = 20Mbps)
MAX3000E/01E/02-12 toc21
I/O VL_ 1V/div GND
I/O VL_ 1V/div GND
I/O VL_ 1V/div GND
I/O VCC_ 2V/div GND 1s/div 40ns/div
I/O VCC_ 2V/div GND 10ns/div
I/O VCC_ 2V/div GND
_______________________________________________________________________________________
9
+1.2V to +5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators MAX3000E/MAX3001E/MAX3002-MAX3012
Pin Description
MAX3000E/MAX3001E/MAX3002
PIN TSSOP 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 -- UCSP B1 A1 A2 B2 A3 B3 A4 B4 A5 B5 C5 D5 C4 D4 C3 D3 C2 D2 D1 C1 -- TQFN 19 20 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 EP NAME I/O VL1 VL I/O VL2 I/O VL3 I/O VL4 I/O VL5 I/O VL6 I/O VL7 I/O VL8 EN GND I/O VCC8 I/O VCC7 I/O VCC6 I/O VCC5 I/O VCC4 I/O VCC3 I/O VCC2 VCC I/O VCC1 EP Input/Output 1, Referenced to VL Logic Input Voltage, +1.2V VL VCC. Bypass VL to GND with a 0.1F capacitor. Input/Output 2, Referenced to VL Input/Output 3, Referenced to VL Input/Output 4, Referenced to VL Input/Output 5, Referenced to VL Input/Output 6, Referenced to VL Input/Output 7, Referenced to VL Input/Output 8, Referenced to VL Enable Input. If EN is pulled low, I/O VCC1 to I/O VCC8 are in three-state, while I/O VL1 to I/O VL8 have internal 6k pulldown resistors. Drive EN high (VL) for normal operation. Ground Input/Output 8, Referenced to VCC Input/Output 7, Referenced to VCC Input/Output 6, Referenced to VCC Input/Output 5, Referenced to VCC Input/Output 4, Referenced to VCC Input/Output 3, Referenced to VCC Input/Output 2, Referenced to VCC VCC Input Voltage, +1.65V VCC +5.5V. Bypass VCC to GND with a 0.1F capacitor. Input/Output 1, Referenced to VCC Exposed Pad. Connect to GND. FUNCTION
10
______________________________________________________________________________________
+1.2V to +5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators
Pin Description (continued)
MAX3003
PIN TSSOP 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 -- UCSP B1 A1 A2 B2 A3 B3 A4 B4 A5 B5 C5 D5 C4 D4 C3 D3 C2 D2 D1 C1 -- TQFN 19 20 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 EP NAME I/O VL1A VL I/O VL2A I/O VL3A I/O VL4A I/O VL1B I/O VL2B I/O VL3B I/O VL4B EN A/B GND I/O VCC4B I/O VCC3B I/O VCC2B I/O VCC1B I/O VCC4A I/O VCC3A I/O VCC2A VCC I/O VCC1A EP Input/Output 1A, Referenced to VL Logic Input Voltage, +1.2V VL VCC. Bypass VL to GND with a 0.1F capacitor. Input/Output 2A, Referenced to VL Input/Output 3A, Referenced to VL Input/Output 4A, Referenced to VL Input/Output 1B, Referenced to VL Input/Output 2B, Referenced to VL Input/Output 3B, Referenced to VL Input/Output 4B, Referenced to VL Enable Input. If EN A/B is pulled low, channels 1B through 4B are active, and channels 1A through 4A are in three-state. If EN A/B is driven high to VL, channels 1A through 4A are active, and channels 1B through 4B are in three-state. Ground Input/Output 4B, Referenced to VCC Input/Output 3B, Referenced to VCC Input/Output 2B, Referenced to VCC Input/Output 1B, Referenced to VCC Input/Output 4A, Referenced to VCC Input/Output 3A, Referenced to VCC Input/Output 2A, Referenced to VCC VCC Input Voltage, +1.65V VCC +5.5V. Bypass VCC to GND with a 0.1F capacitor. Input/Output 1A, Referenced to VCC Exposed Pad. Connect to GND. FUNCTION
MAX3000E/MAX3001E/MAX3002-MAX3012
______________________________________________________________________________________
11
+1.2V to +5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators MAX3000E/MAX3001E/MAX3002-MAX3012
Pin Description (continued)
MAX3004-MAX3012
NAME VCC VL GND EN (MAX3004) EN (MAX3005) EN (MAX3006) EN (MAX3007) EN (MAX3008) EN (MAX3009) EN (MAX3010) EN (MAX3011) EN (MAX3012) IVL1-IVL8 OVL1-OVL8 IVCC1-IVCC8 OVCC1-OVCC8 FUNCTION (Note 1) VCC Input Voltage, +1.65V < VCC < +5.5V. Bypass VCC to GND with a 0.1F capacitor. Logic Input Voltage, +1.2V VL VCC. Bypass VL to GND with a 0.1F capacitor. Ground Enable Input. If EN is pulled low, OVCC1-OVCC8 are in three-state, while IVL1-IVL8 have 6k pulldown resistors. Drive EN high (VL) for normal operation. Enable Input. If EN is pulled low, IVCC1 and OVCC2-OVCC8 are in three-state, while OVL1 and IVL2-IVL8 have 6k pulldown resistors. Drive EN high (VL) for normal operation. Enable Input. If EN is pulled low, IVCC1, IVCC2, and OVCC3-OVCC8 are in three-state, while OVL1, OVL2, and IVL3-IVL8 have 6k pulldown resistors. Drive EN high (VL) for normal operation. Enable Input. If EN is pulled low, IVCC1, IVCC2, IVCC3, and OVCC4-OVCC8 are in three-state, while OVL1, OVL2, OVL3, and IVL4-IVL8 have 6k pulldown resistors. Drive EN high (VL) for normal operation. Enable Input. If EN is pulled low, IVCC1-IVCC4 and OVCC5-OVCC8 are in three-state, while OVL1-OVL4 and IVL5-IVL8 have 6k pulldown resistors. Drive EN high (VL) for normal operation. Enable Input. If EN is pulled low, IVCC1-IVCC5, OVCC6, OVCC7, and OVCC8 are in three-state, while OVL1-OVL5, IVL6, IVL7, and IVL8 have 6k pulldown resistors. Drive EN high (VL) for normal operation. Enable Input. If EN is pulled low, IVCC1-IVCC6, OVCC7, and OVCC8 are in three-state, while OVL1-OVL6, IVL7, and IVL8 have 6k pulldown resistors. Drive EN high (VL) for normal operation. Enable Input. If EN is pulled low, IVCC1-IVCC7 and OVCC8 are in three-state, while OVL1-OVL7 and IVL8 have 6k pulldown resistors. Drive EN high (VL) for normal operation. Enable Input. If EN is pulled low, IVCC1-IVCC8 are in three-state, while OVL1-OVL8 have 6k pulldown resistors. Drive EN high (VL) for normal operation. Inputs Referenced to VL, Numbers 1 to 8 Outputs Referenced to VL, Numbers 1 to 8 Inputs Referenced to VCC, Numbers 1 to 8 Outputs Referenced to VCC, Numbers 1 to 8
Note 1: For specific pin numbers, see the Pin Configurations.
12
______________________________________________________________________________________
+1.2V to +5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators
______________________________________________Test Circuits/Timing Diagrams
tRISE/FALL 3ns
MAX3000E/MAX3001E/MAX3002-MAX3012
I/O VL VL
MAX3000E/MAX3001E/ EN MAX3002/MAX3003
VCC
90% 50% 10% I/OVL-VCC I/OVL-VCC I/O VCC
I/O VL
I/O VCC
SOURCE
RS
CVCC
90% 50% 10%
tFVCC
tRVCC
Figure 1a. Driving I/O VL
Figure 1b. Timing for Driving I/O VL
tRISE/FALL 3ns
I/O VCC VL
MAX3000E/MAX3001E/ EN MAX3002/MAX3003
VCC
90% 50% 10% I/OVCC-VL I/OVCC-VL
RS I/O VL CVL I/O VCC SOURCE I/O VL 90% 50% 10%
tFVL
tRVL
Figure 2a. Driving I/O VCC
Figure 2b. Timing for Driving I/O VCC
______________________________________________________________________________________
13
+1.2V to +5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators MAX3000E/MAX3001E/MAX3002-MAX3012
_________________________________Test Circuits/Timing Diagrams (continued)
EN SOURCE VL
MAX3000E/MAX3001E/ MAX3002/MAX3003
EN t'EN-VCC 0 VL I/O VL 0 CVCC VCC I/O VCC
2
I/O VL VL
I/O VCC
VCC
EN SOURCE
VL
MAX3000E/MAX3001E/ MAX3002/MAX3003
EN t"EN-VCC 0 VL
I/O VL VL
I/O VCC
I/O VL 0 CVCC VCC I/O VCC
2
VCC 0
tEN-VCC IS WHICHEVER IS LARGER BETWEEN t'EN-VCC AND t"EN-VCC
Figure 3. Propagation Delay from I/O VL to I/O VCC After EN
VL
EN SOURCE
MAX3000E/MAX3001E/ MAX3002/MAX3003
EN t'EN-VL 0 VCC I/O VCC 0 VCC I/O VL VL
2
I/O VL CVL
I/O VCC
VL 0
EN SOURCE
VL
MAX3000E/MAX3001E/ MAX3002/MAX3003
EN t"EN-VL 0 VCC
I/O VL CVL
I/O VCC VCC
I/O VCC 0 VL 0
I/O VL
VL
2
tEN-VL IS WHICHEVER IS LARGER BETWEEN t'EN-VL AND t"EN-VL
Figure 4. Propagation Delay from I/O VCC to I/O VL After EN
14 ______________________________________________________________________________________
+1.2V to +5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators
Detailed Description
The MAX3000E/MAX3001E/MAX3002-MAX3012 logiclevel translators provide the level shifting necessary to allow data transfer in a multivoltage system. Externally applied voltages, VCC and VL, set the logic levels on either side of the device. Logic signals present on the VL side of the device appear as a higher voltage logic signal on the VCC side of the device, and vice-versa. The MAX3000E/MAX3001E/MAX3002/MAX3003 are bidirectional level translators allowing data translation in either direction (VL VCC) on any single data line. These devices use an architecture specifically designed to be bidirectional without the use of a direction pin. The MAX3004-MAX3012 unidirectional level translators level shift data in one direction (VL VCC or V CC V L ) on any single data line. The MAX3000E/MAX3001E/ MAX3002-MAX3012 accept VL from +1.2V to +5.5V. All devices have VCC ranging from +1.65V to +5.5V, making them ideal for data transfer between low-voltage ASICs/PLDs and higher voltage systems. The MAX3000E/MAX3001E/MAX3002/MAX3004- MAX3012 feature an output enable mode that reduces VCC supply current to less than 2A, and VL supply current to less than 2A when in shutdown. The MAX3000E/MAX3001E have 15kV ESD protection on the VCC side for greater protection in applications that route signals externally. The MAX3000E operates at a guaranteed data rate of 230kbps; the MAX3001E operates at a guaranteed data rate of 4Mbps and the MAX3002-MAX3012 are guaranteed with a data rate of 20Mbps of operation over the entire specified operating voltage range. state except when there is a transition on any of the translators on the input side, either I/O VL or I/O VCC. When there is such a transition, the accelerator stages become active, charging (discharging) the capacitances at the I/Os. Due to its bidirectional nature, both stages become active during the one-shot pulse. This can lead to some current feeding into the external source that is driving the translator. However, this behavior helps to speed up the transition on the driven side. For proper full-speed operation, the output current of a device that drives the inputs of the MAX3000E/ MAX3001E/MAX3002-MAX3012 should meet the following requirements: * MAX3000E (230kbps): i > 1mA, Rdrv < 1k * MAX3001E (4Mbps): i > 107 x V x (C + 10pF) * MAX3002-MAX3012 (20Mbps): i > 108 x V x (C + 10pF) where i is the driver output current, V is the logic-supply voltage (i.e., VL or VCC) and C is the parasitic capacitance of the signal line.
MAX3000E/MAX3001E/MAX3002-MAX3012
Enable Output Mode (EN, EN A/B)
The MAX3000E/MAX3001E/MAX3002 and the MAX3004- MAX3012 feature an EN input, and the MAX3003 has an EN A/B input. Pull EN low to set the MAX3000E/ MAX3001E/MAX3002/MAX3004-MAX3012s' I/O VCC1 through I/O VCC8 in three-state output mode, while I/O VL1 through I/O VL8 have internal 6k pulldown resistors. Drive EN to logic-high (VL) for normal operation. The MAX3003 is intended for bus multiplexing or bus switching applications. Drive EN A/B low to place channels 1B through 4B in active mode, while channels 1A through 4A are in three-state mode. Drive EN A/B to logic-high (VL) to enable channels 1A through 4A, while channels 1B through 4B remain in three-state mode.
Level Translation
For proper operation, ensure that +1.65V VCC +5.5V, +1.2V VL +5.5V, and VL VCC. During power-up sequencing, VL VCC does not damage the device. During power-supply sequencing, when VCC is floating and V L is powering up, up to 10mA current can be sourced to each load on the VL side, yet the device does not latch up. The maximum data rate also depends heavily on the load capacitance (see the Typical Operating Characteristics), output impedance of the driver, and the operational voltage range (see the Timing Characteristics table).
15kV ESD Protection
As with all Maxim devices, ESD-protection structures are incorporated on all pins to protect against electrostatic discharges encountered during handling and assembly. The I/O V CC lines have extra protection against static discharge. Maxim's engineers have developed state-of-the-art structures to protect these pins against ESD of 15kV without damage. The ESD structures withstand high ESD in all states: normal operation, three-state output mode, and powered down. After an ESD event, Maxim's E versions keep working without latchup, whereas competing products can latch and must be powered down to remove latchup.
15
Input Driver Requirements
The MAX3001E/MAX3002-MAX3012 architecture is based on a one-shot accelerator output stage. See Figure 5. Accelerator output stages are always in three-
______________________________________________________________________________________
+1.2V to +5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators MAX3000E/MAX3001E/MAX3002-MAX3012
VL I/O VL_ TO I/O VCC_ PATH P ONE-SHOT 6k I/O VL N ONE-SHOT I/O VCC VCC
P ONE-SHOT 6k
N ONE-SHOT
I/O VCC_ TO I/O VL_ PATH
Figure 5. MAX3001E/MAX3002-MAX3012 Simplified Functional Diagram (1 I/O Line)
ESD protection can be tested in various ways. The I/O VCC lines of the MAX3000E/MAX3001E are characterized for protection to 15kV using the Human Body Model.
IIN
ESD Test Conditions
ESD performance depends on a variety of conditions. Contact Maxim for a reliability report that documents test setup, test methodology, and test results.
VTH_IN / 6k
Human Body Model
Figure 7a shows the Human Body Model and Figure 7b shows the current waveform it generates when discharged into a low impedance. This model consists of a 100pF capacitor charged to the ESD voltage of interest, which is then discharged into the test device through a 1.5k resistor.
0 VTH_IN VS -(VS - VTH_IN) / 6k WHERE VS = VCC OR VL VIN
Machine Model
The Machine Model for ESD tests all pins using a 200pF storage capacitor and zero discharge resistance. Its objective is to emulate the stress caused by contact that occurs with handling and assembly during manufacturing. Of course, all pins require this protection during manufacturing, not just inputs and outputs. Therefore, after PCB assembly, the Machine Model is less relevant to I/O ports.
16
Figure 6. Typical IIN vs. VIN
______________________________________________________________________________________
+1.2V to +5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators
Applications Information
Power-Supply Decoupling
To reduce ripple and the chance of transmitting incorrect data, bypass VL and VCC to ground with a 0.1F capacitor. To ensure full 15kV ESD protection, bypass VCC to ground with a 1F capacitor. Place all capacitors as close to the power-supply inputs as possible.
Unidirectional vs. Bidirectional Level Translator
The MAX3000E/MAX3001E/MAX3002/MAX3003 bidirectional translators can operate as a unidirectional device to translate signals without inversion. The MAX3004-MAX3012 unidirecitional level translators, level-shift data in one direction (VL VCC or VCC VL) on any single data line (see the Ordering Information.) These devices provide the smallest solution (UCSP package) for unidirectional level translation without inversion.
MAX3000E/MAX3001E/MAX3002-MAX3012
I2C Level Translation
For I2C level translation for I2C applications, please refer to the MAX3372E-MAX3379E/MAX3390E-MAX3393E datasheet.
______________________________________________________________________________________
17
+1.2V to +5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators MAX3000E/MAX3001E/MAX3002-MAX3012
RC 1M CHARGE-CURRENTLIMIT RESISTOR HIGHVOLTAGE DC SOURCE CS 100pF RD 1500 DISCHARGE RESISTANCE STORAGE CAPACITOR DEVICE UNDER TEST IP 100% 90% AMPERES 36.8% 10% 0 0 tRL Ir PEAK-TO-PEAK RINGING (NOT DRAWN TO SCALE)
TIME tDL CURRENT WAVEFORM
Figure 7a. Human Body ESD Test Model
Figure 7b. Human Body Current Waveform
Selector Guide
PART MAX3000E MAX3001E MAX3002 MAX3003 MAX3004 MAX3005 MAX3006 MAX3007 MAX3008 MAX3009 MAX3010 MAX3011 MAX3012 EN -- EN A/B -- -- -- -- -- -- -- -- -- -- -- -- Tx/Rx* 8/8 8/8 8/8 8/8 8/0 7/1 6/2 5/3 4/4 3/5 2/6 1/7 0/8 DATA RATE 230kbps 4Mbps ** ** ** ** ** ** ** ** ** ** ** ESD PROTECTION (kV) 15 15 2 2 2 2 2 2 2 2 2 2 2
*Tx = VL VCC; Rx = VCC VL **See Table 1.
Table 1. Data Rate
VL VCC (V) 1.2 5.5 1.2 3.3 2.5 3.3 1.8 2.5 1.2 2.5 1.2 1.8 MAX3002-MAX3012 GUARANTEED DATA RATE (Mbps) 40 20 35 30 20 20
18
______________________________________________________________________________________
+1.2V to +5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators
MAX3000E/MAX3001E/MAX3002 Functional Diagram
VL VCC
MAX3000E/MAX3001E/MAX3002-MAX3012
EN
MAX3000E/ MAX3001E/MAX3002
I/O VL1 I/O VCC1
I/O VL2
I/O VCC2
I/O VL3
I/O VCC3
I/O VL4
I/O VCC4
I/O VL5
I/O VCC5
I/O VL6
I/O VCC6
I/O VL7
I/O VCC7
I/O VL8
I/O VCC8
GND
______________________________________________________________________________________
19
+1.2V to +5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators MAX3000E/MAX3001E/MAX3002-MAX3012
MAX3003 Functional Diagram
VL VCC
EN A/B
MAX3003
I/O VL1A I/O VCC1A
I/O VL2A
I/O VCC2A
I/O VL3A
I/O VCC3A
I/O VL4A
I/O VCC4A
I/O VL1B
I/O VCC1B
I/O VL2B
I/O VCC2B
I/O VL3B
I/O VCC3B
I/O VL4B
I/O VCC4B
GND
20
______________________________________________________________________________________
+1.2V to +5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators
Pin Configurations
MAX3000E/MAX3001E/MAX3002 MAX3004-MAX3012
1 D VCC C I/O VCC1 B I/O VL1 A VL I/O VL2 I/O VL4 I/O VL6 I/O VL8 I/O VL3 I/O VL5 I/O VL7 EN A VL I/O VL2A I/O VL4A I/O VL2B I/O VL4B I/O VCC3 I/O VCC5 I/O VCC7 GND B I/O VL1A I/O VL3A I/O VL1B I/O VL3B EN A/B I/O VCC2 I/O VCC4 I/O VCC6 I/O VCC8 C I/O VCC1A I/O VCC3A I/O VCC1B I/O VCC3B GND 2 3 4 5 D VCC I/O VCC2A I/O VCC4A I/O VCC2B I/O VCC4B 1 2
MAX3000E/MAX3001E/MAX3002-MAX3012
MAX3003
3 4 5
20 UCSP (Bottom View)
20 UCSP (Bottom View)
MAX3000E/MAX3001E/MAX3002 TOP VIEW
I/O VL1 1 VL 2 I/O VL2 3 I/O VL3 4 I/O VL4 5 I/O VL5 6 I/O VL6 7 I/O VL7 8 I/O VL8 9 EN 10 20 I/O VCC1 19 VCC 18 I/O VCC2 17 I/O VCC3 16 I/O VCC4 15 I/O VCC5 14 I/O VCC6 13 I/O VCC7 12 I/O VCC8 11 GND I/O VL1A 1 VL 2 I/O VL2A 3 I/O VL3A 4 I/O VL4A 5 I/O VL1B 6 I/O VL2B 7 I/O VL3B 8 I/O VL4B 9 EN A/B 10
MAX3003
20 I/O VCC1A 19 VCC 18 I/O VCC2A 17 I/O VCC3A 16 I/O VCC4A 15 I/O VCC1B 14 I/O VCC2B 13 I/O VCC3B 12 I/O VCC4B 11 GND
TSSOP
I/O VCC2 I/O VCC1 I/O VL1
TSSOP
I/O VCC2A 16 15 14 I/O VCC1A 18 I/O VL1A
TOP VIEW
VL
VCC
20
19
18
17
16
20
VL
19
I/O VL2 I/O VL3 I/O VL4 I/O VL5 I/O VL6
1 2 3 4 5
15 14
I/O VCC3 I/O VCC4 I/O VCC5 I/O VCC6 I/O VCC7
I/O VL2A I/O VL3A I/O VL4A I/O VL1B I/O VL2B
1 2 3 4 5 *EXPOSED PADDLE
17
VCC
I/O VCC3A I/O VCC4A I/O VCC1B I/O VCC2B I/O VCC3B
MAX3000E/ MAX3001E/ MAX3002
*EXPOSED PADDLE
13 12 11 10
MAX3003
13 12 11 10 I/O VCC4B
6
7
8
9
6
7
8 EN A/B
I/O VL8
GND
I/O VL4B
I/O VL7
I/O VCC8
5mm 5mm THIN QFN
5mm 5mm THIN QFN
______________________________________________________________________________________
I/O VL3B
GND
EN
9
21
+1.2V to +5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators MAX3000E/MAX3001E/MAX3002-MAX3012
Pin Configurations (continued)
TOP VIEW MAX3004
I VL1 1 VL 2 I VL2 3 I VL3 4 I VL4 5 I VL5 6 I VL6 7 I VL7 8 I VL8 9 EN 10 20 O VCC1 19 VCC 18 O VCC2 17 O VCC3 16 O VCC4 15 O VCC5 14 O VCC6 13 O VCC7 12 O VCC8 11 GND O VL1 1 VL 2 I VL2 3 I VL3 4 I VL4 5 I VL5 6 I VL6 7 I VL7 8 I VL8 9 EN 10
MAX3005
20 I VCC1 19 VCC 18 O VCC2 17 O VCC3 16 O VCC4 15 O VCC5 14 O VCC6 13 O VCC7 12 O VCC8 11 GND O VL1 1 VL 2 O VL2 3 I VL3 4 I VL4 5 I VL5 6 I VL6 7 I VL7 8 I VL8 9 EN 10
MAX3006
20 I VCC1 19 VCC 18 I VCC2 17 O VCC3 16 O VCC4 15 O VCC5 14 O VCC6 13 O VCC7 12 O VCC8 11 GND
TSSOP MAX3007
O VL1 1 VL 2 O VL2 3 O VL3 4 I VL4 5 I VL5 6 I VL6 7 I VL7 8 I VL8 9 EN 10 20 I VCC1 19 VCC 18 I VCC2 17 I VCC3 16 O VCC4 15 O VCC5 14 O VCC6 13 O VCC7 12 O VCC8 11 GND O VL1 1 VL 2 O VL2 3 O VL3 4 O VL4 5 I VL5 6 I VL6 7 I VL7 8 I VL8 9 EN 10
TSSOP MAX3008
20 I VCC1 19 VCC 18 I VCC2 17 I VCC3 16 I VCC4 15 O VCC5 14 O VCC6 13 O VCC7 12 O VCC8 11 GND O VL1 1 VL 2 O VL2 3 O VL3 4 O VL4 5 O VL5 6 I VL6 7 I VL7 8 I VL8 9 EN 10
TSSOP MAX3009
20 I VCC1 19 VCC 18 I VCC2 17 I VCC3 16 I VCC4 15 I VCC5 14 O VCC6 13 O VCC7 12 O VCC8 11 GND
TSSOP
TSSOP
TSSOP
22
______________________________________________________________________________________
+1.2V to +5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators
Pin Configurations (continued)
TOP VIEW MAX3010
O VL1 1 VL 2 O VL2 3 O VL3 4 O VL4 5 O VL5 6 O VL6 7 I VL7 8 I VL8 9 EN 10 20 I VCC1 19 VCC 18 I VCC2 17 I VCC3 16 I VCC4 15 I VCC5 14 I VCC6 13 O VCC7 12 O VCC8 11 GND O VL1 1 VL 2 O VL2 3 O VL3 4 O VL4 5 O VL5 6 O VL6 7 O VL7 8 I VL8 9 EN 10
MAX3000E/MAX3001E/MAX3002-MAX3012
MAX3011
20 I VCC1 19 VCC 18 I VCC2 17 I VCC3 16 I VCC4 15 I VCC5 14 I VCC6 13 I VCC7 12 O VCC8 11 GND O VL1 1 VL 2 O VL2 3 O VL3 4 O VL4 5 O VL5 6 O VL6 7 O VL7 8 O VL8 9 EN 10
MAX3012
20 I VCC1 19 VCC 18 I VCC2 17 I VCC3 16 I VCC4 15 I VCC5 14 I VCC6 13 I VCC7 12 I VCC8 11 GND
TSSOP
TSSOP
TSSOP
Ordering Information (continued)
PART MAX3001EEUP MAX3001EEBP-T* MAX3001EETP MAX3001EAUP MAX3002EUP MAX3002EBP-T* MAX3002ETP MAX3003EUP MAX3003EBP-T* MAX3003ETP MAX3004EUP MAX3004EBP-T* MAX3005EUP MAX3005EBP-T* MAX3006EUP MAX3006EBP-T* TEMP RANGE -40C to +85C -40C to +85C -40C to +85C -40C to +125C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C PIN-PACKAGE 20 TSSOP 4 x 5 UCSP 20 TQFN 20 TSSOP 20 TSSOP 4 x 5 UCSP 20 TQFN 20 TSSOP 4 x 5 UCSP 20 TQFN 20 TSSOP 4 x 5 UCSP 20 TSSOP 4 x 5 UCSP 20 TSSOP 4 x 5 UCSP PART MAX3007EUP MAX3007EBP-T* MAX3008EUP MAX3008EBP-T* MAX3009EUP MAX3009EBP-T* MAX3010EUP MAX3010EBP-T* MAX3011EUP MAX3011EBP-T* MAX3012EUP MAX3012EBP-T* TEMP RANGE -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C PIN-PACKAGE 20 TSSOP 4 x 5 UCSP 20 TSSOP 4 x 5 UCSP 20 TSSOP 4 x 5 UCSP 20 TSSOP 4 x 5 UCSP 20 TSSOP 4 x 5 UCSP 20 TSSOP 4 x 5 UCSP
*Future product--contact factory for availability. -T = Tape-and-reel package.
Chip Information
TRANSISTOR COUNT: 1184 PROCESS: BiCMOS
______________________________________________________________________________________
23
+1.2V to +5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators MAX3000E/MAX3001E/MAX3002-MAX3012
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. PACKAGE TYPE 20 TSSOP 20 TQFN 4 x 5 UCSP PACKAGE CODE U20-3 T2055-4 B20-1 DOCUMENT NO. 21-0066 21-0140 21-0095
24
______________________________________________________________________________________
+1.2V to +5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators
Revision History
REVISION NUMBER 4 5 REVISION DATE 12/06 8/08 Added TQFN packages Changed pin description and package drawing DESCRIPTION PAGES CHANGED 1, 2, 3, 10, 11, 15, 16, 21, 23-26 1, 10, 11, 23
MAX3000E/MAX3001E/MAX3002-MAX3012
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 25
(c) 2008 Maxim Integrated Products is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX3012EBP-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X