Part Number Hot Search : 
1100A 661LF SSF3D RCM2030R 2SC36 LZ803 C5010 2SD1664
Product Description
Full Text Search
 

To Download M62354AGP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M62354AGP
8-bit 6ch D/A Converter with Buffer Amplifiers
REJ03D0871-0201 Rev.2.01 Dec 27, 2007
Description
M62354A is a CMOS structured semiconductor integrated circuit integrating 6 channels of built-in D/A converters with high performance buffer operational amplifier for each channel output. 3-wire serial interface (DI, CLK, LD) method is used for the transfer format of digital data to allow connection with microcomputer with minimum wiring DO terminal is provided to allow cascading serial use. Built-in buffer operational amplifiers are designed to operate or full swing in the whole voltage range from VCC to GND for each input/output. And their higher stability for capacitive load perfectly fits in to the use for electronic volume (VCA) or the replacement for semi-variable resistor for tuning.
Features
* * * * * 12-bit serial data input (3 wire serial data transfer method, DI, CLK, LD) Corresponds to TTL input for digital input (VINH 2 V, VINL 0.8 V) R-2R + segment method high performance 6ch 8-bit D/A converters 6ch buffer operational amplifiers operating in the whole voltage range from VCC to GND Buffer operational amplifiers with high oscillation stability for capacitive load
Application
Adjustment or control of industrial or home-use electronic equipments such as VTR camera, VTR set, TV, and CRT display.
Block Diagram
VCC 16 VDD 15
AO6
14
AO5
13
AO4
12
AO3
11
VSS 9
+ -
+ -
+ -
D/A
Ch6 5
D/A
4
D/A
8-bit R-2R segment D/A converter
3
L
(6) ......
Address decoder
L
L
L
Ch1 2
D/A
D11 10 9 8 D7 6 5 4 3 2 1 0
8-bit R-2R segment D/A converter
+ -
12-bit shift register
1 DO
2 LD
3 CLK
4 DI
5
+ -
+ -
8-bit latch
(6) ....
8-bit latch
6
8 GND
AO1
AO2
REJ03D0871-0201 Rev.2.01 Dec 27, 2007 Page 1 of 8
M62354AGP
Pin Arrangement
M62354AGP
DO LD CLK DI AO1 AO2 NC GND
1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9
VCC VDD (VrefU) AO6 AO5 AO4 AO3 NC VSS (VrefL)
NC: No connection
(Top view) Outline: PLSP0016JA-A (16P2E-A)
Pin Description
Pin No. 4 1 3 2 5 6 11 12 13 14 16 8 15 9 Pin Name DI DO CLK LD AO1 AO2 AO3 AO4 AO5 AO6 VCC GND VDD VSS Function Serial data input terminal. 12-bit serial data is input to this terminal. Serial data output terminal. Serial data of 12-bit shift register is output from this terminal. Serial clock input terminal. Input signal from DI terminal is input to 12-bit shift register upon the rise of shift clock. Data is loaded to register when "H" is input to LD terminal. 8-bit D/A converter output terminal. Built-in buffer amp. is connected to VCC. D/A converted voltage between VDD and VSS is output to each terminal.
Power supply terminal. Digital and analog common GND D/A converter High level reference voltage input terminal. D/A converter Low level reference voltage input terminal.
REJ03D0871-0201 Rev.2.01 Dec 27, 2007 Page 2 of 8
M62354AGP
Block Diagram for Explanation of Terminals
VCC
16
GND
8
DI CLK
4 3
D0 D1 D2 D3
12-bit shift register
D4 D5 D6 D7 D8 D9 D10 D11
1
DO
(8) (6)
Decoder
123456
2
LD
D0
..... 8-bit latch
D7
D0
............................... ...............................
..... 8-bit latch
D7
8-bit R-2R+segment D/A converter
8-bit R-2R+segment D/A converter
+ -
A1
+ -
.........................................
A6
15
5
14
9
AO1 VDD (VrefU)
AO6
VSS (VrefL)
Absolute Maximum Ratings
Item Supply voltage D/A converter High level reference voltage Digital input voltage Output voltage Power dissipation Operating temperature Storage temperature Symbol VCC VDD VIN Vout Pd Topr Tstg Ratings -0.3 to +7.0 -0.3 to +7.0 -0.3 to VCC + 0.3 -0.3 to VCC + 0.3 150 -20 to +85 -40 to +125 Unit V V V V mW C C
REJ03D0871-0201 Rev.2.01 Dec 27, 2007 Page 3 of 8
M62354AGP
Electrical Characteristics
(VCC, VrefU = 5 V 10%, VCC VrefU, GND, VrefL = 0.0 V, Ta = -20 to +85C unless otherwise specified.)
Item Supply voltage Supply current Input leak current Digital input Low voltage Digital input High voltage Digital output Low voltage Digital output High voltage Note: Symbol VCC ICC IILK VIL VIH VOL VOH Min 4.5 -- -10 -- 2.0 -- VCC - 0.4 Limits Typ 5.0 0.7 -- -- -- -- -- Max 5.5 2.5 10 0.8 -- 0.4 -- Unit V mA A V V V V Conditions CLK = 1 MHz operation VCC = 5 V, IAO = 0 A VIN = 0 to VCC
IOL = 2.5 mA IOH = -400 A
Typical value is for Ta = 25C Changes from M62354GP: Digital input voltage corresponds to TTL spec.
(VCC, VrefU = 5 V 10%, VCC VrefU, GND, VrefL = 0.0 V, Ta = -20 to +85C unless otherwise specified.)
Item Reference voltage pin current D/A converter High level reference voltage range D/A converter Low level reference voltage range Buffer amplifier output drive range Buffer amplifier output drive range Differential nonlinearity Nonlinearity Zero code error Full scale error Output capacitive load Buffer Amp. output impedance Symbol IrefU VDD (VrefU) VSS (VrefL) VAO IAO SDL SL SZERO SFULL CO RO Min -- 3.5 Limits Typ 0.7 -- Max 1.3 VCC VCC - 3.5 VCC - 0.1 VCC - 0.2 1 1.0 1.5 2.0 2.0 0.1 -- Unit mA V Conditions VrefU = 5 V, VrefL = 0 V, IAO = 0 A Data condition: at maximum current The output does not necessarily be the Values within the reference voltage setting range. The output value is determined by the buffer amplifier output voltage range (VAO). IAO = 100 A IAO = 500 A Upper side saturation voltage = 0.3 V Lower side saturation voltage = 0.2 V VrefU = 4.79 V VrefL = 0.95 V (15 mV/LSB) VCC = 5.5 V Without load (IAO = +0 A)
GND
--
V
0.1 0.2 -1 -1.0 -1.5 -2.0 -2.0 -- --
-- -- -- -- -- -- -- -- 5
V mA LSB LSB LSB LSB F
REJ03D0871-0201 Rev.2.01 Dec 27, 2007 Page 4 of 8
M62354AGP
AC Characteristics
(VCC, VrefU = 5 V 10%, VCC VrefU, GND, VrefL = 0.0 V, Ta = -20 to +85C unless otherwise specified.)
Item Clock "L" pulse width Clock "H" pulse width Clock rise time Clock fall time Data setup time Data hold time LD setup time LD hold time LD "H" hold time Data output delay time D/A output setting time Symbol tCKL tCKH tCR tCF tDCH tCHD tCHL tLDC tLDH tDO tLDD Min 200 200 -- 30 60 200 100 100 70 -- Limits Typ -- -- -- -- -- -- -- -- -- -- Max -- -- 200 -- -- -- -- -- 350 300 Unit ns ns ns ns ns ns ns ns ns s Conditions
CL 100 pF CL 100 pF, VAO: 0.5 4.5 V The time until the output becomes the final value of 1/2 LSB
Measurement Circuit
Input
DUT
Output CL 100 pF
Timing Chart
tCR tCKH tCF tCHL
CLK
tCKL tLDC
DI
tDCH tCHD tCHL tLDH
LD
tLDD
AO1 to AO6 output
tDO tDO
DO output
REJ03D0871-0201 Rev.2.01 Dec 27, 2007 Page 5 of 8
M62354AGP
Digital Data Format
Last LSB D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 First MSB D11
DAC data
DAC select data
DAC Data
D0 0 1 0 1 : 0 1 Note: D1 0 0 1 1 : 1 1 D2 0 0 0 0 : 1 1 D3 0 0 0 0 : 1 1 D4 0 0 0 0 : 1 1 D5 0 0 0 0 : 1 1 D6 0 0 0 0 : 1 1 D7 0 0 0 0 : 1 1 D/A Output (VrefU - VrefL) / 256 x 1 + VrefL [V] (VrefU - VrefL) / 256 x 2 + VrefL [V] (VrefU - VrefL) / 256 x 3 + VrefL [V] (VrefU - VrefL) / 256 x 4 + VrefL [V] : (VrefU - VrefL) / 256 x 255 + VrefL [V] VrefU [V] (1 LSB) (2 LSB) (3 LSB) (4 LSB) (255 LSB) (256 LSB)
VrefU = VDD, VrefL = VSS
DAC Select Data
D8 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 D9 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 D10 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 D11 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 DAC Selection Don't care AO1 select AO2 select AO3 select AO4 select AO5 select AO6 select Don't care Don't care Don't care Don't care Don't care Don't care Don't care Don't care Don't care
Timing Chart (Model)
CLK
SI
D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
LD AO1 to AO6
REJ03D0871-0201 Rev.2.01 Dec 27, 2007 Page 6 of 8
M62354AGP
Typical Application
16 VCC 15 VDD (VrefU) AO1 AO2 4 3 MCU 2 1 DI CLK AO4 12 LD DO AO5 13 AO6 14 VSS (VrefL) 9 5 6
AO3 11
GND 8
Precaution for Use
M62354AGP has 3 terminals (VDD, VCC, and VSS) to which constant voltage is to be applied. Ripple voltage or spike noise to these terminals may worsen converting precision or cause erroneous operations. So be sure to use this device by putting capacitor between each terminal and GND to get D/A conversion operation stabilized. Output buffer amplifiers have high oscillation stability against capacitive load. This means that jitters by wirings around output terminals or capacitor between output and GND (0.1 F Max) do not cause any problems with DAC operations. Connect capacitor (0.1 F or around) between output and GND for protection from spark discharge when this device is used under such high electric field as that for instance of instruments with cathode ray tube.
REJ03D0871-0201 Rev.2.01 Dec 27, 2007 Page 7 of 8
M62354AGP
Package Dimensions
JEITA Package Code P-LSSOP16-4.4x5-0.65 RENESAS Code PLSP0016JA-A Previous Code 16P2E-A MASS[Typ.] 0.06g
16
9
HE
E
F
NOTE) 1. DIMENSIONS "*1" AND "*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION "*3" DOES NOT INCLUDE TRIM OFFSET.
*1
1 Index mark
8
c
A2
A1
Reference Dimension in Millimeters Symbol
*2 D
*3 e y
bp Detail F
D E A2 A A1 bp c HE e y L
Nom Max 5.0 5.1 4.4 4.5 1.15 1.45 0 0.1 0.2 0.17 0.22 0.32 0.13 0.15 0.2 0 10 6.2 6.4 6.6 0.53 0.65 0.77 0.10 0.3 0.5 0.7
Min 4.9 4.3
REJ03D0871-0201 Rev.2.01 Dec 27, 2007 Page 8 of 8
A
L
Sales Strategic Planning Div.
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
Notes: 1. This document is provided for reference purposes only so that Renesas customers may select the appropriate Renesas products for their use. Renesas neither makes warranties or representations with respect to the accuracy or completeness of the information contained in this document nor grants any license to any intellectual property rights or any other rights of Renesas or any third party with respect to the information in this document. 2. Renesas shall have no liability for damages or infringement of any intellectual property or other rights arising out of the use of any information in this document, including, but not limited to, product data, diagrams, charts, programs, algorithms, and application circuit examples. 3. You should not use the products or the technology described in this document for the purpose of military applications such as the development of weapons of mass destruction or for the purpose of any other military use. When exporting the products or technology described herein, you should follow the applicable export control laws and regulations, and procedures required by such laws and regulations. 4. All information included in this document such as product data, diagrams, charts, programs, algorithms, and application circuit examples, is current as of the date this document is issued. Such information, however, is subject to change without any prior notice. Before purchasing or using any Renesas products listed in this document, please confirm the latest product information with a Renesas sales office. Also, please pay regular and careful attention to additional and different information to be disclosed by Renesas such as that disclosed through our website. (http://www.renesas.com ) 5. Renesas has used reasonable care in compiling the information included in this document, but Renesas assumes no liability whatsoever for any damages incurred as a result of errors or omissions in the information included in this document. 6. When using or otherwise relying on the information in this document, you should evaluate the information in light of the total system before deciding about the applicability of such information to the intended application. Renesas makes no representations, warranties or guaranties regarding the suitability of its products for any particular application and specifically disclaims any liability arising out of the application and use of the information in this document or Renesas products. 7. With the exception of products specified by Renesas as suitable for automobile applications, Renesas products are not designed, manufactured or tested for applications or otherwise in systems the failure or malfunction of which may cause a direct threat to human life or create a risk of human injury or which require especially high quality and reliability such as safety systems, or equipment or systems for transportation and traffic, healthcare, combustion control, aerospace and aeronautics, nuclear power, or undersea communication transmission. If you are considering the use of our products for such purposes, please contact a Renesas sales office beforehand. Renesas shall have no liability for damages arising out of the uses set forth above. 8. Notwithstanding the preceding paragraph, you should not use Renesas products for the purposes listed below: (1) artificial life support devices or systems (2) surgical implantations (3) healthcare intervention (e.g., excision, administration of medication, etc.) (4) any other purposes that pose a direct threat to human life Renesas shall have no liability for damages arising out of the uses set forth in the above and purchasers who elect to use Renesas products in any of the foregoing applications shall indemnify and hold harmless Renesas Technology Corp., its affiliated companies and their officers, directors, and employees against any and all damages arising out of such applications. 9. You should use the products described herein within the range specified by Renesas, especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. Renesas shall have no liability for malfunctions or damages arising out of the use of Renesas products beyond such specified ranges. 10. Although Renesas endeavors to improve the quality and reliability of its products, IC products have specific characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. Please be sure to implement safety measures to guard against the possibility of physical injury, and injury or damage caused by fire in the event of the failure of a Renesas product, such as safety design for hardware and software including but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other applicable measures. Among others, since the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or system manufactured by you. 11. In case Renesas products listed in this document are detached from the products to which the Renesas products are attached or affixed, the risk of accident such as swallowing by infants and small children is very high. You should implement safety measures so that Renesas products may not be easily detached from your products. Renesas shall have no liability for damages arising out of such detachment. 12. This document may not be reproduced or duplicated, in any form, in whole or in part, without prior written approval from Renesas. 13. Please contact a Renesas sales office if you have any questions regarding the information contained in this document, Renesas semiconductor products, or if you have any other inquiries.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology (Shanghai) Co., Ltd. Unit 204, 205, AZIACenter, No.1233 Lujiazui Ring Rd, Pudong District, Shanghai, China 200120 Tel: <86> (21) 5877-1818, Fax: <86> (21) 6887-7858/7898 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2377-3473 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 3518-3399 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> (2) 796-3115, Fax: <82> (2) 796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jln Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2007. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .7.2


▲Up To Search▲   

 
Price & Availability of M62354AGP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X