Part Number Hot Search : 
PNZ109L 30400 00108D DS1265Y TGT100 BIP015DU AD8662 75R12K
Product Description
Full Text Search
 

To Download M54HC374D1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54HC374
RAD-HARD OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
s
s
s
s
s
s
s
s s
s
s
HIGH SPEED: fMAX = 90MHz (TYP.) at VCC = 6V LOW POWER DISSIPATION: ICC = 4A(MAX.) at TA=25C HIGH NOISE IMMUNITY: VNIH = VNIL = 28% VCC (MIN.) SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 6mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL WIDE OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 6V PIN AND FUNCTION COMPATIBLE WITH 54 SERIES 374 SPACE GRADE-1: ESA SCC QUALIFIED 50 krad QUALIFIED, 100 krad AVAILABLE ON REQUEST NO SEL UNDER HIGH LET HEAVY IONS IRRADIATION DEVICE FULLY COMPLIANT WITH SCC-9203-060
DILC-20
FPC-20
ORDER CODES
PACKAGE DILC FPC FM M54HC374D M54HC374K EM M54HC374D1 M54HC374K1
DESCRIPTION The M54HC374 is an high speed CMOS OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUTS NON INVERTING fabricated with sub-micron silicon gate C2MOS technology. This 8 bit D-TYPE FLIP FLOP is controlled by a clock input (CK) and an output enable input (OE). PIN CONNECTION
On the positive transition of the clock, the Q outputs will be set to the logic state that were setup at the D inputs. While the OE input is at low level, the eight outputs will be in a normal logic state (high or low logic level) and while OE is high the outputs will be in a high impedance state. The output control does not affect the internal operation of flip-flops; that is, the old data can be retained or the new data can be entered even while the outputs are off. All inputs are equipped with protection circuits against static discharge and transient excess voltage.
May 2004
Rev. 1
1/11
M54HC374
Figure 1: IEC Logic Symbols
Figure 2: Input And Output Equivalent Circuit
Table 1: Pin Description
PIN N 1 2, 5, 6, 9, 12, 15, 16, 19 3, 4, 7, 8, 13, 14, 17, 18 11 10 20 SYMBOL OE Q0 to Q7 D0 to D7 CK GND VCC NAME AND FUNCTION 3 State Output Enable Input (Active LOW) 3 State Outputs Data Inputs Clock Input (LOW to HIGH, edge triggered) Ground (0V) Positive Supply Voltage
Table 2: Truth Table
INPUTS OE H L L L
X: Don't Care Z: High Impedance
OUTPUT D X X L H Q Z NO CHANGE L H
CK X
2/11
M54HC374
Figure 3: Logic Diagram
This logic diagram has not be used to estimate propagation delays
Table 3: Absolute Maximum Ratings
Symbol VCC VI VO IIK IOK IO Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 35 70 420 -65 to +150 265 Unit V V V mA mA mA mA mW C C
ICC or IGND DC VCC or Ground Current Power Dissipation PD Tstg TL Storage Temperature Lead Temperature (10 sec)
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied
Table 4: Recommended Operating Conditions
Symbol VCC VI VO Top tr, tf Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time VCC = 2.0V VCC = 4.5V VCC = 6.0V Parameter Value 2 to 6 0 to VCC 0 to VCC -55 to 125 0 to 1000 0 to 500 0 to 400 Unit V V V C ns ns ns
3/11
M54HC374
Table 5: DC Specifications
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 VOL Low Level Output Voltage 2.0 4.5 6.0 4.5 6.0 II IOZ Input Leakage Current High Impedance Output Leakage Current Quiescent Supply Current 6.0 6.0 6.0 IO=-20 A IO=-20 A IO=-20 A IO=-6.0 mA IO=-7.8 mA IO=20 A IO=20 A IO=20 A IO=6.0 mA IO=7.8 mA VI = VCC or GND VI = VIH or VIL VO = VCC or GND VI = VCC or GND TA = 25C Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.18 5.68 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 0.5 4 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.33 0.33 1 5 40 Typ. Max. Value -40 to 85C Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.10 5.60 0.1 0.1 0.1 0.40 0.40 1 10 80 A A A V V Max. -55 to 125C Min. 1.5 3.15 4.2 0.5 1.35 1.8 Max. V Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
VIL
V
VOH
ICC
4/11
M54HC374
Table 6: AC Electrical Characteristics (CL = 50 pF, Input tr = tf = 6ns)
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 CL (pF) TA = 25C Min. Typ. 25 7 6 45 15 13 60 20 17 39 13 11 54 18 15 30 14 13 18 75 90 15 6 6 25 6 4 Max. 60 12 10 140 28 24 190 38 32 135 27 23 185 37 31 125 25 21 5 25 30 75 15 13 75 15 13 0 0 0 95 19 16 95 19 16 0 0 0 Value -40 to 85C Min. Max. 75 15 13 175 35 30 240 48 41 170 34 29 230 46 39 155 31 26 4.2 21 25 110 22 19 110 22 19 0 0 0 -55 to 125C Min. Max. 90 18 15 210 42 36 285 57 48 205 41 35 280 56 48 190 38 32 ns Unit
tTLH tTHL Output Transition Time tPLH tPHL Propagation Delay Time (CLOCK - Q)
50
50
ns
150
ns
tPZL tPZH High Impedance Output Enable Time
50
RL = 1 K
ns
150
RL = 1 K
ns
tPLZ tPHZ High Impedance Output Disable Time fMAX Maximum Clock Frequency Minimum Pulse Width (CLOCK) Minimum Set-up Time Minimum Hold Time
50
RL = 1 K 6.2 31 37
ns
50
MHz
tW(L) tW(H) ts
50
ns
50
ns
th
50
ns
Table 7: Capacitive Characteristics
Test Condition Symbol Parameter VCC (V) TA = 25C Min. Typ. 5 10 47 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF pF Unit
CIN COUT CPD
Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/8 (per Flip Flop) and the CPD when n pcs of Flip Flop operate, can be gained by the following equation: CPD(TOTAL) = 30 + 17 x n (pF)
5/11
M54HC374
Figure 4: Test Circuit
TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ
CL = 50pF/150pF or equivalent (includes jig and probe capacitance) R1 = 1K or equivalent RT = ZOUT of pulse generator (typically 50)
SWITCH Open VCC GND
Figure 5: Waveform - CK To Qn Propagation Delays, CK Fmax, Dn To CK Setup And Hold Times (f=1MHz; 50% duty cycle)
6/11
M54HC374
Figure 6: Waveform - Output Enable And Disable Times (f=1MHz; 50% duty cycle)
Figure 7: Waveform - Minimum Pulse Width (CK) (f=1MHz; 50% duty cycle)
7/11
M54HC374
DILC-20 MECHANICAL DATA
mm. DIM. MIN. A a1 a2 B b b1 D e e1 e2 e3 F I K L 11.30 1.14 1.27 22.73 7.62 7.29 2.1 3.00 0.63 1.93 0.40 0.20 25.14 7.36 0.88 2.03 0.45 0.254 25.40 7.62 2.54 22.86 7.87 7.49 22.99 8.12 7.70 3.86 11.56 1.40 0.445 0.045 0.050 0.895 0.300 0.287 TYP MAX. 2.71 3.70 1.14 2.23 0.50 0.30 25.65 7.87 MIN. 0.083 0.118 0.025 0.076 0.016 0.008 0.990 0.290 0.035 0.080 0.018 0.010 1.000 0.300 0.100 0.900 0.310 0.295 0.905 0.320 0.303 0.152 0.455 0.055 TYP. MAX. 0.107 0.146 0.045 0.088 0.020 0.012 1.010 0.310 inch
0016178J
8/11
M54HC374
FPC-20 MECHANICAL DATA
mm. DIM. MIN. A B C D E F G H L M N O P 1.14 0.10 0.38 7.24 24.46 0.45 0.50 7.87 1.27 0.18 1.40 0.25 0.045 0.004 9.98 9.98 1.45 0.10 11.30 TYP 10.16 10.16 1.61 0.127 11.43 1.27 0.43 0.48 8.16 26.67 0.55 0.015 0.285 0.960 0.018 0.020 0.310 0.050 0.007 0.055 0.010 MAX. 10.34 10.34 1.78 0.18 11.56 MIN. 0.393 0.393 0.57 0.004 0.445 TYP. 0.400 0.400 0.63 0.005 0.450 0.050 0.017 0.019 0.320 1.050 0.022 MAX. 0.407 0.407 0.070 0.007 0.455 inch
016032F
9/11
M54HC374
Table 8: Revision History
Date 10-May-2004 Revision 1 First Release Description of Changes
10/11
M54HC374
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
11/11


▲Up To Search▲   

 
Price & Availability of M54HC374D1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X