Part Number Hot Search : 
UAA2068G SBCT1060 DB107G BCW65A 330KL 04872 DUY38A 87006
Product Description
Full Text Search
 

To Download M210263BLC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M210x Series
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
Product Features
Featuring QiK ChipTM Technology From order to ship in 2 weeks Superior Jitter Performance (less than 0.25 ps RMS, 12 kHz - 20 MHz) SAW replacement - better performance Frequencies from 150 MHz to 1.4 GHz
QiK ChipTM
Product Description The 210x series of oscillators are 5x7 mm oscillators designed with the QiK ChipTM technology. The QiK ChipTM technology was specifically designed for crystal based oscillators to provide low jitter performance (as low as 0.25 ps RMS) and a wide range of frequency support (150.00 MHz to 1.4 GHz) and provides a breakthrough in lean manufacturing enabling product to be provided in less than 2 weeks. The M210x provides design engineers with the stability needed in their advanced applications and supports the need for parts to be supplied quickly so that the rest of their circuit design can be solidified. Product Applications
Telecommunications such as SONET / SDH / DWDM / FEC / SERDES / OC-3 thru OC-192 1-2-4-10 Gigabit Fibre Channel Wireless Base Stations / WLAN / Gigabit Ethernet Avionic Flight Controls Military Communications Clock and Data Recovery SD/HD Video FPGA/ASIC Clock Generation Test and Measurement Equipment
Product Ordering Information
M2100Sxxx, M2101Sxxx, M2102Sxxx & M2103Sxxx Contact factory for datasheets.
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
Revision: 8-22-08
M210x Series
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
Performance Characteristics
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
2
M210x Series
Phase Noise Plot
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
Output Waveform
Output Waveform: LVDS/CML/PECL
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
3
M210x Series
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
Product Dimension & Pinout Information
6 Pad Standard Option
9 Pad Option
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
4
M210x Series
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
Handling Information Although protection circuitry has been designed into the M210x oscillator, proper precautions should be taken to avoid exposure to electrostatic discharge (ESD) during handling and mounting. MtronPTI utilizes a human-body model (HBM) and a charged-device model (CDM) for ESD-susceptibility testing and protection design evaluation. ESD voltage thresholds are dependent on the circuit parameters used to define the mode. Although no industrywide standard has been adopted for the CDM, a standard HBM (resistance = 1500 , capacitance = 100 pF) is widely used and therefore can be used for comparison purposes. The HBM ESD threshold presented here was obtained using these circuit parameters.
Quality Parameters
Part Marking Guide
Line 1: Model Number Line 2: Frequency Line 3: Date Code Line 4: Pin 1 Indicator / MtronPTI
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
5
M210x Series
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
Tape & Reel Specifications
(all measurements are in mm)
A 6.51
B 9.29
C 1.5
D 7.5
E 2.8
F 4
G 8/12
H 16
I 180-330
J 13
K 21
L 60-100
M210x
Standard Tape and Reel: 1000 parts per reel
Maximum Soldering Conditions
Solder Conditions Note: Exceeding these limits may damage the device.
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
6
M210x Series
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
Typical Test Circuit & Load Circuit Diagrams
Product Revision Table Date 7/20/07 Revision A PCN Number Details of Revision 10118 IC Revision to improve phase noise and electrical performance
For custom products or additional specifications contact our sales team at 800.762.8800 (toll free) or 605.665.9321 For more information on this product visit the MtronPTI website at www.mtronpti.com
7


▲Up To Search▲   

 
Price & Availability of M210263BLC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X