Part Number Hot Search : 
1N6267L ML60115R 00221 FQP5N40 10000 MC78L12A SSM9915K 18TRU
Product Description
Full Text Search
 

To Download M206064BPN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M2060 Series
Product Features
3.2 x 5 mm, 3.3 Volt, LVPECL, Clock Oscillator
* * * * * * *
3.3 Vdc LVPECL 3.2 x 5 mm ultra miniature ceramic package Low Jitter 1 ps max., 12 kHz to 20 MHz Frequency stability to 25 ppm -40C to +85C operating temperature Wide frequency range, 62.500 to 212.500 MHz RoHS compliant
Product Description
TheMtronPTIM2060Seriesisanultraminiature3.2x5.0mmsurfacemountLVPECLfixed frequency clock oscillator. It is designed for any application requiring minimum printed circuit board space, low jitter, wide temperature range and a low supply voltage of 3.3 Vdc.
Product Applications
The M2060 Series is an excellent clock oscillator when the design dictates low supply voltage, low jitter, minimum PC board real estate and excellent phase noise performance. Applications for the M2060 include SONET / SDH / DWDM / ATM / DSRC, Ethernet, Fiber Channel, Digital Switching Networks and Hand Held Wireless Communications.
Product Ordering Information
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
Revision: 5-5-08
M2060 Series
Performance Characteristics
3.2 x 5 mm, 3.3 Volt, LVPECL, Clock Oscillator
Parameters Frequency Range Operating Temperature Storage Temperature Frequency Stability Electrical Specifications
Symbol Fo TA Ts F/F
Min. Typ. Max. 62.5 212.5 See Ordering Information -55C to +125C See Ordering Information
Units MHz C
Conditions/Notes See Note 1 Includes calibration tolerance, deviation over operating temperature, load & supply variations, and 1 yr. Aging at +25C. At 25C +/- 3C for first year Per year. 62.500 to 212.500 MHz
Aging 1st Year Aging After 1st Year Input Voltage Supply Current Output Logic Type Output Load Symmetry Logic Level "1" Logic Level "0" Rise/Fall Time Disable Delay Time Enable Delay Time Random Jitter Parameter Mechanical Shock Vibration Thermal Cycle Aging Gross Leak Fine Leak Solderability Maximum Soldering Temp
-5 Vdd Idd 3.0 3.3
+5 3.6 90
ppm ppm Volts mA
VOH VOL Tr/Tf
V V +1.47 V +1.745 V 1.0 ns 20/80% of amplitude 200 ns 2 ms 1ps RMS max. (12KHz to 20MHz band) Specification 100 g's 10 g's from 10-2000 Hz -55 Deg. C to +125 Deg. C, 15 minute Dwell, 10 Cycles min. 1 yr w/ accelerated testing for 1000 Hours @ 55 C 30 Second Immersion Must meet 1 X 10-8 +260 C for no more than 10 seconds
50 Ohms (Vdd to -2.0V) 45/55% +2.215 +2.42
Environmental
Test Method MIL-STD-202, Method 213, C MIL-STD-202, Method 201 & 204 MIL-STD-883, Method 1010, B Internal Specification MIL-STD-202, Method 112 MIL-STD-202, Method 112 Per EIAJ-STD-002 MIL-STD-202, Method 210, C
1. Not all Frequencies are available with all options. Please consult with MtronPTI to determine availability. LVPECL Load - see LVPECL load diagram in this datasheet.
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
2
M2060 Series
Part Marking Guide
3.2 x 5 mm, 3.3 Volt, LVPECL, Clock Oscillator
"F" = Frequency (example: 6.176000 MHz = 6M176) "M"=Usedinplaceofthedecimalpoint;signifiesMHz "O" = Output type/stability combined S=fixedoutput,100 ppm stability T=fixedoutput,50 ppm stability X = tristate output, 100 ppm stability Y = tristate output, 50 ppm stability "L" = Symmetry A = 40/60 TTL/HCMOS C = 45/55 HCMOS G = 40/60 HCMOS "X" = Month code A = January G = July B = February H = August C = March J = September D = April K = October E = May L = November F = June M = December "Y" = Last digit of year (example: 2003 = 3) Parts manufactured at MtronPTI partner facilities will have a one digit letter code or a two digit number code after the date code.
Catalog ModelNumber FFF.FFFFM MbYYWWV "M" in last line=MtronPTI
Output Waveform
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
3
M2060 Series
Product Dimension & Pinout Information
3.2 x 5 mm, 3.3 Volt, LVPECL, Clock Oscillator
PIN 1 2 3 4 5 6
CONNECTION "L" OPEN OR "H" N.C. VSS Z OUTPUT Z C-OUTPUT VDD
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
4
M2060 Series
Handling Information
3.2 x 5 mm, 3.3 Volt, LVPECL, Clock Oscillator
Although protection circuitry has been designed into the M2060 oscillator, proper precautions should be taken to avoid exposure to electrostatic discharge (ESD) during handling and mounting. MtronPTI utilizes a human-body model (HBM) and a charged-device model (CDM) for ESD-susceptibility testing and protection design evaluation. ESD voltage thresholds are dependent on the circuit parameters used todefinethemode.Althoughnoindustry-widestandardhasbeenadoptedfortheCDM,astandardHBM (resistance = 1500 , capacitance = 100 pF) is widely used and therefore can be used for comparison purposes. The HBM ESD threshold presented here was obtained using these circuit parameters.
Quality Parameters
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
5
M2060 Series
Tape & Reel Specifications
(all measurements are in mm)
3.2 x 5 mm, 3.3 Volt, LVPECL, Clock Oscillator
A 3.5
B 5.4
C 1.5
D 5.5
E 1.4
F 4.0
G 8
H 12
J 180
K 13
L 21
M 60
N 15
M2060
Standard Tape and Reel: 1,000 parts per reel
Maximum Soldering Conditions
Solder Conditions Note: Exceeding these limits may damage the device.
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
6
M2060 Series
Typical Test Circuit & Load Circuit
3.3V LVPECL Load Circuit
3.2 x 5 mm, 3.3 Volt, LVPECL, Clock Oscillator
Product Revision Table Date Revision PCN Number Details of Revision
Forcustomproductsoradditionalspecificationscontactoursalesteamat 800.762.8800 (toll free) or 605.665.9321 For more information on this product visit the MtronPTI website at www.mtronpti.com
7


▲Up To Search▲   

 
Price & Availability of M206064BPN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X