Part Number Hot Search : 
RERA16D AO3401 350019 A102J W2CBW003 CONDUCT C3842 CA307
Product Description
Full Text Search
 

To Download L41 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Schottky Barrier Double Diode BAT74
Diodes
Unit: mm
Features
Low forward voltage Guard ring protected Small SMD package.
Absolute Maximum Ratings Ta = 25
Parameter continuous reverse voltage Symbol VR series connection continuous forward current IF single diode loaded double diode loaded repetitive peak forward current non-repetitive peak forward current total power dissipation storage temperature junction temperature operating ambient temperature thermal resistance from junction to ambient Note 1.If both diodes are in forward operation at the same moment, total device current is max. 110 mA. If one diode is in reverse and the other in forward operation at the same moment, total device current is max. 200 mA. IFRM IFSM Ptot Tstg Tj Tamb Rth j-a -65 single diode loaded ( tp double diode loaded ( tp tp < 10 ms Tamb = 25 -65 1 s;a 1 s;a 0.5) 0.5) Test Condition Min Max 30 60 200 110
(1)
Unit V V mA mA mA mA mA mW
300 200 600 230 +150 125 +125 500
K/W
www.kexin.com.cn
1
SMD Type
Diodes
BAT74
Electrical Characteristics Ta = 25
Param eter Sym bol Test Condition IF = 0.1 m A IF = 1 m A;note 1 forward voltage VF IF = 10 m A IF = 30 m A IF = 100 m A reverse current reverse recovery tim e diode capacitance Notes 1. Tem perature coefficient of forward voltage -0.6% /K. 2. Pulsed test: tp = 300 s; a = 0.02. IR trr Cd VR = 25 V;note 2 when switched from IF = 10 m A to,IR = 10 m A; RL = 100 Max 240 320 400 500 800 2 5 10 A ns pF mV Unit
; m easured at IR = 1 m A
f = 1 MHz; VR = 1 V;
Marking
Marking L41
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of L41

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X