Part Number Hot Search : 
103ML 2750060 2805D 4ALVC1 M41ST84W E2955 HD74AC 7843N
Product Description
Full Text Search
 

To Download KI4539ADY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
N- and P-Channel 30-V (D-S) MOSFET KI4539ADY
Transistors IC
PIN Configuration
Absolute Maximum Ratings TA = 25
Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150 )* TA = 25 TA = 70 Pulsed Drain Current Continuous Source Current (Diode Conduction)* Maximum Power Dissipation* TA = 25 TA = 70 Operating Junction and Storage Temperature Range *Surface Mounted on 1" X 1" FR4 Board. TJ, Tstg IDM IS PD 1.7 2 1.3 0.9 1.1 0.7 -55 to 150 Symbol VDS VGS ID 5.9 4.7 N-Channel 10 secs Steady State 30 20 4.4 3.6 30 -1.7 2 1.3 -0.9 1.1 0.7 -4.9 -3.9 P-Channel 10 secs Steady State -30 20 -3.7 -2.9 V V A A A A W W Unit
Absolute Maximum Ratings TA = 25
Parameter t 10 sec Symbol N-Channel Typ Maximum Junction-to-Ambient * Maximum Junction-to-Foot(Drain) RthJA RthJF 50 90 40 Max 62.5 110 40 P-Channel Typ 52 90 32 Max 62.5 110 40 /W Unit
Steady State Steady State
*Surface Mounted on 1" X 1" FR4 Board.
www.kexin.com.cn
1
SMD Type
KI4539ADY
Electrical Characteristics TJ = 25
Parameter Gate Threshold Voltage Gate Body Leakage Symbol VGS( th) IGSS Testconditons VDS = VGS, ID = 250 A VDS = VGS, ID = -250 VDS = 0 V VGS = 20 V VDS = 0 V VGS = 20 V VDS = 24V, VGS = 0 V Zero Gate Voltage Drain Current IDSS VDS = -24V, VGS = 0 V VDS = 24 V, VGS = 0 V, TJ = 55 VDS = -24V, VGS = 0 V, TJ = 55 On State Drain Currenta ID(on) VDS VDS 5 V, VGS = 10 V -5 V, VGS = -10 V A N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Channel VDS = -15 V, VGS = -10 V, ID = -4.9A P-Ch N-Ch P-Ch N-Ch P-Ch N Channel VDD = 15 V, RL = 15 ID= 1A, VGEN = 10V, Rg = 6 N-Ch P-Ch N-Ch P-Ch P-Channel VDD = -15 V, RL = 15 Fall Time Source-Drain Reverse Recovery Time * Pulse test; pulse width tf trr ID= -1 A, VGEN = -10 V, Rg = 6 IF = 1.7 A, di/dt = 100 A/ IF = -1.7 A, di/dt = 100 A/ s s N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch 0.5 5 30 -30 Min 1 -1
Transistors IC
Typ
Max
Unit V
100 100 1 -1 5 -5 A A 0.032 0.036 0.043 0.053 0.042 0.053 0.075 0.090 15 9 0.80 -0.80 13 15 2.3 4 2 2.0 2.2 12.6 6 7 14 10 30 40 5 20 30 30 12 15 25 20 60 80 10 40 60 60 ns 1.2 -1.2 20 25 nC S V nA
VGS = 10 V, ID = 5.9A Drain Source On State Resistance* rDS(on) VGS = -10 V, ID = -4.9A VGS = 4.5 V, ID = 4.9A VGS = -4.5 V, ID = -3.7A Forward Transconductance* Diode Forward Voltage* Total Gate Charge Gate Source Charge Gate Drain Charge Gate Resistance Turn On Time Rise Time gfs VSD Qg Qgs Qgd Rg td(on) tr VDS = 15 V, ID = 5.9A VDS = -15 V, ID = -4.9A IS = 1.7A, VGS = 0 V IS = -1.7A, VGS = 0 V N-Channel VDS = 15 V, VGS = 10V, ID = 5.9A
Turn Off Delay Time
td( off)
300 s, duty cycle 2%.
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of KI4539ADY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X