Part Number Hot Search : 
PM7820 07500 01D12 L1300 TC7SZ D1020 MAX9546 SMV0850A
Product Description
Full Text Search
 

To Download IRFB20N50K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRFB20N50K, SiHFB20N50K
Vishay Siliconix
Power MOSFET
PRODUCT SUMMARY
VDS (V) RDS(on) () Qg (Max.) (nC) Qgs (nC) Qgd (nC) Configuration VGS = 10 V 110 33 54 Single
D
FEATURES
500 0.21
* Low Gate Charge Qg Results in Simple Drive Requirement * Improved Gate, Avalanche and Dynamic dV/dt Ruggedness
Available
RoHS*
COMPLIANT
* Fully Characterized Capacitance and Avalanche Voltage and Current * Low RDS(on) * Lead (Pb)-free Available
TO-220
APPLICATIONS
* Switch Mode Power Supply (SMPS)
G S G D S N-Channel MOSFET
* Uninterruptible Power Supply * High Speed Power Switching * Hard Switched and High Frequency Circuits
ORDERING INFORMATION
Package Lead (Pb)-free SnPb TO-220 IRFB20N50KPbF SiHFB20N50K-E3 IRFB20N50K SiHFB20N50K
ABSOLUTE MAXIMUM RATINGS TC = 25 C, unless otherwise noted
PARAMETER Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Currenta Linear Derating Factor Single Pulse Avalanche Energyb Repetitive Avalanche Currenta EAS IAR EAR TC = 25 C PD dV/dt TJ, Tstg for 10 s 6-32 or M3 screw VGS at 10 V TC = 25 C TC = 100 C SYMBOL VDS VGS ID IDM LIMIT 500 30 20 12 80 2.2 330 20 28 280 6.9 - 55 to + 150 300d 10 W/C mJ A mJ W V/ns C N A UNIT V
Repetitive Avalanche Energya Maximum Power Dissipation Peak Diode Recovery dV/dtc Operating Junction and Storage Temperature Range Soldering Recommendations (Peak Temperature) Mounting Torque
Notes a. Repetitive rating; pulse width limited by maximum junction temperature. b. Starting TJ = 25 C, L = 1.6 mH, RG = 25 , IAS = 20 A. c. ISD 20 A, dI/dt 350 A/s, VDD VDS, TJ 150 C. d. 1.6 mm from case. * Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 91101 S-Pending-Rev. A, 11-Aug-08 www.vishay.com 1
WORK-IN-PROGRESS
IRFB20N50K, SiHFB20N50K
Vishay Siliconix
THERMAL RESISTANCE RATINGS
PARAMETER Maximum Junction-to-Ambient Case-to-Sink, Flat, Greased Surface Maximum Junction-to-Case (Drain) SYMBOL RthJA RthCS RthJC TYP. 0.50 MAX. 58 0.45 C/W UNIT
SPECIFICATIONS TJ = 25 C, unless otherwise noted
PARAMETER Static Drain-Source Breakdown Voltage VDS Temperature Coefficient Gate-Source Threshold Voltage Gate-Source Leakage Zero Gate Voltage Drain Current Drain-Source On-State Resistance Forward Transconductance Dynamic Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Effective Output Capacitance Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Drain-Source Body Diode Characteristics Continuous Source-Drain Diode Current Pulsed Diode Forward Currenta Body Diode Voltage Body Diode Reverse Recovery Time Body Diode Reverse Recovery Charge Forward Turn-On Time IS ISM VSD trr Qrr ton MOSFET symbol showing the integral reverse p - n junction diode
D
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDS VDS/TJ VGS(th) IGSS IDSS RDS(on) gfs
VGS = 0 V, ID = 250 A Reference to 25 C, ID = 1 mA VDS = VGS, ID = 250 A VGS = 30 V VDS = 500 V, VGS = 0 V VDS = 400 V, VGS = 0 V, TJ = 125 C VGS = 10 V ID = 12 Ab VDS = 50 V, ID = 12 A VGS = 0 V, VDS = 25 V, f = 1.0 MHz, see fig. 5 VDS = 1.0 V, f = 1.0 MHz VGS = 0 V VDS = 400 V, f = 1.0 MHz VDS = 0 V to 400 V ID = 20 A, VDS = 400 V see fig. 6 and 13b
500 3.0 11
0.61 0.21 -
5.0 100 50 250 0.25 -
V V/C V nA A S
Ciss Coss Crss Coss Coss eff. Qg Qgs Qgd td(on) tr td(off) tf VGS = 10 V
-
2870 320 34 3480 85 160 22 74 45 33
110 33 54 ns nC pF
VDD = 250 V, ID = 20 A RG = 7.5 , VGS = 10 V, see fig. 10b
-
-
520 5.3
20 A 80 1.5 780 8.0 V ns C
G
S
TJ = 25 C, IS = 20 A, VGS = 0 Vb TJ = 25 C, IF = 20 A, dI/dt = 100 A/sb
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
Notes a. Repetitive rating; pulse width limited by maximum junction temperature. b. Pulse width 400 s; duty cycle 2 %.
www.vishay.com 2
Document Number: 91101 S-Pending-Rev. A, 11-Aug-08
IRFB20N50K, SiHFB20N50K
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
100
VGS Top 15 V 12 V 10 V 8.0 V 7.0 V 6.0 V 5.5 V Bottom 5.0 V
100.0
ID , Drain-to-Source Current (A)
10
ID, Drain-to-Source Current (A)
T J = 150 C
10.0
1
1.0
T J = 25 C
0.1
5.0V 20 s Pulse Width TJ = 25 C
0.1
VDS = 50 V
0.0
0.01 0.1 1 10 100
20 ms Pulse width
5.0 6.0 7.0 8.0 9.0 10.0
VDS , Drain-to-Source Voltage (V) Fig. 1 - Typical Output Characteristics
VGS , Gate-to-Source Voltage (V) Fig. 3 - Typical Transfer Characteristics
100
ID, Drain-to-Source Current (A)
10
rDS(on), Drain-to-Source On-Resistance (normalised)
VGS Top 15 V 12 V 10 V 8.0 V 7.0 V 6.0 V 5.5 V Bottom 5.0 V
3.5
I D = 20 A
3.0
2.5
2.0
1
5.0V
1.5
0.1
1.0
20 s Pulse Width TJ = 25 C
0.01 0.1 1 10 100
0.5
V GS = 10 V
0.0 - 60 - 40 - 20 0 20 40 60 80 100 120 140 160
VDS , Drain-to-Source Voltage (V)
Fig. 2 - Typical Output Characteristics
TJ, Junction Temperature (C)
Fig. 4 - Normalized On-Resistance vs. Temperature
Document Number: 91101 S-Pending-Rev. A, 11-Aug-08
www.vishay.com 3
IRFB20N50K, SiHFB20N50K
Vishay Siliconix
100000 VGS = 0 V, f = 1 MHz Ciss = Cgs + Cgd, Cds shorted Crss = Cgd Coss = Cds + Cgd
100.0
10000
ISD, Reverse Drain Current (A)
C, Capacitance (pF)
TJ = 150 C 10.0
Ciss
1000
Coss
100
1.0
Crss
10 1 10 100 1000
TJ = 25 C 0.1 0.2 0.4 0.6 0.8 VGS = 0 V 1.0 1.2
VDS, Drain-to-Source Voltage (V)
VSD, Source-to Drain Voltage (V)
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 7 - Typical Source-Drain Diode Forward Voltage
20
? ? ? ???
1000
VDS = 400 V VDS = 250 V VDS = 100 V
Operation in this area limited by rDS(on)
VGS, Gate-to-Source Voltage (V)
16
ID, Drain-to-Source Current (A)
100
12
10
100 s 1 ms
8
1 TC = 25 C TJ = 150 C Single Pulse 1 10 100 10 ms
4
For test circuit see figure 13
0 0 20 40 60 80 100 120
0.1
1000
10000
QG, Total Gate Charge (nC)
VDS, Drain-to-Source Voltage (V)
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 8 - Maximum Safe Operating Area
www.vishay.com 4
Document Number: 91101 S-Pending-Rev. A, 11-Aug-08
IRFB20N50K, SiHFB20N50K
Vishay Siliconix
RD
20
VDS VGS
D.U.T.
+
16
RG
- VDD
ID, Drain Current (A)
12
10 V
Pulse width 1 s Duty factor 0.1 %
8
Fig. 10a - Switching Time Test Circuit
VDS 90 %
4
0 25 50 75 100 125 150
10 % VGS td(on) tr td(off) tf
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10b - Switching Time Waveforms
1
D = 0.50
Thermal Response ( ZthJC)
0.1
0.20 0.10 0.01 0.02 0.01 Single Pulse (Thermal Response)
P DM t1 t2 Notes: 1. Duty Factor D = t1/t2 2. Peak TJ = PDM x TthJC + TC
0.01
0.001 0.00001
0.0001
0.001
0.01
0.1
1
t1, Rectangular Pulse Duration (s)
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
VDS
15 V
tp
VDS
L
Driver
RG 20 V tp
D.U.T IAS 0.01
+ A - VDD
A
A
IAS
Fig. 12b - Unclamped Inductive Waveforms
Fig. 12a - Unclamped Inductive Test Circuit
Document Number: 91101 S-Pending-Rev. A, 11-Aug-08
www.vishay.com 5
IRFB20N50K, SiHFB20N50K
Vishay Siliconix
600
Top
EAS, Single Pulse Avalanche Energy (mJ)
500
Bottom
ID 9.4 A 17 A 20A
400
300
200
100
0 25 50 75 100 125 150
Fig. 12c - Maximum Avalanche Energy vs. Drain Current
Current regulator Same type as D.U.T.
50 k
12 V
VGS QGS
QG
0.2 F
0.3 F
QGD D.U.T.
+ -
VDS
VG
VGS
3 mA
Charge
IG ID Current sampling resistors
Fig. 13a - Basic Gate Charge Waveform
Fig. 13b - Gate Charge Test Circuit
www.vishay.com 6
Document Number: 91101 S-Pending-Rev. A, 11-Aug-08
IRFB20N50K, SiHFB20N50K
Vishay Siliconix
Peak Diode Recovery dV/dt Test Circuit
D.U.T.
+
Circuit layout considerations * Low stray inductance * Ground plane * Low leakage inductance current transformer
+ +
-
RG
* * * *
dV/dt controlled by RG Driver same type as D.U.T. ISD controlled by duty factor "D" D.U.T. - device under test
+ VDD
Driver gate drive P.W. Period D=
P.W. Period VGS = 10 V*
D.U.T. ISD waveform Reverse recovery current Body diode forward current dI/dt D.U.T. VDS waveform Diode recovery dV/dt
VDD
Re-applied voltage Inductor current
Body diode
forward drop
Ripple 5 %
ISD
* VGS = 5 V for logic level devices
Fig. 14 - For N-Channel
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?91101.
Document Number: 91101 S-Pending-Rev. A, 11-Aug-08
www.vishay.com 7
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of IRFB20N50K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X