Part Number Hot Search : 
BR300 AH3761 5KP78A 06400 GRM033 55C4V AMPHENOL 101M1
Product Description
Full Text Search
 

To Download HDL62PLA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH DENSITY D-SUB
Adam Technologies, Inc.
INTRODUCTION: Adam Tech Right Angle PCB High Density D-Sub connectors are a popular interface for many I/O applications. Offered in 15, 26, 44, 62 and 78 positions they are a good choice for a low cost industry standard high density connection. Adam Tech connectors are manufactured with precision stamped contacts offering a choice of contact plating and a wide selection of mating and mounting options. FEATURES: High Density in standard size shell Industry standard compatibility Durable metal shell design Precision formed contacts Variety of Mating and mounting options MATING CONNECTORS: Adam Tech high density D-Subminiatures and all industry standard high density D-Subminiature connectors. SPECIFICATIONS: Material: Standard insulator: PBT, 30% glass reinforced, rated UL94V-0 Optional Hi-Temp insulator: Nylon 6T rated UL94V-0 Insulator Colors: HDL Series: Black HDVG Series: Blue Contacts: Phosphor Bronze Shell: Steel, Tin or Zinc plated Hardware: Brass, Nickel plated Contact Plating: Gold Flash (15 and 30 in Optional) over Nickel underplate overall. Electrical: Operating voltage: 250V AC / DC max. Current rating: 5 Amps max. Contact resistance: 20 m max initial Insulation resistance: 5000 M min. Dielectric withstanding voltage: 1000V AC for 1 minute Mechanical: Insertion force: 0.75 lbs max Extraction force: 0.44 lbs min Temperature Rating: Operating temperature: -65C to +125C Soldering process temperature: Standard insulator: 235C Hi-Temp insulator: 260C PACKAGING: Anti-ESD plastic trays APPROVALS AND CERTIFICATIONS: UL Recognized File No. E224053 CSA Certified File No. LR1578596
RIGHT ANGLE PCB MOUNT
HDL SERIES
ORDERING INFORMATION HDL 15 SL B
SERIES INDICATOR HDL = High Density D-Sub HDVG= High Density VESA connector with recessed #9 pin and blue insulator
POSITIONS 15, 26, 44, 62, 78
MOUNT OPTIONS A = #4-40 Jackscrews and forked boardlocks B = #4-40 Flush threaded inserts and forked boardlocks C = #4-40 Flush threaded inserts with removable jackscrews and forked boardlocks D= Topside ground straps with screw holes
CONTACT TYPE PL = Plug, Right Angle Mount SL = Socket, Right Angle Mount OPTIONS: Add designator(s) to end of part number 15 = 15 in gold plating in contact area 30 = 30 in gold plating in contact area EMI = Ferrite filtered version for EMI / RFI suppression (Page 101) F = Retention 4 prong boardlocks HT = Hi-Temp insulator for Hi-Temp soldering processes up to 260C R = Round Riveted Jackscrews
Pb
UL
(R)
(R)
(R)
E DCOMPLIANT
2002 / 95 / EC
RoHS V
HI-TEMP
INSULATOR
AVA I L A B L E
108
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
RoHS
COMPLIANT
HIGH-DENSITY D-SUB
Adam Technologies, Inc.
PLUG
C B A
RIGHT ANGLE PCB MOUNT
HDL SERIES
.329 [8.36]
.232 [5.9]
.494 [12.55] .078 [1.98] #4-40 THREAD .450 [11.43] .125 [3.18]
E .874 [22.2] .350 [8.89] D
o.047 [1.20] .100 [2.54] o.126 [3.20]
B
HDL15-PL-B 15 Position PCB Layout
SOCKET
C B A
E
o.047 [1.20] .100 [2.54]
.311 [7.90]
.232 [5.9]
D B
o.126 [3.20]
26, 44, 62 Position PCB Layout
.494 [12.55] .078 [1.98] #4-40 THREAD .450 [11.43] .125 [3.18]
Hi Density Video Graphics Connector
4 9 13
.050 [1.27] Recessed
.874 [22.2]
.350 [8.89]
HDL15-SL-B
HDVG-15-SL-B
Unit: Inch [mm] PLUG Positions A 15 26 44 62 78 .666 [16.92] .994 [25.25] 1.534 [38.96] 2.182 [55.43] 2.079 [52.81] A .643 [16.33] .971 [24.66] 1.511 [38.38] 2.159 [54.84] 2.064 [52.43] B .984 [24.99] 1.312 [33.32] 1.852 [47.04] 2.500 [63.50] 2.406 [61.11] C 1.213 [30.81] 1.541 [39.14] 2.088 [53.04] 2.729 [69.32] 2.635 [66.93] D .277 [7.04] .277 [7.04] .277 [7.04] .276 [7.00] .300 [7.63] E .090 [2.29] .090 [2.29] .090 [2.29] .095 [2.41] .095 [2.41] SOCKET DIMENSIONS
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
109


▲Up To Search▲   

 
Price & Availability of HDL62PLA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X