Part Number Hot Search : 
ASM3P DC4R44 MC140 1E106 4213F 5250A 06C300JZ 2N4393
Product Description
Full Text Search
 

To Download HD74HC152 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74HC152
1-of-8-line Data Selector/Multiplexer
REJ03D0576-0200 (Previous ADE-205-450) Rev.2.00 Oct 11, 2005
Description
This data selector/multiplexer contains full-on-chip binary decoding to select the desired data source. The HD74HC152 selects one-of-eight data sources.
Features
* * * * * * High Speed Operation: tpd (Any D to W) = 17 ns typ (CL = 50 pF) High Output Current: Fanout of 10 LSTTL Loads Wide Operating Voltage: VCC = 2 to 6 V Low Input Current: 1 A max Low Quiescent Supply Current: ICC (static) = 4 A max (Ta = 25C) Ordering Information
Part Name HD74HC152P HD74HC152RPEL Package Type DILP-14 pin SOP-14 pin (JEDEC) Package Code (Previous Code) PRDP0014AB-B (DP-14AV) PRSP0014DE-A (FP-14DNV) Package Abbreviation P RP -- EL (2,500 pcs/reel) Taping Abbreviation (Quantity)
Note: Please consult the sales office for the above package availability.
Function Table
Select inputs C L L L L B L L H H A L H L H Output W D0 D1 D2 D3 C H H H H Select inputs B L L H H A L H L H Output W D4 D5 D6 D7
Note: D0 to D7: the level of the D respective input H: High level L: Low level
Rev.2.00, Oct 11, 2005 page 1 of 5
HD74HC152
Pin Arrangement
4 3 Data Inputs 2 1 0 Output W GND
1 D4 2 3 4 5 6 7 (Top view) D3 D2 D1 D0 W C D5 D6 D7 A B
14 VCC 13 5 12 6 11 7 10 A 9 8 B C Data Select Data Inputs
Logic Diagram
D0 D1 D2 D3 W D4 D5 D6 D7
A B C
Rev.2.00, Oct 11, 2005 page 2 of 5
HD74HC152
Absolute Maximum Ratings
Item Supply voltage range Input voltage Output voltage Output current DC current drain per VCC, GND DC input diode current DC output diode current Power dissipation per package Storage temperature Symbol VCC VIN VOUT IOUT ICC, IGND IIK IOK PT Tstg Rating -0.5 to +7.0 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 25 50 20 20 500 -65 to +150 Unit V V V mA mA mA mA mW C
Note: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of which may be realized at the same time.
Recommended Operating Conditions
Item Supply voltage Input / Output voltage Operating temperature Input rise / fall time Note:
*1
Symbol VCC VIN, VOUT Ta tr , tf
Ratings 2 to 6 0 to VCC -40 to 85 0 to 1000 0 to 500 0 to 400
Unit V V C ns
Conditions
VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V
1. This item guarantees maximum limit when one input switches. Waveform: Refer to test circuit of switching characteristics.
Electrical Characteristics
Ta = 25C Item Input voltage Symbol VCC (V) VIH 2.0 4.5 6.0 VIL 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 VOL 2.0 4.5 6.0 4.5 Input current Quiescent current supply Iin ICC 6.0 6.0 6.0 Min 1.5 3.15 4.2 -- -- -- 1.9 4.4 5.9 4.18 5.68 -- -- -- -- -- -- -- Typ -- -- -- -- -- -- 2.0 4.5 6.0 -- -- 0.0 0.0 0.0 -- -- -- -- Max -- -- -- 0.5 1.35 1.8 -- -- -- -- -- 0.1 0.1 0.1 0.26 0.26 0.1 4.0 Ta = -40 to+85C Min 1.5 3.15 4.2 -- -- -- 1.9 4.4 5.9 4.13 5.63 -- -- -- -- -- -- -- Max -- -- -- 0.5 1.35 1.8 -- -- -- -- -- 0.1 0.1 0.1 0.33 0.33 1.0 40 V IOH = -4 mA IOH = -5.2 mA Vin = VIH or VIL IOL = 20 A V Unit V Test Conditions
Output voltage
VOH
V
Vin = VIH or VIL IOH = -20 A
IOL = 4 mA IOL = 5.2 mA A Vin = VCC or GND A Vin = VCC or GND, Iout = 0 A
Rev.2.00, Oct 11, 2005 page 3 of 5
HD74HC152
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25C Item Symbol VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 -- Propagation delay tPLH, tPHL time tPLH, tPHL Min -- -- -- -- -- -- -- -- -- -- Typ -- 17 -- -- 15 -- -- 5 -- 5 Max 160 32 27 150 30 26 75 15 13 10 Ta = -40 to +85C Min -- -- -- -- -- -- -- -- -- -- Max 200 40 34 190 38 33 95 19 16 10 Unit ns Test Conditions A, B or C to W
ns
Any D to W
Output rise/fall time Input capacitance
tTLH, tTHL
ns
Cin
pF
Test Circuit
Measurement point
CL*
Note: CL includes the probe and fig capacitance.
Waveforms
tr 90 % 50 % 10 % t PLH 90 % Same-phase output 50 % 10 % t TLH 90 % 50 % 10 % t PHL 90 % 50 % 10 % t THL VOH VOL tf VCC 0V
Input
t PHL 90 % Inverse-phase output
t PLH
90 % 50 % 10 % t THL 50 % 10 % t TLH
VOH VOL
Notes: 1. Input waveform: PRR 1 MHz, Zo = 50 , tr 6 ns, tf 6 ns 2. The output are measured one at a time with one transition per measurement.
Rev.2.00, Oct 11, 2005 page 4 of 5
HD74HC152
Package Dimensions
JEITA Package Code P-DIP14-6.3x19.2-2.54 RENESAS Code PRDP0014AB-B Previous Code DP-14AV MASS[Typ.] 0.97g
D
14
8
1 b3
7
Z
E
Reference Symbol
Dimension in Millimeters Min Nom 7.62 19.2 6.3 20.32 7.4 5.06 0.51 0.40 0.48 1.30 0.19 0 2.29 2.54 0.25 0.31 15 2.79 2.39 2.54 0.56 Max
A
A1
e1 D E
L
A A1 bp
e
bp
e1
c
b3 c
e Z
( Ni/Pd/Au plating )
L
JEITA Package Code P-SOP14-3.95x8.65-1.27
RENESAS Code PRSP0014DE-A
Previous Code FP-14DNV
MASS[Typ.] 0.13g
*1
D 8
F
14
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
*2
Index mark
HE
E
c
Reference Symbol
Dimension in Millimeters Min Nom 8.65 3.95 Max 9.05
Terminal cross section ( Ni/Pd/Au plating )
1 Z e
*3
D E A2
7 bp x M L1
A1 A bp b1 c c1
0.10
0.14
0.25 1.75
0.34
0.40
0.46
0.15
0.20
0.25
A
HE
0 5.80 6.10 1.27
8 6.20
A1
L
e x y
0.25 0.15 0.635 0.40
1
y
Detail F
Z L L 0.60 1.08
1.27
Rev.2.00, Oct 11, 2005 page 5 of 5
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. Unit2607 Ruijing Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> 2-796-3115, Fax: <82> 2-796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd. Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2005. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .3.0


▲Up To Search▲   

 
Price & Availability of HD74HC152

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X