Part Number Hot Search : 
CD294BW MM3Z11VC 6EL1SCM 3EVKIT R1601 PS9100GE XR1016CP SPIC33
Product Description
Full Text Search
 

To Download HD74AC283ARPEL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74AC283/HD74ACT283
4-bit Binary Full Adder with Fast Carry
REJ03D0267-0200Z (Previous ADE-205-388 (Z)) Rev.2.00 Jul.16.2004
Description
The HD74AC283/HD74ACT283 high-speed 4-bit binary full adder with internal carry lookahead accepts two 4-bit binary works (A0 - A3, B0 - B3) and a Carry input (C0). It generates the binary Sum outputs (S0 - S3) and the Carry output (C4) from the most significant bit. The HD74AC283/HD74ACT283 will operate with either active High or active Low operands (positive or negative logic).
Features
* Outputs Source/Sink 24 mA * HD74ACT283 has TTL-Cmpatible Inputs * Ordering Information: Ex. HD74AC283
Part Name HD74AC283AP Package Type DIP-16 pin Package Code Package Abbreviation Taping Abbreviation (Quantity) DP-16E, -16FV FP-16DAV TTP-16DAV P FP RP T -- EL (2,000 pcs/reel) EL (2,500 pcs/reel) ELL(2,000 pcs/reel)
HD74AC283AFPEL SOP-16 pin (JEITA) HD74AC283TELL TSSOP-16 pin
HD74AC283ARPEL SOP-16 pin (JEDEC) FP-16DNV
Notes: 1. Please consult the sales office for the above package availability. 2. The packages with lead-free pins are distinguished from the conventional products by adding V at the end of the package code.
Pin Arrangement
S1 1 B1 2 A1 3 S0 4 A0 5 B0 6 C0 7 GND 8 (Top view) 16 VCC 15 B2 14 A2 13 S2 12 A3 11 B3 10 S3 9 C4
Rev.2.00, Jul.16.2004, page 1 of 9
HD74AC283/HD74ACT283
Logic Symbol
A0 B0 A1 B1 A2 B2 A3 B3 C0 S0 S1 S2 S3 C4
Pin Names
A0 - A3 B0 - B3 C0 S0 - S3 C4 A Operand Inputs B Operand Inputs Carry Input Sum Outputs Carry Output
Functional Description
The HD74AC283/HD74ACT283 adds two 4-bit binary words (A plus B) plus the incoming Carry (C0). The binary sum appears on the Sum (S0 - S3) and outgoing carry (C4) outputs. The binary weight of the various inputs and outputs is indicated by the subscript numbers, representing powers of two. 20 (A0 + B0 + C0) + 21 (A1 + B1) + 22 (A2 + B2) + 23 (A3 + B3) = S0 + 2S1 + 4S2 + 8S3 + 16C4 Where (+) = plus Interchanging inputs of equal weight does not affect the operation. Thus C0, A0, B0 can be arbitrarily assigned to pins 5, 6 and 7 for DIPS. Due to the symmetry of the binary add function, the HD74AC283/HD74ACT283 can be used either with all inputs and outputs active High (positive logic) or with all inputs and outputs active Low (negative logic). See Figure a. Note that if C0 is not used it must be tied Low for active High logic or tied High for active Low logic. Due to pin limitations, the intermediate carries of the HD74AC283/HD74ACT283 are not brought out for use as inputs or outputs. However, other means can be used to effectively insert a carry into, or bring a carry out from, an intermediate stage. Figure b shows how to make a 3-bit adder. Tying the operand inputs of the fourth adder (A3, B3) Low makes S3 dependent only on, and equal to, the carry from the third adder. Using somewhat the same principle Figure c shows a way of dividing the HD74AC283/HD74ACT283 into a 2-bit and a 1-bit adder. The third stage adder (A2, B2, S2) is used merely as a means of getting a carry (C10) signal into the fourth stage (via A2 and B2) and bringing out the carry from the second stage on S2. Note that as long as A2 and B2 are the same, whether High or Low, they do not influence S2. Similarly, when A2 and B2 are the same the carry into the third stage does not influence the carry out of the third stage. Figure d shows a method of implementing a 5-input encoder, where the inputs are equally weighted. The outputs S0, S1 and S2 present a binary number equal to the number of inputs I1 - I5 that are true. Figure e shows one method of implementing a 5-input majority gate. When three or more of the inputs I1 - I5 are true, the output M5 is true. Fig. a Active HIGH varsus Active LOW Interpretation
C0 Logic levels Active HIGH Active LOW L 0 1 L 0 1 A0 H 1 0 A1 L 0 1 A2 H 1 0 A3 H 1 0 B0 L 0 1 B1 L 0 1 B2 H 1 0 B3 H 1 0 S0 H 1 0 S1 L 0 1 S2 L 0 1 S3 H 1 0 C4
Active HIGH: 0 + 10 + 9 = 3 + 16 Active LOW: 1 + 5 + 6 = 12 + 0
Rev.2.00, Jul.16.2004, page 2 of 9
HD74AC283/HD74ACT283
L A0 B0 A1 B1 A2 B2 A3 B3 C0 S0 S1 S2 S3 C3 C4
Fig. b 3-bit Adder
C10 A0 B0 A1 B1 A10 B10
A0 B0 A1 B1 C0 C0 S0 S1
A2 B2 A3 B3 C4 S2 S3 C11
S0
S1
C2
S10
Fig. c 2-bit and 1-bit adders
I3 I1 I2 L I4 I5
A0 B0 A1 B1 A2 B2 A3 B3 C0 S0 S1 S2 S3 C4
20
21
22
Fig. d 5-Input Encoder
Rev.2.00, Jul.16.2004, page 3 of 9
HD74AC283/HD74ACT283
I3 I1 I2 I4 I5
A0 B0 A1 B1 A2 B2 A3 B3 C0 S0 S1 S2 S3 C4
M5
Fig. e 5-Input Majority Gate
Logic Diagram
C0 A0 B0 A1 B1 A2 B2 A3 B3
S0
S1
S2
S3
C4
Please note that this diagram is provided only for the understanding of logic operations and shoudl not be used to estimate propagation delays.
Rev.2.00, Jul.16.2004, page 4 of 9
HD74AC283/HD74ACT283
Absolute Maximum Ratings
Item Supply voltage DC input diode current DC input voltage DC output diode current DC output voltage DC output source or sink current DC VCC or ground current per output pin Storage temperature Symbol VCC IIK VI IOK VO IO ICC, IGND Tstg Ratings -0.5 to 7 -20 20 -0.5 to Vcc+0.5 -50 50 -0.5 to Vcc+0.5 50 50 -65 to +150 Unit V mA mA V mA mA V mA mA C Condition VI = -0.5V VI = Vcc+0.5V VO = -0.5V VO = Vcc+0.5V
Recommended Operating Conditions: HD74AC283
Item Supply voltage Input and output voltage Operating temperature Input rise and fall time (except Schmitt inputs) VIN 30% to 70% VCC Symbol VCC VI, VO Ta tr, tf Ratings 2 to 6 0 to VCC -40 to +85 8 V V C ns/V VCC = 3.0V VCC = 4.5 V VCC = 5.5 V Unit Condition
DC Characteristics: HD74AC283
Item Symbol VIH Vcc (V) 3.0 4.5 5.5 VIL 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 VOL 5.5 3.0 4.5 5.5 3.0 4.5 Input leakage current Dynamic output current* IIN IOLD IOHD 5.5 5.5 5.5 5.5 min. 2.1 3.15 3.85 -- -- -- 2.9 4.4 5.4 2.58 3.94 4.94 -- -- -- -- -- -- -- -- -- Ta = 25C typ. 1.5 2.25 2.75 1.50 2.25 2.75 2.99 4.49 5.49 -- -- -- 0.002 0.001 0.001 -- -- -- -- -- -- max. -- -- -- 0.9 1.35 1.65 -- -- -- -- -- -- 0.1 0.1 0.1 0.32 0.32 0.32 0.1 -- -- Ta = -40 to +85C min. 2.1 3.15 3.85 -- -- -- 2.9 4.4 5.4 2.48 3.80 4.80 -- -- -- -- -- -- -- 86 -75 -- max. -- -- -- 0.9 1.35 1.65 -- -- -- -- -- -- 0.1 0.1 0.1 0.37 0.37 0.37 1.0 -- -- 80 A mA mA A V VOUT = 0.1 V or VCC -0.1 V Unit Condition
Input Voltage
V
VOUT = 0.1 V or VCC -0.1 V
Output voltage
VOH
VIN = VIL or VIH IOUT = -50 A VIN = VIL or VIH IOH = -12 mA IOH = -24 mA IOH = -24 mA VIN = VIL or VIH IOUT = 50 A VIN = VIL or VIH IOL = 12 mA IOL = 24 mA IOL = 24 mA VIN = VCC or GND VOLD = 1.1 V VOHD = 3.85 V VIN = VCC or ground
Quiescent supply 5.5 -- -- 8.0 ICC current *Maximum test duration 2.0 ms, one output loaded at a time.
Rev.2.00, Jul.16.2004, page 5 of 9
HD74AC283/HD74ACT283
Recommended Operating Conditions: HD74ACT283
Item Supply voltage Input and output voltage Operating temperature Input rise and fall time (except Schmitt inputs) VIN 0.8 to 2.0 V Symbol VCC VI, VO Ta tr, tf Ratings 2 to 6 0 to VCC -40 to +85 8 V V C ns/V VCC = 4.5V VCC = 5.5V Unit Condition
DC Characteristics: HD74ACT283
Item Symbol VIH VIL Output voltage VOH VCC (V) 4.5 5.5 4.5 5.5 4.5 5.5 4.5 VOL 5.5 4.5 5.5 4.5 Input current ICC/input current Dynamic output current* Quiescent supply current IIN ICCT IOLD IOHD ICC 5.5 5.5 5.5 5.5 5.5 5.5 min. 2.0 2.0 -- -- 4.4 5.4 3.94 4.94 -- -- -- -- -- -- -- -- -- Ta = 25C typ. 1.5 1.5 1.5 1.5 4.49 5.49 -- -- 0.001 0.001 -- -- -- 0.6 -- -- -- max. -- -- 0.8 0.8 -- -- -- -- 0.1 0.1 0.32 0.32 0.1 -- -- -- 8.0 Ta = -40 to +85C min. 2.0 2.0 -- -- 4.4 5.4 3.80 4.80 -- -- -- -- -- -- 86 -75 -- max. -- -- 0.8 0.8 -- -- -- -- 0.1 0.1 0.37 0.37 1.0 1.5 -- -- 80 A mA mA mA A V Unit Condition
Input voltage
V
VOUT = 0.1 V or Vcc-0.1 V VOUT = 0.1 V or Vcc-0.1 V VIN = VIL or VIH IOUT = -50 A VIN = VIL VIN = VIL or VIH IOUT = 50 A VIN = VIL VIN = VCC or GND VIN = VCC-2.1 V VOLD = 1.1 V VOHD = 3.85 V VIN = VCC or ground IOL = 24 mA IOL = 24 mA IOH = -24 mA IOH = -24 mA
*Maximum test duration 2.0 ms, one output loaded at a time.
Rev.2.00, Jul.16.2004, page 6 of 9
HD74AC283/HD74ACT283
AC Characteristics: HD74AC283
Ta = +25C CL = 50 pF Item Propagation delay C0 to Sn Propagation delay C0 to Sn Propagation delay An or Bn to Sn Propagation delay An or Bn to Sn Propagation delay C0 to C4 Propagation delay C0 to C4 Propagation delay An or Bn to C4 Propagation delay An or Bn to C4 Note: Symbol tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL VCC (V)*1 Min 3.3 1.0 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Typ 11.5 9.5 10.5 8.5 14.0 11.5 13.5 11.0 9.5 7.5 10.0 8.0 11.5 9.5 12.0 10.0 Max 15.0 11.5 14.0 10.5 17.0 13.5 16.5 13.0 12.5 9.5 13.0 10.0 14.5 11.5 15.0 12.0 Ta = -40C to +85C CL = 50 pF Min 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Max 16.5 12.5 15.5 11.5 18.5 14.5 18.0 14.0 15.5 10.5 14.0 11.0 16.0 12.5 16.5 13.0 Unit ns ns ns ns ns ns ns ns
1. Voltage Range 3.3 is 3.3 V 0.3 V Voltage Range 5.0 is 5.0 V 0.5 V
AC Characteristics: HD74ACT283
Ta = +25C CL = 50 pF Item Symbol VCC (V)*1 Propagation delay tPLH 5.0 C0 to Sn Propagation delay tPHL 5.0 C0 to Sn Propagation delay tPLH 5.0 An or Bn to Sn Propagation delay tPHL 5.0 An or Bn to Sn Propagation delay tPLH 5.0 C0 to C4 Propagation delay tPHL 5.0 C0 to C4 Propagation delay tPLH 5.0 An or Bn to C4 Propagation delay tPHL 5.0 An or Bn to C4 Note: 1. Voltage Range 5.0 is 5.0 V 0.5 V Min 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Typ 11.5 10.0 13.0 12.0 9.0 10.0 11.0 11.5 Max 13.5 12.0 15.0 14.0 11.0 12.0 13.0 13.5 Ta = -40C to +85C CL = 50 pF Min 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Max 14.5 13.0 16.5 15.5 12.0 13.0 14.0 14.5 Unit ns ns ns ns ns ns ns ns
Capacitance
Item Input capacitance Power dissipation capacitance Symbol CIN CPD 4.5 60.0 Typ pF pF Unit VCC = 5.5 V VCC = 5.0 V Condition
Rev.2.00, Jul.16.2004, page 7 of 9
HD74AC283/HD74ACT283
Package Dimensions
As of January, 2003
Unit: mm 19.2 20.32 Max
16
9
6.3 7.4 Max
1
0.89 1.3
8
2.54 Min 5.06 Max
7.62
0.51 Min
2.54 0.25
0.48 0.1
0.25 - 0.05 0 - 15
Package Code JEDEC JEITA Mass (reference value) DP-16E Conforms Conforms 1.05 g
+ 0.1
Unit: mm 19.2 20.32 Max
16
9
6.3 7.4 Max
1
0.89 1.3
8
2.54 Min 5.06 Max
7.62
0.51 Min
2.54 0.25
*0.48 0.08
*0.25 0.06 0 - 15
Package Code JEDEC JEITA Mass (reference value) DP-16FV Conforms Conforms 1.05 g
*NI/Pd/AU Plating
Rev.2.00, Jul.16.2004, page 8 of 9
HD74AC283/HD74ACT283
As of January, 2003
10.06 10.5 Max 16 9
5.5
Unit: mm
1
*0.20 0.05
8
0.80 Max
2.20 Max
0.20 7.80 + 0.30 -
1.15
1.27
0.10 0.10
0 - 8
0.70 0.20
*0.40 0.06
0.15
0.12 M
Package Code JEDEC JEITA Mass (reference value) FP-16DAV -- Conforms 0.24 g
*Ni/Pd/Au plating
As of January, 2003
Unit: mm
9.9 10.3 Max 16 9
3.95
1 1.27 0.635 Max
8
0.11 0.14 + 0.04 - 1.75 Max
*0.20 0.05
0.10 6.10 + 0.30 -
1.08
0 - 8
+ 0.67 0.60 - 0.20
*0.40 0.06
0.15 0.25 M
*Ni/Pd/Au plating
Package Code JEDEC JEITA Mass (reference value)
FP-16DNV Conforms Conforms 0.15 g
Rev.2.00, Jul.16.2004, page 9 of 9
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500 Fax: <1> (408) 382-7501 Renesas Technology Europe Limited. Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, United Kingdom Tel: <44> (1628) 585 100, Fax: <44> (1628) 585 900 Renesas Technology Europe GmbH Dornacher Str. 3, D-85622 Feldkirchen, Germany Tel: <49> (89) 380 70 0, Fax: <49> (89) 929 30 11 Renesas Technology Hong Kong Ltd. 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2375-6836 Renesas Technology Taiwan Co., Ltd. FL 10, #99, Fu-Hsing N. Rd., Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. 26/F., Ruijin Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1, Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001
http://www.renesas.com
(c) 2004. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .1.0


▲Up To Search▲   

 
Price & Availability of HD74AC283ARPEL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X