Part Number Hot Search : 
HSP48901 MX29LV MX29LV 63821 CRBV5 MAX6505 AN1105W GS2985
Product Description
Full Text Search
 

To Download HCPL-4506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCPL-4506/J456/0466, HCNW4506
Intelligent Power Module and Gate Drive Interface Optocouplers
Data Sheet
Lead (Pb) Free RoHS 6 fully compliant
RoHS 6 fully compliant options available; -xxxE denotes a lead-free product
Description
The HCPL-4506 and HCPL-0466 contain a GaAsP LED while the HCPL-J456 and the HCNW4506 contain an AlGaAs LED. The LED is optically coupled to an integrated high gain photo detector. Minimized propagation delay difference between devices makes these optocouplers excellent solutions for improving inverter efficiency through reduced switching dead time. An on chip 20 k output pull-up resistor can be enabled by shorting output pins 6 and 7, thus eliminating the need for an external pull-up resistor in common IPM applications. Specifications and performance plots are given for typical IPM applications.
Features
* Performance specified for bommon IPM applications over industrial temperature range: -40C to 100C * Fast maximum propagation delays tPHL = 480 ns tPLH = 550 ns * Minimized Pulse Width Distortion PWD = 450 ns * 15 kV/s minimum common mode transient immunity at VCM = 1500 V * CTR > 44% at IF = 10 mA * Safety approval: UL Recognized -3750 V rms / 1 min. for HCPL-4506/0466/J456 -5000 V rms / 1 min. for HCPL-4506 Option 020 and HCNW4506 CSA Approved IEC/EN/DIN EN 60747-5-2 Approved -VIORM = 560 Vpeak for HCPL-0466 Option 060 -VIORM = 630 Vpeak for HCPL-4506 Option 060 -VIORM = 891 Vpeak for HCPL-J456 -VIORM = 1414 Vpeak for HCNW4506
Functional Diagram
NC 1 20 k ANODE 2 7 VL 8 VCC
CATHODE
3
6
VO
NC
4
SHIELD
5
GND
Truth Table LED
OFF
Applications
VO
H
* IPM isolation * Isolated IGBT/MOSFET gate drive * AC and brushless DC motor drives * Industrial inverters
ON L HCPL-4506 Functional Diagram
The connection of a 0.1 F bypass capacitor between pins 5 and 8 is recommended.
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to prevent damage and/or degradation which may be induced by ESD.
Selection Guide Package Type
Part Number IEC/EN/DIN EN 607475-2 Approval
Standard 8-Pin DIP (300 Mil)
HCPL-4506 VIORM = 630 Vpeak (Option 060)
White Mold 8-Pin DIP (300 Mil)
HCPL-J456 VIORM = 891 Vpeak
Small Outline SO8
HCPL-0466 VIORM = 560 Vpeak (Option 060)
Widebody (400 Mil)
HCNW4506 VIORM = 1414 Vpeak
Hermetic*
HCPL-5300 HCPL-5301 --
*Technical data for these products are on separate Avago publications.
2
Ordering Information HCPL-0466, HCPL-4506 and HCPL-J456 are UL Recognized with 3750 Vrms for 1 minute per UL1577. HCNW4506 is UL Recognized with 5000 Vrms for 1 minute per UL1577. HCPL-0466, HCPL-4506, HCPL-J456 and HCNW4506 are approved under CSA Component Acceptance Notice #5, File CA 88324. Option Part Number RoHS Compliant
-000E -300E -500E -020E HCPL-4506 -320E -520E -060E -360E -560E -000E HCPL-J456 -300E -500E -000E HCPL-0466 -500E -060E -560E -000E HCNW4506 -300E -500E
non RoHS Compliant
no option #300 #500 #020 #320 #520 #060 #360 #560 no option #300 #500 no option #500 #060 #560 no option #300 #500
Package
300 mil DIP-8
Surface Mount
X X X X X X
Gull Wing
X X X X X X X X
Tape & Reel
UL 5000 Vrms/ 1 Minute rating
IEC/EN/DIN EN 60747-5-2
Quantity
50 per tube 50 per tube
X X X X X X X X X X X X X X X X X X X X X X X X
1000 per reel 50 per tube 50 per tube 1000 per reel 50 per tube 50 per tube 1000 per reel 50 per tube 50 per tube 1000 per reel 100 per tube 1500 per reel 100 per tube 1500 per reel 42 per tube 42 per tube 750 per reel
300 mil DIP-8 X X SO-8 X X X X 400 mil Widebody DIP-8 X X X X
To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: HCPL-4506-560E to order product of 300 mil DIP Gull Wing Surface Mount package in Tape and Reel packaging with IEC/EN/DIN EN 60747-5-2 Safety Approval and RoHS compliant. Example 2: HCPL-4506 to order product of 300 mil DIP package in Tube packaging and non RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. Remarks: The notation `#XXX' is used for existing products, while (new) products launched since July 15, 2001 and RoHS compliant will use `-XXXE.'
3
Package Outline Drawings HCPL-4506 Outline Drawing
9.65 0.25 (0.380 0.010) TYPE NUMBER 8 7 6 5 OPTION CODE* DATE CODE 7.62 0.25 (0.300 0.010) 6.35 0.25 (0.250 0.010)
A XXXXZ YYWW RU 1 1.19 (0.047) MAX. 2 3 4
UL RECOGNITION
1.78 (0.070) MAX. + 0.076 0.254 - 0.051 + 0.003) (0.010 - 0.002)
5 TYP. 3.56 0.13 (0.140 0.005) 4.70 (0.185) MAX.
0.51 (0.020) MIN. 2.92 (0.115) MIN. DIMENSIONS IN MILLIMETERS AND (INCHES). * MARKING CODE LETTER FOR OPTION NUMBERS "L" = OPTION 020 "V" = OPTION 060 OPTION NUMBERS 300 AND 500 NOT MARKED. NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
1.080 0.320 (0.043 0.013)
0.65 (0.025) MAX. 2.54 0.25 (0.100 0.010)
HCPL-4506 Gull Wing Surface Mount Option 300 Outline Drawing
LAND PATTERN RECOMMENDATION 9.65 0.25 (0.380 0.010)
8 7 6 5
1.016 (0.040)
6.350 0.25 (0.250 0.010)
10.9 (0.430)
1
2
3
4
1.27 (0.050) 1.780 (0.070) MAX. 9.65 0.25 (0.380 0.010) 7.62 0.25 (0.300 0.010)
2.0 (0.080)
1.19 (0.047) MAX.
3.56 0.13 (0.140 0.005)
+ 0.076 0.254 - 0.051 + 0.003) (0.010 - 0.002)
1.080 0.320 (0.043 0.013) 0.635 0.130 2.54 (0.025 0.005) (0.100) BSC DIMENSIONS IN MILLIMETERS (INCHES). LEAD COPLANARITY = 0.10 mm (0.004 INCHES).
0.635 0.25 (0.025 0.010)
12 NOM.
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
4
Package Outline Drawings HCPL-J456 Outline Drawing
9.80 0.25 (0.386 0.010) TYPE NUMBER 8 7 6 5 OPTION CODE* DATE CODE 7.62 0.25 (0.300 0.010) 6.35 0.25 (0.250 0.010)
A XXXXZ YYWW RU 1 1.19 (0.047) MAX. 2 3 4
UL RECOGNITION
1.78 (0.070) MAX. + 0.076 0.254 - 0.051 + 0.003) (0.010 - 0.002)
5 TYP. 3.56 0.13 (0.140 0.005) 4.70 (0.185) MAX.
0.51 (0.020) MIN. 2.92 (0.115) MIN. DIMENSIONS IN MILLIMETERS AND (INCHES). * MARKING CODE LETTER FOR OPTION NUMBERS "L" = OPTION 020 "V" = OPTION 060 OPTION NUMBERS 300 AND 500 NOT MARKED. NOTE: FLOATING LEAD PROTRUSION IS 0.5 mm (20 mils) MAX.
1.080 0.320 (0.043 0.013)
0.65 (0.025) MAX. 2.54 0.25 (0.100 0.010)
HCPL-J456 Gull Wing Surface Mount Option 300 Outline Drawing
LAND PATTERN RECOMMENDATION 9.80 0.25 (0.386 0.010)
8 7 6 5
1.016 (0.040)
6.350 0.25 (0.250 0.010)
10.9 (0.430)
1
2
3
4
1.27 (0.050) 1.780 (0.070) MAX. 9.65 0.25 (0.380 0.010) 7.62 0.25 (0.300 0.010)
2.0 (0.080)
1.19 (0.047) MAX.
3.56 0.13 (0.140 0.005)
+ 0.076 0.254 - 0.051 + 0.003) (0.010 - 0.002)
1.080 0.320 (0.043 0.013) 0.635 0.130 2.54 (0.025 0.005) (0.100) BSC DIMENSIONS IN MILLIMETERS (INCHES). LEAD COPLANARITY = 0.10 mm (0.004 INCHES).
0.635 0.25 (0.025 0.010)
12 NOM.
NOTE: FLOATING LEAD PROTRUSION IS 0.5 mm (20 mils) MAX.
5
HCPL-0466 Outline Drawing (8-Pin Small Outline Package)
LAND PATTERN RECOMMENDATION
8
7
6
5
3.937 0.127 (0.155 0.005) PIN ONE 1 0.406 0.076 (0.016 0.003)
2
XXX YWW
5.994 0.203 (0.236 0.008) TYPE NUMBER (LAST 3 DIGITS) DATE CODE
7.49 (0.295)
3
4
1.9 (0.075)
1.270 BSC (0.050)
0.64 (0.025)
* 5.080 0.127 (0.200 0.005)
3.175 0.127 (0.125 0.005)
7
45 X
0.432 (0.017)
1.524 (0.060)
0 ~ 7
0.228 0.025 (0.009 0.001)
0.203 0.102 (0.008 0.004)
* TOTAL PACKAGE LENGTH (INCLUSIVE OF MOLD FLASH)
5.207 0.254 (0.205 0.010) DIMENSIONS IN MILLIMETERS (INCHES). LEAD COPLANARITY = 0.10 mm (0.004 INCHES) MAX.
0.305 MIN. (0.012)
NOTE: FLOATING LEAD PROTRUSION IS 0.15 mm (6 mils) MAX.
HCNW4506 Outline Drawing (8-Pin Widebody Package)
11.15 0.15 (0.442 0.006)
8 7 6 5
11.00 MAX. (0.433) 9.00 0.15 (0.354 0.006)
TYPE NUMBER A HCNWXXXX YYWW DATE CODE
1
2
3
4
1.55 (0.061) MAX.
10.16 (0.400) TYP. 7 TYP. + 0.076 0.254 - 0.0051 + 0.003) (0.010 - 0.002) 5.10 MAX. (0.201)
3.10 (0.122) 3.90 (0.154) 2.54 (0.100) TYP. 1.78 0.15 (0.070 0.006) 0.40 (0.016) 0.56 (0.022)
0.51 (0.021) MIN.
DIMENSIONS IN MILLIMETERS (INCHES). NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
6
HCNW4506 Gull Wing Surface Mount Option 300 Outline Drawing
11.15 0.15 (0.442 0.006)
8 7 6 5
LAND PATTERN RECOMMENDATION
9.00 0.15 (0.354 0.006)
13.56 (0.534)
1
2
3
4
1.3 (0.051) 1.55 (0.061) MAX. 12.30 0.30 (0.484 0.012) 11.00 MAX. (0.433)
2.29 (0.09)
4.00 MAX. (0.158)
1.78 0.15 (0.070 0.006) 2.54 (0.100) BSC
0.75 0.25 (0.030 0.010)
1.00 0.15 (0.039 0.006)
+ 0.076 0.254 - 0.0051 + 0.003) (0.010 - 0.002) 7 NOM.
DIMENSIONS IN MILLIMETERS (INCHES). LEAD COPLANARITY = 0.10 mm (0.004 INCHES). NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
7
Solder Reflow Temperature Profile
300 PREHEATING RATE 3 C + 1 C/-0.5 C/SEC. REFLOW HEATING RATE 2.5 C 0.5 C/SEC.
PEAK TEMP. 245 C
PEAK TEMP. 240 C
200 TEMPERATURE (C) 160 C 150 C 140 C 3 C + 1 C/-0.5 C 100
2.5 C 0.5 C/SEC. 30 SEC. 30 SEC.
PEAK TEMP. 230 C
SOLDERING TIME 200 C
PREHEATING TIME 150 C, 90 + 30 SEC. ROOM TEMPERATURE 0 0 50 100 TIME (SECONDS) NOTE: NON-HALIDE FLUX SHOULD BE USED. 150
50 SEC. TIGHT TYPICAL LOOSE 200 250
Recommended Pb-Free IR Profile
TIME WITHIN 5 C of ACTUAL PEAK TEMPERATURE 15 SEC.
tp Tp TL TEMPERATURE Tsmax Tsmin ts PREHEAT 60 to 180 SEC. 25 tL * 260 +0/-5 C 217 C 150 - 200 C RAMP-UP 3 C/SEC. MAX.
RAMP-DOWN 6 C/SEC. MAX.
60 to 150 SEC.
t 25 C to PEAK TIME NOTES: THE TIME FROM 25 C to PEAK TEMPERATURE = 8 MINUTES MAX. Tsmax = 200 C, Tsmin = 150 C NOTE: NON-HALIDE FLUX SHOULD BE USED. * RECOMMENDED PEAK TEMPERATURE FOR WIDEBODY 400mils PACKAGE IS 245 C
8
Regulatory Information
The devices contained in this data sheet have been approved by the following agencies: Agency/Standard Underwriters Laboratories (UL)
Recognized under UL 1577, Component Recognized Program, Category FPQU2, File E55361 UL 1577
HCPL-4506 *
HCPL-J456 *
HCPL-0466 *
HCNW4506 *
Canadian Standards Association (CSA)
File CA88324
Component Acceptance Notice #5 DIN VDE 0884 (June 1992)
*
*
*
*
Verband Deutscher Electrotechniker (VDE) IEC/EN/DIN EN 60747-5-2
*
*
*
Approved under: IEC 60747-5-2:1997 + A1:2002 EN 60747-5-2:2001 + A1:2002 DIN EN 60747-5-2 (VDE 0884 Teil 2):2003-01
*
*
*
*
Insulation and Safety Related Specifications
Value Parameter
Minimum External Air Gap (External Clearance) Minimum External Tracking (External Creepage) Minimum Internal Plastic Gap (Internal Clearance)
Symbol
L(101)
HCPL-4506
7.1
HCPL-J456
7.4
HCPL-0466
4.9
HCNW4506
9.6
Units
mm
Conditions
Measured from input terminals to output terminals, shortest distance through air. Measured from input terminals to output terminals, shortest distance path along body. Through insulation distance, conductor to conductor, usually the direct distance between the photoemitter and photodetector inside the optocoupler cavity. Measured from input terminals to output terminals, along internal cavity. DIN IEC 112/VDE 0303 Part 1 Material Group (DIN VDE 0110, 1/89, Table 1)
L(102)
7.4
8.0
4.8
10.0
mm
0.08
0.5
0.08
1.0
mm
Minimum Internal Tracking (Internal Creepage) Tracking Resistance (Comparative Tracing Index) Isolation Group CTI
NA
NA
NA
4.0
mm
175
175
175
200
Volts
IIIa
IIIa
IIIa
IIIa
9
All Avago data sheets report the creepage and clearance inherent to the optocoupler component itself. These dimensions are needed as a starting point for the equipment designer when determining the circuit insulation requirements. However, once mounted on a printed circuit board, minimum creepage and clearance requirements must be met as specified for individual equipment standards. For creepage, the shortest distance path along IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics Description
Installation classification per DIN VDE 0110/1.89, Table 1 for rated mains voltage 150 V rms for rated mains voltage 300 V rms for rated mains voltage 450 V rms for rated mains voltage 600 V rms for rated mains voltage 1000 V rms Climatic Classification Pollution Degree (DIN VDE 0110/1.89) Maximum Working Insulation Voltage Input to Output Test Voltage, Method b* VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec, Partial Discharge < 5pC Input to Output Test Voltage, Method a* VIORM x 1.5 = VPR, Type and Sample Test, tm = 60 sec, Partial Discharge < 5pC Highest Allowable Overvoltage* (Transient Overvoltage, tini = 10 sec) Safety Limiting Values - maximum values allowed in the event of a failure, also see Thermal Derating curve. Case Temperature Input Current Output Power Insulation Resistance at TS , VIO = 500 V VIORM
the surface of a printed circuit board between the solder fillets of the input and output leads must be considered. There are recommended techniques such as grooves and ribs which may be used on a printed circuit board to achieve desired creepage and clearances. Creepage and clearance distances will also change depending on factors such as pollution degree and insulation level.
Symbol
HCPL-0466 Option 060
HCPL-4506 Option 060
HCPL-J456
HCNW4506
Unit
I-IV I-III
I-IV I-IV I-III
I-IV I-IV I-III I-III 55/100/21 2 891
I-IV I-IV I-IV I-IV I-III 55/100/21 2 1414 Vpeak
55/100/21 2 560
55/100/21 2 630
VPR
1050
1181
1670
2652
Vpeak
VPR VIOTM
840 4000
945 6000
1336 6000
2121 8000
Vpeak Vpeak
TS IS INPUT PS OUTPUT RS
150 150 600 109
175 230 600 109
175 400 600 109
150 400 700 109
C mA mW
*Refer to the optocoupler section of the Designer's Catalog, under regulatory information (IEC/EN/DIN EN 60747-5-2) for a detailed description of Method a and Method b partial discharge test profiles. Notes: These optocouplers are suitable for "safe electrical isolation" only within the safety limit data. Maintenance of the safety data shall be ensured by means of protective circuits. Insulation Characteristics are per IEC/EN/DIN EN 60747-5-2. Surface mount classification is Class A in accordance with CECC 00802.
10
Absolute Maximum Ratings Parameter
Storage Temperature Operating Temperature Average Input Current[1] Peak Input Current[2] (50% duty cycle, 1 ms pulse width) Peak Transient Input Current (<1 s pulse width, 300 pps) Reverse Input Voltage (Pin 3-2) HCPL-4506, HCPL-0466 HCPL-J456, HCNW4506 Average Output Current (Pin 6) Resistor Voltage (Pin 7) Output Voltage (Pin 6-5) Supply Voltage (Pin 8-5) Output Power Dissipation[3] Total Power Dissipation[4] Lead Solder Temperature (HCPL-4506, HCPL-J456) Lead Solder Temperature (HCNW4506) Infrared and Vapor Phase Reflow Temperature (HCPL-0466 and Option 300) IO(avg) V7 VO VCC PO PT -0.5 -0.5 -0.5
Symbol
TS TA IF(avg) IF(peak) IF(tran) VR
Min.
-55 -40
Max.
125 100 25 50 1.0 5 3 15 VCC 30 30 100 145
Units
C C mA mA A Volts
mA Volts Volts Volts mW mW
260C for 10 s, 1.6 mm below seating plane 260C for 10 s (up to seating plane) See Package Outline Drawings Section
Recommended Operating Conditions Parameter
Power Supply Voltage Output Voltage Input Current (ON) Input Voltage (OFF) Operating Temperature
Symbol
VCC VO IF(on) VF(off )* TA
Min.
4.5 0 10 -5 -40
Max.
30 30 20 0.8 100
Units
Volts Volts mA V C
*Recommended VF(OFF) = -3 V to 0.8 V for HCPL-J456, HCNW4506.
11
Electrical Specifications Over recommended operating conditions unless otherwise specified: TA = -40C to +100C, VCC = +4.5 V to 30 V, IF(on) = 10 mA to 20 mA, VF(off ) = -5 V to 0.8 V Parameter
Current Transfer Ratio Low Level Output Current Low Level Output Voltage Input Threshold Current
Symbol
CTR IOL VOL ITH
Device
Min.
44 4.4
Typ.*
90 9.0 0.3
Max.
Units Test Conditions
% mA IF = 10 mA, VO = 0.6 V IF = 10 mA, VO = 0.6 V IO = 2.4 mA VO = 0.8 V, IO = 0.75 mA
Fig.
Note
5
1, 2
0.6 5
V mA
HCPL-4506 HCPL-0466 HCNW4506 HCPL-J456
1.5
1
16
0.6 5 0.6 0.6 50 1.3 1.3 1.8 1.95 1.85 mV/C IF = 10 mA A mA mA V VF = 0.8 V VF = 0.8 V, VO = Open IF = 10 mA, VO = Open IF = 10 mA 4 5 3 16 16
High Level Output Current High Level Supply Current Low Level Supply Current Input Forward Voltage
IOH ICCH ICCL VF HCPL-4506 HCPL-0466 HCPL-J456 HCNW4506 1.2
1.5 1.6 1.6 -1.6
Temperature Coefficient of Forward Voltage
VF/TA
HCPL-4506 HCPL-0466 HCPL-J456 HCNW4506
-1.3 5 3 60 72 14 20 0.014 25 k k/C TA = 25C 12, 13 pF V IR = 10 A IR = 100 A f = 1 MHz, VF = 0 V
Input Reverse Breakdown Voltage
BVR
HCPL-4506 HCPL-0466 HCPL-J456 HCNW4506
Input Capacitance
CIN
HCPL-4506 HCPL-0466 HCPL-J456 HCNW4506
Internal Pull-up Resistor Internal Pull-up Resistor Temperature Coefficient
RL RL/TA
*All typical values at 25C, VCC = 15 V. VF(off ) = -3 V to 0.8 V for HCPL-J456, HCNW4506.
12
Switching Specifications (RL= 20 k External) Over recommended operating conditions unless otherwise specified: TA = -40C to +100C, VCC = +4.5 V to 30 V, IF(on) = 10 mA to 20 mA, VF(off ) = -5 V to 0.8 V Parameter
Propagation Delay Time to Logic HCPL-J456 Low at Output Propagation Delay Time to High Output Level Pulse Width Distortion Propagation Delay Difference Between Any 2 Parts Output High Level Common Mode Transient Immunity Output Low Level Common Mode Transient Immunity
Symbol
TPHL
Min.
30
Typ.*
200 100
Max. Units
400 480 550 ns
Test Conditions
CL = 100 pF CL = 10 pF IF(on) = 10 mA, VF(off ) = 0.8 V, VCC = 15.0 V, V THLH = 2.0 V, V THHL = 1.5 V
Fig.
6, 8, 1013
Note
11, 14, 16
TPLH
270
400 130
ns
CL = 100 pF CL = 10 pF
PWD tPLH-tPHL -150
200 200
450 450
ns ns
CL = 100 pF
20 17
|CMH|
15
30
kV/s
IF = 0 mA, VO > 3.0 V IF = 10 mA VO < 1.0 V
VCC = 15.0 V, CL = 100 pF, VCM = 1500 Vp-p TA = 25C
7
18
|CML|
15
30
kV/s
19
Switching Specifications (RL= Internal Pull-up) Over recommended operating conditions unless otherwise specified: TA = -40C to +100C, VCC = +4.5 V to 30 V, IF(on) = 10 mA to 20 mA, VF(off ) = -5 V to 0.8 V Parameter
Propagation Delay Time to Logic HCPL-J456 Low at Output Propagation Delay Time to High Output Level Pulse Width Distortion Propagation Delay Difference Between Any 2 Parts Output High Level Common Mode Transient Immunity Output Low Level Common Mode Transient Immunity Power Supply Rejection
Symbol
tPHL
Min.
20
Typ.*
200
Max.
400 485 650 500 500
Units
ns
Test Conditions
IF(on) = 10 mA, VF(off ) = 0.8 V, VCC = 15.0 V, CL = 100 pF, V THLH = 2.0 V, V THHL = 1.5 V
Fig.
6, 9
Note
11-14, 16
tPLH PWD tPLH-tPHL
220
450 250
ns ns ns 20 17
-150
250
|CMH|
30
kV/s IF = 0 mA, VO > 3.0 V kV/s IF = 16 mA, VO < 1.0 V Vp-p
VCC = 15.0 V, CL = 100 pF, VCM = 1500 Vp-p, TA = 25C
7
18
|CML|
30
19
PSR
1.0
Square Wave, tRISE, tFALL > 5 ns, no bypass capacitors
16
*All typical values at 25C, VCC = 15 V. VF(off ) = -3 V to 0.8 V for HCPL-J456, HCNW4506.
13
Package Characteristics Over recommended temperature (TA = -40C to 100C) unless otherwise specified. Parameter
Input-Output Momentary Withstand Voltage
Sym.
VISO
Device
HCPL-4506 HCPL-0466 HCPL-J456 HCPL-4506 Option020 HCNW4506
Min.
3750 3750 5000 5000
Typ.*
Max.
Units
V rms
Test Conditions
RH < 50% t = 1 min. TA = 25C
Fig.
Note
6,7,10 6,8,10 6,9, 15 6,9,10
Resistance (Input-Output)
RI-O
HCPL-4506 HCPL-J456 HCPL-0466 HCNW4506 1012
1012 1013 0.6 0.8 0.5 pF
VI-O = 500 Vdc
6
Capacitance (Input-Output)
CI-O
HCPL-4506 HCPL-0466 HCPL-J456 HCNW4506
f = 1 MHz
6
*All typical values at 25C, VCC = 15 V. The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous voltage rating. For the continuous voltage rating refer to the IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics Table (if applicable), your equipment level safety specification or Avago Application Note 1074 entitled "Optocoupler Input-Output Endurance Voltage," publication number 5963-2203E.
Notes: 1. Derate linearly above 90C free-air temperature at a rate of 0.8 mA/C. 2. Derate linearly above 90C free-air temperature at a rate of 1.6 mA/C. 3. Derate linearly above 90C free-air temperature at a rate of 3.0 mW/C. 4. Derate linearly above 90C free-air temperature at a rate of 4.2 mW/C. 5. CURRENT TRANSFER RATIO in percent is defined as the ratio of output collector current (IO) to the forward LED input current (IF) times 100. 6. Device considered a two-terminal device: Pins 1, 2, 3, and 4 shorted together and Pins 5, 6, 7, and 8 shorted together. 7. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage 4500 V rms for 1 second (leakage detection current limit, II-O 5 A). 8. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage 4500 V rms for 1 second (leakage detection current limit, Ii-o 5 A). 9. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage 6000 V rms for 1 second (leakage detection current limit, II-O 5 A). 10. This test is performed before the 100% Production test shown in the IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics Table, if applicable. 11. Pulse: f = 20 kHz, Duty Cycle = 10%. 12. The internal 20 k resistor can be used by shorting pins 6 and 7 together. 13. Due to tolerance of the internal resistor, and since propagation delay is dependent on the load resistor value, performance can be improved by using an external 20 k 1% load resistor. For more information on how propagation delay varies with load resistance, see Figure 8. 14. The RL = 20 k, CL = 100 pF load represents a typical IPM (Intelligent Power Module) load. 15. See Option 020 data sheet for more information. 16. Use of a 0.1 F bypass capacitor connected between pins 5 and 8 can improve performance by filtering power supply line noise. 17. The difference between tPLH and tPHL between any two devices under the same test condition. (See IPM Dead Time and Propagation Delay Specifications section.) 18. Common mode transient immunity in a Logic High level is the maximum tolerable dVCM/dt of the common mode pulse, VCM, to assure that the output will remain in a Logic High state (i.e., VO > 3.0 V). 19. Common mode transient immunity in a Logic Low level is the maximum tolerable dVCM/dt of the common mode pulse, VCM, to assure that the output will remain in a Logic Low state (i.e., V < 1.0 V). O 20. Pulse Width Distortion (PWD) is defined as |tPHL - tPLH| for any given device.
14
IOH - HIGH LEVEL OUTPUT CURRENT - A
10 NORMALIZED OUTPUT CURRENT IO - OUTPUT CURRENT - mA
1.05 1.00 0.95 0.90 0.85 0.80 -40 IF = 10 mA VO = 0.6 V
20.0 VF = 0.8 V VCC = VO = 4.5 V OR 30 V 15.0 4.5 V 30 V
8 6 4 VO = 0.6 V 2 0 100 C 25 C -40 C 0 5 10 15 20 IF - FORWARD LED CURRENT - mA
10.0
5.0
-20
0
20
40
60
80
100
TA - TEMPERATURE - C
0 -40
-20
0
20
40
60
80
100
TA - TEMPERATURE - C
Figure 1. Typical transfer characteristics.
HCPL-4506 fig 5
Figure 2. Normalized output current vs. temperature.
HCPL-4506 fig 6
Figure 3. High level output current vs. temperature.
HCPL-4506 fig 7
TA = 25C IF VF - +
IF - INPUT FORWARD CURRENT - mA
1000
IF - FORWARD CURRENT - mA
HCPL-4506/0466
100
HCPL-J456/HCNW4506 TA = 25 C
100 10 1.0 0.1 0.01 1.20
10 IF 1 0.1 0.01 0.001 0.8 VF - +
0.001 1.10
1.30
1.40
1.50
1.60
1.0
1.2
1.4
1.6
1.8
2.0
VF - FORWARD VOLTAGE - VOLTS
VF - INPUT FORWARD VOLTAGE - V
Figure 4. HCPL-4506 and HCPL-0466 input current vs. forward voltage.
HCPL-4506 fig 8
Figure 5. HCPL-J456 and HCNW4506 input current vs. forward voltage.
HCPL-4506 fig 9
1
IF(ON) =10 mA + -
8 20 k
0.1 F 20 k + - VCC = 15 V If VO tf 90% VTHHL 10% 10% 90% VTHLH tr
2
7
5V 3 6
C L* VOUT
4
SHIELD
5
*TOTAL LOAD CAPACITANCE
tPHL
tPLH
Figure 6. Propagation delay test circuit.
HCPL-4506 fig 10
15
1
8 20 k
VCM
IF B A
0.1 F
7
20 k + - VCC = 15 V
OV t VO SWITCH AT A: IF = 0 mA VO SWITCH AT B: IF = 10 mA
2
V = VCM t t
3
6
VOUT 100 pF*
+ VFF -
4
SHIELD
5
VCC
*100 pF TOTAL CAPACITANCE
VOL
+
VCM = 1500 V
Figure 7. CMR test circuit. Typical CMR waveform.
-
500
tP - PROPAGATION DELAY - ns
HCPL-4506 fig 11a
HCPL-4506 fig 11b
600 tP - PROPAGATION DELAY - ns 500 400 300 200 100 -40
400 IF = 10 mA VCC = 15 V CL = 100 pF RL = 20 k (EXTERNAL)
tP - PROPAGATION DELAY - ns
tPLH tPHL
IF = 10 mA VCC = 15 V CL = 100 pF RL = 20 k
800 IF = 10 mA VCC = 15 V CL = 100 pF TA = 25 C
(INTERNAL)
tPLH tPHL
600
300
400 tPLH tPHL 200
200
100 -40
-20
0
20
40
60
80
100
-20
0
20
40
60
80
100
0
10
20
30
40
50
TA - TEMPERATURE - C
TA - TEMPERATURE - C
RL - LOAD RESISTANCE - k
Figure 8. Propagation delay with external 20 k RL vs. temperature.
HCPL-4506 fig 12
Figure 9. Propagation delay with internal 20 k RL vs. temperature.
HCPL-4506 fig 13
Figure 10. Propagation delay vs. load resistance.
HCPL-4506 fig 14
1400
tP - PROPAGATION DELAY - ns
tP - PROPAGATION DELAY - ns
1200 1000 800 600 400 200 0 0
1200 1000 800 600 400 200 0 5 10 15 20
tP - PROPAGATION DELAY - ns
IF = 10 mA VCC = 15 V RL = 20 k TA = 25C tPLH tPHL
1400
IF = 10 mA CL = 100 pF RL = 20 k TA = 25C tPLH tPHL
500 tPLH tPHL 400 VCC = 15 V CL = 100 pF RL = 20 k TA = 25C
300
200
100
200
300
400
500
25
30
100
0
5
10
15
20
CL - LOAD CAPACITANCE - pF
VCC - SUPPLY VOLTAGE - V
IF - FORWARD LED CURRENT - mA
Figure 11. Propagation delay vs. load capacitance.
HCPL-4506 fig 15
Figure 12. Propagation delay vs. supply voltage.
HCPL-4506 fig 16
Figure 13. Propagation delay vs. input current.
HCPL-4506 fig 17
16
OUTPUT POWER - PS, INPUT CURRENT - IS
OUTPUT POWER - PS, INPUT CURRENT - IS
800 700 600 500 400 300 (230) 200 100 0 0
HCPL-4506 OPTION 060/HCPL-J456 PS (mW) IS (mA) FOR HCPL-4506 OPTION 060 IS (mA) FOR HCPL-J456
1000 900 800 700 600 500 400 300 200 (150) 100 0
HCPL-0466 OPTION 060/HCNW4506 PS (mW) FOR HCNW4506 IS (mA) FOR HCNW4506 PS (mW) FOR HCPL-0466 OPTION 060 IS (mA) FOR HCPL-0466 OPTION 060
25
50
75 100 125 150 175 200
0
25
50
75
100 125 150 175
TS - CASE TEMPERATURE - C
TS - CASE TEMPERATURE - C
Figure 14. Thermal derating curve, dependence of safety limiting value with case temperature per IEC/EN/DIN EN 60747-5-2. HCPL-4504 fig 18b
HCPL-4506 fig 18a
1 20 k
+5 V 310 CMOS
8
0.1 F 20 k + - VCC = 15 V
1
CLEDP
8 20 k 7
2
7
2
3
6
VOUT 100 pF
3
CLEDN
6
4
SHIELD
5
*100 pF TOTAL CAPACITANCE
4
SHIELD
5
Figure 15. Recommended LED drive circuit.
HCPL-4506 fig 19-new
Figure 16. Optocoupler input to output capacitance HCPL-4506 optocouplers. model for unshieldedfig 20-new
1
CLEDP
8 20 k
CLED02 CLED01
+5 V 310
1 20 k 2
8
0.1 F 20 k + - VCC = 15 V
2
7
7
3
CLEDN
6
CMOS
3
6
VOUT 100 pF
4
SHIELD
5
4
SHIELD
5
*100 pF TOTAL CAPACITANCE
Figure 17. Optocoupler input to output capaciHCPL-4506 fig 21-new tance model for shielded optocouplers.
HCPL-4506 fig 22-new Figure 18. LED drive circuit with resistor connected to LED anode (not recommended).
17
1 1
ITOTAL* 310
ICLEDP
8
CLEDP CLED02
8
CLED02
20 k 7
CLED01 VOUT
20 k 7
CLED01 VOUT
20 k 310
2
20 k
2
IF
CLEDP
3
CLEDN
ICLEDN*
6
3
ICLED01
CLEDN
6
+ VR** - 100 pF
100 pF
4
SHIELD
5
4
SHIELD
5
* THE ARROWS INDICATE THE DIRECTION OF CURRENT FLOW FOR +dVCM/dt TRANSIENTS.
* THE ARROWS INDICATE THE DIRECTION OF CURRENT FLOW FOR +dVCM/dt TRANSIENTS. ** OPTIONAL CLAMPING DIODE FOR IMPROVED CMH PERFORMANCE. VR < VF (OFF) DURING +dVCM/dt.
+
+
-
VCM
VCM HCPL-4506 fig 24-new
Figure 19. AC equivalent circuit for Figure 18 during common mode transients. HCPL-4506 fig 23-new
Figure 20. AC equivalent circuit for Figure 15 during common mode transients.
1
CLEDP CLED02
-
8 20 k 7
CLED01 VOUT 100 pF 20 k
2 1 +5 V 2 20 k 7 4 Q1 3 6 8
Q1
3
CLEDN
ICLEDN*
6
SHIELD
5
4
SHIELD
5
* THE ARROWS INDICATE THE DIRECTION OF CURRENT FLOW FOR +dVCM/dt TRANSIENTS.
+
VCM
Figure 21. Not recommended open collector LED drive circuit.
HCPL-4506 fig 25-new
Figure 22. AC Equivalent circuit for Figure 21 during common mode transients. HCPL-4506 fig 26-new
1 +5 V 2 20 k
8
7
3
6
4
SHIELD
5
Figure 23. Recommended LED drive circuit for ultra high CMR.
HCPL-4506 fig 27
18
-
HCPL-4506
1 8 20 k 2 7
VCC1 0.1 F 20 k VOUT1 Q1 IPM +HV
I +5 V
LED1
310 CMOS
3
6
4
SHIELD
5
M
HCPL-4506
1 8 20 k 2 7
Q2 VCC2 0.1 F 20 k VOUT2
HCPL-4506 HCPL-4506 HCPL-4506 HCPL-4506 HCPL-4506
-HV
I +5 V
LED2
310 CMOS
3
6
4
SHIELD
5
Figure 24. Typical application circuit.
HCPL-4506 fig 28
ILED1
VOUT1 VOUT2
Q1 ON Q2 OFF
Q1 OFF
Q2 ON
ILED1
ILED2
tPLH
MIN.
VOUT1 VOUT2
Q1 ON Q2 OFF
Q1 OFF
tPLH MAX. PDD* MAX. tPHL
MIN.
Q2 ON
ILED2 tPLH MAX. tPHL
MIN.
tPHL MAX. MAX. DEAD TIME MAXIMUM DEAD TIME (DUE TO OPTOCOUPLER)
= (tPLH MAX. - tPLH MIN.) + (tPHL MAX. - tPHL MIN.) = (tPLH MAX. - tPHL MIN.) - (tPLH MIN. - tPHL MAX.) = PDD* MAX. - PDD* MIN.
PDD* MAX. = (tPLH-tPHL) MAX. = tPLH MAX. - tPHL MIN.
*PDD = PROPAGATION DELAY DIFFERENCE
*PDD = PROPAGATION DELAY DIFFERENCE
NOTE: THE PROPAGATION DELAYS USED TO CALCULATE PDD ARE TAKEN AT EQUAL TEMPERATURES.
NOTE: THE PROPAGATION DELAYS USED TO CALCULATE THE MAXIMUM DEAD TIME ARE TAKEN AT EQUAL TEMPERATURES.
Figure 25. Minimum LED skew for zero dead time.
HCPL-4506 fig 29
Figure 26. Waveforms for dead time calculation.
HCPL-4506 fig 30
19
LED Drive Circuit Considerations for Ultra High CMR Performance Without a detector shield, the dominant cause of optocoupler CMR failure is capacitive coupl-ing from the input side of the optocoupler, through the package, to the detector IC as shown in Figure 16. The HCPL-4506 series improve CMR performance by using a detector IC with an optically transparent Faraday shield, which diverts the capacitively coupled current away from the sensitive IC circuitry. However, this shield does not eliminate the capacitive coupling between the LED and the optocoupler output pins and output ground as shown in Figure 17. This capacitive coupling causes perturbations in the LED current during common mode transients and becomes the major source of CMR failures for a shielded optocoupler. The main design objective of a high CMR LED drive circuit becomes keeping the LED in the proper state (on or off ) during common mode transients. For example, the recommended application circuit (Figure 15), can achieve 15 kV/s CMR while minimizing component complexity. Note that a CMOS gate is recommended in Figure 15 to keep the LED off when the gate is in the high state. Another cause of CMR failure for a shielded optocoupler is direct coupling to the optocoupler output pins through CLEDO1 and CLEDO2 in Figure 17. Many factors influence the effect and magnitude of the direct coupling including: the use of an internal or external output pull-up resistor, the position of the LED current setting resistor, the connection of the unused input package pins, and the value of the capacitor at the optocoupler output (CL). Techniques to keep the LED in the proper state and minimize the effect of the direct coupling are discussed in the next two sections. CMR with the LED On (CMRL ) A high CMR LED drive circuit must keep the LED on during common mode transients. This is achieved by overdriving the LED current beyond the input threshold so that it is not pulled below the threshold during a transient. The recommended minimum LED current of 10 mA provides adequate margin over the maximum ITH of 5.0 mA (see Figure 1) to achieve 15 kV/s CMR. Capacitive coupling is higher when the internal load resistor is used (due to CLEDO2) and an IF = 16 mA is required to obtain 10 kV/s CMR. The placement of the LED current setting resistor effects the ability of the drive circuit to keep the LED on during transients and interacts with the direct coupling to the optocoupler output. For example, the LED resistor in Figure 18 is connected to the anode. Figure 19 shows the AC equivalent circuit for Figure 18 during common mode transients. During a +dVcm/dt in Figure 19, the current available at the LED anode (Itotal) is limited by the series resistor. The LED current (IF) is reduced from its DC value by an amount equal to the current that flows through 20 CLEDP and CLEDO1. The situation is made worse because the current through CLEDO1 has the effect of trying to pull the output high (toward a CMR failure) at the same time the LED current is being reduced. For this reason, the recommended LED drive circuit (Figure 15) places the current setting resistor in series with the LED cathode. Figure 20 is the AC equivalent circuit for Figure 15 during common mode transients. In this case, the LED current is not reduced during a +dVcm/dt transient because the current flowing through the package capacitance is supplied by the power supply. During a -dVcm/dt transient, however, the LED current is reduced by the amount of current flowing through CLEDN. But, better CMR performance is achieved since the current flowing in CLEDO1 during a negative transient acts to keep the output low. Coupling to the LED and output pins is also affected by the connection of pins 1 and 4. If CMR is limited by perturbations in the LED on current, as it is for the recommended drive circuit (Figure 15), pins 1 and 4 should be connected to the input circuit common. However, if CMR performance is limited by direct coupling to the output when the LED is off, pins 1 and 4 should be left unconnected. CMR with the LED Off (CMRH) A high CMR LED drive circuit must keep the LED off (VF VF(OFF)) during common mode transients. For example, during a +dVcm/dt transient in Figure 20, the current flowing through CLEDN is supplied by the parallel combination of the LED and series resistor. As long as the voltage developed across the resistor is less than VF(OFF) the LED will remain off and no common mode failure will occur. Even if the LED momentarily turns on, the 100 pF capacitor from pins 6-5 will keep the output from dipping below the threshold. The recommended LED drive circuit (Figure 15) provides about 10 V of margin between the lowest optocoupler output voltage and a 3 V IPM threshold during a 15 kV/s transient with VCM = 1500 V. Additional margin can be obtained by adding a diode in parallel with the resistor, as shown by the dashed line connection in Figure 20, to clamp the voltage across the LED below VF(OFF). Since the open collector drive circuit, shown in Figure 21, cannot keep the LED off during a +dVcm/dt transient, it is not desirable for applications requiring ultra high CMRH performance. Figure 22 is the AC equivalent circuit for Figure 21 during common mode transients. Essentially all the current flowing through CLEDN during a +dVcm/dt transient must be supplied by the LED. CMRH failures can occur at dV/dt rates where the current through the LED and CLEDN exceeds the input threshold. Figure 23 is an alternative drive circuit which does achieve ultra high CMR performance by shunting the LED in the off state.
IPM Dead Time and Propagation Delay Specifications The HCPL-4506 series include a Propagation Delay Difference specification intended to help designers minimize "dead time" in their power inverter designs. Dead time is the time period during which both the high and low side power transistors (Q1 and Q2 in Figure 24) are off. Any overlap in Q1 and Q2 conduction will result in large currents flowing through the power devices between the high and low voltage motor rails. To minimize dead time the designer must consider the propagation delay characteristics of the optocoupler as well as the characteristics of the IPM IGBT gate drive circuit. Considering only the delay characteristics of the optocoupler (the characteristics of the IPM IGBT gate drive circuit can be analyzed in the same way) it is important to know the minimum and maximum turn-on (tPHL) and turn-off (tPLH) propagation delay specifications, preferably over the desired operating temperature range. The limiting case of zero dead time occurs when the input to Q1 turns off at the same time that the input to Q2 turns on. This case determines the minimum delay between LED1 turn-off and LED2 turn-on, which is related to the worst case optocoupler propagation delay waveforms, as shown in Figure 25. A minimum dead time of zero is achieved in Figure 25 when the signal to turn on LED2 is delayed by (tPLH max - tPHL min) from the LED1 turn off. Note that the propagation delays used to calculate PDD are taken at equal temperatures since the optocouplers under consideration are typically mounted in close proximity to each other. (Specifically, tPLH max and tPHL min in the previous equation are not the same as the tPLH max and tPHL min, over the full operating temperature range, specified in the data sheet.) This delay is the maximum value for the propagation delay difference specification which is specified at 450 ns for the HCPL-4506 series over an operating temperature range of -40C to 100C. Delaying the LED signal by the maximum propagation delay difference ensures that the minimum dead time is zero, but it does not tell a designer what the maximum dead time will be. The maximum dead time occurs in the highly unlikely case where one optocoupler with the fastest tPLH and another with the slowest tPHL are in the same inverter leg. The maximum dead time in this case becomes the sum of the spread in the tPLH and tPHL propagation delays as shown in Figure 26. The maximum dead time is also equivalent to the difference between the maximum and minimum propagation delay difference specifications. The maximum dead time (due to the optocouplers) for the HCPL-4506 series is 600 ns (= 450 ns - (-150 ns) ) over an operating temperature range of -40C to 100C.
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies Limited in the United States and other countries. Data subject to change. Copyright (c) 2005-2008 Avago Technologies Limited. All rights reserved. Obsoletes AV01-0551EN AV02-1360EN - June 20, 2008


▲Up To Search▲   

 
Price & Availability of HCPL-4506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X