Part Number Hot Search : 
MAX96701 FSMD1206 XB0126P 60N60 TCC20L25 68200 22001 C2604
Product Description
Full Text Search
 

To Download HAF1001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HAF1001
Silicon P Channel MOS FET Series Power Switching
REJ03G1132-0400 (Previous: ADE-208-583A) Rev.4.00 Apr 27, 2006
Description
This FET has the over temperature shut-down capability sensing to the junction temperature. This FET has the built-in over temperature shut-down circuit in the gate area. And this circuit operation to shut-down the gate voltage in case of high junction temperature like applying over power consumption, over current etc.
Features
* * * * Logic level operation (-4 to -6 V Gate drive) High endurance capability against to the short circuit Built-in the over temperature shut-down circuit Latch type shut-down operation (Need 0 voltage recovery)
Outline
RENESAS Package code: PRSS0004AC-A (Package name: TO-220AB)
D 4
G Temperature Sensing Circuit 3
Gate resistor Latch Circuit Gate Shutdown Circuit
1. Gate 2. Drain 3. Source 4. Drain
1
2
S
Rev.4.00 Apr 27, 2006 page 1 of 7
HAF1001
Absolute Maximum Ratings
(Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body-drain diode reverse drain current Channel dissipation Channel temperature Storage temperature Notes: 1. PW 10 s, duty cycle 1% 2. Value at Tc = 25C Symbol VDSS VGSS VGSS ID ID (pulse) Note 1 IDR Pch Note 2 Tch Tstg Value -60 -16 3 -15 -30 -15 50 150 -55 to +150 Unit V V V A A A W C C
Typical Operation Characteristics
Item Input voltage Input current (Gate non shut down) Input current (Gate shut down) Shut down temperature Gate operation voltage Symbol VIH VIL IIH1 IIH2 IIL IIH (sd) 1 IIH (sd) 2 Tsd VOP Min -3.5 -- -- -- -- -- -- -- -3.5 Typ -- -- -- -- -- -0.8 -0.35 175 -- Max -- -1.2 -100 -50 -1 -- -- -- -13 Unit V V A A A mA mA C V Test Conditions
Vi = -8 V, VDS = 0 Vi = -3.5 V, VDS = 0 Vi = -1.2 V, VDS = 0 Vi = -8 V, VDS = 0 Vi = -3.5 V, VDS = 0 Channel temperature
Rev.4.00 Apr 27, 2006 page 2 of 7
HAF1001
Electrical Characteristics
(Ta = 25C)
Item Drain current Drain to source breakdown voltage Gate to source breakdown voltage Gate to source leak current Symbol ID1 ID2 V (BR) DSS V (BR) GSS V (BR) GSS IGSS1 IGSS2 IGSS3 IGSS4 IGS (op) 1 IGS (op) 2 IDSS VGS (off) RDS (on) RDS (on) |yfs| Coss td (on) tr td (off) tf VDF trr tos1 tos2 Min -7 -- -60 -16 3 -- -- -- -- -- -- -- -1.1 -- -- 5 -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- -- -- -- -- -0.8 -0.35 -- -- 100 70 10 610 7.5 36 32 29 -1.0 200 3.7 1 Max -- -10 -- -- -- -100 -50 -1 100 -- -- -250 -2.25 130 90 -- -- -- -- -- -- -- -- -- -- Unit A mA V V V A A A A mA mA A V m m S pF s s s s V ns ms ms Test Conditions VGS = -3.5 V, VDS = -2 V VGS = -1.2 V, VDS = -2 V ID = -10 mA, VGS = 0 IG = -100 A, VDS = 0 IG = 100 A, VDS = 0 VGS = -8 V, VDS = 0 VGS = -3.5 V, VDS = 0 VGS = -1.2 V, VDS = 0 VGS = 2.4 V, VDS = 0 VGS = -8 V, VDS = 0 VGS = -3.5 V, VDS = 0 VDS = -50 V, VGS = 0 ID = -1 mA, VDS = -10 V ID = -7.5 A, VGS = -4 V Note 3 ID = -7.5 A, VGS = -10 V Note 3 ID = -7.5 A, VDS = -10 V Note 3 VDS = -10 V, VGS = 0 f = 1 MHz ID = -7.5 A VGS = -5 V RL = 4 IF = -15 A, VGS = 0 IF = -15 A, VGS = 0 diF/dt = 50 A/s VGS = -5 V, VDD = -12 V VGS = -5 V, VDD = -24 V
Input current (shut down) Zero gate voltage drain current Gate to source cutoff voltage Static drain to source on state resistance Forward transfer admittance Output capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body-drain diode forward voltage Body-drain diode reverse recovery time Over load shut down operation time Note4
Notes: 3. Pulse test 4. Include the time shift based on increasing of channel temperature when operate under over load condition.
Rev.4.00 Apr 27, 2006 page 3 of 7
HAF1001
Main Characteristics
Power vs. Temperature Derating
80 -500 -200 Thermal shut down Operation area 20 s
10 DC 0 s
Maximum Safe Operation Area
Pch (W)
ID (A) Drain Current
60
-100 -50 -20 -10 -5 -2 -1
Op 1
Channel Dissipation
40
PW
er at ion
m
=
(T
s
10
c=
m
20
Operation in this area is limited by RDS (on)
s
C )
25
0 0 50 100 150 200
-0.5 Ta = 25C -0.3 -0.3 -0.5 -1 -2
-5 -10 -20
-50 -100
Case Temperature
Tc (C)
Drain to Source Voltage VDS (V)
Typical Output Characteristics
-50 -10 V -8 V -6 V -5 V -20
Typical Transfer Characteristics
ID (A)
ID (A)
-40
-16
Tc = -25C 25C 75C
-30
-12
Drain Current
Drain Current
-20
-4 V -3.5 V VGS = -3 V Pulse Test 0 -2 -4 -6 -8 -10
-8
-10
-4 VDS = -10 V Pulse Test 0 0 -1 -2 -3 -4 -5
0
Drain to Source Voltage
VDS (V)
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs. Gate to Source Voltage
Drain to Source Saturation Voltage VDS (on) (V)
-2.0 Pulse Test -1.6
Static Drain to Source on State Resistance vs. Drain Current
Drain to Source on State Resistance RDS (on) ()
0.5 Pulse Test 0.2 0.1 0.05 VGS = -4 V -10 V
-1.2 ID = -10 A
-0.8
-0.4
-5 A -2 A
0.02 0.01 -0.1 -0.2 -0.5 -1 -2
0 0 -2 -4 -6 -8 -10
-5 -10 -20 -50
Gate to Source Voltage VGS (V)
Drain Current
ID (A)
Rev.4.00 Apr 27, 2006 page 4 of 7
HAF1001
Static Drain to Source on State Resistance vs. Temperature
Forward Transfer Admittance |yfs| (S)
0.20 ID = -10 A 0.16 VGS = -4 V -10 A 0.08 -10 V Pulse Test 0 -40 0 40 80 120 160 -2, -5 A -5 A -2 A 50 VDS = -10 V Pulse Test 20 10 5 75C Tc = -25C
Static Drain to Source on State Resistance RDS (on) ()
Forward Transfer Admittance vs. Drain Current
0.12
25C
2 1
0.04
0.5 -0.1 -0.2 -0.5 -1 -2
-5 -10 -20 -50
Case Temperature
Tc (C)
Drain Current ID (A)
Body-Drain Diode Reverse Recovery Time
Reverse Recovery Time trr (ns)
500 100 50 200 100 50
Switching Characteristics
td(off) tf tr
Switching Time t (s)
20 10 5 2 1
td(on)
20
di / dt = 50 A / s VGS = 0, Ta = 25C -5 -10 -20 -50
10 -0.1 -0.2 -0.5 -1 -2
0.5 -0.1 -0.2 -0.5 -1 -2
VGS = -5 V, VDD = -30 V PW = 300 s, duty 1 % -5 -10 -20 -50
Reverse Drain Current
IDR (A)
Drain Current
ID (A)
Reverse Drain Current vs. Source to Drain Voltage
-20
Typical Capacitance vs. Drain to Source Voltage
10000
Reverse Drain Current IDR (A)
Pulse Test
-16 VGS = -5 V 0V
Capacitance Coss (pF)
3000
-12
1000
-8
-4
300 VGS = 0 f = 1 MHz 100 0 -10 -20 -30 -40 -50
0
0
-0.4
-0.8
-1.2
-1.6
-2.0
Source to Drain Voltage
VSD (V)
Drain to Source Voltage VDS (V)
Rev.4.00 Apr 27, 2006 page 5 of 7
HAF1001
Gate to Source Voltage vs. Shutdown Time of Load-Short Test
VGS (V)
-12 -10 -8 -6 -4 -2 0 0.0001 VDD = -36 V -24 V -12 V -9 V
Shutdown Case Temperature vs. Gate to Source Voltage
Shutdown Case Temperature Tc (C)
200
180
Gate to Source Voltage
160
140
120 ID = -5 A 100 0 -2 -4 -6 -8 -10
0.001
0.01
0.1
1
Shutdown Time of Load-Short Test PW (S)
Gate to Source Voltage
VGS (V)
Normalized Transient Thermal Impedance vs. Pulse Width
Normalized Transient Thermal Impedance s (t)
3 Tc = 25C 1 D=1 0.5 0.3
0.2
0.1 0.1
0.05
ch - c (t) = s (t) * ch - c ch - c = 2.50C/W, Tc = 25C PDM
p ot uls e
0.03
2 0.0
D= PW T
PW T
0.0
1
h
1s
0.01 10
100
1m
10 m
100 m
1
10
Pulse Width PW (S) Switching Time Test Circuit
Vin Vin Monitor D.U.T. RL 90% Vin -5 V 50 VDD = -30 V Vout td(on) 10% tr td(off) 10% tf 90% 90% Vout Monitor 10%
Waveform
Rev.4.00 Apr 27, 2006 page 6 of 7
HAF1001
Package Dimensions
JEITA Package Code
SC-46
RENESAS Code
PRSS0004AC-A
Package Name TO-220AB / TO-220ABV
MASS[Typ.] 1.8g
Unit: mm
11.5 Max
2.79 0.2
10.16 0.2 9.5 8.0 3.6 -0.08
+0.2 -0.1
+0.1
4.44 0.2 1.26 0.15
6.4
18.5 0.5
15.0 0.3
1.27
2.7 Max
7.8 0.5
0.76 0.1
14.0 0.5
1.5 Max
2.54 0.5
2.54 0.5
0.5 0.1
Ordering Information
Part Name HAF1001-90 Quantity Max: 50 pcs/sack Shipping Container Sack
Note: For some grades, production may be terminated. Please contact the Renesas sales office to check the state of production before ordering the product.
Rev.4.00 Apr 27, 2006 page 7 of 7
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology (Shanghai) Co., Ltd. Unit 204, 205, AZIACenter, No.1233 Lujiazui Ring Rd, Pudong District, Shanghai, China 200120 Tel: <86> (21) 5877-1818, Fax: <86> (21) 6887-7898 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> (2) 796-3115, Fax: <82> (2) 796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2006. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .6.0


▲Up To Search▲   

 
Price & Availability of HAF1001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X