Part Number Hot Search : 
TS7022CM 5KP150A BZT52C36 R5020610 557S387M DE09PN24 TFK5070D 2SB1477
Product Description
Full Text Search
 

To Download HA17903FPJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HA17903 Series
Dual Comparator
REJ03D0687-0100 (Previous: ADE-204-048) Rev.1.00 Jun 15, 2005
Description
HA17903 are comparators designed for car use and control system use. They provide wide voltage range with single power source, and the change of supply current is small, because it is independent of the supply voltage. They can be widely applied, such as limit comparator, simple analog/digital converter, pulse/square wave/time delay generator, wide range VCO, MOS clock timer, multivibrator, high voltage logic gate, etc.
Features
* * * * * * * * * Wide supply voltage: 2 to 36V Very low supply current: 0.8mA Small input bias: 25nA Small input offset current: 3nA Small input offset voltage: 2mV Common mode input voltage range including ground. Small output saturation voltage: 1mV (5A) 70mV (1mA) Output voltage is compatible with CMOS logic system.
Ordering Information
Type No. HA17903PSJ HA17903FPJ HA17903FPK Application Car use Package Code (Previous Code) PRDP0008AF-A (DP-8B) PRSP0008DE-B (FP-8DGV) PRSP0008DE-B (FP-8DGV)
Rev.1.00 Jun 15, 2005 page 1 of 6
HA17903 Series
Pin Arrangement
Vout1 1 1 -+ 2 +- 8 VCC Vout2
Vin(-)1
2
7
Vin(+)1
3
6
Vin(-)2
GND
4 (Top View)
5
Vin(+)2
Circuit Schematic (1/2)
VCC
Q2 Vin(+) Q1
Q3 Q4 Vout Q8 Q7 Q5 Q6
Vin(-)
Rev.1.00 Jun 15, 2005 page 2 of 6
HA17903 Series
Absolute Maximum Ratings
(Ta = 25C)
Ratings Item Supply voltage Dfferential input voltage Input voltage Output short current Power dissipation Operating temperature Symbol VCC VIN(diff) VIN 3 l OS* PT Topr
HA17903PSJ HA17903FPJ HA17903FPK
Unit V V V mW C
36 VCC -0.3 to + VCC constant 570* -40 to +85
1
36 VCC -0.3 to + VCC constant 385* -40 to +85
1
36 VCC -0.3 to + VCC constant 385* -40 to +125
2
Storage temperature Tstg -55 to +125 -55 to +125 -55 to +150 C Note: 1. These are the allowable values up to Ta = 55 C. Derate by 8.3mW/C above that temperature. 2. These are the allowable values up to Ta = 45 C mounting on 30% wiring density glass epoxy board. Derate by 7.14mW/C above that temperature. 3. Short circuit between the output and VCC will be a cause to destory the circuit. The maximum output current is about 20mA for any supply voltage.
Electrical Characteristics-1
(VCC = 5V, Ta = 25C)
Item Input offset voltage* 2 Input bias current*
1
Symbol VIO IIB IIO VCM+ VCM- ICC AVD tR tRI Iosink VO (sat) ILO
Min -- -- -- 3.5 -- -- -- -- -- 6 -- --
Typ 2.0 25 3 -- -- 0.8 200 1.3 300 16 -- 0.1
Max 5.0 250 50 -- 0 2.0 -- -- -- -- 400 --
Unit mV nA nA V V mA V/mV s ns mA mA nA
Test condition IIN (+) or IIN (-) | IIN (+) - IIN (-) |
Input offset current 3 Common mode input voltage* Supply current Voltage gain 4 Response time* Large signal response time Out put sink current Output saturation voltage Output leak current Notes: 1. 2. 3. 4.
All comparators: RL = , All channels on VCC = 15V, RL 15k VRL = 5V, RL = 5.1k VIN = TTL Threshold width, VREF = 1.4V VIN (-) 1V, VIN (+) = 0, VO 1.5V VIN (-) 1V, VIN (+) = 0, Iosink = 4mA VIN (-) = 0, VIN (+) 1V, VO = 5V
VREF = 1.4V and RS = 50, when VO = 1.4V at output switching point. Under linear operation. Common mode input voltage or each one of the input signal should not be less than -0.3V. This is a value to 100mV input step voltage with 5mV over drive.
Rev.1.00 Jun 15, 2005 page 3 of 6
HA17903 Series
Electrical Characteristics-2
(VCC = 5V, Ta = -40 to +125C)
Item 1 Input offset voltage* Input offset current Input bias current Common mode input voltage Output saturation voltage Output leak current Supply current Note: Symbol VIO IIO IIB VCM VO (sat) ILO ICC Min -- -- -- 0 -- -- -- Typ -- -- -- -- -- 1.0 -- Max 5.0 200 500 VCC - 2.0 440 -- 4.0 Unit mV nA nA V mV A mA Test condition | IIN (+) - IIN (-) | Output linear range VIN (-) 1V, VIN (+) = 0, Iosink 4mA VIN (-) = 0, VIN (+) 1 V, VO = 30V All comparators: RL = , All channels on
1. VREF = 1.4V and RS = 50, when VO = 1.4V at the output switching point.
Characteristics Curve
Supply Current vs. Ambient Temperature 1.25 Output Sink Current Iosink (mA) Supply Current ICC (mA) Output Sink Current vs. Ambient Temperature 20
1.0
VC
C
= 36
15
VCC = 36 V 15 V 5V
V
0.75
15 V
5V
10
2V
0.5
2V
0.25
5
0 -20
0
25
50
75
0 -20
0
25
50
75
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
Output Sink Current vs. Output Voltage 25 Output Sink Current Iosink (mA)
Output Saturation Voltage vs. Ambient Temperature Output Saturation Voltage VO(sat) (mV) 400
20
VCC =
36 V
300
15
15 V 5V
2V
200
10
5
100
VCC = 2 V
5V
15 V
36 V
0
0
10
20
30
40
0 -20
0
25
50
75
Output Voltage VO (V)
Ambient Temperature Ta (C)
Rev.1.00 Jun 15, 2005 page 4 of 6
HA17903 Series
Voltage Gain vs. Ambient Temperature 110 Input Offset Voltage VIO (mV)
VCC = 15 V 5V
Input Offset Voltage vs. Ambient Temperature 4
VCC = 36 V 15 V 5V
Voltage Gain AVD (dB)
100
36 V 2V
2
90
0
2V
80
-2
70 -20
0
25
50
75
-4 -20
0
25
50
75
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
Input Bias Current vs. Ambient Temperature 80 Input Bias Current IIB (nA) 4
Response Time vs. Ambient Temperature
Response Time tR (s)
60
VCC = 36 V 15 V 5V
3
40
2V
2
20
VCC = 2 V 5V 15 V 36 V
10
1
0 -20
0
25
50
75
0 -20
0
25
50
75
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
Rev.1.00 Jun 15, 2005 page 5 of 6
HA17903 Series
Package Dimensions
JEITA Package Code P-DIP8-6.3x9.6-2.54 RENESAS Code PRDP0008AF-A Previous Code DP-8B MASS[Typ.] 0.51g
D
8
5
1 0.89 b3
4
Z Dimension in Millimeters Min Nom 7.62 9.6 6.3 10.6 7.4 5.06 0.5 0.38 0.48 1.3 0.20 0 2.29 2.54 0.25 0.35 15 2.79 1.27 2.54 0.58 Max
E
Reference Symbol
e1
A A1
D E A
L
A1 bp b3
e
bp
e1
c
c
e Z L
JEITA Package Code P-SOP8-4.4x4.85-1.27
RENESAS Code PRSP0008DE-B
Previous Code FP-8DGV
MASS[Typ.] 0.1g
*1
D 5
F NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
8
bp
*2
HE
E
c
Reference Symbol
Dimension in Millimeters Min Nom 4.85 4.4 Max 5.25
Index mark
Terminal cross section ( Ni/Pd/Au plating )
1 Z e 4
*3
D E A2
bp
A1 x M L1 A bp b1 c c1
0.00
0.1
0.20 2.03
0.35
0.4
0.45
0.15
0.20
0.25
HE
0 6.35 6.5 1.27
8 6.75
A
A1
L
e x y
0.12 0.15 0.75 0.42
1
y
Detail F
Z L L 0.60 1.05
0.85
Rev.1.00 Jun 15, 2005 page 6 of 6
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. Unit2607 Ruijing Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001
http://www.renesas.com
(c) 2005. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon 2.0


▲Up To Search▲   

 
Price & Availability of HA17903FPJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X