Part Number Hot Search : 
22101 300K1 X9315WMI LTC2499 LTC2499 74HC4060 SSL21082 300DT
Product Description
Full Text Search
 

To Download GSIB460-E345 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GSIB420 thru GSIB480
Vishay General Semiconductor
Single-Phase Single In-Line Bridge Rectifier
FEATURES * UL recognition file number E54214 * Ideal for printed circuit boards * High surge current capability * High case dielectric strength of 1500 VRMS * Solder dip 260 C, 40 s * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS General purpose use in ac-to-dc bridge full wave rectification for monitor, TV, printer, switching mode power supply, adapter, audio equipment, and home appliances applications.
4A 200 V to 800 V 130 A 10 A 0.95 V 150 C
~
~
~
~
Case Style GSIB-3G
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM IR VF TJ max.
MECHANICAL DATA Case: GSIB-3G Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test Polarity: As marked on body Mounting Torque: 10 cm-kg (8.8 inches-lbs) max. Recommended Torque: 5.7 cm-kg (5 inches-lbs)
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified output current at TC = 100 C TA = 25 C SYMBOL VRRM VRMS VDC IF(AV) IFSM I2t TJ, TSTG GSIB420 200 140 200 GSIB440 400 280 400 4.0 2.3 (2) 130 60 - 55 to + 150
(1)
GSIB460 600 420 600
GSIB480 800 560 800
UNIT V V V A A A2 s C
Peak forward surge current single sine-wave superimposed on rated load Rating for fusing (t < 8.3 ms) Operating junction and storage temperature range Notes: (1) Unit case mounted on aluminum plate heatsink
(2) Units mounted on P.C.B. with 0.5 x 0.5" (12 x 12 mm) copper pads and 0.375" (9.5 mm) lead length
Document Number: 88647 Revision: 31-Jan-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
GSIB420 thru GSIB480
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Maximum instantaneous forward drop per diode Maximum DC reverse current at rated DC blocking voltage per diode TEST CONDITIONS 2.0 A TA = 25 C TA = 125 C SYMBOL VF GSIB420 GSIB440 0.95 10 250 GSIB460 GSIB480 UNIT V
IR
A
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Maximum thermal resistance Notes: (1) Unit case mounted on aluminum plate heatsink (2) Units mounted on P.C.B. with 0.5 x 0.5" (12 x 12 mm) copper pads and 0.375" (9.5 mm) lead length (3) Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw SYMBOL RJA RJC GSIB420 GSIB440 26 (2) 5 (1) GSIB460 GSIB480 UNIT C/W
ORDERING INFORMATION (Example)
PREFERRED P/N GSIB460-E3/45 UNIT WEIGHT (g) 4.0 PREFERRED PACKAGE CODE 45 BASE QUANTITY 20 DELIVERY MODE Tube
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
4 150
Average Forward Output Current (A)
Peak Forward Surge Current (A)
Heatsink Mounting, TC
125
3
100
2
75
P.C.B. Mounting, TA 1
50
25
1.0 Cycle
0 0 25 50 75 100 125 150
0 1 10 100
Case Temperature (C)
Number of Cycles at 60 Hz
Figure 1. Derating Curve Output Rectified Current
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current Per Diode
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88647 Revision: 31-Jan-08
GSIB420 thru GSIB480
Vishay General Semiconductor
100
1000 TJ = 150 C
Instantaneous Forward Current (A)
10
Junction Capacitance (pF)
1.3
100
1
TJ = 25 C
TJ = 125 C 0.1
10
0.01 0.3
0.5
0.7
0.9
1.1
1 0.1
1
10
100
Instantaneous Forward Voltage (V)
Reverse Voltage (V)
Figure 3. Typical Instantaneous Forward Characteristics Per Diode
Figure 5. Typical Junction Capacitance Per Diode
1000 TJ = 150 C 100 TJ = 125 C 10
100
Transient Thermal Impedance (C/W)
100
Instantaneous Reverse Current (A)
10
1
1
0.1
TJ = 25 C
0.01 20 40 60 80
0.1 0.01
0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
t - Heating Time (s)
Figure 4. Typical Reverse Characteristics Per Diode
Figure 6. Typical Transient Thermal Impedance Per Diode
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Case Style GSIB-3G
0.118 x 45 Chamfer 0.996 (25.3) 0.972 (24.7) 0.492 (12.5)
0.134 (3.4) 0.122 (3.1) DIA.
0.150 (3.8) 0.134 (3.4) Detail Z Enlarged
0.602 (15.3) 0.579 (14.7) 0.157 (4.0) + 0.057 (1.45) 0.041 (1.05) 0.709 (18.0) 0.669 (17.0)
0.059 (1.50)
0.382 (9.7) 0.366 (9.3)
Z
0.146 (3.7) 0.130 (3.3) 0.709 (18.0) 0.669 (17.0) 0.078 (1.98) 0.062 (1.58) 0.042 (1.07) 0.038 (0.96) DIA.
0.012 (0.30) 0.189 (4.8) 0.173 (4.4)
0.303 (7.7) (3 x) 0.287 (7.3)
0.126 (3.2) 0.110 (2.8)
Document Number: 88647 Revision: 31-Jan-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of GSIB460-E345

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X