Part Number Hot Search : 
20G45EH 4VHC0 120NF04 10007 NJU6215 B5046 LTC3416 A3988S
Product Description
Full Text Search
 

To Download GSC4410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Pb Free Plating Product
ISSUED DATE :2005/03/01 REVISED DATE :2005/09/30B
GSC4410
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
30V 13.5m 10A
The GSC4410 provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. The SOP-8 package is universally preferred for all commercial-industrial surface mount applications and suited for low voltage applications such as DC/DC converters. *Dynamic dv/dt Rating *Simple Drive Requirement *Repetitive Avalanche Rated *Fast Switching
Description
Features
Package Dimensions
REF. A B C D E F
Millimeter Min. Max.
5.80 4.80 3.80 0C 0.40 0.19 6.20 5.00 4.00 8C 0.90 0.25
REF. M H L J K G
Millimeter Min. Max.
0.10 0.25 0.35 0.49 1.35 1.75 0.375 REF. 45 C 1.27 TYP.
Absolute Maximum Ratings
Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, VGS@10V Continuous Drain Current, VGS@10V Pulsed Drain Current
1
Symbol VDS VGS ID @TA=25 : ID @TA=70 : IDM PD @TA=25 : Tj, Tstg
Ratings 30 f 20 10 8 50 2.5 0.02 -55 ~ +150
Unit V V A A A W W/
Total Power Dissipation Linear Derating Factor
Operating Junction and Storage Temperature Range
Thermal Data
Parameter Thermal Resistance Junction-ambient Max. Symbol Rthj-amb Value 50 Unit /W
GSC4410
Page: 1/5
ISSUED DATE :2005/03/01 REVISED DATE :2005/09/30B
Electrical Characteristics(Tj = 25
Parameter Drain-Source Breakdown Voltage
Breakdown Voltage Temperature Coefficient
Unless otherwise specified)
Min. 30 1.0 Typ. 0.037 20 11.5 16.5 20 3 11 7.5 10.2 29 33 955 555 204 Max. 3.0 D 100 1 25 13.5 20 pF ns nC Unit V V/ : V S nA uA uA mL Test Conditions VGS=0, ID=250uA Reference to 25 : , ID=1mA VDS=VGS, ID=250uA VDS=15V, ID=10A 20V VGS= D VDS=30V, VGS=0 VDS=24V, VGS=0 VGS=10V, ID=10A VGS=4.5V, ID=5A ID=10A VDS=15V VGS=5V VDS=25V ID=1A VGS=5V RG=3.3 L RD=25 L VGS=0V VDS=15V f=1.0MHz
Symbol BVDSS
BVDSS / Tj
Gate Threshold Voltage Forward Transconductance Gate-Source Leakage Current
Drain-Source Leakage Current(Tj=25 : ) Drain-Source Leakage Current(Tj=55 : )
VGS(th) gfs IGSS IDSS
Static Drain-Source On-Resistance Total Gate Charge2 Gate-Source Charge Gate-Drain ("Miller") Change Turn-on Delay Time2 Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(ON) Qg Qgs Qgd Td(on) Tr Td(off) Tf Ciss Coss Crss
Source-Drain Diode
Parameter Forward On Voltage
2
Symbol VSD IS ISM
1
Min. -
Typ. -
Max. 1.3 2.3 50
Unit V A A
Test Conditions IS=2.3A, VGS=0V, Tj=25 : VD=VG=0V, VS=1.3V
Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)
Notes: 1. Pulse width limited by safe operating area. 2. Pulse width 300us, duty cycle 2%.
GSC4410
Page: 2/5
ISSUED DATE :2005/03/01 REVISED DATE :2005/09/30B
Characteristics Curve
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
Fig 5. Maximum Drain Current v.s. Case Temperature
GSC4410
Fig 6. Type Power Dissipation
Page: 3/5
ISSUED DATE :2005/03/01 REVISED DATE :2005/09/30B
Fig 7. Maximum Safe Operating Area
Fig 8. Effective Transient Thermal Impedance
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
Fig 11. Forward Characteristics of Reverse Diode
GSC4410
Fig 12. Gate Threshold Voltage v.s. Junction Temperature
Page: 4/5
ISSUED DATE :2005/03/01 REVISED DATE :2005/09/30B
Fig 13. Switching Time Circuit
Fig 14. Switching Time Waveform
Fig 15. Gate Charge Circuit
Fig 16. Gate Charge Waveform
Important Notice: All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM. GTM reserves the right to make changes to its products without notice. GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems. GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C. TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785 China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165
GSC4410
Page: 5/5


▲Up To Search▲   

 
Price & Availability of GSC4410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X