Part Number Hot Search : 
BU4210G NDC652P HAT2064R 1002A 10101 CCS022 5350T1LC 5350T1LC
Product Description
Full Text Search
 

To Download GE3330224157 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Incremental encoders
Stainless steel housing, hollow shaft max. o12 mm Resolution 5...6000 pulses
GE333
Features - Encoder with hollow shaft o12 mm - Stainless steel design - Optical sensing - Resolution max. 6000 ppr - Clamping ring on housing - Temperature range -25...+100C (5 VDC)
GE333 with hollow shaft Technical data - electrical ratings Voltage supply 5 VDC 10 % 4.75...30 VDC 30 mA (24 VDC) 60 mA (5 VDC) 5...6000 Zero pulse, width 90 Optical 150 kHz A 90 B, N + inverted Linedriver RS422 Push-pull short-circuit proof DIN EN 61000-6-2 DIN EN 61000-6-4 UL approval / E63076 Weight approx. E-connection Technical data - mechanical design Housing Shaft Protection DIN EN 60529 Operating speed Starting torque Rotor moment of inertia Materials Operating temperature Relative humidity Resistance o58 mm o12 mm hollow shaft IP 64 6000 rpm 0.03 Nm 14.5 gcm Housing: stainless steel 1.4305 Flange: stainless steel 1.4305 -25...+100 C (5 VDC) -25...+85 C (24 VDC) 95 % non-condensing DIN EN 60068-2-6 Vibration 10 g, 16-2000 Hz DIN EN 60068-2-27 Shock 200 g, 6 ms 500 g Cable 1 m
Reverse polarity protection Yes (4.75...30 VDC) Consumption w/o load Resolution (steps/turn) Reference signal Sensing method Output frequency Output signals Output circuit Interference immunity Emitted interference Approval
1
www.baumerivo.com
13/11/2008
Subject to modification in technic and design. Errors and omissions excepted.
Stainless steel housing, hollow shaft max. o12 mm Resolution 5...6000 pulses
Incremental encoders
GE333
Part number GE333. 41 See part number (pulses) E-connection 41 Cable 1 m, radial Voltage supply / signals 22 5 VDC / linedriver RS422 70 4.75...30 VDC / push-pull 72 4.75...30 VDC / linedriver RS422 (5 VDC) Hollow shaft / torque pin 0 Hollow shaft o12 mm clamping ring on housing with pin 15 mm A Hollow shaft o12 mm clamping ring on housing without pin Part number (pulses) 49 36 50 39 40 41 (5) (10) (25) (50) (60) (100) 57 06 09 13 14 15 (128) (200) (250) (360) (400) (500) 22 23 24 26 28 30 (1000) (1024) (1250) (1500) (2000) (2500) 31 34 35 48 (3600) (4096) (5000) (6000) Accessories Mounting accessories Z 119.023 Spring coupling for encoders with o58 mm housing
Other pulse numbers upon request. Example: ordering key 23 = 1024 pulses
2
www.baumerivo.com
13/11/2008
Subject to modification in technic and design. Errors and omissions excepted.
Incremental encoders
Stainless steel housing, hollow shaft max. o12 mm Resolution 5...6000 pulses
GE333
Output signals Clockwise rotating direction when looking at flange. Track A Track A Terminal assignment Core colour Assignment pink blue red black brown green Track B Track B 90 - grey - white Track B inv. UB-Sense Track N (zero pulse) Track N inv. (zero pulse inv.) Track A Track A inv. - Track B - GND-Sense
white/green GND Zero pulse Zero pulse brown/green UB UB-Sense and GND-Sense are directly connected to UB resp. GND. Please use cores twisted in pairs (for example track A / track A inv.) for extension cables of more than 10 m length. Trigger level Outputs Output level High Output level Low Load High Load Low Outputs Output level High Output level Low Load High Load Low Linedriver RS422 >2.5 V (I = -20 mA) <0.5 V (I = 20 mA) <20 mA <20 mA Push-pull short-circuit proof >UB -3 V (I = -20 mA) <0.5 V (I = 20 mA) <20 mA <20 mA
Subject to modification in technic and design. Errors and omissions excepted. 13/11/2008
3
www.baumerivo.com
Stainless steel housing, hollow shaft max. o12 mm Resolution 5...6000 pulses
Incremental encoders
GE333
Dimensions 51 46 1 o12H7 15 o58
o4fg6
o42
o24
M3 x 6 16 13 3.5
60
4
www.baumerivo.com
13/11/2008
Subject to modification in technic and design. Errors and omissions excepted.


▲Up To Search▲   

 
Price & Availability of GE3330224157

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X