Part Number Hot Search : 
SERIES N2804AP TM128 MY51C SSS7N80A PG28512T RB480Y A3P060
Product Description
Full Text Search
 

To Download GB-SM1210AVGW-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD LED
Features: Small Size (3.2 x 2.7 x 1.1mm) Industry Standard Footprint Compatible with IR Solder Process Available in 8 mm tape on 178 mm Diammeter Reels Low Profile Several Colors Available Absolute Maximum Ratings at TA = 25 C
o
(1210 TYPE)
Reverse Voltage (<100 A) ........... AlGalnP & AlGaAs 4.0 V, Others 5.0V D.C. Forward Current ..................................................................... 30mA Pulse Current (1/10 Duty Cycle, 0.1ms Pulse Width) .............................. 100mA Operating Temperature Range ....................................... -30oC To +80oC Storage Temperature Range ........................................... -40oC To +85oC Soldering Temperature ................................................. 260oC For 5 Sec.
Applications: LCD backlighting Push-button / Keypad backlighting Symbol backlighting Strip lighting Automobile front panel indicating and backlighting Miniature Dot Matrix displays Electrical / Optical Characteristics at TA = 25 C
Part Number LED Chip Emitting Material Color GaAsP GaP GB-SM1210URVGW-TR AIGaAs GaP GB-SM1210AVGW-TR GaAsP GaP GB-SM1210YVGW-TR
W.C. = WATER CLEAR
o
Lens Color W.C. W.C. W.C. W.C. W.C. W.C. W.C. W.C.
Peak WaveLength @20 mA (nm) 642 570 660 570 610 570 590 570
Forward Voltage @20mA (V) Typ. Max. 2.1 2.2 2.1 2.2 1.9 2.2 1.9 2.2 2.6 2.6 2.6 2.6 2.6 2.6 2.6 2.6
Luminous Intensity @20mA Iv(mcd) Min. Typ. 5.0 5.0 5.0 5.0 4.0 4.0 5.0 5.0 10.0 9.5 13.0 9.5 8.0 9.5 10.0 9.5
View Angle 21/2(Deg) 170 170 170 170 170 170 170 170
GB-SM1210EVGW-TR
SB Orange SB Green UB Red SB Green Amber SB Green SB Yellow SB Green
GaAsP GaP
Package Outline And Tape Dimension
Pin1
2.7
Pin4
1.1
Cathode side
Pin 1 Die 1 Pin 4 Die 2
Cathode mark LED Die 1 short wavelength LED Die 2 long wavelength
1.5
3.2
2.0
Pin Pin 2 3 Polarity 0.6
Pin2
Pin3
Resin
0.5
PCB
1.2
_ NOTE: ALL DIMENSIONS ARE IN mm, TOLERANCE IS + 0.1mm UNLESS OTHERWISE NOTED.
3,000 pcs per Reel
# Specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of GB-SM1210AVGW-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X