Part Number Hot Search : 
R8C2L R3M50V4 QS3389Q8 1012S 92PU52 CD5374B PTC10002 L56BGD
Product Description
Full Text Search
 

To Download FSM75N75 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N-CHANNEL 75V 0.0097 80A POWER MOSFET
FSM75N75
FEATURES
Part No FSM75N75 VD S S (at Tj(max)) 75V RD S ( o n ) <0.011 ID 80A
GENERAL DESCRIPTION
This Power MOSFET series has specifically been designed to minimize input capacitance and gate charge. It is therefore suitable as primary switch in advanced high-efficiency, high-frequency isolated DC-DC converters for Telecom and Computer applications. It is also intended for any applications with low gate drive requirements.
Exceptional dv/dt capability 100% avalanche tested Low intrinsic capacitances
ADVANTAGES
Easy to mount Space savings High power density
APPLICATIONS
DC motor control Solenoid and relay drivers DC-DC Converters Automotive environment
INTERNAL SCHEMATIC DIAGRAM AND EXTERIOR
ABSOLUTE MAXIMUM RATINGS
Symbol VDSS VGS ID IDM PD dv/dt EAS TJ Tstg Parameter TJ = 25C to 150C Continuous Drain current (continuous) at TC = 25C Drain current (continuous) at TC = 100C Drain current (pulsed with limited by TJM) at TC = 25C TJ = 25C Derating Factor Peak diode recovery voltage slope (ISD80A, di/dt300A/s, VDDV(BR)DSS, TJTJMAX) TJ = 25C, ID = 40A, VDD= 38V Max operating junction temperature Storage temperature Rating 75 20 80 65 320 200 1.5 15 700 160 -55 to 160 A A W W/C V/ns mJ C C Unit V V
1/9
2007-7-27
N-CHANNEL 75V 0.0097 80A POWER MOSFET
FSM75N75
THERMAL DATA
Symbol RthJC RthJA Tl Parameter Thermal resistance junction-case Thermal resistance junction-ambient Maximum lead temperature for soldering purpose(1) Rating 1 62.5 300 Unit C/W C/W C
Note: (1) 1.6mm from case for 10sec.
ELECTRICAL CHARACTERISTICS(TCASE=25C, UNLESS OTHERWISE NOTED)
Symbol Off Characteristics VDSS IDSS IGSS On Characteristics VGS(th) RDS ( on ) VDS = VGS , ID = 250A VGS= 10V, ID= 40A Pulse test, t 300 ms, duty cycle d 2% 2 2.8 0.0097 4 0.011 V Test Conditions ID = 250A, VGS= 0 VDS = 75VVGS= 0 TJ=25C VDS = 75VVGS= 0 TJ=100C VGS = 20V VDS= 0 Min. 75 1 10 100 Typ. Max. Unit V A A nA
Dynamic Characteristics gfs VDS = 15V, ID = 40A Pulse test 80 3000 800 50 20 VDD = 38V, ID = 45A, VGS = 10V 15 60 10 VGS = 60 V, ID = 80A, VGS =10V 100 20 40 nC ns S pF
Ciss VDS = 25V, f=1MHz, VGS = 0V Coss Crss Switching Characteristics td(on) tr td(off) tf Qg Qgs Qgd
2/9
2007-7-27
N-CHANNEL 75V 0.0097 80A POWER MOSFET
FSM75N75
ELECTRICAL CHARACTERISTICS(TCASE=25C, UNLESS OTHERWISE NOTED) Source-Drain Diode Ratings and Characteristics
Symbol IS ISM VSD trr Qrr Test Conditions VGS = 0V, Source-drain Current Repetitive; pulse width limited by TJM IF = 80A, VGS = 0 V VGS = 0 V, Is = 80A dIF=100A/us, Pulse test, t 300 s, duty cycle d 1.5% 0.98 70 200 Min. Typ. Max. 80 320 1.4 Unit A A V ns nC
TYPICAL CHARACTERISTICS
3/9
2007-7-27
N-CHANNEL 75V 0.0097 80A POWER MOSFET
FSM75N75
TYPICAL CHARACTERISTICS (CONTINUED)
4/9
2007-7-27
N-CHANNEL 75V 0.0097 80A POWER MOSFET
FSM75N75
TEST CIRCUITS
Gate Charge Test Circuit and Waveform
Resistive switch Test Circuit and Waveform
UIS Test Circuit and Waveform
5/9
2007-7-27
N-CHANNEL 75V 0.0097 80A POWER MOSFET
FSM75N75
TEST CIRCUITS (CONTINUED)
Peak Diode Recovery dv/dt Test Circuit and Waveform
6/9
2007-7-27
N-CHANNEL 75V 0.0097 80A POWER MOSFET
FSM75N75
ORDERING INFORMATION
FSM75N75XX Package: T: TO220-3L Packing: Blank: Tube or Bulk
MARKING INFORMATION
Logo
YYWWXX
Internal Code Date Code: YY: Year (01=2001) WW: Nth week (01~52)
75N75
Part Number
7/9
2007-7-27
N-CHANNEL 75V 0.0097 80A POWER MOSFET
FSM75N75
PACKAGE INFORMATION
(I) TO220
Symbol A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7
Min. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 28.6 9.8 2.9 15.9 9 3
Dimensions In Millimeters Nom. Max. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 16 30.6 10.6 3.6 16.4 9.3 3.2
Min. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 1.126 0.385 0.114 0.626 0.354 0.118
Dimensions In Inches Nom.
Max. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409 1.204 0.417 0.141 0.645 0.366 0.126
0.630
8/9
2007-7-27
N-CHANNEL 75V 0.0097 80A POWER MOSFET
FSM75N75
(2) TO220
Symbol A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA
Dimensions In Millimeters Nom. Max. 4.60 1.32 2.72 1.27 0.49 0.70 0.61 0.88 1.14 1.70 1.14 1.70 4.95 5.15 2.4 2.7 10.0 10.4 16.4 13.0 14.0 2.65 2.95 15.25 15.75 6.2 6.6 3.5 3.93 3.75 3.85 Min. 4.40 1.23 2.40
Min. 0.173 0.048 0.094 0.019 0.024 0.044 0.044 0.194 0.094 0.393
Dimensions In Inches Nom.
Max. 0.181 0.051 0.107 0.027 0.034 0.067 0.067 0.203 0.106 0.409
0.050
0.645 0.511 0.104 0.600 0.244 0.137 0.147 0.551 0.116 0.620 0.260 0.154 0.151
9/9
2007-7-27


▲Up To Search▲   

 
Price & Availability of FSM75N75

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X