Part Number Hot Search : 
ASM5I OZ9976 VN1316N2 WARP20 SR804 FM107 1N5938 2SB762
Product Description
Full Text Search
 

To Download FMMT634 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Power Darlington Transistor FMMT634
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors
Unit: mm
+0.1 2.4-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
Highest current capability SOT23 darlington Very high hFE
0.55
625mW power dissipation
+0.1 1.3-0.1
Features
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Peak collector current Power dissipation Operating and storage temperature range Symbol VCBO VCEO VEBO IC ICM Ptot Tj,Tstg Rating 120 100 12 900 5 625 -55 to +150 Unit V V V mA A mW
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1
SMD Type
FMMT634
Electrical Characteristics Ta = 25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage * Emitter-base breakdown voltage Collector cutoff current Collector Emitter Cut-Off Current Emitter cut-off current Symbol V(BR)CBO IC=100iA V(BR)CEO IC=10mA V(BR)EBO IE=100iA ICBO ICES IEBO VCB=80V VCE=80V VEB=7V Testconditons
Transistors
Min 120 100 12
Typ 170 115 16
Max
Unit V V V
10 100 10 0.67 0.72 0.75 0.82 0.68 0.85 1.5 1.33 50K 20K 15K 5K 60K 14K 600 24K 0.75 0.80 0.85 0.93 0.96 1.65 1.5
nA nA nA
Collector-emitter saturation voltage *
IC=100mA, IB=1mA IC=250mA, IB=1mA VCE(sat) IC=500mA, IB=5mA IC=900mA, IB=5mA IC=900mA, IB=5mA IC=1A, IB=5mA VBE(sat) IC=1A,IB=5mA VBE(ON) IC=1A,VCE=5V IC=10mA, VCE=5V IC=100mA, VCE=5V
V
Base-emitter saturation voltage * Base-emitter voltage *
V V
Static Forward Current Transfer Ratio*
hFE
IC=1A, VCE=5V IC=2A, VCE=5V IC=5A, VCE=5V IC=1A, VCE=2V
Current-gain-bandwidth product Output capacitance Switching times * Pulse test: tp = 300 is; d 0.02.
fT Cobo ton toff
IC=50mA,VCE=10V,f=100MHz VCB=10V,f=1MHz IC=500mA, VCC=20V IB= 1mA
140 9 290 2.4 20
MHz pF ns is
Marking
Marking 634
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of FMMT634

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X