|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FDMA1025P Dual P-Channel PowerTrench(R) MOSFET April 2008 FDMA1025P Dual P-Channel PowerTrench(R) MOSFET -20V, -3.1A, 155m Features General Description This device is designed specifically as a single package solution for the battery charge switch in cellular handset and other ultra portable applications. It features two independent P-Channel MOSFETs with low on-state resistance for minimum conduction losses. When connected in the typical common source configuration, bi-directional current flow is possible. The MicroFET 2X2 package offers exceptional thermal performance for its physical size and well suited to linear mode applications. Max rDS(on) = 155m at VGS = -4.5V, ID = -3.1A Max rDS(on) = 220m at VGS = -2.5V, ID = -2.3A Low profile - 0.8mm maximum - in the new package MicroFET 2X2 mm RoHS Compliant tm Application DC - DC Conversion PIN 1 S1 G1 D2 D1 D2 D1 G2 S2 MicroFET 2X2 MOSFET Maximum Ratings TA = 25C unless otherwise noted Symbol VDS VGS ID PD TJ, TSTG Parameter Drain to Source Voltage Gate to Source Voltage Drain Current -Continuous -Pulsed Power Dissipation for Single Operation Power Dissipation Operating and Storage Junction Temperature Range (Note 1a) (Note 1b) (Note 1a) Ratings -20 12 -3.1 -6 1.4 0.7 -55 to +150 Units V V A W C Thermal Characteristics RJA RJA RJA RJA Thermal Resistance Single Operation, Junction to Ambient Thermal Resistance Single Operation, Junction to Ambient Thermal Resistance Dual Operation, Junction to Ambient Thermal Resistance Dual Operation, Junction to Ambient (Note 1a) (Note 1b) 86 173 69 151 C/W Package Marking and Ordering Information Device Marking 025 Device FDMA1025P Package MicroFET 2X2 Reel Size 7'' Tape Width 8mm Quantity 3000 units (c)2008 Fairchild Semiconductor Corporation FDMA1025P Rev.B2 1 www.fairchildsemi.com 4 3 D2 3 4 5 2 G1 2 5 6 1 S1 1 6 D1 G2 S2 FDMA1025P Dual P-Channel PowerTrench(R) MOSFET Electrical Characteristics TJ = 25C unless otherwise noted Symbol Parameter Test Conditions Min Typ Max Units Off Characteristics BVDSS BVDSS TJ IDSS IGSS Drain to Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate to Source Leakage Current ID = -250A, VGS = 0V ID = -250A, referenced to 25C VDS = -16V, VGS = 0V TJ = 125C VGS = 12V, VDS = 0V -20 14 -1 -100 100 V mV/C A nA On Characteristics VGS(th) VGS(th) TJ rDS(on) gFS Gate to Source Threshold Voltage Gate to Source Threshold Voltage Temperature Coefficient Drain to Source On Resistance Forward Transconductance VGS = VDS, ID = -250A ID = -250A, referenced to 25C VGS = -4.5V, ID = -3.1A VGS = -2.5V, ID = -2.3A VGS = -4.5V, ID = -3.1A,TJ = 125C VDS = -5V, ID = -3.1A -0.4 -0.9 -3.8 88 144 121 6.2 155 220 220 S m -1.5 V mV/C Dynamic Characteristics Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance VDS = -10V, VGS = 0V, f = 1MHz 340 80 45 450 105 70 pF pF pF Switching Characteristics td(on) tr td(off) tf Qg(TOT) Qgs Qgd Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge at 4.5V Gate to Source Gate Charge Gate to Drain "Miller" Charge VGS = 0V to -4.5V V = -10V DD ID = -3.1A VDD = -10V, ID = -3.1A VGS = -4.5V, RGEN = 6 5 14 13 8 3.4 0.8 1.0 10 26 24 16 4.8 ns ns ns ns nC nC nC Drain-Source Diode Characteristics VSD trr Qrr Source to Drain Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0V, IS = -1.1A (Note 2) -0.8 17 10 -1.2 26 15 V ns nC IF = -3.1A, di/dt = 100A/s Notes: 1. RJA is determined with the device mounted on a 1in2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RJC is guaranteed by design while RCA is determined by the user's board design. a. 86C/W when mounted on a 1in2 pad of 2 oz copper. b. 173C/W when mounted on a minimum pad. 2. Pulse Test: Pulse Width < 300s, Duty cycle < 2.0%. FDMA1025P Rev.B2 2 www.fairchildsemi.com FDMA1025P Dual P-Channel PowerTrench(R) MOSFET Typical Characteristics TJ = 25C unless otherwise noted 6 -ID, DRAIN CURRENT (A) 5 NORMALIZED DRAIN TO SOURCE ON-RESISTANCE VGS = -4.5V VGS = -3.5V VGS = -2.5V VGS = -1.8V 5 4 3 2 1 0 PULSE DURATION = 80s DUTY CYCLE = 0.5%MAX VGS = -1.8V 4 3 2 1 VGS = -4.5V VGS = -2.5V VGS = -3.5V PULSE DURATION = 80s DUTY CYCLE = 0.5%MAX 0 1 2 -VDS, DRAIN TO SOURCE VOLTAGE (V) 3 0 0 1 2 3 4 -ID, DRAIN CURRENT(A) 5 6 Figure 1. On Region Characteristics Figure 2. Normalized On-Resistance vs Drain Current and Gate Voltage 500 SOURCE ON-RESISTANCE (m) NORMALIZED DRAIN TO SOURCE ON-RESISTANCE 1.6 1.4 1.2 1.0 0.8 0.6 -50 ID =-3.1A VGS = -4.5V 400 300 PULSE DURATION = 80s DUTY CYCLE = 0.5%MAX ID = -3.1A rDS(on), DRAIN TO TJ = 125oC 200 100 TJ = 25oC 0 -25 0 25 50 75 100 125 TJ, JUNCTION TEMPERATURE (oC) 150 2 3 4 5 6 -VGS, GATE TO SOURCE VOLTAGE (V) Figure 3. Normalized On Resistance vs Junction Temperature -IS, REVERSE DRAIN CURRENT (A) Figure 4. On-Resistance vs Gate to Source Voltage 10 VGS = 0V 6 -ID, DRAIN CURRENT (A) 5 4 3 2 1 TJ = -55oC TJ = 150oC PULSE DURATION = 80s DUTY CYCLE = 0.5%MAX 1 0.1 0.01 0.001 0.0001 0.0 TJ = 150oC TJ = 25oC TJ = -55oC TJ = 25oC 0 1.0 1.5 2.0 2.5 3.0 -VGS, GATE TO SOURCE VOLTAGE (V) 0.2 0.4 0.6 0.8 1.0 -VSD, BODY DIODE FORWARD VOLTAGE (V) 1.2 Figure 5. Transfer Characteristics Figure 6. Source to Drain Diode Forward Voltage vs Source Current FDMA1025P Rev.B2 3 www.fairchildsemi.com FDMA1025P Dual P-Channel PowerTrench(R) MOSFET Typical Characteristics TJ = 25C unless otherwise noted -VGS, GATE TO SOURCE VOLTAGE(V) 10 ID = -3.1A 1000 VDD = -8V Ciss 8 6 4 2 0 VDD = -10V VDD = -12V CAPACITANCE (pF) Coss 100 Crss f = 1MHz VGS = 0V 0 2 4 6 Qg, GATE CHARGE(nC) 8 10 0.1 1 10 -VDS, DRAIN TO SOURCE VOLTAGE (V) 30 Figure 7. Gate Charge Characteristics Figure 8. Capacitance vs Drain to Source Voltage P(PK), PEAK TRANSIENT POWER (W) 20 100 VGS = -4.5V FOR TEMPERATURES ABOVE 25oC DERATE PEAK CURRENT AS FOLLOWS: 150 - T A ----------------------125 TA = 25oC 10 -ID, DRAIN CURRENT (A) 100us 1ms SINGLE PULSE TJ = MAX RATED 1 10ms 100ms 1s 10s DC 10 I = I25 0.1 R JA =173 C/W o TA = 25OC 0.01 0.1 THIS AREA IS LIMITED BY rDS(on) 1 0.6 -4 10 SINGLE PULSE 1 10 50 10 -3 -VDS, DRAIN to SOURCE VOLTAGE (V) 10 10 10 10 t, PULSE WIDTH (s) -2 -1 0 1 10 2 10 3 Figure 9. Forward Bias Safe Operating Area Figure 10. Single Pulse Maximum Power Dissipation 1 DUTY CYCLE-DESCENDING ORDER NORMALIZED THERMAL IMPEDANCE, ZJA 0.1 D = 0.5 0.2 0.1 0.05 0.02 0.01 PDM 0.01 t1 t2 NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJA x RJA + TA SINGLE PULSE 0.001 -4 10 10 -3 10 -2 10 -1 10 0 10 1 10 2 t, RECTANGULAR PULSE DURATION (s) Figure 11. Transient Thermal Response Curve www.fairchildsemi.com FDMA1025P Rev.B2 4 FDMA1025P Dual P-Channel PowerTrench(R) MOSFET Dimensional Outline and Pad Layout rev3 FDMA1025P Rev.B2 5 www.fairchildsemi.com FDMA1025P Dual P-Channel PowerTrench(R) MOSFET TRADEMARKS The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidianries, and is not intended to be an exhaustive list of all such trademarks. ACEx(R) Build it NowTM CorePLUSTM CorePOWERTM CROSSVOLTTM CTLTM Current Transfer LogicTM EcoSPARK(R) EfficentMaxTM EZSWITCHTM * TM (R) Fairchild(R) Fairchild Semiconductor(R) FACT Quiet SeriesTM FACT(R) FAST(R) FastvCoreTM FlashWriter(R) * tm FPSTM F-PFSTM FRFET(R) Global Power ResourceSM Green FPSTM Green FPSTM e-SeriesTM GTOTM IntelliMAXTM ISOPLANARTM MegaBuckTM MICROCOUPLERTM MicroFETTM MicroPakTM MillerDriveTM MotionMaxTM Motion-SPMTM OPTOLOGIC(R) OPTOPLANAR(R) (R) tm PDP-SPMTM Power-SPMTM PowerTrench(R) Programmable Active DroopTM QFET(R) QSTM Quiet SeriesTM RapidConfigureTM Saving our world 1mW at a timeTM SmartMaxTM SMART STARTTM SPM(R) STEALTHTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SuperMOSTM (R) The Power Franchise(R) tm TinyBoostTM TinyBuckTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyPWMTM TinyWireTM SerDesTM UHC(R) Ultra FRFETTM UniFETTM VCXTM VisualMaxTM * EZSWITCHTM and FlashWriter(R) are trademarks of System General Corporation, used under license by Fairchild Semiconductor. DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve the design. This datasheet contains specifications on a product that is discontinued by Fairchild Semiconductor. The datasheet is for reference information only. Rev. I34 Preliminary First Production No Identification Needed Obsolete Full Production Not In Production FDMA1025P Rev. B2 6 www.fairchildsemi.com |
Price & Availability of FDMA1025P |