Part Number Hot Search : 
A3280 AD626AN ADG431 KBP206 MB89689 DA332M FTZ56E TD62107
Product Description
Full Text Search
 

To Download FAN3121 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FAN3121 / FAN3122 -- Single 9A High-Speed, Low-Side Gate Driver
September 2008
FAN3121 / FAN3122 Single 9A High-Speed, Low-Side Gate Driver
Features
Industry-Standard Pin-out with Enable Input 4.5 to 18V Operating Range 11.4A Peak Sink at VDD = 12V 9.7A Sink / 7.1A Source at VOUT = 6V Inverting Configuration (FAN3121) and Non-Inverting Configuration (FAN3122) Internal Resistors Turn Driver Off If No Inputs 23ns/19ns Typical Rise/Fall Times with 10nF Load 20ns Typical Propagation Delay Time Choice of TTL or CMOS Input Thresholds MillerDriveTM Technology Available in Thermally Enhanced 3x3mm 8-Lead MLP or 8-Lead SOIC Package (Pb-Free Finish) Rated from -40C to +125C
Description
The FAN3121 and FAN3122 MOSFET drivers are designed to drive N-channel enhancement MOSFETs in low-side switching applications by providing high peak current pulses. The drivers are available with either TTL (FAN312xT) or CMOS (FAN312xC) input thresholds. Internal circuitry provides an under-voltage lockout function by holding the output low until the supply voltage is within the operating range. FAN312x drivers incorporate the MillerDriveTM architecture for the final output stage. This bipolar / MOSFET combination provides the highest peak current during the Miller plateau stage of the MOSFET turn-on / turn-off process. The FAN3121 and FAN3122 drivers implement an enable function on pin 3 (EN), previously unused in the industry-standard pin-out. The pin is internally pulled up to VDD for active HIGH logic and can be left open for standard operation. The FAN3121/22 is available in a 3x3mm 8-lead thermallyenhanced MLP package or an 8-lead SOIC package.
Applications
Synchronous Rectifier Circuits High-Efficiency MOSFET Switching Switch-Mode Power Supplies DC-to-DC Converters Motor Control
VDD 1 IN EN 2 3
8 7 6 5
VDD OUT OUT GND
VDD 1 IN EN 2 3
8 VDD 7 OUT 6 OUT 5 GND
GND 4
GND 4
Figure 1.
FAN3121 Pin Configuration
Figure 2.
FAN3122 Pin Configuration
(c) 2008 Fairchild Semiconductor Corporation FAN3121 / FAN3122 * Rev. 1.0.0
www.fairchildsemi.com
FAN3121 / FAN3122 -- Single 9A High-Speed, Low-Side Gate Driver
Ordering Information
Part Number
FAN3121CMPX FAN3121CMX FAN3121TMX FAN3122CMPX FAN3122CMX FAN3122TMX Non-Inverting Channels + FAN3122TMPX Enable Inverting Channels + FAN3121TMPX Enable
Logic
Input Threshold
CMOS TTL CMOS TTL
Package
3x3mm MLP-8 SOIC-8 3x3mm MLP-8 SOIC-8 3x3mm MLP-8 SOIC-8 3x3mm MLP-8 SOIC-8
Eco Status
RoHS RoHS RoHS RoHS RoHS RoHS RoHS RoHS
Packing Method
Tape & Reel Tape & Reel Tape & Reel Tape & Reel Tape & Reel Tape & Reel Tape & Reel Tape & Reel
Quantity per Reel
3,000 2,500 3,000 2,500 3,000 2,500 3,000 2,500
For Fairchild's definition of "green" Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
Package Outlines
Figure 3.
3x3mm MLP-8 (Top View)
Figure 4.
SOIC-8 (Top View)
Thermal Characteristics(1)
Package
8-Lead 3x3mm Molded Leadless Package (MLP) 8-Pin Small Outline Integrated Circuit (SOIC)
JL
(2)
JT
(3)
JA
(4)
JB
(5)
JT
(6)
Units
C/W C/W
1.2 38
64 29
42 87
2.8 41
0.7 2.3
Notes: 1. Estimates derived from thermal simulation; actual values depend on the application. 2. Theta_JL (JL): Thermal resistance between the semiconductor junction and the bottom surface of all the leads (including any thermal pad) that are typically soldered to a PCB. 3. Theta_JT (JT): Thermal resistance between the semiconductor junction and the top surface of the package, assuming it is held at a uniform temperature by a top-side heatsink. 4. Theta_JA (JA): Thermal resistance between junction and ambient, dependent on the PCB design, heat sinking, and airflow. The value given is for natural convection with no heatsink, as specified in JEDEC standards JESD51-2, JESD51-5, and JESD51-7, as appropriate. 5. Psi_JB (JB): Thermal characterization parameter providing correlation between semiconductor junction temperature and an application circuit board reference point for the thermal environment defined in Note 4. For the MLP-8 package, the board reference is defined as the PCB copper connected to the thermal pad and protruding from either end of the package. For the SOIC-8 package, the board reference is defined as the PCB copper adjacent to pin 6. 6. Psi_JT (JT): Thermal characterization parameter providing correlation between the semiconductor junction temperature and the center of the top of the package for the thermal environment defined in Note 4.
(c) 2008 Fairchild Semiconductor Corporation FAN3121 / FAN3122 * Rev. 1.0.0
www.fairchildsemi.com 2
FAN3121 / FAN3122 -- Single 9A High-Speed, Low-Side Gate Driver
VDD 1 IN EN 2 3
8 7 6 5
VDD OUT OUT GND
VDD 1 IN EN 2 3
8 VDD 7 OUT 6 OUT 5 GND
GND 4
GND 4
Figure 5.
FAN3121 Pin Assignments (Repeated)
Figure 6.
FAN3122 Pin Assignments (Repeated)
Pin Definitions
FAN3121
3 4, 5 2
FAN3122
3 4, 5 2 6, 7
Name
EN GND IN OUT OUT
Description
Enable Input. Pull pin LOW to inhibit driver. EN has logic thresholds for both TTL and CMOS IN thresholds. Ground. Common ground reference for input and output circuits. Input. Gate Drive Output. Held LOW unless required input is present and VDD is above the UVLO threshold. Gate Drive Output (inverted from the input). Held LOW unless required input is present and VDD is above the UVLO threshold. Supply Voltage. Provides power to the IC. Thermal Pad (MLP only). Exposed metal on the bottom of the package; may be left floating or connected to GND; NOT suitable for carrying current.
6, 7 1, 8 1, 8
VDD P1
Output Logic
FAN3121
EN 0 0 1 1
(7) (7)
FAN3122
OUT 0 0 1 0 EN 0 0 1 1
(7) (7)
IN 0 1 1
(7)
IN 0 0
(7)
OUT 0 0 0 1
1
(7)
0
(7)
1
Note: 7. Default input signal if no external connection is made.
(c) 2008 Fairchild Semiconductor Corporation FAN3121 / FAN3122 * Rev. 1.0.0
www.fairchildsemi.com 3
FAN3121 / FAN3122 -- Single 9A High-Speed, Low-Side Gate Driver
Block Diagram
VDD
1
100k
8
VDD
Inverting (FAN3121)
UVLO VDD_OK
IN
2
7
100k
OUT (FAN3121) OUT (FAN3122) OUT (FAN3121) OUT (FAN3122)
Non-Inverting 100k (FAN3122) VDD
100k
6
EN
3 5
GND
GND 4
Figure 7.
Block Diagram
(c) 2008 Fairchild Semiconductor Corporation FAN3121 / FAN3122 * Rev. 1.0.0
www.fairchildsemi.com 4
FAN3121 / FAN3122 -- Single 9A High-Speed, Low-Side Gate Driver
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only.
Symbol
VDD VEN VIN VOUT TL TJ TSTG ESD VDD to GND EN to GND IN to GND OUT to GND
Parameter
Min.
-0.3
Max.
20.0
Unit
V V V V C C C kV
GND - 0.3 VDD + 0.3 GND - 0.3 VDD + 0.3 GND - 0.3 VDD + 0.3 +260 -55 -65 Human Body Model, JEDEC JESD22-A114 Charged Device Model, JEDEC JESD22-C101 2 1 +150 +150
Lead Soldering Temperature (10 Seconds) Junction Temperature Storage Temperature Electrostatic Discharge Protection Level
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
VDD VEN VIN TA Supply Voltage Range Enable Voltage EN Input Voltage IN
Parameter
Min.
4.5 0 0 -40
Max.
18.0 VDD VDD +125
Unit
V V V C
Operating Ambient Temperature
(c) 2008 Fairchild Semiconductor Corporation FAN3121 / FAN3122 * Rev. 1.0.0
www.fairchildsemi.com 5
FAN3121 / FAN3122 -- Single 9A High-Speed, Low-Side Gate Driver
Electrical Characteristics
Unless otherwise noted, VDD=12V and TJ=-40C to +125C. Currents are defined as positive into the device and negative out of the device.
Symbol
Supply VDD IDD VON VOFF VIL_T VIH_T IIN+ IINVHYS_T VIL_C VIH_C IIN+ IINVHYS_C VENL VENH VHYS_T RPU tD1, tD2 tD1, tD2 Output ISINK ISOURCE IPK_SINK tRISE tFALL tD1, tD2 tD1, tD2 IRVS
Parameter
Operating Range Supply Current, Inputs / EN Not Connected Turn-On Voltage Turn-Off Voltage
(9)
Conditions
Min. Typ.
4.5
Max.
18.0
Unit
V mA V V V
TTL CMOS
(8)
0.65 0.58 3.5 3.30 0.8 4.0 3.75 1.0 1.7
0.90 0.85 4.3 4.10
Inputs (FAN312xT)
INx Logic Low Threshold INx Logic High Threshold Non-Inverting Input Current Inverting Input Current TTL Logic Hysteresis Voltage
(9)
2.0 175 1
V A A V %VDD
IN from 0 to VDD IN from 0 to VDD
-1 -175 0.40 30 0.70 38 55
0.85
Inputs (FAN312xC)
INx Logic Low Threshold INx Logic High Threshold Non-Inverting Input Current Inverting Input Current CMOS Logic Hysteresis Voltage Enable Logic Low Threshold Enable Logic High Threshold TTL Logic Hysteresis Voltage Enable Pull-up Resistance Propagation Delay, EN Rising
(10) (10)
70 175 1
%VDD A A %VDD V V V k ns ns
IN from 0 to VDD IN from 0 to VDD
-1 -175 12 17 1.6 2.2 0.6 100 17 21
24 2.0 2.6 0.8 134 27 33
ENABLE (FAN3121, FAN3122) EN from 5V to 0V EN from 0V to 5V 1.2 1.8 0.2 68 8 14 OUT at VDD/2, CLOAD=1.0F, f=1kHz OUT at VDD/2, CLOAD=1.0F, f=1kHz CLOAD=1.0F, f=1kHz CLOAD=1.0F, f=1kHz CLOAD=10nF CLOAD=10nF
(10)
Propagation Delay, EN Falling
OUT Current, Mid-Voltage, Sinking
(11)
9.7 7.1 11.4 10.6 18 11 9 9 1500 23 19 18 23 29 27 28 35
A A A A ns ns ns ns mA
OUT Current, Mid-Voltage, Sourcing OUT Current, Peak, Sinking Output Rise Time Output Fall Time
(10) (11) (11)
(11)
IPK_SOURCE OUT Current, Peak, Sourcing
(10)
Output Propagation Delay, CMOS Inputs Output Propagation Delay, TTL Inputs Output Reverse Current Withstand
(11) (10)
0 - 12VIN, 1V/ns Slew Rate 0 - 5VIN, 1V/ns Slew Rate
Notes: 8. Lower supply current due to inactive TTL circuitry. 9. EN inputs have modified TTL thresholds; refer to the ENABLE section. 10. See Timing Diagrams of Figure 8 and Figure 9. 11. Not tested in production.
(c) 2008 Fairchild Semiconductor Corporation FAN3121 / FAN3122 * Rev. 1.0.0 www.fairchildsemi.com 6
FAN3121 / FAN3122 -- Single 9A High-Speed, Low-Side Gate Driver
Timing Diagrams
Figure 8.
Non-Inverting
Figure 9.
Inverting
(c) 2008 Fairchild Semiconductor Corporation FAN3121 / FAN3122 * Rev. 1.0.0
www.fairchildsemi.com 7
FAN3121 / FAN3122 -- Single 9A High-Speed, Low-Side Gate Driver
Typical Performance Characteristics
Typical characteristics are provided at 25C and VDD=12V unless otherwise noted.
Figure 10. IDD (Static) vs. Supply Voltage
(12)
Figure 11. IDD (Static) vs. Supply Voltage
(12)
Figure 12. IDD (No-Load) vs. Frequency
Figure 13. IDD (No-Load) vs. Frequency
Figure 14. IDD (10nF Load) vs. Frequency
(c) 2008 Fairchild Semiconductor Corporation FAN3121 / FAN3122 * Rev. 1.0.0
Figure 15. IDD (10nF Load) vs. Frequency
www.fairchildsemi.com 8
FAN3121 / FAN3122 -- Single 9A High-Speed, Low-Side Gate Driver
Typical Performance Characteristics
Typical characteristics are provided at 25C and VDD=12V unless otherwise noted.
Figure 16. IDD (Static) vs. Temperature
(12)
Figure 17. IDD (Static) vs. Temperature
(12)
Figure 18. Input Thresholds vs. Supply Voltage
Figure 19. Input Thresholds vs. Supply Voltage
Figure 20. Input Thresholds % vs. Supply Voltage
Figure 21. Enable Thresholds vs. Supply Voltage
(c) 2008 Fairchild Semiconductor Corporation FAN3121 / FAN3122 * Rev. 1.0.0
www.fairchildsemi.com 9
FAN3121 / FAN3122 -- Single 9A High-Speed, Low-Side Gate Driver
Typical Performance Characteristics
Typical characteristics are provided at 25C and VDD=12V unless otherwise noted.
Figure 22. CMOS Input Thresholds vs. Temperature
Figure 23. TTL Input Thresholds vs. Temperature
Figure 24. Enable Thresholds vs. Temperature
Figure 25. UVLO Thresholds vs. Temperature
Figure 26. UVLO Hysteresis vs. Temperature
Figure 27. Propagation Delay vs. Supply Voltage
(c) 2008 Fairchild Semiconductor Corporation FAN3121 / FAN3122 * Rev. 1.0.0
www.fairchildsemi.com 10
FAN3121 / FAN3122 -- Single 9A High-Speed, Low-Side Gate Driver
Typical Performance Characteristics
Typical characteristics are provided at 25C and VDD=12V unless otherwise noted.
Figure 28. Propagation Delay vs. Supply Voltage
Figure 29. Propagation Delay vs. Supply Voltage
Figure 30. Propagation Delay vs. Supply Voltage
Figure 31. Propagation Delay vs. Supply Voltage
Figure 32. Propagation Delays vs. Temperature
Figure 33. Propagation Delays vs. Temperature
(c) 2008 Fairchild Semiconductor Corporation FAN3121 / FAN3122 * Rev. 1.0.0
www.fairchildsemi.com 11
FAN3121 / FAN3122 -- Single 9A High-Speed, Low-Side Gate Driver
Typical Performance Characteristics
Typical characteristics are provided at 25C and VDD=12V unless otherwise noted.
Figure 34. Propagation Delays vs. Temperature
Figure 35. Propagation Delays vs. Temperature
Figure 36. Propagation Delays vs. Temperature
Figure 37. Fall Time vs. Supply Voltage
Figure 38. Rise Time vs. Supply Voltage
Figure 39. Rise and Fall Time vs. Temperature
(c) 2008 Fairchild Semiconductor Corporation FAN3121 / FAN3122 * Rev. 1.0.0
www.fairchildsemi.com 12
FAN3121 / FAN3122 -- Single 9A High-Speed, Low-Side Gate Driver
Typical Performance Characteristics
Typical characteristics are provided at 25C and VDD=12V unless otherwise noted.
Figure 40. Rise / Fall Waveforms with 10nF Load
Figure 41. Quasi-Static Source Current with VDD=12V
(13)
Figure 42. Quasi-Static Sink Current with VDD=12V
(13)
Figure 43. Quasi-Static Source Current with VDD=8V
(13)
V DD
(2) x 4.7F ceramic
470F Al. El.
FAN3121/22 IOUT
1F ceramic
Current Probe LECROY AP015
IN 1kHz
VOUT
C LOAD 1F
Figure 44. Quasi-Static Sink Current with VDD=8V
(13)
Figure 45. Quasi-Static IOUT / VOUT Test Circuit
Notes: 12. For any inverting inputs pulled LOW, non-inverting inputs pulled HIGH, or outputs driven HIGH; static IDD increases by the current flowing through the corresponding pull-up/down resistor, shown in Figure 7. 13. The initial spike in each current waveform is a measurement artifact caused by the stray inductance of the current-measurement loop.
(c) 2008 Fairchild Semiconductor Corporation FAN3121 / FAN3122 * Rev. 1.0.0
www.fairchildsemi.com 13
FAN3121 / FAN3122 -- Single 9A High-Speed, Low-Side Gate Driver
Applications Information
The FAN3121 and FAN3122 family offers versions in either TTL or CMOS input configuration. In the FAN3121T and FAN3122T, the input thresholds meet industry-standard TTL-logic thresholds independent of the VDD voltage, and there is a hysteresis voltage of approximately 0.7V. These levels permit the inputs to be driven from a range of input logic signal levels for which a voltage over 2V is considered logic HIGH. The driving signal for the TTL inputs should have fast rising and falling edges with a slew rate of 6V/s or faster, so the rise time from 0 to 3.3V should be 550ns or less. The FAN3121 and FAN3122 output can be enabled or disabled using the EN pin with a very rapid response time. If EN is not externally connected, an internal pullup resistor enables the driver by default. The EN pin has logic thresholds for parts with either TTL or CMOS IN thresholds. In the FAN3121C and FAN3122C, the logic input thresholds are dependent on the VDD level and, with VDD of 12V, the logic rising edge threshold is approximately 55% of VDD and the input falling edge threshold is approximately 38% of VDD. The CMOS input configuration offers a hysteresis voltage of approximately 17% of VDD. The CMOS inputs can be used with relatively slow edges (approaching DC) if good decoupling and bypass techniques are incorporated in the system design to prevent noise from violating the input voltage hysteresis window. This allows setting precise timing intervals by fitting an R-C circuit between the controlling signal and the IN pin of the driver. The slow rising edge at the IN pin of the driver introduces a delay between the controlling signal and the OUT pin of the driver. For applications with zero voltage switching during the MOSFET turn-on or turn-off interval, the driver supplies high peak current for fast switching, even though the Miller plateau is not present. This situation often occurs in synchronous rectifier applications because the body diode is generally conducting before the MOSFET is switched on. The output pin slew rate is determined by VDD voltage and the load on the output. It is not user adjustable, but a series resistor can be added if a slower rise or fall time at the MOSFET gate is needed.
Figure 46. Miller DriveTM Output Architecture
Under-Voltage Lockout (UVLO)
The FAN312x startup logic is optimized to drive groundreferenced N-channel MOSFETs with an under-voltage lockout (UVLO) function to ensure that the IC starts in an orderly fashion. When VDD is rising, yet below the 4.0V operational level, this circuit holds the output low, regardless of the status of the input pins. After the part is active, the supply voltage must drop 0.25V before the part shuts down. This hysteresis helps prevent chatter when low VDD supply voltages have noise from the power switching. This configuration is not suitable for driving high-side P-channel MOSFETs because the low output voltage of the driver would turn the P-channel MOSFET on with VDD below 4.0V.
Static Supply Current
In the IDD (static) Typical Performance Characteristics, the curves are produced with all inputs / enables floating (OUT is LOW) and indicates the lowest static IDD current for the tested configuration. For other states, additional current flows through the 100k resistors on the inputs and outputs, as shown in the block diagram (see Figure 7). In these cases, the actual static IDD current is the value obtained from the curves, plus this additional current.
VDD Bypassing and Layout Considerations
The FAN3121 and FAN3122 are available in either 8-lead SOIC or MLP packages. In either package, the VDD pins 1 and 8 and the GND pins 4 and 5 should be connected together on the PCB. In typical FAN312x gate-driver applications, highcurrent pulses are needed to charge and discharge the gate of a power MOSFET in time intervals of 50ns or less. A bypass capacitor with low ESR and ESL should be connected directly between the VDD and GND pins to provide these large current pulses without causing unacceptable ripple on the VDD supply. To meet these requirements in a small size, a ceramic capacitor of 1F or larger is typically used, with a dielectric material such as X7R, to limit the change in capacitance over the temperature and / or voltage application ranges.
www.fairchildsemi.com 14
MillerDriveTM Gate-Drive Technology
FAN312x gate drivers incorporate the MillerDriveTM architecture shown in Figure 46. For the output stage, a combination of bipolar and MOS devices provide large currents over a wide range of supply voltage and temperature variations. The bipolar devices carry the bulk of the current as OUT swings between 1/3 to 2/3 VDD and the MOS devices pull the output to the HIGH or LOW rail. The purpose of the Miller DriveTM architecture is to speed up switching by providing high current during the Miller plateau region when the gate-drain capacitance of the MOSFET is being charged or discharged as part of the turn-on / turn-off process.
(c) 2008 Fairchild Semiconductor Corporation FAN3121 / FAN3122 * Rev. 1.0.0
FAN3121 / FAN3122 -- Single 9A High-Speed, Low-Side Gate Driver
Figure 47 shows the pulsed gate drive current path when the gate driver is supplying gate charge to turn the MOSFET on. The current is supplied from the local bypass capacitor CBYP and flows through the driver to the MOSFET gate and to ground. To reach the high peak currents possible with the FAN312x family, the resistance and inductance in the path should be minimized. The localized CBYP acts to contain the high peak current pulses within this driver-MOSFET circuit, preventing them from disturbing the sensitive analog circuitry in the PWM controller.
VDD
Turn-on threshold
IN-
VDD CBYP
FAN3121/2 PWM
VDS
IN+ (VDD)
OUT
Figure 47. Current Path for MOSFET Turn-On Figure 48 shows the path the current takes when the gate driver turns the MOSFET off. Ideally, the driver shunts the current directly to the source of the MOSFET in a small circuit loop. For fast turn-off times, the resistance and inductance in this path should be minimized.
Figure 50. Inverting Startup Waveforms At power up, the FAN3122 non-inverting driver, shown in Figure 51, holds the output LOW until the VDD voltage reaches the UVLO turn-on threshold, as indicated in Figure 52. The OUT pulses magnitude follow VDD magnitude until steady-state VDD is reached.
VDD IN OUT
VDD CBYP
FAN3121/2
VDS
PWM
Figure 51. Non-Inverting Driver
Figure 48. Current Path for MOSFET Turn-Off
VDD
Turn-on threshold
Operational Waveforms
At power up, the FAN3121 inverting driver shown in Figure 49 holds the output LOW until the VDD voltage reaches the UVLO turn-on threshold, as indicated in Figure 50. This facilitates proper startup control of lowside N-channel MOSFETs.
VDD IN OUT
IN-
IN+
Figure 49. Inverting Configuration The OUT pulses' magnitude follows VDD magnitude with the output polarity inverted from the input until steadystate VDD is reached.
OUT
Figure 52. Non-Inverting Startup Waveforms
(c) 2008 Fairchild Semiconductor Corporation FAN3121 / FAN3122 * Rev. 1.0.0 www.fairchildsemi.com 15
FAN3121 / FAN3122 -- Single 9A High-Speed, Low-Side Gate Driver
Thermal Guidelines
Gate drivers used to switch MOSFETs and IGBTs at high frequencies can dissipate significant amounts of power. It is important to determine the driver power dissipation and the resulting junction temperature in the application to ensure that the part is operating within acceptable temperature limits. The total power dissipation in a gate driver is the sum of two components, PGATE and PDYNAMIC: PTOTAL = PGATE + PDYNAMIC (1) Gate Driving Loss: The most significant power loss results from supplying gate current (charge per unit time) to switch the load MOSFET on and off at the switching frequency. The power dissipation that results from driving a MOSFET at a specified gatesource voltage, VGS, with gate charge, QG, at switching frequency, fSW , is determined by: PGATE = QG * VGS * fSW (2) Dynamic Pre-drive / Shoot-through Current: A power loss resulting from internal current consumption under dynamic operating conditions, including pin pull-up / pull-down resistors, can be obtained using the "IDD (No-Load) vs. Frequency" graphs in Typical Performance Characteristics to determine the current IDYNAMIC drawn from VDD under actual operating conditions: PDYNAMIC = IDYNAMIC * VDD (3) Once the power dissipated in the driver is determined, the driver junction rise with respect to circuit board can be evaluated using the following thermal equation, assuming JB was determined for a similar thermal design (heat sinking and air flow): TJ = PTOTAL * JB + TB (4) In a full-bridge synchronous rectifier application, shown in Figure 53, each FAN3122 drives a parallel combination of two high-current MOSFETs, (such as FDMS8660S). The typical gate charge for each SR MOSFET is 70nC with VGS = VDD = 9V. At a switching frequency of 300kHz, the total power dissipation is: PGATE = 2 * 70nC * 9V * 300kHz = 0.378W PDYNAMIC = 2mA * 9V = 18mW PTOTAL = 0.396W (5) (6) (7)
The SOIC-8 has a junction-to-board thermal characterization parameter of JB = 42C/W. In a system application, the localized temperature around the device is a function of the layout and construction of the PCB along with airflow across the surfaces. To ensure reliable operation, the maximum junction temperature of the device must be prevented from exceeding the maximum rating of 150C; with 80% derating, TJ would be limited to 120C. Rearranging Equation 4 determines the board temperature required to maintain the junction temperature below 120C: TB,MAX = TJ - PTOTAL * JB TB,MAX = 120C - 0.396W * 42C/W = 104C (8) (9)
For comparison, replace the SOIC-8 used in the previous example with the 3x3mm MLP package with JB = 2.8C/W. The 3x3mm MLP package can operate at a PCB temperature of 118C, while maintaining the junction temperature below 120C. This illustrates that the physically smaller MLP package with thermal pad offers a more conductive path to remove the heat from the driver. Consider tradeoffs between reducing overall circuit size with junction temperature reduction for increased reliability.
where: TJ = driver junction temperature; JB = (psi) thermal characterization parameter relating temperature rise to total power dissipation; and TB = board temperature in location as defined in the Thermal Characteristics table.
(c) 2008 Fairchild Semiconductor Corporation FAN3121 / FAN3122 * Rev. 1.0.0
www.fairchildsemi.com 16
FAN3121 / FAN3122 -- Single 9A High-Speed, Low-Side Gate Driver
Typical Application Diagrams
V IN
V OUT B2 A2
B1
A1 BIAS FAN3122 SR EN VDD 1 IN From A1 EN
2 3 4 8 7 6 5
FAN3122 VDD OUT OUT VDD 1 IN
2 3 SR EN EN 4 8 7 6 5
From A2
VDD OUT OUT PGND
AGND
PGND
AGND
Figure 53. Full-Bridge Synchronous Rectification
VIN
VOUT
PWM
FAN3121
VBIAS
VDD
1 2 3 4 P1 (AGND)
8 7 6 5
VDD OUT OUT PGND
SR Enable Active HIGH
IN EN AGND
Figure 54. Hybrid Synchronous Rectification in a Forward Converter
(c) 2008 Fairchild Semiconductor Corporation FAN3121 / FAN3122 * Rev. 1.0.0
www.fairchildsemi.com 17
FAN3121 / FAN3122 -- Single 9A High-Speed, Low-Side Gate Driver
Table 1. Related Products
Part Number
FAN3100C FAN3100T FAN3226C FAN3226T FAN3227C FAN3227T FAN3228C FAN3228T FAN3229C FAN3229T FAN3223C FAN3223T FAN3224C FAN3224T FAN3225C FAN3225T FAN3121C FAN3121T FAN3122C FAN3122T
Type
Single 2A Single 2A Dual 2A Dual 2A Dual 2A Dual 2A Dual 2A Dual 2A Dual 2A Dual 2A Dual 4A Dual 4A Dual 4A Dual 4A Dual 4A Dual 4A Single 9A Single 9A Single 9A Single 9A
Gate Input (14) Drive Threshold (Sink/Src)
+2.5A / -1.8A +2.5A / -1.8A +2.4A / -1.6A +2.4A / -1.6A +2.4A / -1.6A +2.4A / -1.6A +2.4A / -1.6A +2.4A / -1.6A +2.4A / -1.6A +2.4A / -1.6A +4.3A / -2.8A +4.3A / -2.8A +4.3A / -2.8A +4.3A / -2.8A +4.3A / -2.8A +4.3A / -2.8A +9.7A / -7.1A +9.7A / -7.1A +9.7A / -7.1A +9.7A / -7.1A CMOS TTL CMOS TTL CMOS TTL CMOS TTL CMOS TTL CMOS TTL CMOS TTL CMOS TTL CMOS TTL CMOS TTL
Logic
Single Channel of Two-Input/One-Output Single Channel of Two-Input/One-Output Dual Inverting Channels + Dual Enable Dual Inverting Channels + Dual Enable Dual Non-Inverting Channels + Dual Enable Dual Non-Inverting Channels + Dual Enable Dual Channels of Two-Input/One-Output, Pin Config.1 Dual Channels of Two-Input/One-Output, Pin Config.1 Dual Channels of Two-Input/One-Output, Pin Config.2 Dual Channels of Two-Input/One-Output, Pin Config.2 Dual Inverting Channels + Dual Enable Dual Inverting Channels + Dual Enable Dual Non-Inverting Channels + Dual Enable Dual Non-Inverting Channels + Dual Enable Dual Channels of Two-Input/One-Output Dual Channels of Two-Input/One-Output Single Inverting Channels + Enable Single Inverting Channels + Enable Single Non-Inverting Channels + Enable Single Non-Inverting Channels + Enable
Package
SOT23-5, MLP6 SOT23-5, MLP6 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8
Note: 14. Typical currents with OUT at 6V and VDD = 12V.
(c) 2008 Fairchild Semiconductor Corporation FAN3121 / FAN3122 * Rev. 1.0.0
www.fairchildsemi.com 18
FAN3121 / FAN3122 -- Single 9A High-Speed, Low-Side Gate Driver
Physical Dimensions
2X
0.8 MAX
2X RECOMMENDED LAND PATTERN
0.05 0.00
SEATING PLANE
A. CONFORMS TO JEDEC REGISTRATION MO-229, VARIATION VEEC, DATED 11/2001 B. DIMENSIONS ARE IN MILLIMETERS. C. DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994 D. FILENAME: MKT-MLP08Drev2
Figure 55. 3x3mm, 8-Lead Molded Leadless Package (MLP)
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most recent revision. Package specifications do not expand the terms of Fairchild's worldwide terms and conditions, specifically the warranty therein, which covers Fairchild products. Always visit Fairchild Semiconductor's online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/.
(c) 2008 Fairchild Semiconductor Corporation FAN3121 / FAN3122 * Rev. 1.0.0 www.fairchildsemi.com 19
FAN3121 / FAN3122 -- Single 9A High-Speed, Low-Side Gate Driver
Physical Dimensions (Continued)
5.00 4.80 3.81
8 5
A
0.65
B
6.20 5.80
4.00 3.80
1 4
1.75
5.60
PIN ONE INDICATOR
(0.33)
1.27
0.25
M
CBA
1.27
LAND PATTERN RECOMMENDATION
0.25 0.10 1.75 MAX
C 0.10 0.51 0.33 0.50 x 45 0.25 C
SEE DETAIL A
0.25 0.19
OPTION A - BEVEL EDGE
R0.10 R0.10
GAGE PLANE
0.36
OPTION B - NO BEVEL EDGE
NOTES: UNLESS OTHERWISE SPECIFIED A) THIS PACKAGE CONFORMS TO JEDEC MS-012, VARIATION AA, ISSUE C, B) ALL DIMENSIONS ARE IN MILLIMETERS. C) DIMENSIONS DO NOT INCLUDE MOLD FLASH OR BURRS. D) LANDPATTERN STANDARD: SOIC127P600X175-8M. E) DRAWING FILENAME: M08AREV13
8 0 0.90 0.406
SEATING PLANE
(1.04)
DETAIL A
SCALE: 2:1
Figure 56. 8-Lead SOIC
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most recent revision. Package specifications do not expand the terms of Fairchild's worldwide terms and conditions, specifically the warranty therein, which covers Fairchild products. Always visit Fairchild Semiconductor's online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/.
(c) 2008 Fairchild Semiconductor Corporation FAN3121 / FAN3122 * Rev. 1.0.0
www.fairchildsemi.com 20
FAN3121 / FAN3122 -- Single 9A High-Speed, Low-Side Gate Driver
(c) 2008 Fairchild Semiconductor Corporation FAN3121 / FAN3122 * Rev. 1.0.0
www.fairchildsemi.com 21


▲Up To Search▲   

 
Price & Availability of FAN3121

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X