Part Number Hot Search : 
ENA13 UZ5132 SLY2016 MBU102 2SA1899 4H560838 G4A5M MJD29
Product Description
Full Text Search
 

To Download ESR220M0K1516 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TYPE ESR SURFACE MOUNT POLYMER ALUMINUM ELECTROLYTIC CAPACITORS.
Type ESR SMT capacitors are polarized, aluminum capacitors which use a highly conductive solid polymer as the electrolyte. They have reliability advantages over both aluminum and solid tantalum electrolytic capacitors. Unlike aluminum capacitors, there is no liquid electrolyte to evaporate and cause failure.
Unlike solid tantalum, which can fail short and burn, type ESR capacitors in normal operation fail benignly as gradual open circuits after 25 to 50 years of operation. The equivalent series resistance of these capacitors is much lower than for solid tantalum capacitors, thus you get much higher ripple current handling capability. NOTE: Type ESR capacitors are not recommended for new design, and therefore, may be subject to larger than expected minimum order quantities. CDE capacitor Types ESRD, ESRE, and ESRL are recommended for new design, and can be used as replacements to upgrade existing designs that employ Type ESR capacitors. However, the ESRD, ESRE, and ESRL footprint is not compatible with the Type ESR footprint.
Specifications:
Operating Temperature Range: -55C to +105C at 100% rated Voltage. Surge Voltage: 125% of the rated working Vdc Capacitance Range: 4.7uF to 82 uF Capacitance Tolerance: 20% at 120Hz and +20C. DC Leakage Current (DCL): After a 2 minute application of the rated voltage at + 20C the DCL is; 4V: < 0.06CV 6.3V - 16V: < 0.04CV or 3A (whichever is Moisture Resistance: After 500 hours storage at +60C and 90 to 95% R.H. without load, capacitor will meet the following limits: Capacitance change from the initial value shall not exceed; +60%/-20% for 4.0 Vdc ratings, +50%/-20% for 6.3 Vdc ratings, +40%/-20% for all other ratings. DCL shall meet the initial specification. D.F. shall meet the initial specification. The ratings of 68f/4V, 82f/4V, 68f/6.3V, 47f/8V, and 33f/12.5V shall not exceed twice the initial specification.
greater) Dissipations Factor (DF): The ratio of the capacitor's equivalent series resistance to its reactance. It's no more than 0.06 at 120Hz and +20C. Resistance to Soldering Heat: Capacitors will withstand 30 seconds at +240 C in a solder-reflow oven.
Life Test: Apply rated dc working voltage at 105C for 1,000 hours and then stabilize to +20C. Capacitors will meet the following limits: Capacitance change shall not exceed 10% of the initial measured value. D.F. and D.C.L. shall not exceed the initial specified value. Shelf Life Test: Shelf life is typically 5 to 10 years. Accelerated test:after 500 hours at 105C, capacitors will meet the following limits after stabilization at 20C: Capacitance change shall not exceed 10% of the initial measured value. D.F. and D.C.L. shall not exceed the initial specified value.
Dimensions
Available Ratings:
Capacitance (F) 4 Vdc 82.00 6.3 Vdc 10.00 22.00 33.00 47.00 68.00 8 Vdc 22.00 33.00 47.00 12.5 Vdc 10.00 22.00 33.00 16 Vdc 4.70 6.80 10.00
Catalog Number
Reel Quantity
Catalog Number
For Bulk Quantitites Less Than Full Reel Qty.
Maximum Ripple AMPS rms (at 100 kHz, +100C)
ESR820M0G1316 ESR100M0J1516 ESR220M0J1516 ESR330M0J1516 ESR470M0J1516 ESR680M0J1316 ESR220M0K1516 ESR330M0K1516 ESR470M0K1316 ESR100M1B1516 ESR220M1B1516 ESR330M1B1316 ESR4R7M1C1516 ESR6R8M1C1516 ESR100M1C1516
2,200 3,000 3,000 3,000 3,000 2,200 3,000 3,000 2,200 3,000 3,000 2,200 3,000 3,000 3,000
ESR820M0G000B ESR100M0J000B ESR220M0J000B ESR330M0J000B ESR470M0J000B ESR680M0J000B ESR220M0K000B ESR330M0K000B ESR470M0K000B ESR100M1B000B ESR220M1B000B ESR330M1B000B ESR4R7M1C000B ESR6R8M1C000B ESR100M1C000B
1.6 1.0 1.3 1.6 1.6 1.6 1.6 1.6 1.6 1.0 1.6 1.6 1.0 1.0 1.3
All product specifications, and all purchases of products from Cornell-Dubilier, are subject to its Terms and Conditions. Tel# 508-996-8564 Fax# 508-996-3830


▲Up To Search▲   

 
Price & Availability of ESR220M0K1516

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X