Part Number Hot Search : 
CP8056TS ALN0743 C410L SPCA533 EL2410CN CAR0603 C410L LM150
Product Description
Full Text Search
 

To Download EQXOPL-2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FACTORY PROGRAMMED OSCILLATORS
EQXOPL-2000 SERIES Low Jitter 8 pin Dual-in-Line Programmable Oscillators
DESCRIPTION
The Euroquartz range of factory programmable oscillators provide custom frequency and specification oscillators within very short lead times. The parts are very reliable in use and have stabilities from 25ppm over -40 to 85C. In addition to the stability over operating temperature range customers may also choose from supply voltages of 2.7, 3.3 and 5.0 Volts, Enable/Disable or Power Down functions and output synchronous or asynchronous .
OUTLINE & DIMENSIONS
FEATURES
* * * * * * Very quick delivery available Industry-standard 8 pin DIL (1/2 size) package Frequency range 1MHz to 133MHz Ultra low jitter @ 1 million samples Supply Voltages 2.7 Volts, 3.3 Volts or 5.0 Volts Enable/Disable or Power Down options
GENERAL SPECIFICATION
Package Type: Frequency Range 5.0 Volt Supply: 3.3 Volt Supply: 2.7 Volt Supply: Frequency Stability*: 8 pin DIL, Resistance-welded
OPERATING LOAD CONDITIONS
Maximum Capacitive Load TTL 5.0 Volt Supply 1.0MHz ~ 40MHz: 40.1MHz ~ 133MHz:
50pF 1.0MHz to 133.0MHz 25pF 1.0MHz to 100.0MHz 1.0MHz to 100.0MHz Maximum Capacitive Load CMOS 25ppm to 100ppm 5.0 Volt Supply (over operating temperature range) 1.0MHz ~ 66MHz: 50pF Operating Temperature Range 66.1MHz ~ 133MHz: 25pF Choice of three ranges: 0 ~ +70C Part code: `C' 3.3 Volt/2.7 Volt Supply -20 ~ +70C Part code: `D' 1.0MHz ~ 40MHz: 30pF -40 ~ +85C Part code: `I' 40.1MHz ~ 100MHz: 15pF Storage Temperature Range: -55 to +125C Ageing: 5ppm/year maximum PRODUCT SELECTION (Ta=25C, Vdd=2.7V, 3.3V or 5.0V) Packaging: Bulk pack or tubed Frequency Operating Output Levels: TTL or CMOS Model Number Stability Temperature Maximum Output Loads (ppm) Range <40MHz: 30pF (See note opposite) EQXOPL-2100UC 100 0~+70 >40MHz: 15pF (See note opposite) EQXOPL-2050UC 50 0~+70 Duty Cycle EQXOPL-2025UC 25 0~+70 CMOS <40MHz: 45/55% maximum EQXOPL-2100UD 100 -20~+70 CMOS >40MHz: 40/60% maximum EQXOPL-2050UD 50 -20~+70 Output Clock Rise/Fall Times: 4ns maximum EQXOPL-2025UD 25 -20~+70 Power Supply Current: 25mA (unloaded ) EQXOPL-2100UI 100 -40~+85 Standby Current: 10mA typical 50mA maximum EQXOPL-2050UI 50 -40~+85 Start-up Time: 10ms maximum (from power-on) EQXOPL-2025UI 25 -40~+85 Power Down Delay Time Synchronous: Asynchronous: Output Disable Time Synchronous: Asynchronous: Output Enable Time: T/2ns typical, T+10ns maximum 10ns typical, 15ns maximum T/2ns typical, T+10ns maximum 10ns typical, 15ns maximum (T = frequency period) 100ns maximum
PART NUMBER GENERATION
Frequency Nominal Frequency (MHz) EXAMPLE: Model No. See table above Supply Voltage Blank = 5.0 Volts A= 3.3 Volts B= 2.7 Volts Output Option T = Tristate (Enable/Disable P = Power Down
Period Jitter S, 1MHz~133MHz: 8ps typical, 99ps maximum Period Jitter Peak to Peak <33.0MHz: 65ps typical, 99ps maximum 33MHz~133MHz: 65ps typical, 80ps maximum
24.8920MHz EQXOPL-2050UDTA
Frequency = 24.8920MHz, EQXOPL-2000 package, 50ppm -20~+70C, Tristate, supply voltage 3.3 Volts
* The frequency stability parameter is an inclusive figure and includes adjustment tolerance at 25C, stability over operating temperature SYNCHRONOUS/ASYNCHRONOUS range, variations due to load change 10%, supply voltage change By default oscillators with Enable/Disable or Power Down functions are 10%, first year ageing, shock and vibration. supplied ASYNCHRONOUS. If SYNCHRONOUS operation is required append `SYNC' to the part number
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 1460 230000 Fax: +44 1460 230001 email: info@euroquartz.co.uk web: www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of EQXOPL-2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X