Part Number Hot Search : 
LC89581 HC1G1 SA130 LML2502 C8950 KM4211 LC898 8788NL
Product Description
Full Text Search
 

To Download EMR23D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.SunLED.com
Part Number:
EMR23D
5mmx16mm LIGHT BAR
PRELIMINARY SPEC Features
UNIFORM LIGHT EMITTING AREA. EASILY MOUNTED ON P.C. BOARDS OR INDUSTRY STANDARD SOCKETS. FLUSH MOUNTABLE. EXCELLENT ON/OFF CONTRAST. CAN BE USED WITH PANELS AND LEGEND MOUNTS. MECHANICALLY RUGGED. I.C. COMPATIBLE. BOTTOM SURFACE OF EPOXY IS NOT FLAT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] Lead Solder Temperature [5mm Below Package Base] VR IF iFS PT TA Tstg MR (GaAlAs) 5 30 155 75 -40 ~ +85 -40 ~ +85 260C For 3 Seconds Operating Characteristics (TA=25C) Unit V mA mA mW C Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR MR (GaAlAs) 1.85 2.5 10 Unit V V uA
P
660
nm
D
640
nm
20
nm
260C For 5 Seconds
C
45
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 59
Wavelength nm P
Viewing Angle 2 1/2
EMR23D
Red
GaAlAs
Red Diffused
18
660
120
Published Date : MAR 20,.2008
Drawing No :SDSA3735
V3
Checked : B.L.LIU
P.1/4
www.SunLED.com
Part Number:
EMR23D
5mmx16mm LIGHT BAR
MR
Published Date : MAR 20,.2008
Drawing No :SDSA3735
V3
Checked : B.L.LIU
P.2/4
www.SunLED.com
Part Number:
EMR23D
5mmx16mm LIGHT BAR
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 20,.2008
Drawing No :SDSA3735
V3
Checked : B.L.LIU
P.3/4
www.SunLED.com
Part Number:
EMR23D
5mmx16mm LIGHT BAR
PACKING & LABEL SPECIFICATIONS
EMR23D
Published Date : MAR 20,.2008
Drawing No :SDSA3735
V3
Checked : B.L.LIU
P.4/4


▲Up To Search▲   

 
Price & Availability of EMR23D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X