Part Number Hot Search : 
MBR15 6071R5F LLM317 S7812 74AC174 EH680J03 SP13T CMIB8788
Product Description
Full Text Search
 

To Download EBS24A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO BLOCKS
Adam Technologies, Inc.
INTRODUCTION: Adam Tech EB Series Euro Blocks are a broad range of PCB mounted blocks in various sizes and profiles including Standard, Miniature and Micro blocks with pitches ranging from 15.00mm down to 3.50mm. Included are types that have wire entry from Top, Side or Side Angle. Two piece `pluggable' versions and Lever Actuated styles are also available. Each contains our unique wire guard design and is precision manufactured for smooth operation and ease of use. SPECIFICATIONS: Material: Insulator: PBT or Nylon, glass reinforced, rated UL94V-0 Insulator Color: Green, Black (Blue and Gray optional) Metal cage: Brass, tin plated Screw: Steel, Galvanized or Chromatized Wire Guard: Stainless Steel, Tin plated Electrical: Operating voltage: 250V AC max. Current rating: 7 to 15 Amp max Contact resistance: 20 m max. initial Insulation resistance: 5000 M min. Dielectric withstanding voltage: 1500V AC for 1 minute Mechanical: Recommended wire size: EBC & EBF Series: 16 to 26 Awg EBA, EBB, EBD, EBE, & EBJ Series: 14 to 22 Awg EBH & EBP Series: 12 to 24 Awg Mating durability: 500 Cycles min. Temperature Rating: Operating temperature: -55C to +105C PACKAGING: Anti-ESD plastic trays SAFETY AGENCY APPROVALS: UL Recognized File No. E224053 CSA Certified File No. LR1578596
TS & EB SERIES
ORDERING INFORMATION EBA 03 C
NO. OF POLES 02 thru 24 SERIES INDICATOR EBA = .492" Straight EBB = .394" Straight EBC = .327" Straight EBD = .354" Right Angle EBE = .295" Right Angle EBF = .275" Right Angle EBH = .590" Plugable EBJ = .433" Plugable EBK = .440" Plugable EBP = Pin Header, Straight EBQ = Header, Right Angle EBR = Pin Header, Straight EBS = Header, Right Angle EBT = Pin Header, Straight EBV = Pin Header, Straight EBV2 = Stacked Euro Blocks EBW = .335" Straight TSE = Lever Block CENTERLINE SPACING A = .138" [3.50mm] B = .150" [3.81mm] C = .197" [5.00mm] D = .200" [5.08mm] E = .276" [7.00mm] G = .300" [7.62mm] H = .394" [10.00mm] J = .400" [10.16mm] K = .591" [15.00mm]
Pb
UL
(R)
Standard body colors: Black: Series EBA, EBB, EBC, EBD, EBE, EBF, EBG, EBJ, EBT Green: Series EBH, EBP, EBQ, EBK, EBR, EBS, EBV, EBM, EBN, EBW, TSE Other colors also available OPTIONS: Add designator(s) to end of part number C = Closed sides, body styles EBP, EBQ, EBR & EBS E = Mounting ears, body styles EBH & EBK
(R)
(R)
DE
V
RoHS
COMPLIANT 2002 / 95 / EC
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
RoHS
COMPLIANT
343


▲Up To Search▲   

 
Price & Availability of EBS24A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X