Part Number Hot Search : 
K500FMSB RM709024 MAX644 MAX715 ATA6826 KBU25 56855 51730
Product Description
Full Text Search
 

To Download DF10M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DF005M thru DF10M
Vishay General Semiconductor
Miniature Glass Passivated Single-Phase Bridge Rectifiers
FEATURES * UL recognition, file number E54214 * Ideal for printed circuit boards * Applicable for automative insertion
~
~
* High surge current capability
~
* Solder dip 260 C, 40 s * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS General purpose use in ac-to-dc bridge full wave rectification for SMPS, lighting ballaster, adapter, battery charger, home appliances, office equipment, and telecommunication applications.
1A 50 V to 1000 V 50 A 5 A 1.1 V 150 C
~
Case Style DFM
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM IR VF TJ max.
MECHANICAL DATA Case: DFM Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test Polarity: As marked on body
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Device marking code Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward output rectified current at TA = 40 C Peak forward surge current single sine-wave superimposed on rated load Rating for fusing (t < 8.3 ms) Operating junction and storage temperature range VRRM VRMS VDC IF(AV) IFSM I 2t TJ, TSTG SYMBOL DF005M DF005 50 35 50 DF01M DF01 100 70 100 DF02M DF02 200 140 200 DF04M DF04 400 280 400 1.0 50 10 - 55 to + 150 DF06M DF06 600 420 600 DF08M DF08 800 560 800 DF10M DF10 1000 700 1000 V V V A A A 2s C UNIT
Document Number: 88571 Revision: 14-Jan-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
DF005M thru DF10M
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Maximum instantaneous forward voltage drop per diode Maximum reverse current at rated DC blocking voltage per diode Typical junction capacitance per diode TEST CONDITIONS 1.0 A SYMBOL VF DF005M DF01M DF02M DF04M 1.1 DF06M DF08M DF10M UNIT V
TA = 25 C TA = 125 C
IR
5.0 500
A
4.0 V, 1 MHz
CJ
25
pF
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance (1) Note: (1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.5 x 0.5" (13 x 13 mm) copper pads SYMBOL RJA RJL DF005M DF01M DF02M DF04M 40 15 DF06M DF08M DF10M UNIT C/W
ORDERING INFORMATION (Example)
PREFERRED P/N DF06M-E3/45 UNIT WEIGHT (g) 0.416 PREFERRED PACKAGE CODE 45 BASE QUANTITY 50 DELIVERY MODE Tube
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
1.0 60 60 Hz Resistive or Inductive Load
Average Forward Output Current (A)
Average Forward Output Current (A)
50
TJ = 150 C Single Sine-Wave
40
0.5
30
20
P.C.B. Mounted on 0.51 x 0.51" (13 x 13 mm) Copper Pads with 0.06" (1.5 mm) Lead Length 0 20 40 60 80 100 120 140 150
10
1.0 Cycle
0 1 10 100
Ambient Temperature (C)
Number of Cycles at 60 Hz
Figure 1. Derating Curve Output Rectified Current
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current Per Diode
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88571 Revision: 14-Jan-08
DF005M thru DF10M
Vishay General Semiconductor
10
100 TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p
Instantaneous Forward Current (A)
1
Junction Capacitance (pF)
10
0.1
TJ = 25 C Pulse Width = 300 s 1 % Duty Cycle
0.01 0.4
1 0.6 0.8 1.0 1.2 1.4 1 10 100
Instantaneous Forward Voltage (V)
Reverse Voltage (V)
Figure 3. Typical Forward Characteristics Per Diode
Figure 5. Typical Junction Capacitance Per Diode
100
100
10
TJ = 125 C
Transient Thermal Impedance (C/W)
Instantaneous Reverse Current (A)
10
1
1
0.1 TJ = 25 C 0.01 0 20 40 60 80 100
0.1 0.01
0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
t - Heating Time (s)
Figure 4. Typical Reverse Leakage Characteristics Per Diode
Figure 6. Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Case Style DFM
0.255 (6.5) 0.315 (8.00) 0.245 (6.2) 0.285 (7.24)
0.335 (8.51) 0.320 (8.12)
0.130 (3.30) 0.120 (3.05) 0.045 (1.14) 0.035 (0.89) 0.023 (0.58) 0.018 (0.46) 0.205 (5.2) 0.195 (5.0)
0.080 (2.03) 0.050 (1.27)
0.185 (4.69) 0.150 (3.81)
0.013 (0.33) 0.0086 (0.22) 0.350 (8.9) 0.300 (7.6)
0.075 (1.90) 0.055 (1.39)
Document Number: 88571 Revision: 14-Jan-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of DF10M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X